Part Number Hot Search : 
MS2341 FQP50N06 1621B MC3523 MM5Z22 MBI10 ES1DL GRM21BR
Product Description
Full Text Search
 

To Download LSML-201209-82NK-B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Surface Mount Multilayer Chip Inductor
Dimensions
(LSML-201209 Series)
0.5 0.3 2.0 0.20 0.90 0.20
C A L IB E R
E L E C T R O N IC S IN C . specifications subject to change * revision 3-2003
0.5 0.3
(Not to scale)
1.25 0.20
Dimensions in mm
Part Numbering Guide
LSML - 201209 - 47N M - T
Dimensions
(Length, Width, Height)
Packaging Style
B=Bulk T=Tape & Reel (4000 pcs per reel)
Inductance Code
Tolerance
K=10%, M=20%
Features
Inductance Range Tolerance Operating Temperature 0.047 H to 2.2 H 10%, 20% -25C to +85C
Electrical Specifications
Inductance Code
47N 68N 82N R10 R12 R15 R18 R22 R27 R33 R39 R47 R56 R68 R82 1R0 1R2 1R5 1R8 2R2
Inductance (H)
0.047 0.068 0.082 0.10 0.12 0.15 0.18 0.22 0.27 0.33 0.39 0.47 0.56 0.68 0.82 1.0 1.2 1.5 1.8 2.2
Available Tolerance
M M M K, M K, M K, M K, M K, M K, M K, M K, M K, M K, M K, M K, M K, M K, M K, M K, M K, M
Q Min
30 30 30 50 50 50 50 50 50 50 50 50 50 50 50 40 40 40 40 40
LQ Test Freq (MHz)
50 50 50 25 25 25 25 25 25 25 25 25 25 25 25 10 10 10 10 10
SRF Min (MHz)
320 280 255 235 220 200 185 170 150 145 135 125 115 105 100 75 65 60 55 50
DCR Max (Ohms)
0.20 0.20 0.20 0.30 0.30 0.40 0.40 0.50 0.50 0.55 0.65 0.65 0.75 0.80 1.00 0.40 0.50 0.50 0.60 0.65
IDC Max (mA)
300 300 300 250 250 250 250 250 250 250 200 200 150 150 150 50 50 50 50 30
Rev. 10/00
Specifications subject to change without notice.
TEL 949-366-8700
FAX 949-366-8707
WEB www.caliberelectronics.com


▲Up To Search▲   

 
Price & Availability of LSML-201209-82NK-B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X