|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Product Specifications Liquid Crystal Displays Group LQ035Q7DH06 TFT-LCD Module Spec. Issue Date: Oct. 13, 2005 No: LCP-05020C RECORDS OF REVISION PAGE 14 20,21 2 22 3,5,22 NO. SUMMARY Brightness Indicated contents of the label Surface hardness Fitting CN for ROHS Fitting CN for ROHS NOTE 1 st Issue Change Change Change Change Change 2005.06.17 2005.06.29 2005.07.15 2005.10.13 LCP-05020-1 NOTICE This publication is the proprietary of SHARP and is copyrighted, with all rights reserved. Under the copyright laws, no part of this publication may be reproduced or transmitted in any form or by any means, electronic or mechanical for any purpose, in whole or in part, without the express written permission of SHARP. Express written permission is also required before any use of this publication may be made by a third party. The application circuit examples in this publication are provided to explain the representative applications of SHARP's devices and are not intended to guarantee any circuit design or permit any industrial property right or other rights to be executed. SHARP takes no responsibility for any problems related to any industrial property right or a third party resulting from the use of SHARP's devices, except for those resulting directly from device manufacturing processes. In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that occur in equipment using any of SHARP's devices, shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP's device. SHARP reserves the right to make changes in the specifications, characteristics, data, materials, structures and other contents described herein at any time without notice in order to improve design or reliability. Contact SHARP in order to obtain the latest specification sheets before using any SHARP's device. Manufacturing locations are also subject to change without notice. Observe the following points when using any device in this publication. SHARP takes no responsibility for damage caused by improper use of the devices. The devices in this publication are designed for use in general electronic equipment designs, such as: Personal computers Office automation Telecommunication equipment Industrial control Consumer electronics Test and measurement equipment Audio visual and multimedia equipment The appropriate design measures should be taken to ensure reliability and safety when SHARP's devices are used for equipment such as: Transportation control and safety equipment(i.e., aircraft, trains, automobiles, etc.) Traffic signals Alarm equipment Gas leakage sensor breakers Various safety devices etc. SHARP's devices shall not be used for equipment that requires extremely high level of reliability, such as: Military and space applications Medical equipment for life support Contact a SHARP representative, in advance, when intending to use SHARP's devices for any "specific" applications other than those recommended by SHARP. Contact and consult with a SHARP representative if there are any questions about the contents of this publication. Nuclear power control equipment LCP-05020-2 (1) Application This specification applies to LQ035Q7DH06 (2) Overview This module is a color active matrix LCD module incorporating amorphous silicon TFT (Thin Film Transistor), named AD-TFT (Advanced TFT). It is practicable in both transmissive-type and reflectiontype modes. It is composed of a color TFT-LCD panel, driver ICs, an FPC, a back light, a touch panel and a back sealed casing. It isn't composed control circuit. Graphics and texts can be displayed on a 240x3x320 dots panel with 262,144 colors by supplying. Optimum view angle is 6 o'clock. An inverted display mode is selective in the vertical or the horizontal direction. (3) Mechanical specifications Table 1 Parameter Screen size (Diagonal) Display active area Pixel format Pixel pitch Pixel configuration Unit outline dimension Mass Specifications 8.9 [3.52"] Diagonal 53.64(H) x 71.52(V) 240(H) x 320(V) (1 pixel = R+G+B dots) 0.2235(H) x 0.2235(V) R,G,B vertical stripe 65.0(W) x 86.2(H) x 4.0(D) 45 2H mm Note3-1 TYP. mm Units cm mm pixels Remarks B Surface hardness Note 3-1 Excluding protrusion, Including FPC cover portion For detailed measurements and tolerances, please refer to Fig. 1. (4) Pixel configuration RGB (1,1) (240,1) Display area FPC (1,320) (240,320) LCP-05020-3 (5) Input/Output terminal 5-1)TFT-LCD panel driving section Table 2 Pin No. 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 Symbol VL1 NC VL2 VEE VSHD DGND CLS DGND SPS U/L MOD VDD VCOM DGND SPR DGND VSHA LBR PS REV DGND B5 B4 B3 B2 B1 B0 LP DGND SPL DGND DCLK DGND G5 G4 G3 G2 G1 G0 I I I I I I I I/O I I I I I I I I I I I/O I I I I I I I Power supply for LED (Low voltage) Power supply of gate driver(low level) Power supply of digital Ground(digital) Clock signal of gate driver Ground(digital) Start signal of gate driver Selection for vertical scanning direction Control signal of gate driver Power supply of gate driver(high level) Common electrode driving signal Ground(digital) Sampling start signal Ground(digital) Power supply(analog) Selection for horizontal scanning direction Power save signal (Please don't carry out use by "Low" fixation) reverse control signal Ground(digital) BLUE data signal(MSB) BLUE data signal BLUE data signal BLUE data signal BLUE data signal BLUE data signal(LSB) Data latch signal of source driver Ground(digital) Sampling start signal Ground(digital) Data sampling clock signal Ground(digital) GREEN data signal(MSB) GREEN data signal GREEN data signal GREEN data signal GREEN data signal GREEN data signal(LSB) Note5-4 Note5-3 Note5-1 Note5-2 I/O Recommendation CNHIROSE FH12A-50S-0.5SH(55) or FH12-50S-0.5SH(55) Description Power supply for LED (High voltage) Remarks C LCP-05020-4 Pin No. 40 41 42 43 44 45 46 47 48 49 50 Symbol DGND R5 R4 R3 R2 R1 R0 AGND COM DGND DGND I/O I I I I I I O Ground(digital) RED data signal(MSB) RED data signal RED data signal RED data signal RED data signal RED data signal(LSB) Ground(analog) Produce REV signal with the amplitude of AGNDVSHA Note5-4 Ground(digital) Ground(digital) Description Remarks Note5-1Selection for vertical scanning direction U/L Low Scanning direction (Pixel configuration) Normal scanning ( X , 1 ) ( X , 320 ) High Inverted scanning ( X , 1) ( X , 320) Note5-2See section(7-1)-(A) "Cautions when you turn on or off the power supply". Note5-3Selection for horizontal scanning direction LBR High Low Note5-4 SPL Input Output SPR Output Input Scanning direction (Pixel configuration) Normal scanning (1,Y) (240,Y) Inverted scanning (1,Y) (240,Y) REV(IN) "" "" "" "" VSHA COM(OUT) AGND VCOM(IN) LCP-05020-5 5-2) Touch panel driving section Table 3 Pin No. T1 T2 T3 T4 Symbol YU XL YD XR I/O Description Y (12 o'clock side) X (right side) Y (6 o'clock side) X (left side) Recommendation CN0.4(1.0)9FLH-SM1-GB-TB(JST) Remark C (6) Absolute Maximum Ratings Table 4 Parameter Power supply(source/Analog) Power supply(source/Digital) Power supply (gate) Power supply (gate) Input voltage (Digital) Operating temperature (panel surface Storage temperature stg -2570 Note6-1 [Terminal] MOD,U/L,SPS,CLS,SPL,R0R5,G0G5,B0B5,LP,DCLK,LBR,SPR,PS,REV Note6-1Humidity: 95%RH Max.(at Ta 40). Maximum wet-bulb temperature is less than 39 (at Ta > 40). Condensation of dew must be avoided. Symbol VSHA VSHD VDD VDD-VEE VID opp Condition Ta=25 Ta=25 Ta=25 Ta=25 Ta=25 Ratings -0.3+7.0 -0.3+7.0 -0.3+35.0 -0.3+35.0 -0.3VSHD+0.3 -1070 Unit V V V V V [Terminal] Note6-1 Remark Relative humidity[%] Humidity guarantee range Wet-bulb temperature:39 100 80 60 40 20 0 0 10 20 30 40 50 60 Circumference temperature[] The maximum humidity in the temperature 70 LCP-05020-6 (7) Electrical characteristics 7-1)Recommended operating conditions A) TFT-LCD panel driving section Table 5 Parameter Supply voltage for source driver (Analog) Supply voltage for source driver (Digital) Supply voltage for gate driver High voltage Low voltage Input voltage for Source driver (Low) Input voltage for Source driver (High) Input current for Source driver (Low) Input current for Source driver (High) Input voltage for Gate driver (Low) Input voltage for Gate driver (High) Input current for Gate driver (Low) Input current for Gate driver (High) Common electrode AC component driving signal DC component Symbol VSHA VSHD VDD VEE VILS VIHS IILS IIHS1 IIHS2 VILG VIHG IILG IIHG VCOMAC VCOMDC Min. +4.5 +3.0 +14.5 -10.5 GND 0.8VSHD GND 0.8VSHD 0.8 Typ. +5.0 +3.3 +15.0 -10.0 2.5 +0.2 Max. +5.5 +3.6 +15.5 -9.5 0.2VSHD VSHD 30 30 1200 0.2VSHD VSHD 4 4 2.6 +1.2 Unit V V V V V V Note 7-1 Note 7-1 GND=0V Remarks A Note 7-1 A Note 7-2 A Note 7-3 V V Note 7-4 Note 7-4 A Note 7-4 A Note 7-4 Vp-p Note 7-5 V Note 7-5 Cautions when you turn on or off the power supply Turn on or off the power supply with simultaneously or the following sequence. The input signal of "MOD" Terminals (Pin No.11) must be low voltage when turning on the power supply, and it is held until more than double vertical periods after DATA are turned on completely. After then, it must be held high voltage until turning off the power supply. (Connect Pin No.11 terminals to the same signal.) VDD 90% VSHA VSHD 90% 90% 10% 10% 90% GND 0T2 0T3 0T1 DATA 90% 0T4 VEE 0T5 90% 0T7 0T6 0T8 10% GND 10% MOD 2VTmod GND 10% 10% LCP-05020-7 Note 7-1DCLK,SPL,SPR,LBR,LP,PS,REV,R0R5,G0G5 and B0B5 terminals are applied. Note 7-2DCLK,SPL,SPR,LBR,LP,REV,R0R5,G0G5 and B0B5 terminals are applied. Note 7-3PS terminal is applied. Note 7-4MOD,CLS,SPS and U/L terminals are applied. Note 7-5VCOMAC should be alternated on VCOMDC every 1 horizontal period and 1 vertical period. VCOMDC bias is adjusted so as to minimize flicker or maximum contrast every each module. B) Back light driving section Ta=25 Symbol VL IL WL MIN TYP 19.2 20 0.384 MAX 21.6 22 Units V mA W Note 7-6 Remarks terminal Parameter LED voltage LED current Power consumption Table 6 Note 7-6Calculated reference value(ILxVL) LCP-05020-8 7-2) Timing Characteristics of input signals Table 7 AC Characteristics (1) Parameter Clock frequency of source driver Rising time of clock Falling time of clock Pulse width (High level) Pulse width (Low level) Frequency of start pulse Setup time of start pulse Source driver Hold time of start pulse Pulse width of start pulse Setup time of latch pulse Hold time of latch pulse Pulse width of latch pulse Setup time of PS Setup time of PS Hold time of PS Hold time of PS Set up time of data Hold time of data Clock frequency Pulse width of clock(Low) Pulse width of clock(High) Rising time of clock Falling time of clock Gate driver Setup time of clock Hold time of clock Frequency of start pulse Setup time of start pulse Hold time of start pulse Rising time of start pulse Falling time of start pulse Vcom Setup time of Vcom Hold time of Vcom SPL="Hi". Symbol fCK Tcr Tcf Tcwh Tcwl fsp Tsusp Thsp Twsp Tsulp Thlp Twlp Tsups Tsulps Thps Thlps Tsud Thd fcls Twlcls Twhcls Trcls Tfcls Tsucls Thcls fsps Tsusps Thsps Trsps Tfsps Tsuvcom Thvcom Min. 4.5 40 40 16.5 15 10 20 20 60 0 1 0 30 15 10 16.5 5 30 3 0 58 100 300 0 1 Typ. (VSHA=+5V, VSHD=+3.3V, Ta=25) Max. 6.8 20 20 28 1.5/fCK 28 (1/fcls)-30 100 100 86 100 100 Unit MHz ns ns ns ns kHz ns ns ns ns ns ns s s s ns ns ns kHz s s ns ns s s Hz ns ns ns ns s s Vcom SPS CLS R0R5,G0G5 ,B0B5 PS LP Note 7-7 SPL,SPR DCLK Remark Note 7-7There must be only one up-edge of DCLK (includes Tsusp and Thsp time) in the period of LCP-05020-9 Tch Tcr DCLK Twlp 80% 20% 80% 80% 20% 1 2 240 Thlp Twlp Tcwl Tcwh LP Tsusp Thsp Tsulp SPL Twsp Tsud Thd (1,n+1 R0R5 G0G5 B0B5 Thcls Twh Tsucls (1,n) (2,n) (240,n) CLS Twl Tsups Thps PS Tsulps Thlps Thvcom Tsuvcom VCOM Fig.(a) Horizontal timing chart LCP-05020-10 1 fcls Twhcls Twlcls 80% 20% 20% Trcls Tfcls CLS 1 20% 2 80% 20% 8 9 327 1 2 SPS Tfsps 80% Tsusps 20% Thsps 20% Trsps 80% 1 fsps R0R5 G0G5 B0B5 Non-display period (1240,1) LINE1 (1240,2) LINE2 (1240,320) LINE320 Non-display period Fig.(b) Vertical timing chart LCP-05020-11 7-3)Power consumption Measurement condition : SPS=60Hz,CLS=15.73kHz,SPL=15.73kHz,DCLK=6.3MHz The term of PS="Lo" in one horizontal period ... 37sec(234DCLK) Ta=25 Table 9 Parameter Source current Gate current Analog Digital High Low Sym Conditions MIN ISHA VSHA=+5.0V ISHD VSHD=+3.3V IDD IEE VDD=+15.0V VEE=-10.0V when normal scan mode TYP 3.0 1.5 0.05 -0.05 MAX 6.0 3.0 0.10 -0.10 Unit mA mA mA mA Remarks Note 7-8 Note 7-8 Note 7-9 Note 7-9 Note 7-8Vertical stripe pattern alternating 21 gray scale (GS21) with 42 gray scale (GS42) every 1 dot. Note 7-964-Gray-bar vertical pattern (GS0 GS63 for horizontal way) LCP-05020-12 (8) Input Signals, Basic Display Color and Gray Scale of Each Color Table 10 Colors & Gray scale Gray Scale Black Blue Green Cyan Red Magenta Yellow White Black Gray Scale of red Gray Scale of green Gray Scale of bleu Basic color GS0 GS1 Darker GS2 0 0 0 0 1 1 1 1 0 1 0 0 0 0 0 1 1 1 1 0 0 1 0 0 0 0 1 1 1 1 0 0 0 0 0 0 0 1 1 1 1 0 0 0 0 0 0 0 1 1 1 1 0 0 0 0 0 0 0 1 1 1 1 0 0 0 0 0 1 1 0 0 1 1 0 0 0 0 0 1 1 0 0 1 1 0 0 0 0 0 1 1 0 0 1 1 0 0 0 0 0 1 1 0 0 1 1 0 0 0 0 0 1 1 0 0 1 1 0 0 0 0 0 1 1 0 0 1 1 0 0 0 0 1 0 1 0 1 0 1 0 0 0 0 1 0 1 0 1 0 1 0 0 0 0 1 0 1 0 1 0 1 0 0 0 0 1 0 1 0 1 0 1 0 0 0 0 1 0 1 0 1 0 1 0 0 0 0 1 0 1 0 1 0 1 0 0 0 R0 R1 R2 R3 Data signal R4 R5 G0 G1 G2 G3 G4 G5 B0 B1 B2 B3 B4 B5 Brighter GS61 GS62 1 0 1 0 0 0 0 1 1 0 0 0 1 1 1 0 0 0 1 1 1 0 0 0 1 1 1 0 0 0 1 1 1 0 0 0 0 0 0 0 1 0 0 0 0 0 0 1 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 Red Black GS63 GS0 GS1 Darker GS2 Brighter GS61 GS62 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 0 1 0 0 0 0 1 1 0 0 0 1 1 1 0 0 0 1 1 1 0 0 0 1 1 1 0 0 0 1 1 1 0 0 0 0 0 0 0 1 0 0 0 0 0 0 1 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 Green Black GS63 GS0 GS1 Darker GS2 Brighter GS61 GS62 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 0 1 0 1 1 1 1 1 1 1 1 1 1 1 1 1 1 Bleu GS63 0 :Low level voltage 1 :High level voltage Each basic color can be displayed in 64 gray scales from 6 bit data signals. According to the combination of total 18 bit data signals, the 262,144-color display can be achieved on the screen. LCP-05020-13 (9) Optical characteristics 9-1)Not driving the Back light condition Table 11 Parameter Viewing angle range Symbol 21,22 11 12 Contrast ratio Response time Rise Fall CRmax r d x y Reflection ratio R =0 =0 =0 CR1.5 Condition (VSHA=+5V, VSHD=+3.3V, VDD=+15V, VEE=-10V ,Ta=25) Min 35 35 35 2 0.27 0.30 2.5 Typ 50 50 50 3 30 50 0.32 0.35 4 Max 60 100 0.37 0.40 - Unit degree degree degree Remarks [Note 9-1,2] [Note 9-2,4] ms ms [Note 9-4] % [Note 9-5] [Note 9-3] White chromaticity * The measuring method of the optical characteristics is shown by the following figure. * A measurement device is Otsuka luminance meter LCD5000.(With the diffusion reflection unit.) Normal line Photodetector (with luminosity correction system) Chemical coated surface (Optical diffusion treatment) A diffusion beam A diffusion beam A beam (through an optical fiber) Touch panel Module Center of display Measuring method (a) for optical characteristics LCP-05020-14 9-2)Driving the Back light condition Table 12 Parameter Viewing angle range Symbol 21,22 11 12 Contrast ratio Response time Rise Fall Crmax r d x y Brightness LED life time Y LL = 0 IL=20mA = 0 CR2 Condition (VSHA=+5V, VSHD=+3.3V, VDD=+15V, VEE=-10V ,Ta=25) Min 30 40 30 50 0.25 0.28 165 - Typ 40 50 40 80 30 50 0.30 0.33 225 - Max 60 100 0.35 0.38 - Unit degree degree degree Remarks [Note 9-1,2,6] [Note 9-2] ms ms [Note 9-3] White chromaticity cd/m2 hour IL=20mA [Note 9-7] A * The measuring method of the optical characteristics is shown by the following figure. * A measurement device is TOPCON luminance meter BM-5(A).(Viewing cone 1) Photodetector(including luminosity facter) Field=1 Touch panel LCD module Center Measuring method (c) for optical characteristics LCP-05020-15 [Note 9-1] Viewing angle range is defined as follows. Normal line 22 11 12 21 o'clock direction Definition for viewing angle [Note 9-2] Definition of contrast ratio: The contrast ratio is defined as follows: Photodetecter output with all pixels white(GS63) Contrast ratio(CR)= Photodetecter output with all pixels black(GS0) VCOMAC=5.0Vp-p [Note 9-3] Definition of response time: The response time is defined as the following figure and shall be measured by switching the input signal for "black" and "white". White Black White 100% 90% Photodetecter output (arbitrary unit) 10% 0% r Time d LCP-05020-16 [Note 9-4] A measurement device is Minolta CM-2002. [Note 9-5] Definition of reflection ratio Reflection ratio = Light detected level of the reflection by the LCD module Light detected level of the reflection by the standard white board [Note 9-6] A measurement device is ELDIM EZContrast [Note 9-7] This is the reference value. The White-LED life time is defind as a time when brightness not to become under 50% of the original value(at Ta=25) (10) Touch panel characteristics Table 13 Parameter Input voltage Resistor between terminals(XL-XR) Resistor between terminals(YU-YD) Line linearity(X direction) Line linearity(Y direction) Insuration resistance Minimum tension for detecting (11) Display quality The display quality of the color TFT-LCD module shall be in compliance with the Incoming Inspection Standards for TFT-LCD.. (12) Mechanical characteristics 12-1) External appearance See Fig. 1 12-2) FPC (for LCD panel) characteristics (1)Specific connector FH12A-50S-0.5SH(55) or FH12-50S-0.5SH(55) (HIROSE) (2) Bending endurance of the bending slits portion No line of the FPC is broken for the bending test (Bending radius=0.6mm and angle=90) in 30 cycles. 12-3) Design guidance for touchpanel(T/P) 12-3-1) Example of housing design (1)If a consumer will put a palm on housing in normal usage, care should be taken as follows. (2)Keep the gap, for example 0.3 to 0.7mm, between bezel edge and T/P surface. The reason is to avoid the bezel edge from contacting T/P surface that may cause a "short" with bottom layer. (See Fig.2) (3)Insertion a cushion material is recommended. (4)The cushion material should be limited just on the busbar insulation paste area. If it is over the transparent insulation paste area, a "short" may be occurred. (5)There is one where a resistance film is left in the T/P part of the end of the pole. Design to keep insulation from the perimeter to prevent from mis-operation and so on. Min. 200 150 20 Typ. 5.0 Max. 7.0 640 550 1.5 1.5 0.79 Unit V % % M N at DC25V Provisional specification Remark LCP-05020-17 12-3-2) Mounting on display and housing bezel (1)In all cases, the T/P should be supported from the backside of the Plastic. (2)Do not to use an adhesive-tape to bond it on the front of T/P and hang it to the housing bezel. (3)Never expand the T/P top layer (PET-film) like a balloon by internal air pressure. The life of the T/P will be extremely short. (4)Top layer, PET, dimension is changing with environmental temperature and humidity. Avoid a stress from housing bezel to top layer, because it may cause "waving". (5)The input to the Touchpanel sometimes distorts touch panel itself. Housing Cushion material (=Gasket Area) PET Film Insulation metal Transparent Insulation Paste Glass Prohibition Area Fig.2 Response Area 0.3 0.7mm Electrode Layer LCP-05020-18 (13) Handling Precautions 13-1) Insertion and taking out of FPCs Be sure insert and take out of the FPC into the connector of the set after turning off the power supply on the set side. 13-2) Handling of FPCs The FPC for LCD panel shall be bent only slit portion. The bending slit shall be bent uniformly on the whole slit portion with bending radius larger than 0.6mm ,and only inner side (back side of the module). Don't bend it outer side (display surface side). Don't give the FPCs too large force, for example, hanging the module with holding FPC. 13-3) Installation of the module On mounting the module, be sure to fix the module on the same plane. Taking care not to warp or twist the module. 13-4) Precautions when mounting (1) If water droplets and oil attaches to it for a long time, discoloration and staining occurs. Wipe them off immediately. (2) Glass is used for the TFT-LCD panel. If it is dropped or bumped against a hard object, it may be broken. Handle it with sufficient care. (3) As the CMOS IC is used in this module, pay attention to static electricity when handling it. Take a measure for grounding on the human body. 13-5) Others (1) The liquid-crystal is deteriorated by ultraviolet rays. Do not leave it in direct sunlight and strong ultraviolet rays for many hours. (2) If it is kept at a temperature below the rated storage temperature, it becomes coagulated and the panel may be broken. Also, if it is kept at a temperature above the rated storage temperature, it becomes isotropic liquid and does not return to its original state. Therefore, it is desirable to keep it at room temperature as much as possible. (3) If the LCD breaks, don't put internal liquid crystal into the mouth. When the liquid crystal sticks to the hands, feet and clothes, wash it out immediately. (4) Wipe off water drop or finger grease immediately. Long contact with water may cause discoloration or spots. (5) Observe general precautions for all electronic components. (6) VCOM must be adjusted on condition of your final product. No adjustment causes the deterioration for display quality. (7) Static image should not be displayed more than 5 minutes in order to prevent from occurrence of residual image. (8) If local pressure joins T/P surface for a long time, it will become the cause of generating of Newton's ring. LCP-05020-19 (14) Reliability Test Conditions for TFT-LCD Module Table 14 No. 1 2 3 4 5 6 Test items High temperature storage test Low temperature storage test High temperature and Ta=+70 Ta=-25 Test conditions 240h 240h 240h 240h 240h (1 time for each terminals) 8kV150pF(330) to Housing bezel or TP(Contact) 15kV150pF(330) to Housing bezel or TP(in Air) 7 Shock tset 980 m/s2, 6 ms X,Y,Z 3 times for each direction (JIS C0041, A-7 Condition C) 8 Vibration test Frequency range: 10Hz55Hz Stroke: 1.5 mm Sweep: 10Hz55Hz X,Y,Z 2 hours for each direction (total 6 hours) (JIS C0040,A-10 Condition A) 9 10 Heat shock test Point activation test (Touch panel) 11 Writing friction resistance test (Touch panel) Ta=-25+70 / 5 cycles (1h) (1h) Hit it 1,000,000 times with a silicon rubber of R8 HS 60. Hitting force :2.4N Hitting speed : 3 times per second Slide Pen 100,000 times under following conditions: Pen : 0.8Rmm Polyacetal stylus Load : 2.4N Speed : 3 strokes per second Stroke : 30mm Testing apparatus : shown in Fig (I) 12 FPC Bending Test Bending 30 times by bending radius R0.6mm and angle=90 (LCD FPC) Bending 10 times by bending radius R1.0mm (T/P FPC) Motor Weight 250gf Stroke 30mm high Tp=+40 , 95%RH humidity operating test Low temperature operating test Electro static discharge test (But no condensation of dew) Tp=-10 High temperature operating test Tp=+70 200V200pF(0) to Terminals(Contact) Touch Panel Fig.(I) LCP-05020-20 NoteTa = Ambient temperature, Tp = Panel temperature Check items (a)Test No.19 In the standard condition, there shall be no practical problems that may affect the display function. (b)Test No.10No.11 The measurements after the tests are satisfied (10)-Table 13 (Touch panel characteristics) (15) Others 15-1) Indication of lot number The lot number is shown on a label. Attached location is shown in Fig.1 (Outline Dimensions). Indicated contents of the label LQ035Q7DH06 model No. lot No. A T/P Code (E:j-TOUCH, G:Gunze, Y:Young Fast) 15-2) Used Regulation of Chemical Substances Breaking Ozone Stratum Substances with the object of regulating: CFCS, Carbon tetrachloride, Halon 1,1,1-Trichloro ethane (Methyl chloroform) (a) This LCD module, Constructed part and Parts don't contain the above substances. (b) This LCD module, Constructed part and Parts don't contain the above substances in processes of manufacture. 15-3) If some problems arise about mentioned items in this document and other items, the user of the TFT-LCD module and Sharp will cooperate and make efforts to solve the problems with mutual respect and good will. (16) Forwarding (17) (18) (19) (20) form(see Fig.3 Package Form) Piling number of cartons: Max 8 Package quantity in one cartons: 100pcs Carton size: 575mm x 332mm x 209mm Total mass of 1 carton filled with full modules: 8000g Environment (1)Temperature (2)Humidity (3)Atmosphere (4)Period : 040 : 60%RH or less (at 40) No dew condensation at low temperature and high humidity. : Harmful gas, such as acid or alkali which bites electronic components and/or wires, must not be detected. : about 3 months electrostatic charges, please control the room humidity over 50%RH and open the package taking sufficient countermeasures against electrostatic charges, such as earth, etc. (5)Opening of the package : In order to prevent the LCD module from breakdown by Conditions for storage. LCP-05020-21 A Fig. Forwarding form SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE. Suggested applications (if any) are for standard use; See Important Restrictions for limitations on special applications. See Limited Warranty for SHARP's product warranty. The Limited Warranty is in lieu, and exclusive of, all other warranties, express or implied. ALL EXPRESS AND IMPLIED WARRANTIES, INCLUDING THE WARRANTIES OF MERCHANTABILITY, FITNESS FOR USE AND FITNESS FOR A PARTICULAR PURPOSE, ARE SPECIFICALLY EXCLUDED. In no event will SHARP be liable, or in any way responsible, for any incidental or consequential economic or property damage. NORTH AMERICA EUROPE JAPAN SHARP Microelectronics of the Americas 5700 NW Pacific Rim Blvd. Camas, WA 98607, U.S.A. Phone: (1) 360-834-2500 Fax: (1) 360-834-8903 Fast Info: (1) 800-833-9437 www.sharpsma.com SHARP Microelectronics Europe Division of Sharp Electronics (Europe) GmbH Sonninstrasse 3 20097 Hamburg, Germany Phone: (49) 40-2376-2286 Fax: (49) 40-2376-2232 www.sharpsme.com SINGAPORE SHARP Corporation Electronic Components & Devices 22-22 Nagaike-cho, Abeno-Ku Osaka 545-8522, Japan Phone: (81) 6-6621-1221 Fax: (81) 6117-725300/6117-725301 www.sharp-world.com TAIWAN KOREA SHARP Electronic Components (Taiwan) Corporation 8F-A, No. 16, Sec. 4, Nanking E. Rd. Taipei, Taiwan, Republic of China Phone: (886) 2-2577-7341 Fax: (886) 2-2577-7326/2-2577-7328 SHARP Electronics (Singapore) PTE., Ltd. 438A, Alexandra Road, #05-01/02 Alexandra Technopark, Singapore 119967 Phone: (65) 271-3566 Fax: (65) 271-3855 SHARP Electronic Components (Korea) Corporation RM 501 Geosung B/D, 541 Dohwa-dong, Mapo-ku Seoul 121-701, Korea Phone: (82) 2-711-5813 ~ 8 Fax: (82) 2-711-5819 CHINA HONG KONG SHARP Microelectronics of China (Shanghai) Co., Ltd. 28 Xin Jin Qiao Road King Tower 16F Pudong Shanghai, 201206 P.R. China Phone: (86) 21-5854-7710/21-5834-6056 Fax: (86) 21-5854-4340/21-5834-6057 Head Office: No. 360, Bashen Road, Xin Development Bldg. 22 Waigaoqiao Free Trade Zone Shanghai 200131 P.R. China Email: smc@china.global.sharp.co.jp SHARP-ROXY (Hong Kong) Ltd. 3rd Business Division, 17/F, Admiralty Centre, Tower 1 18 Harcourt Road, Hong Kong Phone: (852) 28229311 Fax: (852) 28660779 www.sharp.com.hk Shenzhen Representative Office: Room 13B1, Tower C, Electronics Science & Technology Building Shen Nan Zhong Road Shenzhen, P.R. China Phone: (86) 755-3273731 Fax: (86) 755-3273735 |
Price & Availability of LQ035Q7DH06 |