|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
C&K L Series Miniature Slide Switches Features/Benefits * Positive detent * Enclosed housing * Maintained and momentary functions * PC and panel mounting * RoHS compliant Typical Applications * Communications equipment * Lighting devices Models Available Specifications Materials HOUSING: 6/6 nylon (UL94V-2), black. ACTUATOR: 6/6 nylon (UL94V-2), black. `13' actuator, natural (standard). CONTACTS: Q contact material: Copper, silver plated. See page J-22 for additional contact materials. TERMINALS: Q contact material: Copper, silver plated. See page J-22 for additional contact materials. CONTACT SPRING: Music wire or stainless steel. TERMINAL SEAL: Epoxy. NOTE: Any models supplied with Q, B or G contact material are RoHS compliant. For the latest information regarding RoHS compliance, please go to: www.ittcannon.com/rohs. J Slide CONTACT RATING: Q contact material (LX0X, LX1X Models): 4 AMPS @ 125 V AC or 28 V DC; 2 AMPS @ 250 V AC; 0.5 AMP @ 125 V DC (UL/CSA). See page I-23 for additional ratings. ELECTRICAL LIFE: 10,000 make-and-break cycles at full load. CONTACT RESISTANCE: Below 10 m typ. initial @ 2-4 V DC, 100 mA, for both silver and gold plated contacts. INSULATION RESISTANCE: 109 min. DIELECTRIC STRENGTH: 1,000 Vrms min. @ sea level. OPERATING TEMPERATURE: -30C to +65C STORAGE TEMPERATURE: -30C to +85C NOTE: Specifications and materials listed above are for switches with standard options. For information on specific and custom switches, consult Customer Service Center. Build-A-Switch To order, simply select desired option from each category and place in the appropriate box. Available options are shown and described on pages J-19 through J-23. For additional options not shown in catalog, consult Customer Service Center. Switch Function L202 DPDT L203 DP3T L101 SPST L102 SPDT L103 SP3T L104 SP4T L112 SPDT, mom. L113 SP3T, mom. to one end L123 SP3T, mom. to both ends L201 DPST L204 DP4T L212 DPDT, mom. Actuator 01 .200" high 02 .335" high 03 .375" high 05 .312" high 11 .100" high 12 Screwdriver slot 13 Plunger without cap 14 Plunger with .200" dia. cap 15 Plunger with .310" dia. cap 17 Plunger with .458" dia. cap 19 Plunger with .590" dia. cap Detent 1 With detent 2 Without detent Mounting Style MS PC Thru-hole MA Right angle, PC thru-hole ML Right angle, PC thru-hole MV Right angle, PC thru-hole SS Panel with mounting ears TS Panel with integral mounting ears Terminations 02 PC Thru-hole 01 Solder lug with notch 03 Solder lug with hole 04 PC Thru-hole 10 PC Thru-hole 06 Wire wrap 12 PC Thru-hole Contact Material Q Silver B Gold G Gold over silver Seal NONE No seal E Epoxy seal Cap Color 2 Black NONE No cap Dimensions are shown: Inch (mm) Specifications and dimensions subject to change J-18 www.ittcannon.com C&K L Series Miniature Slide Switches SWITCH AND LOCK FUNCTION NO. POLES MODEL NO. AVAILABLE MOUNTING STYLES ML, MS, SS NO. POLES MODEL NO. SWITCH FUNCTION AVAILABLE MOUNTING STYLES SWITCH FUNCTION SPST SCHEMATIC SCHEMATIC L101 L102 L112 SP L201 DPST MA, MS, SS SPDT 123 ML, MS, SS SPDT-MOM. ML, MS,MV, SS L202 DPDT MA, MS, SS L103 L113 L123 L104 SP3T MA, MS, TS DP L212 DPDT-MOM. MV SP3T-MOM. to one end MA, MS, TS J L203 DP3T MS, TS SP3T-MOM. to both ends MA, MS, TS Slide SP4T MS L204 NOTE: and MOM. in table indicates momentary action. All models with all options when ordered with `G' or `Q' contact material. only. DP4T MS Models with `01' termination option Contacts make on side actuator thrown. CAP COLOR ACTUATOR ACTUATOR ACTUATOR OPTIONS FOR `MS, MA, ML, SS, & TS' MOUNTING STYLES 01 .200" HIGH 02 .335" HIGH 03 .375" HIGH 05 .312" HIGH 11 .100" HIGH 12 SCREWDRIVER SLOT NOTE: No actuator color option code is required. Standard actuator color is black, other colors and heights available, consult Customer Service Center. See pages J-20 and J-22 for available mounting styles. ACTUATOR OPTIONS FOR `MV' MOUNTING STYLE 13 PLUNGER WITHOUT CAP 14 PLUNGER WITH CAP 15 PLUNGER WITH CAP Cap part number 7089 Cap part number 8018 OPTION CODE ACTUATOR CAP COLORS BLACK 17 PLUNGER WITH CAP 19 PLUNGER WITH CAP 2 NONE 01-13, 23 ACTUATORS Other colors available, consult Customer Service Center. Cap part number 7982 Cap part number 8940 ACTUATOR CAPS Caps supplied are not installed standard. To order actuator options `14 thru 29,' select desired cap color from chart and place option code in last box of ordering format. Leave box empty for all other actuator options. Caps may also be ordered separately and user installed, see pages J-23 and J-24. Specify the four digit part number and desired cap color. For switches without caps, order `13' or `23' actuator option. Cap finish: gloss (excluding square cap part number 7982, finish: matte). SPLASH CAPS New protective splash caps for PC mounted slide switches are available separately and reusable. They provide splash protection during soldering and cleaning processes. To order specify correct part number, see page J-23. Dimensions are shown: Inch (mm) Specifications and dimensions subject to change J-19 www.ittcannon.com C&K L Series Miniature Slide Switches DETENT 1 2 WITH DETENT Standard with all maintained models: L101, L102, L103, L104, L113, L201, L202, L203 and L204. WITHOUT DETENT Standard with all momentary models: L112, L123, and L212. MOUNTING STYLE MS PC THRU-HOLE, 2 POSITION MODELS .200 (5,08) .150 TRAVEL (3,81) .760 (19,30) .200 (5,08) .125 TYP (3,18) .070 TYP (1,78) .181 TYP (4,60) .221 TYP (5,61) .288 (7,32) .050 X .020 TYP (1,27) X (0,51) 6 5 4 J Slide .425 (10,79) .225 TYP (5,71) 3 2 1 .181 TYP (4,60) AVAILABLE WITH: .225 TYP (5,70) Models: L101, L102, L112, L103, L113 L123, L201, L202, L203, L104 and L204 Terminations: 02, 06, 10 and 12 Actuators: 01, 02, 03, 05, 11 and 12 PC MOUNTING For mounting information, see TERMINATIONS section, page J-21. Splash caps are available separately and reusable, see page J-23. TERMINAL NOS. FOR REFERENCE ONLY .065 DIA (1,65) TYP L203011MS02Q PC THRU-HOLE, 3 POSITION MODELS .425 (10,80) .358 (9,09) .181 TYP (4,60) .160 TYP (4,06) TRAVEL .125 (3,18) .941 (23,90) .200 (5,08) .200 (5,08) .070 TYP (1,78) .226 (5,74) DP3T .225 (5,08) PC THRU HOLE, 4 POSITION MODELS .425 (10,79) .200 (5,08) .170 TRAVEL (4,32) TYP .288 (7,32) .050 X .020 TYP (1,27) X (0,51) 10 9 8 7 6 .225 TYP (5,71) 5 4 3 2 1 .181 TYP (4,60) .225 TYP (5,70) 1.122 (28,50) .181 TYP (4,60) .070 TYP (1,78) .232 TYP (5,89) .050 TYP (1,27) TERMINAL NOS. FOR REFERENCE ONLY .065 DIA (1,65) TYP MA RIGHT ANGLE, PC THRU-HOLE AVAILABLE WITH: .100 (2,54) .550 (13,97) .335 (8,51) .412 (10,46) .181 TYP (4,60) Models: L201, L202, L113 and L123 Terminations: 04 Actuators: 02 and 12 PC MOUNTING .800 (20,32) .200 (5,08) .130 (3,30) TRAVEL .125 (3,16) .256 (6,50) .100 TYP (2,54) .215 (5,46) .272 (6,91) For mounting information, see TERMINATIONS section, page J-21. Splash caps are available separately and reusable, see page J-23. L202021MA04Q Horizontal Actuation DPDT RIGHT ANGLE, PC, SP-3 POSITION MODELS .335 (8,51) .412 (10,46) .140 (4,06) TRAVEL 0.941 (23,90) .200 (5,08) .181 TYP (4,60) 4 3 2 1 .100 TYP (2,54) .400 (10,16) 4 3 2 1 TERM. NOS. FOR REFERENCE ONLY .100 TYP (2,54) .256 (6,50) .215 (5,46) 0.125 (3,18) Dimensions are shown: Inch (mm) Specifications and dimensions subject to change J-20 www.ittcannon.com C&K L Series Miniature Slide Switches MOUNTING STYLE ML RIGHT ANGLE, PC THRU-HOLE AVAILABLE WITH: Models: L101, L102, L112 Terminations: 04 Actuators: 01, 02, 05, 11 and 12 PC MOUNTING For mounting information, see TERMINATIONS section, page J-21. Splash caps are available separately and reusable, see page J-23. L102021ML04Q Horizontal Actuation SPDT MV J RIGHT ANGLE, PC THRU-HOLE Slide AVAILABLE WITH: Models: L112 and L212 Terminations: 02, 06, 10 and 12 Actuators: 13 thru 19 PC MOUNTING For mounting information, see TERMINATIONS section, page J-21. Splash caps are available separately and reusable, see page J-23. L212132MV02Q DPDT SS PANEL WITH MOUNTING EARS .425 (10,60) .358 (9,09) .181 TYP (4,60) 1.200 (30,48) 1.000 (25,40) 6 5 .200 (5,08) .200 (5,08) 4 .070 TYP (1,78) .240 .060 (6,10) (1,52) .760 (19,30) PANEL MOUNTING .225 (5,72) .135 (3,43) 6 5 4 3 2 1 1.000 (25,40) .360 (9,14) L202011SS03Q .150 (3,81) TRAVEL .110 DIA (2,79o) TYP AVAILABLE WITH: Models: L101, L102, L112, L201 and L202 Terminations: 01, 02, 03, 06, 10, 12 Actuators: 01, 02, 03, 05, 11 and 12 DPDT .125 (3,18) TS PANEL WITH INTEGRAL MOUNTING EARS PANEL MOUNTING .425 (10,80) .070 TYP (1,78) .240 (6,10) .100 DIA TYP (2,54o) .125 R TYP (3,18) .135 (3,43) 1.000 (25,40) .941 (23,90) 8 7 6 .160 TYP (4,06) TRAVEL .200 (5,08) 5 .181 (4,60) TYP .200 (5,08) .358 (9,09) .840 (21,34) 7 6 5 4 3 2 1 1.000 (25,40) .530 (13,46) L203011TS03Q DP3T .110 DIA (2,79o) .225 (5,72) .324 (8,23) AVAILABLE WITH: Models: L103, L113, L123 and L203 Terminations: 01, 02, 03, 06, 10, 12 Actuators: 01, 02, 03, 05, 11 and 12 .125 (3,18) Dimensions are shown: Inch (mm) Specifications and dimensions subject to change J-21 www.ittcannon.com C&K L Series Miniature Slide Switches TERMINATIONS `MS, MV, SS & TS' Mounting Styles Only 02 PC THRU-HOLE .226 (5,74) 01 SOLDER LUG WITH NOTCH .240 (6,10) .062 (1,57) .028 (0,71) 03 SOLDER LUG WITH HOLE .085 (2,16) .240 (6,10) 10 PC THRU-HOLE .226 (5,74) .060 (1,52) .080 (2,03) .050 (1,27) .020 THK. (0,51) .080 (2,03) .020 THK. (0,51) `01' terminations .080 (2,03) .046 (1,17) .020 THK. (0,51) .080 (2,03) .272 (6,91) .050 (1,27) .020 THK. (0,51) only. `MA & ML' Mounting Styles Only WIRE WRAP 12 PC THRU-HOLE 06 04 .445 (11,30) .050 (1,27) PC THRU-HOLE J Slide .263 (6,68) .080 (2,03) .219 (10,64) .065 (1,65) .080 (2,03) .050 (1,27) .085 (2,16) .080 (2,03) .256 (6,50) .020 THK. (0,51) .020 THK. (0,51) .050 (1,27) .020 THK. (0,51) .187 TYP. (4,75) .181 TYP. (4,60) .225 (5,72) .065 DIA (1,65o) TYP. .181 TYP. (4,60) .272 (6,91) .065 DIA (1,65o) TYP. All 2 position models with `04' terminations and `MA' mounting style. .065 DIA (1,65o TYP. All models with `04' terminations and `ML' mounting style. .181 TYP. (4,60) .225 (5,72) .065 DIA (1,65o) TYP. .181 TYP. (4,60) .272 (6,91) .065 DIA (1,65o) TYP. .225 (5,72) .065 DIA (1,65o) TYP. .181 TYP. (4,60) .181 TYP. (4,60) .272 (6,91) .065 DIA (1,65o) TYP. All 2 position models, except `04' terminations. All 2 position models with `04' terminations and `MA' mounting style. All 3 position models, except `04' terminations. All 3 position models, with `10' terminations. All 4 position models, with `10' terminations. CONTACT MATERIAL OPTION CODE RoHS COMPLIANT RoHS COMPLIANT CONTACT MATERIAL LOW LEVEL/DRY CIRCUIT RATINGS LX0X, LX1X MODELS: 4 AMPS @ 125 V AC or 28 V DC; 2 AMPS @ 250 V AC; 0.5 AMP @ 125 V DC (UL/CSA). LX6X MODELS: 4 AMPS @ 125 V AC or 28 V DC; 2 AMPS @ 250 V AC (UL/CSA). Q YES YES SILVER 2 B YES YES GOLD 1 POWER 0.4 VA MAX. @20 V AC OR DC max. LX0X, LX1X MODELS: 0.4 VA MAX. @ 20 V AC or DC MAX. or 4 AMPS @ 125 V AC or 28 V DC; 2 AMPS @ 250 V AC; 0.5 AMP @ 125 V DC (UL/CSA). LX6X MODELS: 0.4 VA MAX. @ 20 V AC or DC MAX. or 4 AMPS @ 125 V AC or 28 V DC; 2 AMPS @ 250 V AC (UL/CSA). G YES GOLD OVER YES SILVER 3 LOW LEVEL/DRY CIRCUIT OR POWER * Note: See Technical Data section of this catalog for RoHS compliant and compatible definitions and specifications. 1 2 3 CONTACTS & TERMINALS: Copper, with gold plate over nickel plate. CONTACTS & TERMINALS: Copper, silver plated (standard with all termination options). CONTACTS & TERMINALS: Copper, with gold plate over nickel plate over silver plate. NOTE: Any models supplied with Q, B or G contact material are RoHS compliant. For the latest information regarding RoHS compliance, please go to: www.ittcannon.com/rohs. All models with all options (except `01' termination) when ordered with `G' or `Q' contact material. Models with `01' termination option only. NOTE: `G' contact material is equivalent to both `B' and `Q' contact materials. SEAL NONE NO SEAL E EPOXY SEAL EPOXY .075 MAX. (1,91) Dimensions are shown: Inch (mm) Specifications and dimensions subject to change J-22 www.ittcannon.com C&K L Series Miniature Slide Switches AVAILABLE HARDWARE Cap Compatible with 13-19 actuators Cap Compatible with 13-19 actuators .375 DIA. (9,53 ) .250 (6,35) .155 (3,94) PART NO. PART NO. .120 (3,05) PART NO. .138 (3,51) .250 (6,35) Cap Compatible with 13-19 actuators .310 DIA. (7,87 ) .120 (3,05) .200 DIA. (5,08 ) 708902000 BLACK 708903000 RED Material: Nylon Finish: Gloss 752702000 BLACK 752703000 RED Material: Nylon Finish: Gloss 801802000 BLACK 801803000 RED Material: Nylon Finish: Gloss Cap Compatible with 13-19 actuators J Slide Cap Compatible with 13-19 actuators Cap Compatible with 13-19 actuators .450 SQ. (11,43) .195 (4,95) .240 (6,10) PART NO. PART NO. PART NO. PART NO. 894002000 BLACK 894003000 RED Material: Nylon Finish: Gloss 894102000 BLACK 894103000 RED Material: Nylon Finish: Gloss 484602000 BLACK 484603000 RED Material: Nylon Finish: Gloss 798202263 BLACK 798203000 RED Material: Nylon Finish: Matte Cap Compatible with 01-05 actuators Splash Cap Splash Cap Fits `MS' mounting style, LXX1 & LXX2 models only. PART NO. Fits `MV' mounting style, LX1X models only. PART NO. 120100602 BLACK Material: Nylon Finish: Matte PART NO. 120100300 Material: Nylon 120100200 Material: Nylon Splash Cap NOTE: Other colors available, consult Customer Service Center. PART NO. Fits `MA' mounting style, LXX3 models only. 120100400 Material: Nylon Dimensions are shown: Inch (mm) Specifications and dimensions subject to change J-23 www.ittcannon.com |
Price & Availability of L101111TS10B |