Part Number Hot Search : 
IRF640 ON2954 34151 NFC1520 NJU6396 34151 MCD448 DF02S
Product Description
Full Text Search
 

To Download KK74HC534A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TECHNICAL DATA
KK74HC534A
Octal 3-State Inverting D Flip-Flop
High-Performance Silicon-Gate CMOS
The KK74HC534A is identical in pinout to the LS/ALS534. The device inputs are compatible with standard CMOS outputs; with pullup resistors, they are compatible with LS/ALSTTL outputs. Data meeting the setup time is clocked, in inverted form, to the outputs with the rising edge of the Clock. The Output Enable input does not affect the states of the flip-flops, but when Output Enable is high, the outputs are forced to the high impedance state. Thus, data may be stored even when the outputs are not enabled. * Outputs Directly Interface to CMOS, NMOS, and TTL * Operating Voltage Range: 2.0 to 6.0 V * Low Input Current: 1.0 A * High Noise Immunity Characteristic of CMOS Devices
ORDERING INFORMATION KK74HC534AN Plastic KK74HC534ADW SOIC TA = -55 to 125 C for all packages
PIN ASSIGNMENT LOGIC DIAGRAM
FUNCTION TABLE
Inputs PIN 20=VCC PIN 10 = GND Output Enable L L L H L,H, X Clock D H L X X Output Q L H no change Z
X = don't care Z = high impedance
1
KK74HC534A
MAXIMUM RATINGS*
Symbol VCC VIN VOUT IIN IOUT ICC PD Tstg TL
*
Parameter DC Supply Voltage (Referenced to GND) DC Input Voltage (Referenced to GND) DC Output Voltage (Referenced to GND) DC Input Current, per Pin DC Output Current, per Pin DC Supply Current, VCC and GND Pins Power Dissipation in Still Air, Plastic DIP+ SOIC Package+ Storage Temperature Lead Temperature, 1 mm from Case for 10 Seconds (Plastic DIP or SOIC Package)
Value -0.5 to +7.0 -1.5 to VCC +1.5 -0.5 to VCC +0.5 20 35 75 750 500 -65 to +150 260
Unit V V V mA mA mA mW C C
Maximum Ratings are those values beyond which damage to the device may occur. Functional operation should be restricted to the Recommended Operating Conditions. +Derating - Plastic DIP: - 10 mW/C from 65 to 125C SOIC Package: : - 7 mW/C from 65 to 125C
RECOMMENDED OPERATING CONDITIONS
Symbol VCC VIN, VOUT TA tr, tf Parameter DC Supply Voltage (Referenced to GND) DC Input Voltage, Output Voltage (Referenced to GND) Operating Temperature, All Package Types Input Rise and Fall Time (Figure 1) VCC =2.0 V VCC =4.5 V VCC =6.0 V Min 2.0 0 -55 0 0 0 Max 6.0 VCC +125 1000 500 400 Unit V V C ns
This device contains protection circuitry to guard against damage due to high static voltages or electric fields. However, precautions must be taken to avoid applications of any voltage higher than maximum rated voltages to this high-impedance circuit. For proper operation, VIN and VOUT should be constrained to the range GND(VIN or VOUT)VCC. Unused inputs must always be tied to an appropriate logic voltage level (e.g., either GND or VCC). Unused outputs must be left open.
2
KK74HC534A
DC ELECTRICAL CHARACTERISTICS (Voltages Referenced to GND)
VCC Symbol Parameter Test Conditions V Guaranteed Limit 25 C to -55C 1.5 3.15 4.2 0.5 1.35 1.8 1.9 4.4 5.9 3.98 5.48 0.1 0.1 0.1 0.26 0.26 0.1 0.5 85 C 1.5 3.15 4.2 0.5 1.35 1.8 1.9 4.4 5.9 3.84 5.34 0.1 0.1 0.1 0.33 0.33 1.0 5.0 125 C 1.5 3.15 4.2 0.5 1.35 1.8 1.9 4.4 5.9 3.7 5.2 0.1 0.1 0.1 0.4 0.4 1.0 10 A A V Unit
VIH
Minimum HighLevel Input Voltage Maximum Low Level Input Voltage Minimum HighLevel Output Voltage
VOUT=0.1 V or VCC-0.1 V IOUT 20 A VOUT=0.1 V or VCC-0.1 V IOUT 20 A VIN=VIH or VIL IOUT 20 A VIN=VIH or VIL IOUT 6.0 mA IOUT 7.8 mA
2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 4.5 6.0 2.0 4.5 6.0 4.5 6.0 6.0 6.0
V
VIL
V
VOH
V
VOL
Maximum LowLevel Output Voltage
VIN= VIL or VIH IOUT 20 A VIN= VIL or VIH IOUT 6.0 mA IOUT 7.8 mA
IIN IOZ
Maximum Input Leakage Current Maximum Three State Leakage Current Maximum Quiescent Supply Current (per Package)
VIN=VCC or GND Output in High-Impedance State VIN =VIH or VIL VOUT= VCC or GND VIN=VCC or GND IOUT=0A
ICC
6.0
4.0
40
160
A
3
KK74HC534A
AC ELECTRICAL CHARACTERISTICS (CL=50pF,Input tr=tf=6.0 ns)
VCC Symbol Parameter V Guaranteed Limit 25 C to -55C 6.0 30 35 125 25 21 150 30 26 150 30 26 75 15 13 10 15 85C 125C Unit
fmax
Maximum Clock Frequency (50% Duty Cycle) (Figures 1 and 4) Maximum Propagation Delay, Clock to Q (Figures 1 and 4) Maximum Propagation Delay, Output Enable to Q (Figures 2 and 5) Maximum Propagation Delay, Output Enable to Q (Figures 2 and 5) Maximum Output Transition Time, Any Output (Figures 1 and 4) Maximum Input Capacitance Maximum Three-State Output Capacitance (Output in High-Impedance State) Power Dissipation Capacitance (Per Flip-Flop)
2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 -
5.0 24 28 155 31 26 190 38 33 190 38 33 95 19 16 10 15
4.0 20 24 190 38 32 225 45 38 225 45 38 110 22 19 10 15
MHz
tPLH, tPHL
ns
tPLZ, tPHZ
ns
tPZH, tPZL
ns
tTLH, tTHL
ns
CIN COUT
pF pF
Typical @25C,VCC=5.0 V 34 pF
CPD
Used to determine the no-load dynamic power consumption: PD=CPDVCC2f+ICCVCC
TIMING REQUIREMENTS (CL=50pF,Input tr=tf=6.0 ns)
VCC Symbol tSU Parameter Minimum Setup Time, Data to Clock (Figure 3) Minimum Hold Time, Clock to Data (Figure 3) Minimum Pulse Width, Clock (Figure 1) Maximum Input Rise and Fall Times (Figure 1) V 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 25 C to -55C 50 10 9 5 5 5 60 12 10 1000 500 400 Guaranteed Limit 85C 65 13 11 5 5 5 75 15 13 1000 500 400 125C 75 15 13 5 5 5 90 18 15 1000 500 400 Unit ns
th
ns
tw
ns
tr, tf
ns
4
KK74HC534A
Figure 1. Switching Waveforms
Figure 2. Switching Waveforms
Figure 3. Switching Waveforms
Figure 4. Test Circuit
Figure 5. Test Circuit
EXPANDED LOGIC DIAGRAM
5
KK74HC534A
N SUFFIX PLASTIC DIP (MS - 001AD)
A
Dimension, mm
20 11 B 1 10
Symbol A B C
MIN 24.89 6.1
MAX 26.92 7.11 5.33
F
L
D F
0.36 1.14 2.54 7.62 0 2.92 7.62 0.2 0.38
0.56 1.78
C -T- SEATING
PLANE
G H
H J
N G D 0.25 (0.010) M T K M
J K L M N
10 3.81 8.26 0.36
NOTES:
1. Dimensions "A", "B" do not include mold flash or protrusions. Maximum mold flash or protrusions 0.25 mm (0.010) per side.
D SUFFIX SOIC (MS - 013AC)
A 20 11
Dimension, mm Symbol MIN 12.6 7.4 2.35 0.33 0.4 1.27 9.53 0 0.1 0.23 10 0.25 8 0.3 0.32 10.65 0.75 MAX 13 7.6 2.65 0.51 1.27
H
B
P
A B
1
G
10 C R x 45
C D F
-TD 0.25 (0.010) M T C M K
SEATING PLANE
J
F
M
G H J K M P R
NOTES: 1. Dimensions A and B do not include mold flash or protrusion. 2. Maximum mold flash or protrusion 0.15 mm (0.006) per side for A; for B 0.25 mm (0.010) per side.
6


▲Up To Search▲   

 
Price & Availability of KK74HC534A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X