Part Number Hot Search : 
L1300 L20PF RC110M A15N1 L20PF PK25F40 M170EG01 00500
Product Description
Full Text Search
 

To Download KBU4005G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 KBU4A/6A/8A(G) SERIES
GLASS PASSIVATED BRIDGE RECTIFIERS FEATURES
Surge overload rating -125~175 amperes peak Ideal for printed circuit board Reliable low cost construction utilizing
.935(23.7) .895(22.7)
REVERSE VOLTAGE FORWARD CURRENT KBU
- 50 to 1000Volts - 4 / 6 / 8 Amperes
.15 O X23L (3.8 OX5.7L) HOLE THRU
molded plastic technique
Plastic material has UL Mounting postition:Any Mounting torgue:5 In.Ib.Max
.700(17.8) .600(16.8)
300 (7.5) .780(19.8) .740(18.8)
1.00 MIN. (25.4) .052(1.3)DIA. .048(1.2)TYP.
.087(2.2) .071(1.8)
.220(5.6) .180(4.6) .276(7.0) .256(6.5)
Dimensions in inches and (milimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25 ambient temperature unless otherwise specified. Single phase, half wave ,60Hz, resistive or inductive load. For capacitive load, derate current by 20%
KBU4005G KBU401G KBU402G KBU404G KBU406G KBU408G KBU410G
CHARACTERISTICS
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Output Current at TC=100 TA=50/40/45
KBU6005G KBU601G KBU602G KBU604G KBU606G KBU608G KBU610G KBU8005G KBU801G KBU802G KBU804G KBU806G KBU808G KBU810G 50 35 50 100 70 100 4.0 4.0 125 KBU4G 1.1 10 100 KBU6G 1.1 10 200 -55 to +150 200 140 200 40 280 40 6.0 6.0 150 KBU8G 1.1 10 300 600 420 600 800 560 800 1000 700 1000 8.0 6.0 175
UNIT
V V V A A A
Peak Forward Surage Current 8.3ms single Half Sine-Wave Super Imposed on Rated Load (JEDEC Method) Maximum Instantanous Forward Voltage Drop per Element at4.0A/3.0A/4.0A Maximum Reverse Leakage at rated TA=25 DC Blocking Voltage Per Element TA=100
mV A mA
Operating and Storage Temperature Range TJ.TSTG
~ 279 ~
RATING AND CHARACTERTIC CURVES KBU4A/6A/8A(G) SERIES
FIG.1-DERATING CURVE FOR OUTPUT RECTIFIED CURRENT 8.0 AVERAGE FORWARD OUTPUTCURRENT AMPERES
KBU8G HEAT SINK MOUNTING
FIG.2 TYPICAL INSTANTANEOUS FORWARD CHARACTERISTIC 100 INSTANTANCEOUS FORWARD CURRENT, AMPERES 40 20 10 4.0
KBU6/8G KBU4G
7.0 6.0 5.0
KBU4G KBU6G
4.0 3.0 2.0 1.0
MOUNTED ON4*4 INCH COPPER PC BOARD.TA .51(1.27mm)LEAD LENGTH
1.0 0.4 0.2 0.1 0.6 0.7 0.8
TJ=25 PULSE WIDTH=300S 1%DUTY CYCLE
0
50
100
150
CASE TEMPERATURE,
0.9
1.0
1.1
1.2
1.3
INSTANTANEOUS FORWARD VOLTAGEVOLTS
FIG.3-MAXIMUM NON-RETETITIVE PEAK FORWARD SURGE CURRENT PEAK FORWARD SURGE CURRENT AMPERES INSTANTANCEOUS REVERSE CURRENT, MICRAMPERES 200
KBU8G
FIG.4-TYPICAL REVERSE CHARACTERISTICS 10
TC=100
150
KBU6G
1.0
100
0.1
50
KBU4G
TA=25
0 1 10 NUMBER OF CYCLES AT 60HZ 100
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE
FIG.5-TYPICAL JUNCTION CAPACITANCE PER ELEMENT 250 400
TJ=25 KBU6G KBU8G
CAPACITANCE,(pF)
KBU4G
150 100 50
TJ=25
CAPACITANCE,(pF) 100
200
100 50
0.1
1.0
10
10 1 5 10 50 100 REVERSE VOLTAGE ,VOLTS
REVERSE VOLTAGE,VOLTS
~ 280 ~


▲Up To Search▲   

 
Price & Availability of KBU4005G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X