Part Number Hot Search : 
N10A0 1N5239B EKA8561A KLNR15 N4111 CM8501C TLP35 FS1ME
Product Description
Full Text Search
 

To Download KBPC50005 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BL
FEATURES
GALAXY ELECTRICAL
KBPC50005- - - KBPC5010
VOLTAGE RANGE: 50 --- 1000 V CURRENT: 50.0 A
SILICON BRIDGE RECTIFIERS
Rating to 1000V PRV 500 Amperes surge capability High efficiency Electrically isolated metal case for maximum heat dissipation Mounting: thru hole for # 8 screw Mounting
KBPC
inch (mm)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 ambient temperature unless otherwise specified. Single phase,half wave,60 Hz,resistive or inductive load. For capacitive load,derate by 20%.
KBPC KBPC KBPC KBPC KBPC KBPC KBPC UNITS 50005 5001 5002 5004 5006 5008 5010
Maximum recurrent peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forw ard Output current @TA =25
V RRM V RMS V DC IF(AV)
50 35 50
100 70 100
200 140 200
400 280 400 50.0
600 420 600
800 560 800
1000 700 1000
V V V A
Peak forw ard surge current 8.3ms single half-sine-w ave superimposed on rated load Maximum instantaneous forw ard voltage @ 25.0 A Maximum reverse current at rated DC blocking voltage @TA =25 @TA =100
IFSM
500.0
A
VF IR TJ TSTG
1.1 10.0 1.0 - 55 ---- + 125 - 55 ---- + 150
V A mA
Operating junction temperature range Storage temperature range
www.galaxycn.com
Document Number 0287045
BLGALAXY ELECTRICAL
1.
RATINGS AND CHARACTERISTIC CURVES
FIG.1 -- PEAK FORWARD SURGE CURRENT AVERAGE FORWARD OUTPUT CURRENT, AMPERES
KBPC50005 - - - KBPC5010
FIG.2 -- FORWARD DERATING CURVE
PEAK FORWARD SURGE CURRENT,
500
60
400
AMPERES
8.3ms Single Half Sine Wave TJ=125
50
300
40
200
30
100
20
0 1
10
10
100
0
25
50
75
100
125
NUMBER OF CYCLES AT 60HZ
AMBIENT TEMPERATURE,
FIG.3 -- TYPICAL FORWARD CHARACTERISTIC
FIG.4 -- TYPICAL REVERSE CHARACTERISTIC
INSTANTANEOUS FORWARD CURRENT,
INSTANTANEOUS REVERSE CURRENT, MICRO AMPERES
100
10 Tc=100 1.0
10
AMPERES
1.0 TJ=25 Pulse Width =300uS
TJ=25 0.1
.1
.01
0
20
40
60
80
100
120
140
.01
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
PERCENT OF RATED PEAK REVERSE VOLTAGE INSTANTANEOUS FORWARD VOLTAGE, VOLTS
www.galaxycn.com
Document Number 0287045
BLGALAXY ELECTRICAL
2.


▲Up To Search▲   

 
Price & Availability of KBPC50005

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X