Part Number Hot Search : 
UFS1200 13191 ES3HB B0737 1SMB170A 70M6T CS5460A 02M166VL
Product Description
Full Text Search
 

To Download KBPC1010 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 KBPC10 00...16 FP/WP KBPC15 00...16 FP/WP KBPC25 00...16 FP/WP
KBPC10 00...16 FP/WP KBPC15 00...16 FP/WP KBPC25 00...16 FP/WP
Silicon-Bridge-Rectifiers Silizium-Bruckengleichrichter Version 2007-10-02
Type "FP"
6.7 16.6
0.5
7.3 0.8 + 14.3 0.5
Nominal current Nennstrom Alternating input voltage Eingangswechselspannung Plastic case with alu bottom Plastikgehause mit Alu-Boden Dimensions Abmessungen Weight approx. Gewicht ca. Compound has classification UL94V-0 Vergussmasse nach UL94V-0 klassifiziert Standard packaging bulk Standard Lieferform lose im Karton
min. 30 1.2
10 / 15 / 25 A 35...1000 V Index "P" 28.6 x 28.6 x 7.3 [mm] 17 g
+
16.6 0.5
Type
O 5.2
7.9
=
18.10.5 28.60.2
=
21.61
Type "WP"
11.6
0.5
7.3 = +
+
O 5.2 180.5
=
Dimensions - Mae [mm]
KBPC 15 16
25
Recognized Product - Underwriters Laboratories Inc.(R) File E175067 Anerkanntes Produkt - Underwriters Laboratories Inc.(R) Nr. E175067
Maximum ratings Type 1) Typ 1) KBPC1000 KBPC1001 KBPC1002 KBPC1004 KBPC1006 KBPC1008 KBPC1010 KBPC1012 KBPC1014 KBPC1016 KBPC1500 KBPC1501 KBPC1502 KBPC1504 KBPC1506 KBPC1508 KBPC1510 KBPC1512 KBPC1514 KBPC1516 KBPC2500 KBPC2501 KBPC2502 KBPC2504 KBPC2506 KBPC2508 KBPC2510 KBPC2512 KBPC2514 KBPC2516
+
180.5 28.60.2
=
=
Type
6.3
Marking (Example) ~ Bestempelung (Beispiel)
10
Grenzwerte Max. alternating input voltage Repetitive peak reverse voltage Max. Eingangswechselspannung Periodische Spitzensperrspg. VVRMS [V] VRRM [V] 2) 35 70 140 280 420 560 700 800 900 1000 50 100 200 400 600 800 1000 1200 1400 1600
1 2
Add index "FP" or "WP", according to connector type - Je nach Anschlussversion ist der Index "FP" oder "WP" zu erganzen Valid per diode - Gultig pro Diode http://www.diotec.com/
(c) Diotec Semiconductor AG
1
KBPC10 00...16 FP/WP KBPC15 00...16 FP/WP KBPC25 00...16 FP/WP Maximum ratings Repetitive peak forward current Periodischer Spitzenstrom Peak forward surge current 50/60 Hz half sine-wave Stostrom fur eine 50/60 Hz Sinus-Halbwelle Rating for fusing, t < 10 ms Grenzlastintegral, t < 10 ms Operating junction temperature - Sperrschichttemperatur Storage temperature - Lagerungstemperatur f > 15 Hz TA = 25C TA = 25C IFRM IFSM i2t Tj TS Grenzwerte 60 A 1) 270/300 A 375 A2s -50...+150C -50...+150C
Characteristics Max. current with cooling fin 300 cm Dauergrenzstrom mit Kuhlblech 300 cm2 Forward voltage - Durchlass-Spannung Leakage current - Sperrstrom Isolation voltage terminals to case Isolationsspannung Anschlusse zum Gehause Thermal resistance junction to case Warmewiderstand Sperrschicht - Gehause Admissible torque for mounting Zulassiges Anzugsdrehmoment TA = 50C Tj = 25C Tj = 25C R-load C-load VR = VRRM IFAV IFAV IR VISO RthC 10-32 UNF M5
Kennwerte 25 A 20 A < 1.2 V 2) < 25 A > 2500 V < 2.0 K/W 18 10% lb.in. 2 10% Nm
IF = 12.5 A VF
120 [%] 100
102 [A] 10
Tj = 125C
80
Tj = 25C
60
1
40 10-1 20 IFAV 0 0 TA 50 100 150 [C]
1
IF 10-2
270a-(12a-1.2v)
0.4
VF
0.8
1.0
1.2
1.4
[V] 1.8
Rated forward current versus ambient temperature ) Zul. Richtstrom in Abh. von der Umgebungstemp.1)
Forward characteristics (typical values) Durchlasskennlinien (typische Werte)
1 2
Valid, if the temperature of the case is kept to TC = 120C - Gultig, wenn die Gehausetemperatur auf TC = 120C gehalten wird Valid per diode - Gultig pro Diode http://www.diotec.com/ (c) Diotec Semiconductor AG
2


▲Up To Search▲   

 
Price & Availability of KBPC1010

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X