Part Number Hot Search : 
UN5211 81200 UMIL70 74HC2G PST529K L16C6 AT83C CXA1398M
Product Description
Full Text Search
 

To Download KBL10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DIOTEC ELECTRONICS CORP.
18020 Hobart Blvd., Unit B Gardena, CA 90248 U.S.A Tel.: (310) 767-1052 Fax: (310) 767-7958
Data Sheet No. BKBL-400-1C
4 AMP SILICON BRIDGE RECTIFIERS
FEATURES MECHANICAL SPECIFICATION
ACTUAL SIZE OF KBL PACKAGE U DIOTEC R KBLO8 + _ D
SERIES KBL00 - KBL10
C
VOID FREE VACUUM DIE SOLDERING FOR MAXIMUM MECHANICAL STRENGTH AND HEAT DISSIPATION (Solder Voids: Typical < 2%, Max. < 10% of Die Area) BUILT-IN STRESS RELIEF MECHANISM FOR SUPERIOR RELIABILITY AND PERFORMANCE SURGE OVERLOAD RATING TO 200 AMPS PEAK IDEAL FOR PRINTED CIRCUIT BOARD APPLICATIONS
U DIOTEC R
KBLO8 + _
UL RECOGNIZED - FILE #E141956 RoHS COMPLIANT
L L1
MECHANICAL DATA
Case: Molded Epoxy (UL Flammability Rating 94V-0) Terminals: Round silver plated pins Soldering: Per MIL-STD 202 Method 208 guaranteed Polarity: Marked on case Mounting Position: Any Weight: 0.2 Ounces (5.6 Grams)
_ +
B
B1
MAXIMUM RATINGS & ELECTRICAL CHARACTERISTICS
2HG A 6F 3(c)! # (c)(c)! #1 (c)(c)& 6! 9 3(c)E #$) ! 71 % ) " )#& 2(c)& 6! 9 (c)(c) 3#3 9 ! # 7 D(c)A @ ! 9 8(c)0 (c)' 7(c) (c)"6! (c) 54 1 % )$1 &! CB 7 ( % ! ' %| 21 )!" 3 ! 0 (c)! ( (c)' ! (c)! #$ (c)" ! (c) ! (c) (c) #! & %$ #! |
PARAMETER (TEST CONDITIONS)
Series Number
Average Forward Rectified Current @ T = 65 C Peak Forward Surge Current. Single 60Hz Half-Sine Wave Superimposed on Rated Load (JEDEC Method). T = 150 C Maximum Forward Voltage (Per Diode) at 4 Amps DC
s r
Typical Thermal Resistance
Junction to Lead (Note 1)
E17
y x
6 %07 0Q P""H 0G24 00 %"" %0020")"E(00E" #0C%"AB 087 04 ! 32 0('#%#" " (c) o8y 6 87I 65 ! F ) F ) ) 9 E D 6@9 6@9 65 1 ) | &$ ! | y
wv 5
Operating and Storage Temperature Range
uu
Tt ,Tu
T US
Minimum Insulation Breakdown Voltage (Circuit to Case)
VR
uu o /o D
Ro Ro
h 6
Ig
19.0 2.4 2500 -55 to +150
C/W VOLTS C
i
Maximum Average DC Reverse Current At Rated DC Blocking Voltage
@ T = 25 C @ T = 125 C
c 5
Vb
q
fe
Id
WU 6V
Maximum Peak Recurrent Reverse Voltage
P I
VU
TS 6
Maximum RMS Voltage
VR
IQ
a
Y V
Maximum DC Blocking Voltage
5 5 i 5 5i o o5n o i 8i 5 f D 5 5 5 55 vo 5 D5} Dz ~ |{ I E HE 55e ed 5 1/4 5D A3/4 5 81/2 y55u uvop qom 5k5i 5g xw ts rp n lj ih E C EAE 55 * 5 AA A A 5 55 o(R) q 5| (c) | A ee HEe a Oa a HEae ec a Oa a HYVU UV6O 88O OI UU O xOOOO NO N II
15.75 16.00 0.620
A1 A
0.630
SYMBOL
KBL 00 50 35 50 KBL 01 100 70 100
RATINGS
KBL 02 200 140 200 KBL 04 400 280 400 4 200 0.95 (Typical < 0.90) 1 50 KBL 06 600 420 600 KBL 08 800 560 800 KBL 10 1000 700 1000
UNITS
VX
VOLTS
AMPS VOLTS A
p
DIOTEC ELECTRONICS CORP.
18020 Hobart Blvd., Unit B Gardena, CA 90248 U.S.A Tel.: (310) 767-1052 Fax: (310) 767-7958
Data Sheet No. BKBL-400-2C
4 AMP SILICON BRIDGE RECTIFIERS
RATING & CHARACTERISTIC CURVES FOR SERIES KBL00 - KBL10
""
FIGURE 1. FORWARD CURRENT DERATING CURVE Number of Cycles at 60 Hz FIGURE 2. MAXIMUM NON-REPETITIVE SURGE CURRENT
5.0
Average Forward Current, Io (Amperes)
4.0
3.0
2.0
1.0
0
Instantaneous Forward Current Amperes
Instantaneous Reverse Current, I (Microamperes)
NOTE 3
1.0
0.1 0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
Percent of Rated Peak Reverse Voltage FIGURE 4. TYPICAL REVERSE CHARACTERISTICS
Instantaneous Forward Voltage (Volts) FIGURE 3. TYPICAL FORWARD CHARACTERISTIC PER DIODE
NOTES NOTE 3 (1) Bridge Mounted on 3.0" Sq. x 0.11" Thick (7.5cm Sq. x 0.15cm) Aluminum Plate (2) T = 150 C (3) T = 25 C; Pulse Width = 300mSec; 1%Duty Cycle (4) T = 25 C; f = 1 MHz; Vsig = 50mVp-p
Capacitance, pF
Reverse Voltage, (Volts) FIGURE 5. TYPICAL JUNCTION CAPACITANCE PER DIODE
d bc a B Y X W Y
E18
0
ji "Bgh"Be" ffd

"
zwv u q"2mt x {y
"
~} | 0|
"

10
"B
B
Ambient Temperature, C
psoon l r q"B%mk
e
"
0
50
100
150
"
60Hz Resistive or Inductive Loads
"B "B "B "B
NOTE 2
NOTE 1
Peak Forward Surge Current (Amperes)
B

ww "xv
V
By
u
"B 0 ""s tt "qBp r "iBh i "f g ""


▲Up To Search▲   

 
Price & Availability of KBL10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X