Part Number Hot Search : 
SSB43L M8504 ALFSN NGB8245N NGB8245N PE0523 T74FS DG200
Product Description
Full Text Search
 

To Download ISL28266FBZ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
ISL28166, ISL28266
Data Sheet March 20, 2008 FN6155.3
39A Micropower Single and Dual Rail-to-Rail Input-Output Low Input Bias Current (RRIO) Op Amps
The ISL28166 and ISL28266 are micropower precision operational amplifiers optimized for single supply operation at 5V and can operate down to 2.4V. These devices feature an Input Range Enhancement Circuit (IREC), which enables them to maintain CMRR performance for input voltages greater than the positive supply. The input signal is capable of swinging 0.5V above a 5.0V supply (0.25 for a 2.5V supply) and to within 10mV from ground. The output operation is rail-to-rail. The 1/f corner of the voltage noise spectrum is at 1kHz. This results in low frequency noise performance, which can only be found on devices with an order of magnitude higher than the supply current. ISL28166 and ISL28266 can be operated from one lithium cell or two Ni-Cd batteries. The input range includes both positive and negative rail. The output swings to both rails.
Features
* 39A typical supply current * 5nA max input bias current * 250kHz gain bandwidth product (AV = 1) * 2.4V to 5V single supply voltage range * Rail-to-rail input and output * Enable pin (ISL28166 only) * Pb-free (RoHS compliant)
Applications
* Battery- or solar-powered systems * 4mA to 20mA current loops * Handheld consumer products * Medical devices * Sensor amplifiers * ADC buffers * DAC output amplifiers
Ordering Information
PART NUMBER (Note) ISL28166FHZ-T7* Coming Soon ISL28266FUZ Coming Soon ISL28266FUZ-T7* Coming Soon ISL28266FBZ Coming Soon ISL28266FBZ-T7* PART MARKING GABY 8266Z 8266Z 28266 FBZ 28266 FBZ PACKAGE (Pb-free) 6 Ld SOT-23 8 Ld MSOP 8 Ld MSOP 8 Ld SOIC 8 Ld SOIC PKG. DWG. # MDP0038 MDP0043
Pinouts
ISL28166 (6 LD SOT-23) TOP VIEW
OUT 1 6 V+ 5 ENABLE 4 IN-
MDP0043 MDP0027 MDP0027
V- 2 IN+ 3
+-
*Please refer to TB347 for details on reel specifications. NOTE: These Intersil Pb-free plastic packaged products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin plate PLUS ANNEAL - e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
OUT_A 1 IN-_A 2 IN+_A 3 V- 4
ISL28266 (8 LD MSOP) TOP VIEW
8 V+ -+ +7 OUT_B 6 IN-_B 5 IN+_B OUT_A 1 IN-_A 2 IN+_A 3 V- 4
ISL28266 (8 LD SOIC) TOP VIEW
8 V+ -+ +7 OUT_B 6 IN-_B 5 IN+_B
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures. 1-888-INTERSIL or 1-888-468-3774 | Intersil (and design) is a registered trademark of Intersil Americas Inc. Copyright (c) Intersil Americas Inc. 2006, 2007, 2008. All Rights Reserved. All other trademarks mentioned are the property of their respective owners.
ISL28166, ISL28266
Absolute Maximum Ratings (TA = +25C)
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5.5V Supply Turn-on Voltage Slew Rate . . . . . . . . . . . . . . . . . . . . . 1V/s Differential Input Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5mA Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.5V Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . V- - 0.5V to V+ + 0.5V ESD Rating Human Body Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .3kV Machine Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .300V
Thermal Information
Thermal Resistance (Typical Note 1) JA (C/W) 6 Ld SOT-23 Package . . . . . . . . . . . . . . . . . . . . . . . 230 8 Ld MSOP Package . . . . . . . . . . . . . . . . . . . . . . . . 160 8 Ld SOIC Package . . . . . . . . . . . . . . . . . . . . . . . . . 115 Output Short-Circuit Duration . . . . . . . . . . . . . . . . . . . . . . .Indefinite Ambient Operating Temperature Range . . . . . . . . .-40C to +125C Storage Temperature Range . . . . . . . . . . . . . . . . . .-65C to +150C Operating Junction Temperature . . . . . . . . . . . . . . . . . . . . . +125C Pb-free reflow profile . . . . . . . . . . . . . . . . . . . . . . . . . .see link below http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and result in failures not covered by warranty.
NOTE: 1. JA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise noted, all tests are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
Electrical Specifications
V+ = 5V, V- = 0V,VCM = 2.5V, TA = +25C unless otherwise specified. Boldface limits apply over the operating temperature range, -40C to +125C. Temperature data established by characterization. DESCRIPTION CONDITIONS 6 Ld SOT-23 MIN (Note 2) -600 -600 TYP -7 1.5 -1.5 -5 -2 -3.5 FO = 1kHz FO = 1kHz 0 VCM = 0V to 5V VS = 2.4V to 5V VO = 0.5V to 4.5V, RL = 100k VO = 0.5V to 4.5V, RL = 1k 80 75 90 75 200 175 35 30 110 104 412 70 3 130 4.992 4.99 4.85 4.8 4.995 4.88 0.05 AV = 1 29 18 250 39 10 47 56 14 16 6 8 150 200 0.34 1.14 46 0.14 5 1.2 2.5 5 5 MAX (Note 2) 600 600 UNIT V V/C nA nA nV/Hz pA/Hz V dB dB V/mV V/mV mV mV V V V/s kHz A A
PARAMETER VOS V OS --------------T IOS IB EN IN CMIR CMRR PSRR AVOL
Input Offset Voltage Input Offset Drive vs Temperature Input Offset Current Input Bias Current Input Noise Voltage Density Input Noise Current Density Input Common-Mode Voltage Range Common-Mode Rejection Ratio Power Supply Rejection Ratio Large Signal Voltage Gain
VOUT
Maximum Output Voltage Swing
Output low, RL = 100k Output low, RL = 1k Output high, RL = 100k Output high, RL = 1k
SR GBW IS,ON IS,OFF
Slew Rate Gain Bandwidth Product Supply Current, Enabled Supply Current, Disabled
2
FN6155.3 March 20, 2008
ISL28166, ISL28266
Electrical Specifications
V+ = 5V, V- = 0V,VCM = 2.5V, TA = +25C unless otherwise specified. Boldface limits apply over the operating temperature range, -40C to +125C. Temperature data established by characterization. (Continued) DESCRIPTION Short-Circuit Output Current Short-Circuit Output Current Supply Operating Range Enable Pin High Level Enable Pin Low Level Enable Pin Input Current Enable Pin Input Current Enable to output on-state delay time (ISL28166) Enable to output off-state delay time (ISL28166) VEN = 5V VEN = 0V VOUT = 1V (enable state); VEN = High to Low VOUT = 0V (disabled state) VEN = Low to High 1 16 10.8 0.1 RL = 10 RL = 10 Guaranteed by PSRR test CONDITIONS MIN (Note 2) 28 23 24 18 2.4 2 0.8 1.2 1.2 25 30 TYP 31 26 5 MAX (Note 2) UNIT mA mA V V V A nA s s
PARAMETER IO+ IOVSUPPLY VINH VINL IENH IENL tEN tEN NOTE:
2. Parts are 100% tested at +25C. Temperature limits established by characterization and are not production tested.
Typical Performance Curves
3 2 NORMALIZED GAIN (dB) 1 0 -1 -2 -3 -4 -5 -6 -7 -8 AV = 1 CL = 16.3pF VOUT = 10mVP-P 1k 10k 100k 1M RL = 10k RL = 100k NORMALIZED GAIN (dB) RL = 1k 8 7 6 5 4 3 2 1 0 -1 -2 -3 -4 -5 -6 -7 -8 CL = 63.3pF CL = 55.3pF CL = 49.3pF CL = 43.3pF CL = 38.3pF CL = 34.3pF AV = 1 RL = 10k VOUT = 10mVP-P 1k 10k 100k 1M
FREQUENCY (Hz)
FREQUENCY (Hz)
FIGURE 1. GAIN vs FREQUENCY vs RL
FIGURE 2. GAIN vs FREQUENCY vs CL
70 60 50 GAIN (dB) 40 30 20 10 0
Rf = 1M, Rg = 1k, RL = 10k
1 RL = 10k CL = 16.3pF VOUT = 10mVP-P 0 NORMALIZED GAIN (dB) -1 -2 -3 -4 -5 -6 AV = 1 RL = 10k -8 VOUT = 10mVP-P -9 1k 10k -7
VS = 2.4V VS = 5V
Rf = 100k, Rg = 1k, RL = 10k
Rf = 9.09, Rg = 1k, RL = INF
Rf = 0, Rg = INF, RL = 10k -10 100 1k 10k FREQUENCY (Hz)
100k
1M
100k
1M
FREQUENCY (Hz)
FIGURE 3. CLOSED LOOP GAIN vs FREQUENCY
FIGURE 4. GAIN vs FREQUENCY vs VS
3
FN6155.3 March 20, 2008
ISL28166, ISL28266 Typical Performance Curves (Continued)
3 2 NORMALIZED GAIN (dB) 1 0 -1 -2 -3 -4 -5 -6 -7 -8 1k AV = 1 RL = 1k CL = 16.3pF 10k 100k 1M FREQUENCY (Hz) VOUT = 1V VOUT = 100mV VOUT = 10mV NORMALIZED GAIN (dB) VOUT = 50mV 1 0 -1 -2 -3 -4 -5 -6 -7 -8 -9 AV = 1 RL = 10k CL = 16.3pF 1k 10k VOUT = 50mV VOUT = 100mV 100k 1M FREQUENCY (Hz) VOUT = 1V VOUT = 10mV
FIGURE 5. GAIN vs FREQUENCY vs VOUT
FIGURE 6. GAIN vs FREQUENCY vs VOUT
1 0 NORMALIZED GAIN (dB) -1 -2 -3 -4 -5 -6 -7 -8 -9 1k AV = 1 RL = 100k CL = 16.3pF VOUT = 1V
VOUT = 10mV
10 AV = 1 0 RL = 10k CL = 16.3pF -10 VCM = 1VPP P-P -20 -30 -40 -50 -60
VS = 2.4V
VOUT = 50mV
CMRR (dB)
VS = 5V
VOUT = 100mV
10k 100k FREQUENCY (Hz)
1M
-70 100
1k
10k FREQUENCY (Hz)
100k
1M
FIGURE 7. GAIN vs FREQUENCY vs VOUT
FIGURE 8. CMRR vs FREQUENCY
10 0 -10 PSRR (dB) -20 -30 -40 -50 -60 -70 -80 100 1k 10k FREQUENCY (Hz) 100k 1M PSRR+ AV = 1 RL = 1k CL = 16.3pF VOUT = 1VP-P VS = 2.4V
10 0 PSRRPSRR (dB) -10 -20 -30 -40 -50 -60 -70 -80 -90 100 1k 10k FREQUENCY (Hz) 100k 1M PSRR+ AV = 1 RL = 1k CL = 16.3pF VOUT = 1VP-P VS = 5V
PSRR-
FIGURE 9. PSRR vs FREQUENCY, VS = 2.4V
FIGURE 10. PSRR vs FREQUENCY, VS = 5V
4
FN6155.3 March 20, 2008
ISL28166, ISL28266 Typical Performance Curves (Continued)
160 140 120 100 80 60 40 20 0 1 10 100 FREQUENCY (Hz) 1k 10k INPUT CURRENT NOISE (pA/Hz) INPUT VOLTAGE NOISE (nV/Hz) 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0 1 10 100 FREQUENCY (Hz) 1k 10k
FIGURE 11. INPUT VOLTAGE NOISE vs FREQUENCY
FIGURE 12. INPUT CURRENT NOISE vs FREQUENCY
0 -0.2 INPUT NOISE (V) -0.4 -0.6 -0.8 -1.0 -1.2 -1.4 0
24 AV = 1000 RF = 100k Ri = 100 RL = 10k 22 SMALL SIGNAL (mV) 20 18 16 14 12 1 2 3 4 5 TIME (s) 6 7 8 9 10 10 0 50 100 150 200 TIME (s) 250 300 350 400 RF = Ri = RL = 10k AV = 2 CL = 16.3pF VOUT = 10mVP-P
FIGURE 13. 1Hz TO 10Hz INPUT NOISE
FIGURE 14. SMALL SIGNAL STEP RESPONSE
0.6 0.4 0.2 0 -0.2 -0.4 -0.6 RF = Ri = RL = 10k AV = 2 CL = 16.3pF VOUT = 1VP-P 0 100 200 TIME (s) 300 400
6 5 4 ENABLE (V) 3 2 1 0 -1 VOUT 0 10 20 30 40 50 60 70 80 90 TIME (s) V-ENABLE
1.2 1.0 0.8 RF = Ri = RL = 10k AV = 2 CL = 16.3pF VOUT = 10mVP-P 0.6 0.4 0.2 0 -0.2 100 OUTPUT (V)
LARGE SIGNAL (V)
FIGURE 15. LARGE SIGNAL STEP RESPONSE
FIGURE 16. ENABLE TO OUTPUT DELAY
5
FN6155.3 March 20, 2008
ISL28166, ISL28266 Typical Performance Curves (Continued)
58 53 CURRENT (A) 48 43 38 33 MIN 28 23 -40 -20 0 20 40 60 80 100 120 MEDIAN 14.5 n = 1000 MAX 13.5 12.5 CURRENT (A) 11.5 10.5 9.5 8.5 7.5 6.5 -40 -20 0 20 40 60 MIN 80 100 120 MEDIAN n = 1000 MAX
TEMPERATURE (C)
TEMPERATURE (C)
FIGURE 17. SUPPLY CURRENT ENABLED vs TEMPERATURE, VS = 2.5V
FIGURE 18. SUPPLY CURRENT DISABLED vs TEMPERATURE, VS = 2.5V
380 n = 1000 280 180 VIO (V) 80 -20 -120 -220 -320 -420 -40 MIN VIO (V) MEDIAN MAX
400 n = 1000 300 200 100 0 -100 -200 -300 -400 -40 MIN MEDIAN MAX
-20
0
20 40 60 80 TEMPERATURE (C)
100
120
-20
0
20 40 60 80 TEMPERATURE (C)
100
120
FIGURE 19. VIO SO8 PACKAGE vs TEMPERATURE, VS = 2.5V
FIGURE 20. VIO SO8 PACKAGE vs TEMPERATURE, VS = 1.2V
600 550 350 150 MEDIAN -50 -250 -450 -650 -40 MIN VIO (V) 200 0 -200 -400 n = 1000 MAX 400
n = 1000 MAX
VIO (V)
MEDIAN
MIN
-20
0
20
40
60
80
100
120
-600 -40
-20
0
TEMPERATURE (C)
20 40 60 80 TEMPERATURE (C)
100
120
FIGURE 21. VIO SOT-23 PACKAGE vs TEMPERATURE, VS = 2.5V
FIGURE 22. VIO SOT-23 PACKAGE vs TEMPERATURE, VS = 1.2V
6
FN6155.3 March 20, 2008
ISL28166, ISL28266 Typical Performance Curves (Continued)
5 4 3 IBIAS+ (nA) 2 1 0 -1 -2 -3 -40 -20 0 20 MIN 0 -1 -40 MEDIAN MAX IBIAS- (nA) 3 2 1 MEDIAN MIN n = 1000 5 4 MAX n = 1000
40
60
80
100
120
-20
0
20
40
60
80
100
120
TEMPERATURE (C)
TEMPERATURE (C)
FIGURE 23. IBIAS+ vs TEMPERATURE, VS = 2.5V
FIGURE 24. IBIAS- vs TEMPERATURE, VS = 2.5V
2 1 0 -1 -2 -3 MIN -4 -40 -20 0 20 40 60 80 100 120 n = 1000 MEDIAN IBIAS- (nA) MAX
10 n = 1000 8 MAX 6 4 2 0 -2 MIN -4 -40 -20 0 20 40 60 80 TEMPERATURE (C) 100 120 MEDIAN
IBIAS+ (nA)
TEMPERATURE (C)
FIGURE 25. IBIAS+ vs TEMPERATURE, VS = 1.5V
FIGURE 26. IBIAS- vs TEMPERATURE, VS = 1.2V
4 3 2 1 IOS (nA) 0 -1 -2 -3 -4 -5
n = 1000 MAX
4 n = 1000 2 0 IOS (nA) -2 -4 -6 -8 MIN MEDIAN MAX
MEDIAN MIN
-6 -40
-20
0
20
40
60
80
100
120
-10
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (C)
TEMPERATURE (C)
FIGURE 27. IOS vs TEMPERATURE, VS = 2.5V
FIGURE 28. IOS vs TEMPERATURE, VS = 1.5V
7
FN6155.3 March 20, 2008
ISL28166, ISL28266 Typical Performance Curves (Continued)
135 130 125 CMRR (dB) 120 115 110 105 100 95 90 -40 -20 0 20 40 60 80 TEMPERATURE (C) 100 120 MIN MEDIAN n = 1000 MAX 130 125 120 PSRR (dB) 115 110 105 100 95 90 85 -40 -20 0 MIN 20 40 60 80 TEMPERATURE (C) 100 120 MEDIAN MAX n = 1000
FIGURE 29. CMRR vs TEMPERATURE V+ = 2.5V, 1.5V
FIGURE 30. PSRR vs TEMPERATURE 1.2V TO 2.5V
4.900 4.895 4.890 4.885 4.880 4.875 4.870 4.865 4.860 4.855 4.850 -40 -20 0 20 40 60 80 TEMPERATURE (C) MIN MAX MEDIAN
n = 1000
4.9984 4.9982 4.9980 VOUT (V) 4.9978 4.9976 4.9974 4.9972 4.9970 MIN MEDIAN n = 1000 MAX
VOUT (V)
100
120
4.9968 -40
-20
0
20 40 60 80 TEMPERATURE (C)
100
120
FIGURE 31. VOUT HIGH vs TEMP VS = 2.5V, RL = 1k
FIGURE 32. VOUT HIGH VS = 2.5V, RL = 100k
4.9984 4.9982 4.9980 VOUT (mV) VOUT (V) 4.9978 4.9976 4.9974 4.9972 4.9970 4.9968 -40 -20 0 20 40 60 80 TEMPERATURE (C) 100 120 MIN MEDIAN MAX n = 1000
5.0 n = 1000 4.5 MEDIAN 4.0 3.5 3.0 2.5 -40 MAX
MIN
-20
0
20 40 60 80 TEMPERATURE (C)
100
120
FIGURE 33. VOUT LOW VS = 2.5V, RL = 1k
FIGURE 34. VOUT LOW VS = 2.5V, RL = 100k
8
FN6155.3 March 20, 2008
ISL28166, ISL28266 Pin Descriptions
ISL28166 (6 Ld SOT-23) 4 2 (A) 6 (B) ISL28266 (8 Ld SOIC) (8 Ld MSOP) PIN NAME ININ-_A IN-_B FUNCTION Inverting input
V+ IN-
EQUIVALENT CIRCUIT
IN+ VCircuit 1
3 3 (A) 5 (B) 2 1 1 (A) 7 (B) 4
IN+ IN+_A IN+_B VOUT OUT_A OUT_B
Non-inverting input
(See Circuit 1)
Negative supply Output
V+
OUT
VCircuit 2
6 5
8
V+ ENABLE
Positive supply Chip enable
CE V+
VCircuit 3
Applications Information
Introduction
The ISL28166 is a single BiMOS rail-to-rail input, output (RRIO) operational amplifier with an enable feature. The ISL28266 is a dual version without the enable feature. Both devices are designed to operate from single supply (2.4V to 5.0V) or dual supplies (1.2V to 2.5V) while drawing only 39A of supply current per amplifier. This combination of low power and precision performance makes this device suitable for a variety of low power applications including battery powered systems.
within one diode beyond the supply rails. They also contain back-to-back diodes across the input terminals. For applications where the input differential voltage is expected to exceed 0.5V, external series resistors must be used to ensure the input currents never exceed 5mA (Figure 35).
VIN RIN + RL VOUT
FIGURE 35. INPUT CURRENT LIMITING
Rail-to-Rail Input/Output
These devices feature bi-polar inputs which have an input common mode range that extends to the rails, and CMOS outputs that can typically swing to within about 4mV of the supply rails with a 100k load. The NMOS sinks current to swing the output in the negative direction. The PMOS sources current to swing the output in the positive direction.
Enable/Disable Feature
The ISL28166 offers an EN pin that disables the device when pulled up to at least 2.0V. In the disabled state (output in a high impedance state), the part consumes typically 10A. By disabling the part, multiple ISL28166 parts can be connected together as a MUX. In this configuration, the outputs are tied together in parallel and a channel can be selected by the EN pin. The EN pin also has an internal pull-down. If left open, the EN pin will pull to the negative rail and the device will be enabled by default.
Input Protection
All input terminals have internal ESD protection diodes to both positive and negative supply rails, limiting the input voltage to
9
FN6155.3 March 20, 2008
ISL28166, ISL28266
The loading effects of the feedback resistors of the disabled amplifier must be considered when multiple amplifier outputs are connected together.
Power Dissipation
It is possible to exceed the +125C maximum junction temperatures under certain load and power-supply conditions. It is therefore important to calculate the maximum junction temperature (TJMAX) for all applications to determine if power supply voltages, load conditions, or package type need to be modified to remain in the safe operating area. These parameters are related in Equation 1:
T JMAX = T MAX + ( JA xPD MAXTOTAL ) (EQ. 1)
Using Only One Channel
The ISL28266 is a dual op amp. If the application only requires one channel, the user must configure the unused channel to prevent it from oscillating. The unused channel will oscillate if the input and output pins are floating. This will result in higher than expected supply currents and possible noise injection into the channel being used. The proper way to prevent this oscillation is to short the output to the negative input and ground the positive input (as shown in Figure 36).
+
where: * PDMAXTOTAL is the sum of the maximum power dissipation of each amplifier in the package (PDMAX) * PDMAX for each amplifier can be calculated using Equation 2:
V OUTMAX PD MAX = 2*V S x I SMAX + ( V S - V OUTMAX ) x --------------------------R
L
FIGURE 36. PREVENTING OSCILLATIONS IN UNUSED CHANNELS
(EQ. 2)
where: * TMAX = Maximum ambient temperature * JA = Thermal resistance of the package * PDMAX = Maximum power dissipation of 1 amplifier * VS = Supply voltage * IMAX = Maximum supply current of 1 amplifier * VOUTMAX = Maximum output voltage swing of the application * RL = Load resistance
Current Limiting
These devices have no internal current-limiting circuitry. If the output is shorted, it is possible to exceed the Absolute Maximum Rating for output current or power dissipation, potentially resulting in the destruction of the device.
10
FN6155.3 March 20, 2008
ISL28166, ISL28266 SOT-23 Package Family
e1 A N 6 4
MDP0038
D
SOT-23 PACKAGE FAMILY MILLIMETERS SYMBOL A A1 SOT23-5 1.45 0.10 1.14 0.40 0.14 2.90 2.80 1.60 0.95 1.90 0.45 0.60 5 SOT23-6 1.45 0.10 1.14 0.40 0.14 2.90 2.80 1.60 0.95 1.90 0.45 0.60 6 TOLERANCE MAX 0.05 0.15 0.05 0.06 Basic Basic Basic Basic Basic 0.10 Reference Reference Rev. F 2/07 NOTES:
E1 2 3
E
A2 b c
0.20 C
0.15 C D 2X 5 e B b NX 1 2 3 2X 0.20 M C A-B D
D E E1 e e1 L L1 N
0.15 C A-B 2X C D
1
3
A2 SEATING PLANE 0.10 C NX A1
1. Plastic or metal protrusions of 0.25mm maximum per side are not included. 2. Plastic interlead protrusions of 0.25mm maximum per side are not included. 3. This dimension is measured at Datum Plane "H". 4. Dimensioning and tolerancing per ASME Y14.5M-1994. 5. Index area - Pin #1 I.D. will be located within the indicated zone (SOT23-6 only).
(L1)
H
6. SOT23-5 version has no center lead (shown as a dashed line).
A
GAUGE PLANE c L 0 +3 -0
0.25
11
FN6155.3 March 20, 2008
ISL28166, ISL28266 Small Outline Package Family (SO)
A D N (N/2)+1 h X 45
A E E1 PIN #1 I.D. MARK c SEE DETAIL "X"
1 B
(N/2) L1
0.010 M C A B e C H A2 GAUGE PLANE A1 0.004 C 0.010 M C A B b DETAIL X
SEATING PLANE L 4 4
0.010
MDP0027
SMALL OUTLINE PACKAGE FAMILY (SO) INCHES SYMBOL A A1 A2 b c D E E1 e L L1 h N NOTES: 1. Plastic or metal protrusions of 0.006" maximum per side are not included. 2. Plastic interlead protrusions of 0.010" maximum per side are not included. 3. Dimensions "D" and "E1" are measured at Datum Plane "H". 4. Dimensioning and tolerancing per ASME Y14.5M-1994 SO-8 0.068 0.006 0.057 0.017 0.009 0.193 0.236 0.154 0.050 0.025 0.041 0.013 8 SO-14 0.068 0.006 0.057 0.017 0.009 0.341 0.236 0.154 0.050 0.025 0.041 0.013 14 SO16 (0.150") 0.068 0.006 0.057 0.017 0.009 0.390 0.236 0.154 0.050 0.025 0.041 0.013 16 SO16 (0.300") (SOL-16) 0.104 0.007 0.092 0.017 0.011 0.406 0.406 0.295 0.050 0.030 0.056 0.020 16 SO20 (SOL-20) 0.104 0.007 0.092 0.017 0.011 0.504 0.406 0.295 0.050 0.030 0.056 0.020 20 SO24 (SOL-24) 0.104 0.007 0.092 0.017 0.011 0.606 0.406 0.295 0.050 0.030 0.056 0.020 24 SO28 (SOL-28) 0.104 0.007 0.092 0.017 0.011 0.704 0.406 0.295 0.050 0.030 0.056 0.020 28 TOLERANCE MAX 0.003 0.002 0.003 0.001 0.004 0.008 0.004 Basic 0.009 Basic Reference Reference NOTES 1, 3 2, 3 Rev. M 2/07
12
FN6155.3 March 20, 2008
ISL28166, ISL28266 Mini SO Package Family (MSOP)
0.25 M C A B D N A (N/2)+1
MDP0043
MINI SO PACKAGE FAMILY MILLIMETERS SYMBOL A A1 MSOP8 1.10 0.10 0.86 0.33 0.18 3.00 4.90 3.00 0.65 0.55 0.95 8 MSOP10 1.10 0.10 0.86 0.23 0.18 3.00 4.90 3.00 0.50 0.55 0.95 10 TOLERANCE Max. 0.05 0.09 +0.07/-0.08 0.05 0.10 0.15 0.10 Basic 0.15 Basic Reference NOTES 1, 3 2, 3 Rev. D 2/07 NOTES: 1. Plastic or metal protrusions of 0.15mm maximum per side are not included.
E
E1
PIN #1 I.D.
A2 b c
B
1 (N/2)
D E E1
e C SEATING PLANE 0.10 C N LEADS b
H
e L L1 N
0.08 M C A B
L1 A c SEE DETAIL "X"
2. Plastic interlead protrusions of 0.25mm maximum per side are not included. 3. Dimensions "D" and "E1" are measured at Datum Plane "H". 4. Dimensioning and tolerancing per ASME Y14.5M-1994.
A2 GAUGE PLANE L DETAIL X
0.25
A1
3 3
All Intersil U.S. products are manufactured, assembled and tested utilizing ISO9000 quality systems. Intersil Corporation's quality certifications can be viewed at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com 13
FN6155.3 March 20, 2008


▲Up To Search▲   

 
Price & Availability of ISL28266FBZ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X