Part Number Hot Search : 
1224DH30 VCO55CL LCA24C MC68HC7 IRLHM620 C02FLZM 30N60 10U200
Product Description
Full Text Search
 

To Download IRL2910SPBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PD - 95149
IRL2910S/LPbF
Logic-Level Gate Drive l Surface Mount l Advanced Process Technology l Ultra Low On-Resistance l Dynamic dv/dt Rating l Fast Switching l Fully Avalanche Rated l Lead-Free Description
l
HEXFET(R) Power MOSFET
D
VDSS = 100V RDS(on) = 0.026
G S
ID = 55A
Absolute Maximum Ratings
ID @ TC = 25C ID @ TC = 100C IDM PD @TA = 25C PD @TC = 25C VGS EAS IAR EAR dv/dt TJ TSTG
Fifth Generation HEXFETs from International Rectifier utilize advanced processing techniques to achieve extremely low on-resistance per silicon area. This benefit, combined with the fast switching speed and ruggedized device design that HEXFET Power MOSFETs are well known for, provides the designer with an extremely efficient and reliable device for use in a wide variety of applications. The D2Pak is a surface mount power package capable of accommodating die sizes up to HEX-4. It provides the highest power capability and the lowest possible onresistance in any existing surface mount package. The D2Pak is suitable for high current applications because of its low internal connection resistance and can dissipate up to 2.0W in a typical surface mount application. The through-hole version (IRL2910L) is available for lowprofile applications.
D 2 P ak
T O -26 2
Parameter
Continuous Drain Current, VGS @ 10V Continuous Drain Current, VGS @ 10V Pulsed Drain Current Power Dissipation Power Dissipation Linear Derating Factor Gate-to-Source Voltage Single Pulse Avalanche Energy Avalanche Current Repetitive Avalanche Energy Peak Diode Recovery dv/dt Operating Junction and Storage Temperature Range Soldering Temperature, for 10 seconds
Max.
55 39 190 3.8 200 1.3 16 520 29 20 5.0 -55 to + 175 300 (1.6mm from case )
Units
A W W W/C V mJ A mJ V/ns C
Thermal Resistance
Parameter
RJC RJA Junction-to-Case Junction-to-Ambient ( PCB Mounted,steady-state)**
Typ.
--- ---
Max.
0.75 40
Units
C/W 04/19/04
IRL2910S/LPbF
Electrical Characteristics @ TJ = 25C (unless otherwise specified)
V(BR)DSS
V(BR)DSS/TJ
Parameter Drain-to-Source Breakdown Voltage Breakdown Voltage Temp. Coefficient Static Drain-to-Source On-Resistance Gate Threshold Voltage Forward Transconductance Drain-to-Source Leakage Current Gate-to-Source Forward Leakage Gate-to-Source Reverse Leakage Total Gate Charge Gate-to-Source Charge Gate-to-Drain ("Miller") Charge Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Internal Source Inductance Input Capacitance Output Capacitance Reverse Transfer Capacitance
RDS(on) VGS(th) gfs IDSS IGSS Qg Qgs Qgd td(on) tr td(off) tf LS Ciss Coss Crss
Min. 100 --- --- --- --- 1.0 28 --- --- --- --- --- --- --- --- --- --- --- --- --- --- ---
Max. Units Conditions --- V VGS = 0V, ID = 250A --- V/C Reference to 25C, ID = 1mA 0.026 VGS = 10V, ID = 29A 0.030 VGS = 5.0V, ID = 29A 0.040 VGS = 4.0V, ID = 24A 2.0 V VDS = VGS, ID = 250A --- S VDS = 50V, ID = 29A 25 VDS = 100V, VGS = 0V A 250 VDS = 80V, VGS = 0V, TJ = 150C 100 VGS = 16V nA -100 VGS = -16V 140 ID = 29A 20 nC VDS = 80V 81 VGS = 5.0V, See Fig. 6 and 13 --- VDD = 50V --- ID = 29A ns --- RG = 1.4, VGS = 5.0V --- RD = 1.7, See Fig. 10 Between lead, 7.5 --- nH and center of die contact 3700 --- VGS = 0V 630 --- pF VDS = 25V 330 --- = 1.0MHz, See Fig. 5
Typ. --- 0.12 --- --- --- --- --- --- --- --- --- --- --- --- 11 100 49 55
Source-Drain Ratings and Characteristics
IS
ISM
VSD trr Qrr ton Notes:
Parameter Continuous Source Current (Body Diode) Pulsed Source Current (Body Diode) Diode Forward Voltage Reverse Recovery Time Reverse RecoveryCharge Forward Turn-On Time
Min. Typ. Max. Units
Conditions D MOSFET symbol --- --- 55 showing the A G integral reverse --- --- 190 S p-n junction diode. --- --- 1.3 V TJ = 25C, IS = 29A, VGS = 0V --- 240 350 ns TJ = 25C, IF = 29A --- 1.8 2.7 C di/dt = 100A/s Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
Repetitive rating; pulse width limited by
Pulse width 300s; duty cycle 2%. max. junction temperature. ( See fig. 11 ) Uses IRL2910 data and test conditions VDD = 25V, starting TJ = 25C, L = 1.2mH RG = 25, IAS = 29A. (See Figure 12) ISD 29A, di/dt 490A/s, VDD V(BR)DSS, TJ 175C ** When mounted on 1" square PCB ( FR-4 or G-10 Material ). For recommended footprint and soldering techniques refer to application note #AN-994.
IRL2910S/LPbF
1000
VGS 15V 12V 10V 8.0V 6.0V 4.0V 3.0V BOTTOM 2.5V TOP
1000
ID , Drain-to-Source Current (A )
100
ID , Drain-to-Source Current (A )
VGS 15V 12V 10V 8.0V 6.0V 4.0V 3.0V BOTTOM 2.5V TOP
100
10
10
2.5 V
2.5 V
1 0.1 1
2 0 s P U LS E W ID TH T J = 2 5C
10
100
A
1 0.1 1
2 0 s P U LS E W ID TH T J = 1 75 C
10
100
A
V D S , D rain-to-S ource V oltage (V )
V D S , D rain-to-S ource V oltage (V )
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
1000
3.0
R D S (on) , Drain-to-S ource O n Resistance (N orm alized)
I D = 4 8A
I D , D ra in -to-S ourc e C urrent (A)
2.5
100
TJ = 2 5 C TJ = 17 5 C
2.0
1.5
10
1.0
0.5
1 2.0 2.5 3.0 3.5 4.0
V D S = 5 0V 2 0 s P U L S E W ID TH
4.5 5.0 5.5 6.0
A
0.0 -60 -40 -20 0 20 40 60 80
V G S = 10 V
100 120 140 160 180
A
V G S , G ate-to -Sou rce Voltage (V)
T J , Junction T em perature (C )
Fig 3. Typical Transfer Characteristics
Fig 4. Normalized On-Resistance Vs. Temperature
IRL2910S/LPbF
6000
5000
4000
V G S , G a te-to-S ou rc e V o ltag e (V )
V GS C iss C rs s C iss C o ss
= = = =
0V , f = 1MHz C g s + C g d , C d s S H O R TE D C gd C ds + C g d
15
I D = 2 9A V D S = 80 V V D S = 50 V V D S = 20 V
12
C , Capacitance (pF)
9
3000
2000
C o ss C rss
6
3
1000
0 1 10 100
A
0 0 40 80
FO R TE S T CIR C U IT S E E FIG U R E 1 3
120 160
200
A
V D S , D rain-to-S ourc e V oltage (V )
Q G , T otal G ate C harge (nC )
Fig 5. Typical Capacitance Vs. Drain-to-Source Voltage
Fig 6. Typical Gate Charge Vs. Gate-to-Source Voltage
1000
1000
I S D , R everse Drain C urrent (A )
O P E R A T IO N IN T H IS A R E A L IM ITE D B Y R D S (o n)
I D , D rain Current (A )
100
10 s
100
100 s
T J = 1 75 C T J = 25 C
10
1m s
10 0.4 0.8 1.2 1.6
V G S = 0V
A
1 1
T C = 25 C T J = 17 5C S ing le P u lse
10
10m s
2.0
100
1000
A
V S D , S ourc e-to-D rain V oltage (V )
V D S , D rain-to-S ource V oltage (V )
Fig 7. Typical Source-Drain Diode Forward Voltage
Fig 8. Maximum Safe Operating Area
IRL2910S/LPbF
50
VDS
40
RD
VGS RG
I D , D rain Current (A m ps)
D.U.T.
+
-VDD
30
5.0V
Pulse Width 1 s Duty Factor 0.1 %
20
Fig 10a. Switching Time Test Circuit
10
VDS 90%
0 25 50 75 100 125 150
A
175
TC , C as e T em perature (C )
Fig 9. Maximum Drain Current Vs. Case Temperature
10% VGS
td(on) tr t d(off) tf
Fig 10b. Switching Time Waveforms
10
Therm al R es ponse (Z thJ C )
1 D = 0 .5 0 0 .2 0 0.1 0 .1 0 0 .0 5 0 .0 2 0 .0 1
N o te s: 1 . D u ty fa c tor D = t
PD M
t
1 t2
S IN G L E P U L S E (T H E R M A L R E S P O N S E ) 0.0001 0.001 0.01
1
/t
2
0.01 0.00001
2 . P e a k TJ = P D M x Z th J C + T C
A
10
0.1
1
t 1 , R e ctan g u lar P u lse D u ra tio n (s e c )
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Case
IRL2910S/LPbF
1400
E A S , S ingle P ulse A valanche E nergy (m J)
TO P
1200
1 5V
B O TTO M
ID 12 A 2 0A 29 A
1000
VDS
L
D R IV E R
800
RG
20V
D .U .T
IA S tp
+ V - DD
600
A
0 .0 1
400
Fig 12a. Unclamped Inductive Test Circuit
200
0
V D D = 25 V
25 50 75 100 125 150
V (B R )D SS tp
175
A
S tarting T J , J unc tion T em perature (C )
Fig 12c. Maximum Avalanche Energy Vs. Drain Current
IAS
Fig 12b. Unclamped Inductive Waveforms
Current Regulator Same Type as D.U.T.
50K
QG
12V
.2F .3F
5.0 V
QGS VG QGD
VGS
3mA
D.U.T.
+ V - DS
Charge
IG
ID
Current Sampling Resistors
Fig 13a. Basic Gate Charge Waveform
Fig 13b. Gate Charge Test Circuit
IRL2910S/LPbF
Peak Diode Recovery dv/dt Test Circuit
D.U.T
+
+
Circuit Layout Considerations * Low Stray Inductance * Ground Plane * Low Leakage Inductance Current Transformer
-
+
RG * * * * dv/dt controlled by RG Driver same type as D.U.T. ISD controlled by Duty Factor "D" D.U.T. - Device Under Test
+ VDD
Driver Gate Drive P.W. Period D=
P.W. Period VGS=10V
*
D.U.T. ISD Waveform Reverse Recovery Current Body Diode Forward Current di/dt D.U.T. VDS Waveform Diode Recovery dv/dt
VDD
Re-Applied Voltage Inductor Curent
Body Diode
Forward Drop
Ripple 5%
ISD
* VGS = 5V for Logic Level Devices Fig 14. For N-Channel HEXFETS
IRL2910S/LPbF
D2Pak Package Outline
Dimensions are shown in millimeters (inches)
D2Pak Part Marking Information (Lead-Free)
T H IS IS AN IR F 5 30 S WIT H L OT COD E 80 24 AS S E MB L E D ON WW 0 2, 200 0 IN T H E AS S E MB L Y L INE "L " N ote: "P " in as s embly line pos ition indicates "L ead-F ree" IN T E R N AT ION AL R E CT IF IE R L OGO AS S E MB L Y L OT COD E P AR T N U MB E R F 530 S D AT E COD E YE AR 0 = 2 000 WE E K 0 2 L IN E L
OR
INT E R NAT IONAL R E CT IF IE R L OGO AS S E MB L Y L OT CODE P AR T N U MB E R F 530S DAT E CODE P = DE S IGN AT E S L E AD-F R E E P R ODU CT (OPT IONAL ) YE AR 0 = 2000 WE E K 02 A = AS S E MB L Y S IT E CODE
IRL2910S/LPbF
TO-262 Package Outline
TO-262 Part Marking Information
E XAMP L E : T H IS IS AN IR L 3103L L OT CODE 1789 AS S E MB L E D ON WW 19, 1997 IN T H E AS S E MB L Y L INE "C" Note: "P " in as s embly line pos ition indicates "L ead-F ree" INT E R NAT IONAL R E CT IF IE R L OGO AS S E MB L Y L OT CODE P AR T NU MB E R
DAT E CODE YE AR 7 = 1997 WE E K 19 L INE C
OR
INT E R NAT IONAL R E CT IF IE R L OGO AS S E MB L Y L OT CODE P AR T NU MB E R DAT E CODE P = DE S IGNAT E S L E AD-F R E E P R ODU CT (OP T IONAL ) YE AR 7 = 1997 WE E K 19 A = AS S E MB L Y S IT E CODE
IRL2910S/LPbF
D2Pak Tape & Reel Information
Dimensions are shown in millimeters (inches)
TR R
1 .6 0 (.0 6 3 ) 1 .5 0 (.0 5 9 ) 4 .1 0 (.1 6 1 ) 3 .9 0 (.1 5 3 )
1 .6 0 (.0 6 3 ) 1 .5 0 (.0 5 9 )
0 .3 6 8 (.0 1 4 5 ) 0 .3 4 2 (.0 1 3 5 )
F E E D D IR E CT IO N 1 .8 5 (.0 7 3 )
1 .6 5 (.0 6 5 )
1 1 .6 0 (.4 5 7 ) 1 1 .4 0 (.4 4 9 )
1 5 .4 2 (.6 0 9 ) 1 5 .2 2 (.6 0 1 )
2 4 .3 0 (.9 5 7 ) 2 3 .9 0 (.9 4 1 )
TRL
1 0 .9 0 (.4 2 9 ) 1 0 .7 0 (.4 2 1 ) 1 .7 5 (.0 6 9 ) 1 .2 5 (.0 4 9 ) 1 6 .1 0 (.6 3 4 ) 1 5 .9 0 (.6 2 6 ) 4 .7 2 (.1 3 6 ) 4 .5 2 (.1 7 8 )
F E E D D IR E CT IO N
1 3.5 0 (.5 3 2) 1 2.8 0 (.5 0 4)
27 .4 0 (1 .0 79 ) 23 .9 0 (.94 1) 4
3 3 0 .00 (14 .1 7 3) M AX .
60 .00 (2 .36 2) M IN .
N O TES : 1 . C O M F O R M S T O E IA -4 18 . 2 . C O N T R O L L IN G D IM E N S IO N : M IL LIM E T E R . 3 . D IM E N S IO N M E A S U R E D @ H U B . 4 . IN C L U D E S F L A N G E D IS T O R T IO N @ O U T E R E D G E .
3 0 .40 (1 .19 7 ) M AX . 2 6 .4 0 (1 .03 9 ) 2 4 .4 0 (.9 61 ) 3
4
Data and specifications subject to change without notice.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7903 Visit us at www.irf.com for sales contact information.04/04
Note: For the most current drawings please refer to the IR website at: http://www.irf.com/package/


▲Up To Search▲   

 
Price & Availability of IRL2910SPBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X