Part Number Hot Search : 
CES2308 DL4728A C106M 8864M MOC70T3 NU80579 4VHCT1 MBR3060
Product Description
Full Text Search
 

To Download IRL1601C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RECTRON
SEMICONDUCTOR
TECHNICAL SPECIFICATION
IRL1601C THRU IRL1606C
GLASS PASSIVATED SILICON RECTIFIER
VOLTAGE RANGE 50 to 800 Volts CURRENT 16 Amperes
FEATURES
* * * * * * Low power loss, high efficiency Low forward voltage drop Low thermal resistance High current capability High surge capability High reliability
.185(4.7) .169(4.3) .134(3.4) .110(2.8)
ITO-220
.406(10.3) .382(9.7) .138(3.5) .122(3.1)
MECHANICAL DATA
* * * * * * Case: ITO-220 molded plastic Epoxy: Device has UL flammability classification 94V-O Lead: MIL-STD-202E method 208C guaranteed Mounting position: Any Weight: 2.24 grams Polarity: As marked
.114(2.9) .098(2.5)
.602(15.3) .579(14.7) .154 (3.9) .138 (3.5) .531(13.5) .492(12.5) .114(2.9) .098(2.5)
.071(1.8) .055(1.4)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%.
o
.055(1.4) .039(1.0) .035(0.9) .020(0.5) .108(2.75) .091(2.30)
.031(0.8) .016 (0.4)
Dimensions in inches and (millimeters)
MAXIMUM RATINGS (At TA = 25 oC unless otherwise noted) RATINGS Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current TC = 100oC (Note 1) Peak Forward Surge Current, 8.3 ms single half sine-wave superimposed on rated load (JEDEC method) Typical Thermal Resistance Typical Junction Capacitance (Note 2) Operating and Storage Temperature Range SYMBOL VRRM VRMS VDC IO IFSM RJC CJ TJ, TSTG IRL1601C IRL1602C IRL1603C IRL1604C IRL1605C IRL1606C 50 35 50 100 70 100 200 140 200 16.0 200 3.0 40 -55 to + 150 400 280 400 600 420 600 800 560 800 UNITS Volts Volts Volts Amps Amps
0
C/ W pF
0
C
ELECTRICAL CHARACTERISTICS (At TA = 25oC unless otherwise noted) CHARACTERISTICS Maximum Instantaneous Forward Voltage at 8.0A DC Maximum DC Reverse Current at Rated DC Blocking Voltage @TC = 25 o C @TC = 100 o C SYMBOL VF IR IRL1601C IRL1602C IRL1603C IRL1604C IRL1605C IRL1606C 1.1 10 100 2002-11 UNITS Volts uAmps
NOTES : 1.Case Temperature Measured at Metal Tab. 2.Measured at 1 MHZ and applied reverse voltage of 4.0 volts. 3.Suffix " A " = Common Anode.
RATING AND CHARACTERISTIC CURVES ( IRL1601C THRU IRL1606C )
AVERAGE FORWARD CURRENT, (A)
FIG. 1 - TYPICAL FORWARD CURRENT DERATING CURVE 20.0 16.0 12.0 8.0 4.0 0 0 50 100 CASE TEMPERATURE, ( 150 )
Single Phase Half Wave 60Hz Inductive or Resistive Load
FIG. 2 - TYPICAL REVERSE CHARACTERISTICS 1000
INSTANTANEOUS REVERSE CURRENT, (uA)
TC = 100
100
10
PEAK FORWARD SURGE CURRENT, (A)
FIG. 3 - MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT 300 250 200 150 100 50 0 1 2 5 10 20 50 NUMBER OF CYCLES AT 60Hz 100
8.3ms Single Half Sine-Wave (JEDED Method)
1.0
TC = 25
0.1 0 20 40 60 80 100 120 140 PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
FIG. 4 - TYPICAL JUNCTION CAPACITANCE
JUNCTION CAPACITANCE, (pF)
INSTANTANEOUS FORWARD CURRENT, (A)
FIG. 5 - TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS 80 40 20 10 4 1.0 .4 .1 .5 .6 .7 .8 .9 1.0 1.1 1.2 INSTANTANEOUS FORWARD VOLTAGE, (V)
TJ = 25 Pulse Width = 300us 1% Duty Cycle
200 100 60 40 20 10 6 4 2 1 .1 .2 .4 1.0 2 4 10 20 REVERSE VOLTAGE, ( V ) 40 100
TJ = 25
RECTRON


▲Up To Search▲   

 
Price & Availability of IRL1601C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X