Part Number Hot Search : 
74VHC FDT459N 1K1BC7P FDT459N EPF8012M SD104 107K025 4R7M4
Product Description
Full Text Search
 

To Download IRFP3415PBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PD - 95512
IRFP3415PBF
HEXFET(R) Power MOSFET
l l l l l l
Advanced Process Technology Dynamic dv/dt Rating 175C Operating Temperature Fast Switching Fully Avalanche Rated Lead-Free
D
VDSS = 150V
G S
RDS(on) = 0.042 ID = 43A
Description
Fifth Generation HEXFET(R) Power MOSFETs from International Rectifier utilize advanced processing techniques to achieve extremely low on-resistance per silicon area. This benefit, combined with the fast switching speed and ruggedized device design that HEXFET power MOSFETs are well known for, provides the designer with an extremely efficient and reliable device for use in a wide variety of applications. The TO-247 package is preferred for commercialindustrial applications where higher power levels preclude the use of TO-220 devices. The TO-247 is similar but superior to the earlier TO-218 package because of its isolated mounting hole.
TO-247AC
Absolute Maximum Ratings
Parameter
ID @ TC = 25C ID @ TC = 100C IDM PD @TC = 25C VGS EAS IAR EAR dv/dt TJ TSTG Continuous Drain Current, VGS @ 10V Continuous Drain Current, VGS @ 10V Pulsed Drain Current Power Dissipation Linear Derating Factor Gate-to-Source Voltage Single Pulse Avalanche Energy Avalanche Current Repetitive Avalanche Energy Peak Diode Recovery dv/dt Operating Junction and Storage Temperature Range Soldering Temperature, for 10 seconds Mounting torque, 6-32 or M3 srew
Max.
43 30 150 200 1.3 20 590 22 20 5.0 -55 to + 175 300 (1.6mm from case ) 10 lbf*in (1.1N*m)
Units
A W W/C V mJ A mJ V/ns C
Thermal Resistance
Parameter
RJC RCS RJA Junction-to-Case Case-to-Sink, Flat, Greased Surface Junction-to-Ambient
Typ.
--- 0.24 ---
Max.
0.75 --- 40
Units
C/W
www.irf.com
1
07/15/04
IRFP3415PBF
Electrical Characteristics @ TJ = 25C (unless otherwise specified)
V(BR)DSS
V(BR)DSS/TJ
RDS(on) VGS(th) gfs IDSS I GSS Qg Qgs Q gd td(on) tr td(off) tf LD LS Ciss Coss Crss
Parameter Drain-to-Source Breakdown Voltage Breakdown Voltage Temp. Coefficient Static Drain-to-Source On-Resistance Gate Threshold Voltage Forward Transconductance Drain-to-Source Leakage Current Gate-to-Source Forward Leakage Gate-to-Source Reverse Leakage Total Gate Charge Gate-to-Source Charge Gate-to-Drain ("Miller") Charge Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Internal Drain Inductance Internal Source Inductance Input Capacitance Output Capacitance Reverse Transfer Capacitance
Min. Typ. Max. Units Conditions 150 --- --- V VGS = 0V, ID = 250A --- 0.17 --- V/C Reference to 25C, ID = 1mA --- --- 0.042 VGS = 10V, I D = 22A 2.0 --- 4.0 V VDS = VGS, ID = 250A 19 --- --- S VDS = 50V, ID = 22A --- --- 25 VDS = 150V, VGS = 0V A --- --- 250 VDS = 120V, VGS = 0V, TJ = 150C --- --- 100 VGS = 20V nA --- --- -100 VGS = -20V --- --- 200 ID = 22A --- --- 17 nC VDS = 120V --- --- 98 VGS = 10V, See Fig. 6 and 13 --- 12 --- VDD = 75V --- 55 --- ID = 22A ns --- 71 --- RG = 2.5 --- 69 --- RD = 3.3, See Fig. 10 D Between lead, 4.5 --- --- 6mm (0.25in.) nH G from package 7.5 and center of die contact S --- 2400 --- VGS = 0V --- 640 --- pF VDS = 25V --- 340 --- = 1.0MHz, See Fig. 5
Source-Drain Ratings and Characteristics
IS
ISM
VSD trr Qrr
Parameter Continuous Source Current (Body Diode) Pulsed Source Current (Body Diode) Diode Forward Voltage Reverse Recovery Time Reverse RecoveryCharge
Min. Typ. Max. Units --- --- --- --- --- --- 260 2.2 43 150 1.3 390 3.3 V ns C A
Conditions MOSFET symbol showing the G integral reverse p-n junction diode. TJ = 25C, IS = 22A, VGS = 0V TJ = 25C, IF = 22A di/dt = 100A/s
D
S
Notes:
Repetitive rating; pulse width limited by
max. junction temperature. ( See fig. 11 )
ISD 22A, di/dt 820A/s, VDD V(BR)DSS,
TJ 175C
VDD = 25V, starting TJ = 25C, L = 2.4mH
RG = 25, IAS = 22A. (See Figure 12)
Pulse width 300s; duty cycle 2%.
2
www.irf.com
IRFP3415PBF
1000
VGS 15V 10V 8.0V 7.0V 6.0V 5.5V 5.5V 5.0V BOTTOM 4.5V TOP
1000
I D , Drain-to-Source Current (A)
I D , Drain-to-Source Current (A)
VGS 15V 10V 8.0V 7.0V 6.0V 5.5V 5.5V 5.0V BOTTOM 4.5V TOP
100
100
4.5V
20us PULSE WIDTH TJ = 25 oC
1 10 100
4.5V
20us PULSE WIDTH TJ = 175 oC
1 10 100
10
10
VDS , Drain-to-Source Voltage (V)
VDS , Drain-to-Source Voltage (V)
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
1000
3.0
RDS(on) , Drain-to-Source On Resistance (Normalized)
ID = 37A
I D , Drain-to-Source Current (A)
2.5
2.0
TJ = 25 C
100
TJ = 175 C
1.5
1.0
0.5
10 4 5 6 7
V DS = 50V 20s PULSE WIDTH 8 9 10
0.0 -60 -40 -20 0
VGS = 10V
20 40 60 80 100 120 140 160 180
VGS , Gate-to-Source Voltage (V)
TJ , Junction Temperature ( oC)
Fig 3. Typical Transfer Characteristics
Fig 4. Normalized On-Resistance Vs. Temperature
www.irf.com
3
IRFP3415PBF
6000
5000
VGS , Gate-to-Source Voltage (V)
VGS = 0V, f = 1MHz Ciss = Cgs + Cgd , Cds SHORTED Crss = Cgd Coss = Cds + Cgd
20
ID = 22A VDS = 120V VDS = 75V VDS = 30V
16
C, Capacitance (pF)
4000
Ciss
3000
12
8
2000
Coss Crss
1000
4
0 1 10 100
0 0 40 80
FOR TEST CIRCUIT SEE FIGURE 13
120 160 200
VDS , Drain-to-Source Voltage (V)
QG , Total Gate Charge (nC)
Fig 5. Typical Capacitance Vs. Drain-to-Source Voltage
Fig 6. Typical Gate Charge Vs. Gate-to-Source Voltage
1000
1000
ISD , Reverse Drain Current (A)
OPERATION IN THIS AREA LIMITED BY RDS(on)
I D , Drain Current (A)
100
100
10us
TJ = 175 o C
10
100us
TJ = 25 o C
1
10
1ms
0.1 0.2
V GS = 0 V
0.6 1.0 1.4 1.8
1
TC = 25 o C TJ = 175 o C Single Pulse
1 10 100
10ms
1000
VSD ,Source-to-Drain Voltage (V)
VDS , Drain-to-Source Voltage (V)
Fig 7. Typical Source-Drain Diode Forward Voltage
Fig 8. Maximum Safe Operating Area
4
www.irf.com
IRFP3415PBF
50
V DS VGS
RD
40
ID , Drain Current (A)
RG 10V
Pulse Width 1 s Duty Factor 0.1 %
D.U.T.
+
-VDD
30
20
Fig 10a. Switching Time Test Circuit
10
VDS 90%
0 25 50 75 100 125 150 175
TC , Case Temperature ( C)
10% VGS
Fig 9. Maximum Drain Current Vs. Case Temperature
td(on)
tr
t d(off)
tf
Fig 10b. Switching Time Waveforms
1
Thermal Response (Z thJC )
D = 0.50
0.20 0.1 0.10 0.05 0.02 0.01 PDM t1 SINGLE PULSE (THERMAL RESPONSE) Notes: 1. Duty factor D = t 1 / t 2 2. Peak T J = P DM x Z thJC + TC 0.0001 0.001 0.01 0.1 1 t2
0.01 0.00001
t1 , Rectangular Pulse Duration (sec)
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Case
www.irf.com
5
IRFP3415PBF
EAS , Single Pulse Avalanche Energy (mJ)
1400
TOP BOTTOM
15V
1200 1000 800 600 400 200 0 25 50 75 100 125 150
ID 9.0A 16A 22A
VDS
L
DRIVER
RG
20V
D.U.T
IAS tp
+ V - DD
A
0.01
Fig 12a. Unclamped Inductive Test Circuit
175
V(BR)DSS tp
Starting TJ , Junction Temperature (oC)
Fig 12c. Maximum Avalanche Energy Vs. Drain Current
I AS
Fig 12b. Unclamped Inductive Waveforms
Current Regulator Same Type as D.U.T.
50K
QG
12V
.2F .3F
10 V
QGS VG QGD
VGS
3mA
D.U.T.
+ V - DS
Charge
IG
ID
Current Sampling Resistors
Fig 13a. Basic Gate Charge Waveform
Fig 13b. Gate Charge Test Circuit
6
www.irf.com
IRFP3415PBF
Peak Diode Recovery dv/dt Test Circuit
D.U.T
+
+
Circuit Layout Considerations * Low Stray Inductance * Ground Plane * Low Leakage Inductance Current Transformer
-
+
RG * * * * dv/dt controlled by RG Driver same type as D.U.T. ISD controlled by Duty Factor "D" D.U.T. - Device Under Test
+ VDD
Driver Gate Drive P.W. Period D=
P.W. Period VGS=10V
*
D.U.T. ISD Waveform Reverse Recovery Current Body Diode Forward Current di/dt D.U.T. VDS Waveform Diode Recovery dv/dt
VDD
Re-Applied Voltage Inductor Curent
Body Diode
Forward Drop
Ripple 5%
ISD
* VGS = 5V for Logic Level Devices Fig 14. For N-Channel HEXFET(R) Power MOSFETs
www.irf.com
7
IRFP3415PBF
TO-247AC Package Outline
Dimensions are shown in millimeters (inches)
TO-247AC Part Marking Information
EXAMPLE: THIS IS AN IRFPE30 WITH AS SEMBLY LOT CODE 5657 ASS EMBLED ON WW 35, 2000 IN THE AS SEMBLY LINE "H"
Note: "P" in assembly line position indicates "Lead-Free"
PART NUMBER INTERNATIONAL RECTIFIER LOGO AS SEMBLY LOT CODE
IRFPE30
56 035H 57
DATE CODE YEAR 0 = 2000 WEEK 35 LINE H
Data and specifications subject to change without notice.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7903 Visit us at www.irf.com for sales contact information. 07/04
8
www.irf.com
Note: For the most current drawings please refer to the IR website at: http://www.irf.com/package/


▲Up To Search▲   

 
Price & Availability of IRFP3415PBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X