Part Number Hot Search : 
D1750 G1116 GC9005 19001 218630 HT7550 TDA8359 BA6200AL
Product Description
Full Text Search
 

To Download IRF7328PBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PD - 95196
IRF7328PBF
HEXFET(R) Power MOSFET
Trench Technology Ultra Low On-Resistance Dual P-Channel MOSFET Available in Tape & Reel Lead-Free

VDSS
-30V
RDS(on) max
21m@VGS = -10V 32m@VGS = -4.5V
ID
-8.0A -6.8A
Description
New trench HEXFET(R) Power MOSFETs from International Rectifier utilize advanced processing techniques to achieve extremely low on-resistance per silicon area. This benefit, combined with the ruggedized device design that HEXFET power MOSFETs are well known for, provides the designer with an extremely efficient and reliable device for use in battery and load management applications.
S1 G1 S2 G2
1 2 3 4 8 7
D1 D1 D2 D2
6 5
Top View
SO-8
Absolute Maximum Ratings
Parameter
VDS ID @ TA = 25C ID @ TA = 70C IDM PD @TA = 25C PD @TA = 70C VGS TJ , TSTG Drain-Source Voltage Continuous Drain Current, VGS @ -10V Continuous Drain Current, VGS @ -10V Pulsed Drain Current Maximum Power Dissipation Maximum Power Dissipation Linear Derating Factor Gate-to-Source Voltage Junction and Storage Temperature Range
Max.
-30 -8.0 -6.4 -32 2.0 1.3 16 20 -55 to + 150
Units
V A W W mW/C V C
Thermal Resistance
Parameter
RJA Maximum Junction-to-Ambient
Max.
62.5
Units
C/W
www.irf.com
1
10/7/04
IRF7328PBF
Electrical Characteristics @ TJ = 25C (unless otherwise specified)
V(BR)DSS
V(BR)DSS/TJ
Parameter Drain-to-Source Breakdown Voltage Breakdown Voltage Temp. Coefficient Static Drain-to-Source On-Resistance Gate Threshold Voltage Forward Transconductance Drain-to-Source Leakage Current Gate-to-Source Forward Leakage Gate-to-Source Reverse Leakage Total Gate Charge Gate-to-Source Charge Gate-to-Drain ("Miller") Charge Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Input Capacitance Output Capacitance Reverse Transfer Capacitance
RDS(on) VGS(th) gfs IDSS IGSS Qg Qgs Qgd td(on) tr td(off) tf Ciss Coss Crss
Min. -30 --- --- -1.0 12 --- --- --- --- --- --- --- --- --- --- --- --- --- ---
Typ. --- -0.018 17 26.8 --- --- --- --- --- --- 52 9.8 8.3 13 15 198 98 2675 409 262
Max. Units Conditions --- V VGS = 0V, ID = -250A --- V/C Reference to 25C, ID = -1mA 21 VGS = -10V, ID = -8.0A m 32 VGS = -4.5V, ID = -6.8A -2.5 V VDS = VGS, ID = -250A --- S VDS = -10V, ID = -8.0A -15 VDS = -24V, VGS = 0V A -25 VDS = -24V, VGS = 0V, TJ = 70C -100 VGS = -20V nA 100 VGS = 20V 78 ID = -8.0A --- nC VDS = -15V --- VGS = -10V 20 VDD = -15V, VGS = -10.0V 23 ID = -1.0A ns 297 RG = 6.0 147 RD = 15 --- VGS = 0V --- pF VDS = -25V --- = 1.0MHz
Source-Drain Ratings and Characteristics
IS
ISM
VSD trr Qrr
Parameter Continuous Source Current (Body Diode) Pulsed Source Current (Body Diode) Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge
Min. Typ. Max. Units --- --- --- --- 37 36 -2.0 A -32 -1.2 56 54 V ns nC
Conditions MOSFET symbol showing the G integral reverse p-n junction diode. TJ = 25C, IS = -2.0A, VGS = 0V TJ = 25C, IF = -2.0A di/dt = -100A/s
D
S
Notes:
Repetitive rating; pulse width limited by
max. junction temperature.
Surface mounted on FR-4 board, t 10sec.
Pulse width 400s; duty cycle 2%.
2
www.irf.com
IRF7328PBF
100 100
VGS TOP -10.0V -5.0V -4.5V -4.0V -3.5V -3.3V -3.0V BOTTOM -2.7V VGS -10.0V -5.0V -4.5V -4.0V -3.5V -3.3V -3.0V BOTTOM -2.7V TOP
-ID, Drain-to-Source Current (A)
-ID, Drain-to-Source Current (A)
10
10
-2.7V
1
1
-2.7V 20s PULSE WIDTH Tj = 25C
0.1 0.1 1 10 100
20s PULSE WIDTH Tj = 150C
0.1 0.1 1 10 100
-VDS, Drain-to-Source Voltage (V)
-VDS, Drain-to-Source Voltage (V)
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
RDS(on) , Drain-to-Source On Resistance (Normalized)
100
2.0
ID = -8.0A
-I D , Drain-to-Source Current (A)
1.5
10
TJ = 150 C
1.0
1
TJ = 25 C
0.5
0.1 2.0
V DS= -15V 20s PULSE WIDTH 3.0 4.0 5.0 6.0
0.0 -60 -40 -20
VGS = -10V
0 20 40 60 80 100 120 140 160
-VGS , Gate-to-Source Voltage (V)
TJ , Junction Temperature ( C)
Fig 3. Typical Transfer Characteristics
Fig 4. Normalized On-Resistance Vs. Temperature
www.irf.com
3
IRF7328PBF
4000
-VGS , Gate-to-Source Voltage (V)
C, Capacitance (pF)
3000
VGS = 0V, f = 1MHz Ciss = Cgs + Cgd , Cds SHORTED Crss = Cgd Coss = Cds + Cgd
14 12 10 8 6 4 2 0
ID = -8A V DS=-24V V DS=-15V
Ciss
2000
1000
Coss Crss
0 1 10 100
-VDS , Drain-to-Source Voltage (V)
0
10
20
30
40
50
60
QG , Total Gate Charge (nC)
Fig 5. Typical Capacitance Vs. Drain-to-Source Voltage
Fig 6. Typical Gate Charge Vs. Gate-to-Source Voltage
100
1000
-ISD , Reverse Drain Current (A)
OPERATION IN THIS AREA LIMITED BY RDS(on)
10
TJ = 25 C
-ID , Drain Current (A) I
TJ = 150 C
100
100us 10 1ms
1
0.1 0.2
V GS = 0 V
0.4 0.6 0.8 1.0 1.2 1.4 1.6
-VSD ,Source-to-Drain Voltage (V)
1 0.1
TC = 25 C TJ = 150 C Single Pulse
1 10
10ms 100
-VDS , Drain-to-Source Voltage (V)
Fig 7. Typical Source-Drain Diode Forward Voltage
Fig 8. Maximum Safe Operating Area
4
www.irf.com
IRF7328PBF
10.0
VDS
8.0
RD
VGS RG
-ID , Drain Current (A)
D.U.T.
+
6.0
VGS
4.0
Pulse Width 1 s Duty Factor 0.1 %
Fig 10a. Switching Time Test Circuit
2.0
td(on) tr t d(off) tf
VGS
0.0
25
50
TC , Case Temperature ( C)
75
100
125
150
10%
Fig 9. Maximum Drain Current Vs. Case Temperature
90% VDS
Fig 10b. Switching Time Waveforms
1000
Thermal Response (Z thJA )
100 D = 0.50 10 0.20 0.10 0.05 1 0.02 0.01 SINGLE PULSE (THERMAL RESPONSE) 0.1 0.0001 PDM t1 t2 Notes: 1. Duty factor D = t 1 / t 2 2. Peak TJ = P DM x ZthJA + TA 0.1 1 10 100 1000
0.001
0.01
t1 , Rectangular Pulse Duration (sec)
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Ambient
www.irf.com
-
VDD
5
IRF7328PBF
RDS ( on ) , Drain-to-Source On Resistance ) (
( , RDS(on) Drain-to -Source On Resistance)
0.060
0.100
0.050
0.075
0.040
0.030
ID = -8.0A
0.050 VGS = -4.5V 0.025 VGS = -10V
0.020
0.010
0.000 3.0 4.0 5.0 6.0 7.0 8.0 9.0 10.0
0.000 0 10 20 30 40 50 60 70 -ID , Drain Current ( A )
-VGS, Gate -to -Source Voltage (V)
Fig 12. Typical On-Resistance Vs. Gate Voltage
Fig 13. Typical On-Resistance Vs. Drain Current
Current Regulator Same Type as D.U.T.
50K
QG
12V
.2F .3F
QGS
QGD
VGS
-3mA
VG
IG
ID
Current Sampling Resistors
Charge
Fig 14a. Basic Gate Charge Waveform
Fig 14b. Gate Charge Test Circuit
6
www.irf.com
+
10 V
D.U.T.
-
VDS
IRF7328PBF
SO-8 Package Outline
Dimensions are shown in milimeters (inches)
D A 5 B
DIM A b INCHES MIN .0532 .013 .0075 .189 .1497 MAX .0688 .0098 .020 .0098 .1968 .1574 MILLIMET ERS MIN 1.35 0.10 0.33 0.19 4.80 3.80 MAX 1.75 0.25 0.51 0.25 5.00 4.00
A1 .0040
6 E
8
7
6
5 H 0.25 [.010] A
c D E e e1 H
1
2
3
4
.050 BASIC .025 BASIC .2284 .0099 .016 0 .2440 .0196 .050 8
1.27 BASIC 0.635 BAS IC 5.80 0.25 0.40 0 6.20 0.50 1.27 8
6X
e
K L y
e1
A
K x 45 C 0.10 [.004] y 8X c
8X b 0.25 [.010]
A1 CAB
8X L 7
NOT ES : 1. DIMENS IONING & T OLERANCING PER AS ME Y14.5M-1994. 2. CONT ROLLING DIMENS ION: MILLIMET ER 3. DIMENS IONS ARE S HOWN IN MILLIMET ERS [INCHES ]. 4. OUT LINE CONFORMS T O JEDEC OUT LINE MS -012AA. 5 DIMENS ION DOES NOT INCLUDE MOLD PROT RUS IONS. MOLD PROT RUS IONS NOT T O EXCEED 0.15 [.006]. 6 DIMENS ION DOES NOT INCLUDE MOLD PROT RUS IONS. MOLD PROT RUS IONS NOT T O EXCEED 0.25 [.010]. 7 DIMENS ION IS T HE LENGT H OF LEAD FOR S OLDERING T O A SUBS T RAT E. 3X 1.27 [.050] 6.46 [.255]
FOOT PRINT 8X 0.72 [.028]
8X 1.78 [.070]
SO-8 Part Marking Information (Lead-Free)
EXAMPLE: T HIS IS AN IRF7101 (MOSFET ) DAT E CODE (YWW) P = DES IGNAT ES LEAD-FREE PRODUCT (OPTIONAL) Y = LAST DIGIT OF T HE YEAR WW = WEEK A = AS SEMBLY S IT E CODE LOT CODE PART NUMBER
INT ERNAT IONAL RECT IFIER LOGO
XXXX F 7101
www.irf.com
7
IRF7328PBF
SO-8 Tape and Reel
Dimensions are shown in milimeters (inches)
TERMINAL NUMBER 1
12.3 ( .484 ) 11.7 ( .461 )
8.1 ( .318 ) 7.9 ( .312 )
FEED DIRECTION
NOTES: 1. CONTROLLING DIMENSION : MILLIMETER. 2. ALL DIMENSIONS ARE SHOWN IN MILLIMETERS(INCHES). 3. OUTLINE CONFORMS TO EIA-481 & EIA-541.
330.00 (12.992) MAX.
14.40 ( .566 ) 12.40 ( .488 ) NOTES : 1. CONTROLLING DIMENSION : MILLIMETER. 2. OUTLINE CONFORMS TO EIA-481 & EIA-541.
Data and specifications subject to change without notice. This product has been designed and qualified for the Consumer market. Qualifications Standards can be found on IR's Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7903 Visit us at www.irf.com for sales contact information.10/04
8
www.irf.com


▲Up To Search▲   

 
Price & Availability of IRF7328PBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X