Part Number Hot Search : 
S28F640 15145 CDRH3D16 SIM3C1XX CM100 HYB51 UM91215C MC144
Product Description
Full Text Search
 

To Download IDT70P926850BZG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MOBILE MULTIMEDIA INTERFACE (M2I) Final VERY LOW POWER 1.8V Datasheet 16K X 16 IDT70P9268L SYNCHRONOUS DUAL-PORT STATIC RAM
Features

True Dual-Ported Memory Cells - Allows simultaneous access of the same memory location High per-port throughput performance - Industrial: 800 Mbps Low-Power Operation - Active: 15 mA (typ.) - Standby: 2 uA (typ.) Multiplexed address and data I/Os

Counter enable and repeat features Full synchronous operation on both ports Separate upper-byte and lower-byte controls for multiplexed bus and bus matching compatibility LVTTL-compatible, single 1.8V (+/- 100mV) power supply Industrial temperature range (-40C to +85C) Available in a 100-ball fpBGA (fine pitch BGA) Green parts available, see ordering information
Block Diagram
A0L - A13L I/O0L - I/O15L ADSL UBL LBL CNTEN L CNTRPT L CLKL
DATA0L - DATA15L
DATA0R - DATA15R
I/O0R - I/O15R ADSR UBR
16K x 16
Address/Data I/O Control
Addr0L - Addr 13L
MEMORY ARRAY
Addr0R - Addr 13R
Address/Data I/O Control
LBR CNTEN R CNTRPT R CLKR
SPECIAL FUNCTION
SFEN
LOGIC
SF0 - SF 7
CEL OEL R/WL INTL CLKL
CONTROL LOGIC
CER OER R/WR INTR CLKR
ZZ CONTROL
ZZL ZZR
LOGIC
NOTES:
1. This block diagram depicts operation with the address and data signals mux'd on the right port but not on the left port. If each port is set to operate with the address and data signals mux'd, then both sides of the block diagram will be the same as the right port pictured above.
1 of 23
(c)2007 Integrated Device Technology, Inc.
August 22, 2007
DSC 5695/1
Device Description
Very Low Power 16K x 16 Synchronous Mobile Multimedia Interface (M2I) Dual Port Static RAM
IDT70P9268L
Final Datasheet
Industrial Temperature Range
Designed primarily for use as a high-speed, low-power inter-connect in multi-processor wireless handsets, the IDT70P9268 or Mobile Multimedia Interconnect (M2I) provides many advantages over embedded serial interfaces, asynchronous memories, and other legacy solutions to interprocessor communication.
Performance
The M2I supports unparalleled data throughput rates of up to 900 Mbps per port. This is achieved through the implementation of a synchronous architecture which allows the device to support much shorter cycle times (20 ns compared to 55 ns for most low-power asynchronous memories). Additionally, the adoption of a synchronous architecture allows the M2I to support on-chip counter functionality which helps to eliminate the inefficiencies associated with asynchronous implementations of the address-data-multiplex (ADM) interface. Asynchronous ADM (address-data multiplex) interfaces require the assertion of an external address on one cycle followed by the associated data on the subsequent cycle. This results in an access scheme that imparts a 50% inefficiency into a system already limited by slow cycle times. The M2I's counter functionality allows a single external address to be asserted on one cycle followed by data being burst into or out of the device on every subsequent cycle. This, when combined with the dramatically improved cycle time, translates to roughly six times greater throughput per-port when compared with asynchronous ADM devices.
Power Consumption
In portable applications, power consumption is of vital concern. This is why the M2I includes several features targeted at reducing the power consumption of the device itself and the system as a whole. First, the M2I was designed to consume 40% less operating current than low-power asynchronous memories (15 mA compared to 25 mA). When combined with it's superior performance and counter functionality, which allow it to complete media transfers in fewer cycles, this enables the M2I to consume nearly 90% less energy than asynchronous memories during transfers of a given file size. Second, the M2I features port-specific chip-enable and sleep mode pins which allow the two ports of the M2I to be powered down into standby mode independently of one another. When combined with the M2I's interrupt flag functionality, this allows the processor subsystems to communicate with one another and to shut off whole portions of the handset which are not in use, dramatically reducing the power consumption of the system.
Flexibility
To help meet the ever changing requirements of wireless handsets, the M2I has been designed to provide a great deal of flexibility. The M2I has the ability to support both ADM and traditional SRAM interfaces, allowing it to seamlessly interface with both current and legacy processors. Additionally, the M2I helps to free up GPIO pins on the processors, allowing designers to include differentiating functionality that helps set their product apart from the competition. By supporting the ADM interface, the M2I consumes nearly 50% fewer pins per-port than non-multiplexed solutions. The M2I also frees up additional GPIO pins on the processors by including 8 dynamically programmable GPIO extender pins. These pins allow the processors to offload the need to monitor or control simple, binary state devices (e.g. switches, LED drivers, etc.) to the M2I and allow the processors to use their GPIO pins for more value added functions.
2 of 23
August 22, 2007
Pin Configuration
Very Low Power 16K x 16 Synchronous Mobile Multimedia Interface (M2I) Dual Port Static RAM
IDT70P9268L
Final Datasheet
Industrial Temperature Range
IDT70P9268 BY100 100-BALL fpBGA
A1 VSS
A2 I/O0R
A3 VDD
A4 I/O4R
A5 I/O7R
A6 VDD
A7 I/O10R
A8 VDD
A9 I/O15R
A10 SFEN
B1 R/WR
B2 CLKR
B3 I/O1R
B4 VSS
B5 I/O5R
B6 VSS
B7 I/O11R
B8 VSS
B9 I/O14R
B10 OER
C1 ADSR
C2 CNTENR
C3 CNTRPTR
C4 I/O2R
C5 I/O6R
C6 I/O8R
C7 I/O12R
C8 ZZR
C9 SF7
C10 VSS
D1 CER
D2 INTR
D3 UBR
D4 LBR
D5 I/O3R
D6 I/O9R
D7 I/O13R
D8 SF6
D9 SF5
D10 SF4
E1 INTL
E2 VSS
E3 VDD
E4 UBL
E5 CNTRPTL
E6 SF0
E7 MSEL(2)
E8 VDD
E9 VSS
E10 VDD
F1 CEL
F2 LBL
F3 CNTENL
F4 CLKL
F5 VSS
F6 A13L(3)
F7 SF2
F8 VSS
F9 VSS
F10 SF1
G1 ADSL
G2 A0L(3)
G3 A3L(3)
G4 VDD
G5 I/O8L
G6 I/O12L
G7 A7L(3)
G8 ZZL
G9 OEL
G10 SF3
H1 R/WL
H2 A2L(3)
H3 I/O0L
H4 VSS
H5 I/O4L
H6 I/O11L
H7 I/O13L
H8 A9L(3)
H9 A12L(3)
H10 NC
J1 A1L(3)
J2 A5L(3)
J3 I/O1L
J4 I/O6L
J5 I/O7L
J6 I/O9L
J7 VDD
J8 I/O15L
J9 A10L(3)
J10 A11L(3)
K1 A4L(3)
K2 A6L(3)
K3 I/O2L
K4 I/O3L
K5 I/O5L
K6 VDD
K7 I/O10L
K8 VSS
K9 I/O14L
K10 A8L(3)
NOTES:
1. The device setup shown above features multiplexed address and data signals on the right port and non-multiplexed address and data signals on the left port. 2. For multiplexed address and data signal operation on the left port, this pin should be set to VDD. For non-multiplexed address and data signal operation on the left port, this pin should be set to VSS. 3. For multiplexed address and data signal operation on the left port, these pins should be set to VSS.
3 of 23
August 22, 2007
Pin Names (70P9268)
Left Port CE L R/W L OE L A 0L - A 15L I/O 0L - I/O 15L N/A CLK L UB L LB L ADS L CNTEN L CNTRPT L INT L ZZ L
Very Low Power 16K x 16 Synchronous Mobile Multimedia Interface (M2I) Dual Port Static RAM
Right Port CE R R/W R OE R N/A N/A I/O+A 0R - I/O+A 15R CLK R UB R LB R ADS R CNTEN R CNTRPT R INT R ZZ R SFEN SF 0-7 M SEL V DD V SS Names Chip Enable (Input) Read/W rite Enable (Input) Output Enable (Input) Address (Input) Data (Input/Output) Multiplexed Address and Data (Input/Output) Clock (Input) Upper Byte Enable (Input) Lower Byte Enable (Input) Address Strobe Enable (Input) Counter Enable (Input) Counter Repeat (Input) Interrupt Flag (Output) Sleep Mode Enable (Input) Special Function Enable (Input) Special Function I/O (Input/Output) Left Port Mode Select Power (1.8V) Ground (0V)
IDT70P9268L
Final Datasheet
Industrial Temperature Range
NOTES:
1. The device setup shown above features multiplexed address and data signals on both ports.
2. For non-multiplexed address and data signal operation on the left port, set pin E7 = VSS.
4 of 23
August 22, 2007
Truth Table I - Read/Write and Enable Control (Multiplexed Port)
OE X X X X X X X X H L H L H L H X CLK X CE H L L X L X L X L X L X L X L X UB X H L X H X L X L X H X L X L X LB X H H X L X L X H X L X L X L X R/W X X L L L L L L H H H H H H X X ADS X X L H L H L H L H L H L H H X ZZ L L L L L L L L L L L L L L L H Upper Byte High Z High Z -D IN -High Z -D IN -D O UT -High Z -D O UT High Z High Z Lower Byte High Z High Z -High Z -D IN -D IN -High Z -D O UT -D O UT High Z High Z Cycle X X N N+1 N N+1 N N+1 N N+2 N N+2 N N+2 X X Address X X AN -AN -AN -AN -AN -AN -X X Mode
Very Low Power 16K x 16 Synchronous Mobile Multimedia Interface (M2I) Dual Port Static RAM
IDT70P9268L
Final Datasheet
Industrial Temperature Range
Deslected Both bytes deselected W rite to Upper Byte
W rite to Lower Byte W rite to Both Bytes Read Upper Byte O nly
Read Lower Byte O nly Read Both Bytes
Outputs Disabled Sleep Mode - Power down
Truth Table II - Read/Write and Enable Control (Non-Multiplexed Port)
OE X X X X X L L L H X CLK X CE H L L L L L L L L X UB X H L H L L H L L X LB X H H L L H L L L X R/W X X L L L H H H X X ZZ L L L L L L L L L H Upper Byte I/O High Z High Z D IN High Z D IN D OUT High Z D OUT High Z High Z Lower Byte I/O High Z High Z High Z D IN D IN High Z D OUT D OUT High Z High Z Mode Deselected Both Bytes Deselected W rite To Upper Byte Only W rite to Lower Byte Only W rite to Both Bytes Read Upper Byte Only Read Lower Byte Only Read Both Bytes Outputs Disabled Sleep Mode - Power Down
Truth Table III - Address Counter Control
External Address An X X X Previous Internal Address X An An + 1 X Internal Address Used An An + 1 An + 1 An CLK ADS CNTEN CNTRPT Mode
L H H X
X L H X
H H H L
External Address Used Counter Enabled - Internal Address Generation External Address Blocked - Counter Disabled (An + 1 reused) Counter Reset to Last External Address Loaded
Recommended Operating Temperature and Supply Voltage
G ra d e I n d u s t r ia l A m b ie n t T e m p e ra tu re -4 0 C to + 8 5 C GND 0V VDD 1 .8 V + /- 1 0 0 m V
5 of 23
August 22, 2007
Recommended DC Operating Conditions
Symbol VDD VSS VIH VIL Parameter Supply Voltage Ground Input High Voltage Input Low Voltage Min. 1.7 0 1.2 -0.2
Very Low Power 16K x 16 Synchronous Mobile Multimedia Interface (M2I) Dual Port Static RAM Typ. 1.8 0 --Max. 1.9 0 VDD + 0.2 0.4 Unit V V V V
IDT70P9268L
Final Datasheet
Industrial Temperature Range
Absolute Maximum Ratings
Symbol VDD Rating Voltage on Input, Output and I/O Terminals with Respect to VSS Terminal Voltage with Respect to GND Temperature Under Bias Storage Temperature Junction Temperature DC Output Current Industrial -0.5V to VDD +0.3V Unit V
VTERM TBIAS TSTG TJN IOUT
-0.5V to +2.9V -55 to +125 -65 to +150 +150 20
V C C C mA
Capacitance
Symbol CIN COUT Parameter Input Capacitance Output Capacitance Conditions VIN = 0V VOUT = 0V Max. 9 11 Unit PF PF
DC Electrical Characteristics Over the Operating Temperature and Supply Voltage Range (VDD = 1.8V +/- 100mV)
S ym bo l |ILI| |ILO | V OL V OH V O LS F P aram eter Input Le ak age C u rrent O utput Leak age C urrent O utput Lo w V o lta ge O utput H ig h V olta g e O utput Lo w V o lta ge T es t C onditions V IN = V S S to V D D C Ex = V IH or O Ex = V IH or V O U T = V S S to V D D IOL = 0.1m A , V D D = M in IOH = -0 .1m A , V D D = M in IOL = 4m A , V D D = M in M in. ---V D D - 0.2 V -M ax. 1 1 0.2 -0.4 U nit Ua UA V V V
6 of 23
August 22, 2007
DC Electrical Characteristics Over the Operating Temperature and Supply Voltage Range (VDD = 1.8V +/- 100mV)
Symbol IDD Parameter Dynamic Operating Current (Both Ports Active) Standby Current (Both Ports - TTL Inputs) Standby Current (One Port - TTL Inputs) Full Standby Current (Both Ports CMOS Inputs) Full Standby Current (One Port - CMOS Inputs) Sleep Mode Current Test Conditions
CEL and CER = VIL, Outputs Disabled, (1) f = fMAX CEL = CER = VIH, Outputs Disabled, (1) f = fMAX CE"A" = VIL and CE"B" = VIH, Active Port Outputs Disabled, (1) f = fMAX Both Ports Outputs Disabled CEL and CER > VDD - 0.2V, VIN > VDD - 0.2V, (2) or VIN < 0.2V, f = 0 CE"A" < 0.2V and CE"B" > VDD - 0.2V, VIN > VDD - 0.2V or VIN < 0.2V, (1) Active Port Outputs Disabled, f = fMAX ZZL and ZZR > VDD - 0.2V
Very Low Power 16K x 16 Synchronous Mobile Multimedia Interface (M2I) Dual Port Static RAM
IDT70P9268L
Final Datasheet
Industrial Temperature Range
70P9268 Typ. Max. 15 mA 25 mA
ISB1
2 mA
4 mA
ISB2
3 mA
5 mA
ISB3
2 uA
8 uA
ISB4
3 mA 2 uA
5 mA 8 uA
IZZ
NOTES:
1. At f = fMAX, address and control lines (except Output Enable) are cycling at the maximum frequency clock cycle of 1/tCYC, using "AC TEST CONDITIONS" at input levels of GND to 1.8V. 2. f = 0 means no address, clock, or control lines change. Applies only to input at CMOS level standby. 3. Port "A" may be either left or right port. Port "B" is the opposite from port "A".
AC Test Conditions
Input Pulse Levels Input Rise/Fall Times Input Timing Reference Levels Output Reference Levels Output Load VSS to VDD 3ns Max. VDD/2 VDD/2 Figure 1
1.8V
R1 R2
13500 13500
1.8V
R1
30pF(1)
R2
Figure 1. AC Output Test Level (5pF for tLZ, tHZ, tWZ, tOW)
7 of 23
August 22, 2007
AC Electrical Characteristics Over the Operating Temperature Range
(Read and Write Cycle Timing for Multiplexed Port) (VDD = 1.8V +/- 100mV)
Very Low Power 16K x 16 Synchronous Mobile Multimedia Interface (M2I) Dual Port Static RAM
IDT70P9268L
Final Datasheet
Industrial Temperature Range
Symbol tCYC tCH tCL tR tF tSA tHA tSC tHC tSW tHW tSD tHD tSAD tHAD tSCN tHCN tSRST tHRST tOE tOLZ tOHZ tCD tDC tCKHZ tCKLZ tINS tINR tCO
Parameter Clock Cycle Time Clock High Time Clock Low Time Clock Rise Time Clock Fall Time Address Setup Time Address Hold Time Chip Enable Setup Time Chip Enable Hold Time R/W Setup Time R/W Hold Time Input Data Setup Time Input Data Hold Time ADS Setup Time ADS Hold Time CNTEN Setup Time CNTEN Hold Time CNTRST Setup Time CNTRST Hold Time Output Enable to Data Valid Output Enable to High Z Output Enable to Low Z Clock to Data Valid Data Output Hold After Clock High Clock High to Output High Z Clock High to Output Low Z Interrupt Flag Set Time Interrupt Flag Reset Time Clock to Clock Offset
70P9268L Ind. Only Min. Max. 20 -8 -8 --3 -3 5 -1 -5 -1 -5 -1 -5 -1 -5 -1 -5 -1 -5 -1 --10 2 --10 -12 2 -2 9 2 -12 -12 -5 --
8 of 23
August 22, 2007
AC Electrical Characteristics Over the Operating Temperature Range
(Read and Write Cycle Timing for Non-Multiplexed Port) (VDD = 1.8V +/- 100mV)
Very Low Power 16K x 16 Synchronous Mobile Multimedia Interface (M2I) Dual Port Static RAM
IDT70P9268L
Final Datasheet
Industrial Temperature Range
Symbol tCYC tCH tCL tR tF tSA tHA tSC tHC tSW tHW tSD tHD tSAD tHAD tSCN tHCN tSRST tHRST tOLZ tOHZ tCD tDC tCKHZ tCKLZ tINS tINR tCO
Parameter Clock Cycle Time Clock High Time Clock Low Time Clock Rise Time Clock Fall Time Address Setup Time Address Hold Time Chip Enable Setup Time Chip Enable Hold Time R/W Setup Time R/W Hold Time Input Data Setup Time Input Data Hold Time ADS Setup Time ADS Hold Time CNTEN Setup Time CNTEN Hold Time CNTRST Setup Time CNTRST Hold Time Output Enable to Low Z Output Enable to High Z Clock to Data Valid Data Output Hold After Clock High Clock High to Output High Z Clock High to Output Low Z Interrupt Flag Set Time Interrupt Flag Reset Time Clock to Clock Offset
70P9268L Ind. Only Min. Max. 20 -8 -8 --3 -3 5 -1 -5 -1 -5 -1 -5 -1 -5 -1 -5 -1 -5 -1 -2 --10 -12 2 -2 10 2 -12 -12 -5 --
9 of 23
August 22, 2007
Timing Waveform for Mux'd Port Single Read Cycle
tCYC tCH tCL
Very Low Power 16K x 16 Synchronous Mobile Multimedia Interface (M2I) Dual Port Static RAM
IDT70P9268L
Final Datasheet
Industrial Temperature Range
CLK
tSC tHC
CE
tSB tHB
UB / LB
tSW
R/W
tSAD tHAD
ADS
OE
tOE tSA tHA tOLZ tOHZ
ADDR / DATA
An tCLZ tCD
Dn tCKHZ
Timing Waveform for Mux'd Port Burst Read Cycle
tCYC tCH tCL
CLK
tSAD
tHAD
ADS
tSCN tHCN
CNTEN
tSA
tHA
ADDR / DATA
An tCKLZ tCD
Dn
Dn+1
tCKHZ
10 of 23
August 22, 2007
Timing Waveform for Mux'd Port Single Write Cycle
tCYC tCH tCL
Very Low Power 16K x 16 Synchronous Mobile Multimedia Interface (M2I) Dual Port Static RAM
IDT70P9268L
Final Datasheet
Industrial Temperature Range
CLK
tSC
CE
tSW
R/W
tSAD tHAD
ADS
tSA
tHA
tSD
tHD
ADDR / DATA
An
Dn
An+1
Dn+1
Timing Waveform for Mux'd Port Burst Write Cycle
tCYC tCH tCL
CLK
tSC
CE
tSW
R/W
tSAD tHAD
ADS
tSCN
CNTEN
tSA tHA tSD tHD
ADDR / DATA
An
Dn
Dn+1
Dn+2
11 of 23
August 22, 2007
Timing Waveform of Mux'd Port Write to Non-Mux'd Port Read
tCYC tCH tCL
Very Low Power 16K x 16 Synchronous Mobile Multimedia Interface (M2I) Dual Port Static RAM
IDT70P9268L
Final Datasheet
Industrial Temperature Range
CLKA
tsw tHW
R/WA
tSA tHA
ADSA
tSA tHA tSD tHD
ADDR / DATAA
MATCH
VALID
tCYC tCH tCL tCO
CLKB
tCD tSW tHW
R/WB
tSA tHA
ADDRESSB
MATCH
NO MATCH
DATAB
VALID
tDC
NOTES:
1. CE, UB/LBn = VIL; CNTEN and REPEAT = VIH. 2. OE = VIL for Port, which is being read from. OE = VIH for Mux'd Port, which is being written to. 3. If tCO < minimum specified, then data from Non-Mux'd Port read is not valid until following Non-Mux'd Port clock cycle (i.e., time from write to valid read on opposite port will be tCO + 2 tCYC2 + tCD2). If tCO > minimum, then data from Non-Mux'd Port read is available on first Non-Mux'd Port clock cycle (i.e., time from write to valid read on opposite port will be tCO + tCYC2 + tCD2).
12 of 23
August 22, 2007
Timing Waveform of Non-Mux'd Port Write to Mux'd Port Read
tCYC tCH tCL
Very Low Power 16K x 16 Synchronous Mobile Multimedia Interface (M2I) Dual Port Static RAM
IDT70P9268L
Final Datasheet
Industrial Temperature Range
CLKA
tsw tHW
R/WA
tSA tSA tHA
ADDRESS A
tSD
MATCH
NO MATCH
tHD
DATAIN"A"
VALID
tCO
CLKB
tSW tHW
R/WB
tSA tHA tCD
ADDR/DATAB
MATCH
VALID
tDC
13 of 23
August 22, 2007
Timing Waveform of Non-Mux'd Port Read-to-Write-to-Read
tCYC tCH tCL
Very Low Power 16K x 16 Synchronous Mobile Multimedia Interface (M2I) Dual Port Static RAM
IDT70P9268L
Final Datasheet
Industrial Temperature Range
CLK
tSC tHC
CE
tSB
tHB
UB/LB
tSW tHW tSW tHW
R/W
tSA tHA
ADDRESS
An
An+1
An+2
An+2
An+3
An+4
tSD
tHD
DATAIN
tCD (1) tCKHZ
Dn+2
tCKHZ
DATAOUT
Qn
Qn+3
READ
NOP(4)
WRITE
READ
NOTES:
1. Output UB/LB state (High, Low, or High-impedance) is determined by the previous cycle control signals. 2. CE and ADS = VIL; CE1, CNTEN, and REPEAT = VIH. "NOP" is "No Operation". 3. Addresses do not have to be accessed sequentially since ADS = VIL constantly loads the address on the rising edge of the CLK; numbers are for reference use only. 4. "NOP" is "No Operation." Data in memory at the selected address may be corrupted and should be re-written to guarantee data integrity.
14 of 23
August 22, 2007
Timing Waveform of Non-Mux'd Port Read-to-Write-to-Read (OE Controlled)
tCYC tCH tCL
Very Low Power 16K x 16 Synchronous Mobile Multimedia Interface (M2I) Dual Port Static RAM
IDT70P9268L
Final Datasheet
Industrial Temperature Range
CLK
tSC tHC
CE
tSB
tHB
UB/LB
tSW tHW tSW tHW
R/W
tSA tHA
ADDRESS
An
An+1
An+2
An+3
An+4
An+5
tSD
tHD
DATAIN
tCD (1)
Dn+2
Dn+3
tCKHZ
DATAOUT
Qn
Qn+4
tOHZ
OE
READ
WRITE
READ
NOTES:
1. Output UB/LB state (High, Low, or High-impedance) is determined by the previous cycle control signals. 2. CE and ADS = VIL; CE1, CNTEN, and REPEAT = VIH. "NOP" is "No Operation". 3. Addresses do not have to be accessed sequentially since ADS = VIL constantly loads the address on the rising edge of the CLK; numbers are for reference use only.
15 of 23
August 22, 2007
Timing Waveform of Non-Mux'd Port Write with Counter Advance
CLK
Very Low Power 16K x 16 Synchronous Mobile Multimedia Interface (M2I) Dual Port Static RAM
IDT70P9268L
Final Datasheet
Industrial Temperature Range
tSA
tHA
ADDRESS
An
INTERNAL ADDRESS
tSAD tHAD
An
An+1
An+2
An+3
An+4
ADS
tSCN
tHCN
CNTEN
tSA
tHA
DATAIN
Dn
Dn+1
Dn+1
Dn+2
Dn+3
Dn+4
WRITE EXTERNAL ADDRESS
WRITE WITH COUNTER
WRITE COUNTER HOLD
1. CE, UB/LB, and R/W = VIL; CE1 and REPEAT = VIH. 2. CE, UB/LB = VIL. 3. The "Internal Address" is equal to the "External Address" when ADS = VIL and equals the counter output when ADS = VIH. 4. CNTEN = VIL advances Internal Address from `An' to `An +1'. The transition shown indicates the time required for the counter to advance. The `An +1'Address is written to during this cycle.
NOTES:
16 of 23
August 22, 2007
Very Low Power 16K x 16 Synchronous Mobile Multimedia Interface (M2I) Dual Port Static RAM
IDT70P9268L
Final Datasheet
Industrial Temperature Range
Timing Waveform of Non-Mux'd Port Operation with Counter Repeat
CLK
tSA tHA
ADDRESS
An
INTERNAL ADDRESS
tSAD tHAD
An
An+1
An+2
An+2
An
An+1
An+2
ADS
tSW tHW
R/W
tSCN tHCN
CNTEN
CNTRPT
tSRPT tSA tHRPT tHA
DATAIN
Data 0
Data 1
Data 2
Data 3
DATAOUT
WRITE TO ADS ADDRESS An ADVANCE COUNTER WRITE TO An+1 ADVANCE COUNTER WRITE TO An+2 HOLD COUNTER WRITE TO An+2 REPEAT READ LAST ADS ADDRESS An
Data 0
Data 1
ADVANCE COUNTER READ An+1
ADVANCE COUNTER READ An+1
NOTES:
1. CE, UB/LB = VIL. 2. The "Internal Address" is equal to the "External Address" when ADS = VIL and equals the counter output when ADS = VIH. 3. No dead cycle exists during CNTRPT operation. A READ or WRITE cycle may be coincidental with the counter CNTRPT cycle: Address loaded by last valid ADS load will be accessed. 4. CNTEN = VIL advances Internal Address from `An' to `An +1'. The transition shown indicates the time required for the counter to advance. The `An +1'Address is written to during this cycle.
17 of 23
August 22, 2007
Timing Waveform for x8 to x16 Bus Matching
CLKA
Very Low Power 16K x 16 Synchronous Mobile Multimedia Interface (M2I) Dual Port Static RAM
IDT70P9268L
Final Datasheet
Industrial Temperature Range
CEA
tSB tHB
UBA
LBA
R/WA
tSAD tHAD
ADSA
tSA tHA tSAD tHAD
ADDRA / DATAA
An
Dn
An
Dn+1
CEB
R/WB
ADSB
ADDRB / DATAB
An
Dn, Dn+1
18 of 23
August 22, 2007
Timing Waveform - Interrupt Timing
CLK
Very Low Power 16K x 16 Synchronous Mobile Multimedia Interface (M2I) Dual Port Static RAM
IDT70P9268L
Final Datasheet
Industrial Temperature Range
CE
R/W
tSAD
tHAD
ADS
tSA
tHA
tSD
tHD
ADDR / DATA
3FFE
Data
tINS
INT
tINR
CLK
CE
R/W
tSAD
tHAD
ADS
tSOE
tHOE
OE
ADDR / DATA
3FFE
Data
19 of 23
August 22, 2007
Timing Waveform - Entering Sleep Mode
Normal Operation
Very Low Power 16K x 16 Synchronous Mobile Multimedia Interface (M2I) Dual Port Static RAM
No New Reads or Writes Allowed
IDT70P9268L
Final Datasheet
Industrial Temperature Range
Sleep Mode
Sleep Mode Set Cycles
CLK
CE
R/W
ADDR / DATA
Data
Data
ZZ
IZZ
Timing Waveform - Exiting Sleep Mode
No New Reads Or Writes Allowed Sleep Mode Sleep Mode Recovery Cycles Normal Operation
CLK
tSC
CE
tSW
R/W
tSAD tHAD
ADS
tSA
tHA
tCD
ADDR / DATA
An
Dn
ZZ
IZZ
20 of 23
August 22, 2007
Functional Description
Very Low Power 16K x 16 Synchronous Mobile Multimedia Interface (M2I) Dual Port Static RAM
IDT70P9268L
Final Datasheet
Industrial Temperature Range
The 70P9268L provides a true synchronous multiplexed and non-multiplexed Dual-Port Static RAM interface. Registered inputs provide minimal setup and hold times on address, data, and all critical control inputs. All internal registers are clocked on the rising edge of the clock signal. Counter enable and counter repeat inputs are provided to facilitate burst reads and writes to the memory.
Synchronous Interrupts
If the user chooses the interrupt function, a memory location (mail box or message center) is assigned to each port. The left port interrupt flag (INTL) is asserted when the right port writes to memory location 3FFE (HEX), where a write is defined as CER = R/WR = VIL. The left port clears the interrupt through access of address location 3FFE when CEL = VIL, R/WL = VIH. Likewise, the right port interrupt flag (INTR) is asserted when the left port writes to memory location 3FFF (HEX) and to clear the interrupt flag (INTR), the right port must read the memory location 3FFF. The message (16 bits) at 3FFE or 3FFF is user-defined since it is an addressable SRAM location. If the interrupt function is not used, address, locations 3FFE and 3FFF are not used as mail boxes, but as part of the random access memory.
Truth Table IV - Interrupt Flag
CLKL R /W L L X X H L e ft P o rt CEL ADDL L 3F FF X X X X L 3FF E IN T L X X L H C LK R R /W R X H L X R ig h t P o rt CER ADDR X X L 3FF F L 3FFE X X F u n c tio n IN T R L H X X S e t R ig ht IN T R F la g R e s e t R ig ht IN T R F la g S e t L e ft IN T L F la g R e s e t L e ft IN T L F la g
Advanced Input Read and Output Drive Registers
The IDT70P9268L is equipped with 8 Special Function (SFX) pins that can be programmed to function as either Input Read Register (IRR) or Output Drive Register (ODR) pins. IRR pins allow the user to capture the status of external binary state devices and report that status to a processor, ASIC, FPGA, etc. via a standard read access from either port. ODR pins allow the user to monitor and control the state of external binary state devices via standard reads and writes from either port. The functionality of the SF pins are determined by the status of the Pin Direction Register (PDR). Refer to Truth Table V for information on programming the PDR and operating the special function pins.
Truth Table V - Input Read and Output Drive Registers
SFEN L L L ADDR 0 0 0 R/W L H L I/O 0 - I/O 7 Note 1 Note 2 Note 4 I/O 8 H Note 3 L I/O 9 - I/O 15 X Note 3 X Function Program Pin Direction Register Reading the status of SFn and PDRn W rite to O utput Drive Register
NOTES: 1. If I/On = H, SFn is programmed as an output and I/On will be used to read and write to this ODR location during subsequent transactions when I/O8 = L. If I/On= L, SFn is programmed 2. 3. 4.
as an input and I/On will be used to read this IRR location during subsequent reads where I/O8 = L. For n = 0-7. If PDRn = 0, I/On = IRRn (the registered value of SFn). If PDRn = 1, I/On = ODRn (the value last written to ODRn). For n = 8-15, I/On = PDRn-8. For I/O0 - I/O7, the value written to I/On will be input to each ODRn location (where PDRn = 1) with a "1" corresponding to "on" and a "0" corresponding to "off".
21 of 23
August 22, 2007
Special Function I/O Operation
I/O 0-7
Very Low Power 16K x 16 Synchronous Mobile Multimedia Interface (M2I) Dual Port Static RAM
IDT70P9268L
Final Datasheet
Industrial Temperature Range
8
9 - 15
Function W ith SFEN = L, I/O8 = H, the value written to address 0 on I/On will determ ine the status of PDRn (1 = output, 0 = input). W ith SFEN = L, I/O8 = L, the value written to address 0 on I/On will be input to the corresponding ODRn location (1 = on, 0 = off). W ith SFEN = L, writing a "0" to address 0 on this I/O causes the values of I/O0 - I/O7 to be input to their corresponding ODR locations. W ith SFEN = L, writing a "1" to address 0 on this I/O causes the values of I/O0 - I/O7 to be input to their corresponding PDR locations, which in turn determ ine whether SF0 - SF7 are individually programm ed to be inputs (IRR) or outputs (ODR). W ith SFEN = L, reads to address 0 will output the status of the PDR, where I/On = PDRn-8
The PDR determines whether the SFX pins will operate as IRR or ODR. The PDR is programmed by writing to address x0000 with SFEN = VIL and I/O8 = H. Writing a "0" to I/OX will set SFX to be an IRR pin. Writing a "1" to I/OX will set SFX to be an ODR pin. The status of the Special Function pins and the PDR can be read as a standard memory access to address x0000 from either port and the data is output via the standard I/Os (Truth Table V). During Special Function reads I/O0 - I/O7 output the status of the Special Function pins with I/On corresponding to SFn. I/O8 - I/O15 outputs the status of the Pin Direction Register with I/On = PDRn-8. For SF pins set to ODR operation, the status of these pins is determined by using standard write accesses from either port to address x0000 with SFEN = VIL and I/O8 = L. A written "1" will correspond to "on" for the connected binary state device and a written "0" will correspond to "off".
Sleep Mode
The IDT70P9268 is equipped with an optional sleep or low-power mode on both ports. The sleep mode pin on both ports is asynchronous and active high. During normal operation, the ZZ-pin is pulled low. When ZZ is pulled high, the port will enter sleep mode where it will meet lowest possible power conditions. The sleep mode timing diagram shows the modes of operation: Normal Operation, No Read/Write Allowed and Sleep Mode. For normal operation all inputs must meet setup and hold times prior to sleep and after recovering from sleep. Clocks must also meet cycle high and low times during these periods. Three cycles prior to asserting ZZ (ZZX = VIH) and three cycles after de-asserting ZZ (ZZX = VIL), the device must be disabled via the chip enable pins. If a write or a read operation occurs during these periods, the memory array may be corrupted. Validity of data out from the RAM cannot be guaranteed immediately after ZZ is asserted (prior to being in sleep). When exiting sleep mode, the device must be in Read mode (R/WX = VIH) when chip enable is asserted, and the chip enable must be valid for one full cycle before a read will result in the output of valid data. During sleep mode the RAM automatically deselects itself. The RAM disconnects its internal clock buffer. The external clock may continue to run without impacting the RAMs sleep current (IZZ). All outputs will remain in high-Z state while in sleep mode. All inputs are allowed to toggle. The RAM will not be selected and will not perform any reads or writes.
22 of 23
August 22, 2007
IDT70P9268L
Final Datasheet
Ordering Information
Very Low Power 16K x 16 Dual Port Synchronous Static RAM
Industrial Temperature Range
XXXXX Device Type
999 Speed
A Package
A
A Process/ Temperature Range
Blank I
Commercial (0C to+70C) Industrial (-40C to+85C)
G
Green
BZ
100-pin FPBGA (BY-100)
50
Speed in Megahertz
70P9268
16Kx16 Low-Power Dual-Port RAM
Final Datasheet: Definition
"Final" datasheets contain descriptions for products that are in full release.
Revision History
02/06/07: Initial Release 08/21/07: Final Datasheet. Initial Release
CORPORATE HEADQUARTERS 6024 Silver Creek Valley Road San Jose, CA 95138
for SALES: 800-345-7015 or 408-284-8200 fax: 408-284-2775 www.idt.com
for Tech Support: 408-284-2794 DualPortHelp@idt.com
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
23 of 23
August 22, 2007


▲Up To Search▲   

 
Price & Availability of IDT70P926850BZG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X