|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
September 2006 HYS64D 32020[ H / G] DL - 5 - C HYS64D[32/16]0x0[H/G]DL-6-C 200-Pin Small Outline Dual-In-Line Memory Modules SO-DIMM DDR SDRAM Internet Data Sheet Rev. 1.31 Internet Data Sheet HYS64D[32/16]0x0[G/H]DL-[5/6]-C Small-Outline DDR SDRAM Modules HYS64D32020[H/G]DL-5-C, HYS64D[32/16]0x0[H/G]DL-6-C Revision History: 2006-09, Rev. 1.31 Page All All 24 Subjects (major changes since last revision) Qimonda update Adapted internet edition Changed tRFC (for DDR400) from 70 ns to 65 ns as programmed in byte 42 SPD Code Previous Revision: 2006-01, Rev. 1.3 Previous Revision: 2005-03, Rev. 1.2 We Listen to Your Comments Any information within this document that you feel is wrong, unclear or missing at all? Your feedback will help us to continuously improve the quality of this document. Please send your proposal (including a reference to this document) to: techdoc@qimonda.com qag_techdoc_rev400 / 3.2 QAG / 2006-08-01 03292006-VN6D-DETI 2 Internet Data Sheet HYS64D[32/16]0x0[G/H]DL-[5/6]-C Small-Outline DDR SDRAM Modules 1 1.1 Overview Features * Programmable CAS Latency, Burst Length, and Wrap Sequence (Sequential & Interleave) * Auto Refresh (CBR) and Self Refresh * RAS-lockout supported tRAP=tRCD * All inputs and outputs SSTL_2 compatible * Serial Presence Detect with E2PROM * Standard form factor: 67.60 mm x 31.75 mm x 3.80 mm * Standard reference layout Raw Cards A and C * Gold contacts This chapter lists all main features of the product family HYS64D[32/16]0x0[G/H]DL-[5/6]-C and the ordering information. * Non-parity 200-Pin Small Outline Dual-In-Line Memory Modules * One rank 16M x64 and two ranks 32M x64 organization * Standard Double Data Rate Synchronous DRAMs (DDR SDRAM) * Single +2.5 V ( 0.2 V) power supply * Built with 256-Mbit DDR SDRAMs organised as x16 in P- TSOPII-66-1 packages TABLE 1 Performance Part Number Speed Code Speed Grade Max. Clock Frequency Component @CL3 @CL2.5 @CL2 -5 DDR400B -6 DDR333B 166 166 133 Unit -- MHz MHz MHz fCK3 fCK2.5 fCK2 200 166 133 Rev. 1.31, 2006-09 03292006-VN6D-DETI 3 Internet Data Sheet HYS64D[32/16]0x0[G/H]DL-[5/6]-C Small-Outline DDR SDRAM Modules 1.2 Description the PC board. The DIMMs feature serial presence detect based on a serial E2PROM device using the 2-Pin I2C protocol. The first 128 bytes are programmed with configuration data and the second 128 bytes are available to the customer. The HYS64D3 2020 [H/G]DL -5- C and HYS64D[32/16]0x0[H/G]DL-6-C are industry standard 200-Pin Small Outline Dual-In-Line Memory Modules (SODIMMs) organized as 32M x 64. The memory array is designed with Double Data Rate Synchronous DRAMs (DDR SDRAM). A variety of decoupling capacitors are mounted on TABLE 2 Ordering Information for Lead Containing Products Product Type PC3200 (CL=3.0) HYS64D32020GDL-5-C PC2700 (CL=2.5) HYS64D16000GDL-6-C HYS64D32020GDL-6-C PC2700S-2533-0-C1 PC2700S-2533-0-A1 one rank 128 MB SO-DIMM two ranks 256 MB SO-DIMM 256 Mbit (x16) 256 Mbit (x16) PC3200S-3033-1-A1 two ranks 256 MB SO-DIMM 256 Mbit (x16) Compliance Code Description SDRAM Technology TABLE 3 Ordering Information for RoHS Compliant Products Product Type 1) Compliance Code PC3200S-3033-1-A1 PC2700S-2533-0-C1 PC2700S-2533-0-A1 Description two ranks 256 MB SO-DIMM one rank 128 MB SO-DIMM two ranks 256 MB SO-DIMM SDRAM Technology 256 Mbit (x16) 256 Mbit (x16) 256 Mbit (x16) PC3200 (CL=3.0) HYS64D32020HDL-5-C PC2700 (CL=2.5) HYS64D16000HDL-6-C HYS64D32020HDL-6-C 1) RoHS Compliant Product: Restriction of the use of certain hazardous substances (RoHS) in electrical and electronic equipment as defined in the directive 2002/95/EC issued by the European Parliament and of the Council of 27 January 2003. These substances include mercury, lead, cadmium, hexavalent chromium, polybrominated biphenyls and polybrominated biphenyl ethers. Notes 1. Allproduct types end with a place code designating the silicon-die revision. Reference information available on request. Example: HYS64D32020GDL-6-C, indicating rev. C dies are used for SDRAM components. 2. The Compliance Code is printed on the module labels describing the speed sort (for example "PC2700"), the latencies and SPD code definition (for example "2033-0" means CAS latency of 2.0 clocks, RCD1) latency of 3 clocks, Row Precharge latency of 3 clocks, and JEDEC SPD code definiton version 0), and the Raw Card used for this module. 1) RCD: Row-Column-Delay Rev. 1.31, 2006-09 03292006-VN6D-DETI 4 Internet Data Sheet HYS64D[32/16]0x0[G/H]DL-[5/6]-C Small-Outline DDR SDRAM Modules 2 Pin Configuration explained in Table 5 and Table 6 respectively. The pin numbering is depicted in Figure 1. The pin configuration of the Unbuffered Small Outline DDR SDRAM DIMM is listed by function in Table 4 (200 pins). The abbreviations used in columns Pin and Buffer Type are TABLE 4 Pin Configuration of SO-DIMM Pin# Clock Signals 35 160 89 37 158 91 96 95 CK0 CK1 CK2 NC CK0 CK1 CK2 NC CKE0 CKE1 NC Control Signals 121 122 S0 S1 NC 118 120 119 RAS CAS WE I I NC I I I SSTL SSTL - SSTL SSTL SSTL Chip Select Rank 0 Chip Select Rank 1 Note: 2-ranks module Note: 1-rank module Row Address Strobe Column Address Strobe Write Enable I I I NC I I I NC I I NC SSTL SSTL SSTL - SSTL SSTL SSTL - SSTL SSTL - Clock Enable Rank 0 Clock Enable Rank 1 Note: 2-rank module Note: 1-rank module Complement Clock Complement Clock Complement Clock Clock Signal Clock Signal Clock Signal Name Pin Type Buffer Type Function Rev. 1.31, 2006-09 03292006-VN6D-DETI 5 Internet Data Sheet HYS64D[32/16]0x0[G/H]DL-[5/6]-C Small-Outline DDR SDRAM Modules Pin# Name Pin Type I I I I I I I I I I I I I I I I NC I NC I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O Buffer Type SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL - SSTL - SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL Function Address Signals 117 116 112 111 110 109 108 107 106 105 102 101 115 100 99 BA0 BA1 A0 A1 A2 A3 A4 A5 A6 A7 A8 A9 A10 AP A11 A12 NC 123 A13 NC Data Signals 5 7 13 17 6 8 14 18 19 23 29 31 20 24 DQ0 DQ1 DQ2 DQ3 DQ4 DQ5 DQ6 DQ7 DQ8 DQ9 DQ10 DQ11 DQ12 DQ13 Data Bus 63:0 Bank Address Bus 1:0 Address Bus 11:0 Address Signal 12 Note: Module base on 256 Mbit or larger dies Note: 128 Mbit based module Address Signal 13 Note: 1 Gbit based module Note: Module base on 512 Mbit or larger dies Rev. 1.31, 2006-09 03292006-VN6D-DETI 6 Internet Data Sheet HYS64D[32/16]0x0[G/H]DL-[5/6]-C Small-Outline DDR SDRAM Modules Pin# 30 32 41 43 49 53 42 44 50 54 55 59 65 67 56 60 66 68 127 129 135 139 128 130 136 140 141 145 151 153 142 146 152 154 163 165 171 175 164 166 Name DQ14 DQ15 DQ16 DQ17 DQ18 DQ19 DQ20 DQ21 DQ22 DQ23 DQ24 DQ25 DQ26 DQ27 DQ28 DQ29 DQ30 DQ31 DQ32 DQ33 DQ34 DQ35 DQ36 DQ37 DQ38 DQ39 DQ40 DQ41 DQ42 DQ43 DQ44 DQ45 DQ46 DQ47 DQ48 DQ49 DQ50 DQ51 DQ52 DQ53 Pin Type I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O Buffer Type SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL Function Data Bus 63:0 Rev. 1.31, 2006-09 03292006-VN6D-DETI 7 Internet Data Sheet HYS64D[32/16]0x0[G/H]DL-[5/6]-C Small-Outline DDR SDRAM Modules Pin# 172 176 177 181 187 189 178 182 188 190 71 73 79 83 72 74 80 84 11 25 47 61 133 147 169 183 77 Name DQ54 DQ55 DQ56 DQ57 DQ58 DQ59 DQ60 DQ61 DQ62 DQ63 CB0 NC CB1 NC CB2 NC CB3 NC CB4 NC CB5 NC CB6 NC CB7 NC DQS0 DQS1 DQS2 DQS3 DQS4 DQS5 DQS6 DQS7 DQS8 NC Pin Type I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O NC I/O NC I/O NC I/O NC I/O NC I/O NC I/O NC I/O NC I/O I/O I/O I/O I/O I/O I/O I/O I/O NC Buffer Type SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL - SSTL - SSTL - SSTL - SSTL - SSTL - SSTL - SSTL - SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL - Function Data Bus 63:0 Check Bit 0 Check Bit 1 Check Bit 2 Check Bit 3 Check Bit 4 Check Bit 5 Check Bit 6 Check Bit 7 Data Strobes 7:0 Data Strobe 8 Rev. 1.31, 2006-09 03292006-VN6D-DETI 8 Internet Data Sheet HYS64D[32/16]0x0[G/H]DL-[5/6]-C Small-Outline DDR SDRAM Modules Pin# 12 26 48 62 134 148 170 184 78 EEPROM 195 193 194 196 198 1,2 197 9,10, 21, 22, 33, 34, 36, 22, 33, 34, 36, 45, 46, 57, 58, 69, 70, 81, 82, 92, 93, 94, 113, 114, 131, 132, 143, 144, 155, 156, 157, 167, 168, 179, 180, 191, 192 Name DM0 DM1 DM2 DM3 DM4 DM5 DM6 DM7 DM8 NC SCL SDA SA0 SA1 SA2 Pin Type I I I I I I I I I NC I I/O I I I AI PWR PWR Buffer Type SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL - CMOS OD CMOS CMOS CMOS - - - Function Data Mask 7:0 Data Mask 8 Serial Bus Clock Serial Bus Data Slave Address Select Bus 2:0 Power Supplies VREF VDDSPD VDD I/O Reference Voltage EEPROM Power Supply Power Supply Rev. 1.31, 2006-09 03292006-VN6D-DETI 9 Internet Data Sheet HYS64D[32/16]0x0[G/H]DL-[5/6]-C Small-Outline DDR SDRAM Modules Pin# Name Pin Type GND Buffer Type - Function Ground Plane 3, 4, 15, 16, VSS 27, 28, 38, 39, 40, 51, 52, 63, 64, 75, 76, 87, 88, 90, 103, 104, 125, 126, 137, 138,149, 150, 159, 161, 162, 173, 174,185, 186 Other Pins 199 85, 86, 97, 98, 124, 200 VDDID NC O NC OD - VDD Identification Not connected Rev. 1.31, 2006-09 03292006-VN6D-DETI 10 Internet Data Sheet HYS64D[32/16]0x0[G/H]DL-[5/6]-C Small-Outline DDR SDRAM Modules TABLE 5 Abbreviations for Pin Type Abbreviation I O I/O AI PWR GND NC Description Standard input-only pin. Digital levels. Output. Digital levels. I/O is a bidirectional input/output signal. Input. Analog levels. Power Ground Not Connected TABLE 6 Abbreviations for Buffer Type Abbreviation SSTL LV-CMOS CMOS OD Description Serial Stub Terminated Logic (SSTL2) Low Voltage CMOS CMOS Levels Open Drain. The corresponding pin has 2 operational states, active low and tristate, and allows multiple devices to share as a wire-OR. Rev. 1.31, 2006-09 03292006-VN6D-DETI 11 Internet Data Sheet HYS64D[32/16]0x0[G/H]DL-[5/6]-C Small-Outline DDR SDRAM Modules FIGURE 1 Pin Configuration Diagram 200-Pin SO-DIMM Rev. 1.31, 2006-09 03292006-VN6D-DETI 12 Internet Data Sheet HYS64D[32/16]0x0[G/H]DL-[5/6]-C Small-Outline DDR SDRAM Modules 3 3.1 Electrical Characteristics Operating Conditions TABLE 7 Absolute Maximum Ratings Parameter Symbol min. Values typ. - - - - - - 1 50 max. Unit Note/ Test Condition - - - - - - - - Voltage on I/O pins relative to VSS Voltage on inputs relative to VSS Voltage on VDD supply relative to VSS Voltage on VDDQ supply relative to VSS Operating temperature (ambient) Storage temperature (plastic) Power dissipation (per SDRAM component) Short circuit output current VIN, VOUT VIN VDD VDDQ TA TSTG PD -0.5 -1 -1 -1 0 -55 - - VDDQ + 0.5 +3.6 +3.6 +3.6 +70 +150 - - V V V V C C W mA IOUT Attention: Permanent damage to the device may occur if "Absolute Maximum Ratings" are exceeded. This is a stress rating only, and functional operation should be restricted to recommended operation conditions. Exposure to absolute maximum rating conditions for extended periods of time may affect device reliability and exceeding only one of the values may cause irreversible damage to the integrated circuit. TABLE 8 Electrical Characteristics and DC Operating Conditions Parameter Symbol Min. Device Supply Voltage Device Supply Voltage Output Supply Voltage Output Supply Voltage EEPROM supply voltage Supply Voltage, I/O Supply Voltage Input Reference Voltage I/O Termination Voltage (System) Values Typ. 2.5 2.6 2.5 2.6 2.5 -- 0.5 x VDDQ -- Max. 2.7 2.7 2.7 2.7 3.6 0 0.51 x VDDQ V V V V V V V V Unit Note1)/Test Condition VDD VDD VDDQ VDDQ VDDSPD VSS, VSSQ VREF VTT 2.3 2.5 2.3 2.5 2.3 0 0.49 x VDDQ fCK 166 MHz fCK > 166 MHz 2) fCK 166 MHz 3) fCK > 166 MHz 2)3) -- -- 4) 5) VREF - 0.04 VREF + 0.04 Rev. 1.31, 2006-09 03292006-VN6D-DETI 13 Internet Data Sheet HYS64D[32/16]0x0[G/H]DL-[5/6]-C Small-Outline DDR SDRAM Modules Parameter Symbol Min. Values Typ. -- -- -- -- -- -- Max. Unit Note1)/Test Condition VIH(DC) Input Low (Logic0) Voltage VIL(DC) Input Voltage Level, CK and VIN(DC) Input High (Logic1) Voltage CK Inputs Input Differential Voltage, CK VID(DC) and CK Inputs VI-Matching Pull-up Current to Pull-down Current Input Leakage Current VIRatio VREF + 0.15 -0.3 -0.3 0.36 0.71 -2 VDDQ + 0.3 VREF - 0.15 VDDQ + 0.3 VDDQ + 0.6 1.4 2 V V V V -- A 8) 8) 8) 8)6) 7) II Any input 0 V VIN VDD; All other pins not under test = 0 V 8)9) Output Leakage Current IOZ -5 -- 16.2 -- -- -- 5 -16.2 -- A mA mA DQs are disabled; 0 V VOUT Output High Current, Normal IOH Strength Driver Output Low Current, Normal Strength Driver 1) 0 C TA 70 C 2) 3) 4) 5) 6) 7) VDDQ 8) VOUT = 1.95 V 8) VOUT = 0.35 V8) IOL 8) 9) DDR400 conditions apply for all clock frequencies above 166 MHz Under all conditions, VDDQ must be less than or equal to VDD. Peak to peak AC noise on VREF may not exceed 2% VREF (DC). VREF is also expected to track noise variations in VDDQ. VTT is not applied directly to the device. VTT is a system supply for signal termination resistors, is expected to be set equal to VREF, and must track variations in the DC level of VREF. VID is the magnitude of the difference between the input level on CK and the input level on CK. The ration of the pull-up current to the pull-down current is specified for the same temperature and voltage, over the entire temperature and voltage range, for device drain to source voltage from 0.25 to 1.0 V. For a given output, it represents the maximum difference between pull-up and pull-down drivers due to process variation. Inputs are not recognized as valid until VREF stabilizes. Values are shown per DDR SDRAM component Rev. 1.31, 2006-09 03292006-VN6D-DETI 14 Internet Data Sheet HYS64D[32/16]0x0[G/H]DL-[5/6]-C Small-Outline DDR SDRAM Modules 3.2 Current Specification and Conditions TABLE 9 IDD Conditions Parameter Operating Current 0 one bank; active/ precharge; DQ, DM, and DQS inputs changing once per clock cycle; address and control inputs changing once every two clock cycles. Operating Current 1 one bank; active/read/precharge; Burst Length = 4; see component data sheet. Precharge Power-Down Standby Current all banks idle; power-down mode; CKE VIL,MAX Precharge Floating Standby Current CS VIH,,MIN, all banks idle; CKE VIH,MIN; address and other control inputs changing once per clock cycle; VIN = VREF for DQ, DQS and DM. Precharge Quiet Standby Current CS VIHMIN, all banks idle; CKE VIH,MIN; VIN = VREF for DQ, DQS and DM; address and other control inputs stable at VIH,MIN or VIL,MAX. Active Power-Down Standby Current one bank active; power-down mode; CKE VILMAX; VIN = VREF for DQ, DQS and DM. Active Standby Current one bank active; CS VIH,MIN; CKE VIH,MIN; tRC = tRAS,MAX; DQ, DM and DQS inputs changing twice per clock cycle; address and control inputs changing once per clock cycle. Operating Current Read one bank active; Burst Length = 2; reads; continuous burst; address and control inputs changing once per clock cycle; 50% of data outputs changing on every clock edge; CL = 2 for DDR266(A), CL = 3 for DDR333 and DDR400B; IOUT = 0 mA Operating Current Write one bank active; Burst Length = 2; writes; continuous burst; address and control inputs changing once per clock cycle; 50% of data outputs changing on every clock edge; CL = 2 for DDR266(A), CL = 3 for DDR333 and DDR400B Auto-Refresh Current tRC = tRFCMIN, burst refresh Self-Refresh Current CKE 0.2 V; external clock on Operating Current 7 four bank interleaving with Burst Length = 4; see component data sheet. Symbol IDD0 IDD1 IDD2P IDD2F IDD2Q IDD3P IDD3N IDD4R IDD4W IDD5 IDD6 IDD7 Rev. 1.31, 2006-09 03292006-VN6D-DETI 15 Internet Data Sheet HYS64D[32/16]0x0[G/H]DL-[5/6]-C Small-Outline DDR SDRAM Modules TABLE 10 IDD Specification HYS64D32020HDL-5-C HYS64D32020GDL-5-C HYS64D16000HDL-6-C HYS64D16000GDL-6-C Product Type HYS64D32020HDL-6-C HYS64D32020GDL-6-C Unit Note 1)2) Organization 256MB x64 2 Ranks -5 128MB x64 1 Rank -6 Max. 580 620 40 290 220 140 360 620 640 980 22.4 1220 Typ. 240 280 20 100 70 40 140 280 300 480 5.6 720 Max. 300 340 20 120 100 60 150 340 360 640 11.2 860 256MB x64 2 Ranks -6 Typ. 380 420 30 200 140 90 260 420 440 620 11.2 860 Max. 480 520 40 240 190 120 300 520 540 820 22.4 1040 mA mA mA mA mA mA mA mA mA mA mA mA 3) 3)4) 5) 5) 5) 5) 5) 3)4) 3) 3) 5) 3)4) Symbol Typ. 450 490 30 240 160 100 300 510 530 730 11.2 1010 IDD0 IDD1 IDD2P IDD2F IDD2Q IDD3P IDD3N IDD4R IDD4W IDD5 IDD6 IDD7 1) Module IDD values are calculated on the basis of component IDD and can be measured differently depending on actual to DQ loading capacitance. 2) Test condition for maximum values: VDD = 2.7 V, TA = 10 C 3) The module IDDx values are calculated from the IDDx values of the component data sheet as follows: m x IDDx[component] + n x IDD3N[component] with m and n number of components of rank 1 and 2; n=0 for 1 rank modules 4) DQ I/O (IDDQ) currents are not included in the calculations (see note 1)) 5) The module IDDx values are calculated from the corrponent IDDx data sheet values as: (m + n) x IDDx[component] Rev. 1.31, 2006-09 03292006-VN6D-DETI 16 Internet Data Sheet HYS64D[32/16]0x0[G/H]DL-[5/6]-C Small-Outline DDR SDRAM Modules 3.3 AC Characteristics TABLE 11 AC Timing - Absolute Specifications for PC3200 and PC2700 Parameter Symbol -5 DDR400B Min. Max. +0.5 0.55 8 12 12 0.55 -6 DDR333 Min. -0.7 0.45 6 6 7.5 0.45 Max. +0.7 0.55 12 12 12 0.55 Unit Note1)/ Test Condition DQ output access time from CK/CK CK high-level width Clock cycle time tAC tCH tCK -0.5 0.45 5 6 7.5 ns 2)3)4)5) 2)3)4)5) tCK ns ns ns CL = 3.0 2)3)4)5) CL = 2.5 2)3)4)5) CL = 2.0 2)3)4)5) 2)3)4)5) 2)3)4)5)6) CK low-level width Auto precharge write recovery + precharge time DQ and DM input hold time input) tCL tDAL 0.45 (tWR/tCK)+(tRP/tCK) 0.4 1.75 -0.6 0.35 -- 0.72 0.4 0.2 0.2 Min. (tCL, tCH) -- 0.6 0.7 -- -- +0.6 -- +0.40 1.25 -- -- -- -- +0.7 -- -- -- 0.45 1.75 -0.6 0.35 -- 0.75 0.45 0.2 0.2 Min. (tCL, tCH) -0.7 0.75 0.8 2.2 -- -- +0.6 -- +0.45 1.25 -- -- -- -- +0.7 -- -- -- tCK tCK ns ns ns tDH DQ and DM input pulse width (each tDIPW DQS output access time from CK/CK tDQSCK DQS input low (high) pulse width (write cycle) 2)3)4)5) 2)3)4)5) 2)3)4)5) 2)3)4)5) tDQSL,H tCK ns DQS-DQ skew (DQS and associated tDQSQ DQ signals) Write command to 1st DQS latching transition DQ and DM input setup time (write cycle) TSOPII 2)3)4)5) 2)3)4)5) tDQSS tCK ns tDS DQS falling edge hold time from CK tDSH DQS falling edge to CK setup time (write cycle) Clock Half Period Data-out high-impedance time from CK/CK Address and control input hold time 2)3)4)5) 2)3)4)5) tCK tCK ns ns ns ns ns tDSS tHP tHZ tIH 2)3)4)5) 2)3)4)5) 2)3)4)5)7) Fast slew rate 3)4)5)6)8) Slow slew rate 3)4)5)6)8) 2)3)4)5)9) Control and Addr. input pulse width (each input) tIPW 2.2 Rev. 1.31, 2006-09 03292006-VN6D-DETI 17 Internet Data Sheet HYS64D[32/16]0x0[G/H]DL-[5/6]-C Small-Outline DDR SDRAM Modules Parameter Symbol -5 DDR400B Min. Max. -- -- +0.7 -- -- +0.50 -- 70E+3 -- -- 7.8 -- -- 1.1 0.60 -- -- -- 0.60 -- -- -- -6 DDR333 Min. 0.75 0.8 -0.7 2 Max. -- -- +0.7 -- -- +0.55 -- 70E+3 -- -- 7.8 -- -- 1.1 0.60 -- -- -- 0.60 -- -- -- Unit Note1)/ Test Condition Address and control input setup time tIS 0.6 0.7 ns ns ns Fast slew rate 3)4)5)6)8) Slow slew rate 3)4)5)6)8) 2)3)4)5)7) Data-out low-impedance time from CK/CK Mode register set command cycle time DQ/DQS output hold time Data hold skew factor Active to Autoprecharge delay Active to Precharge command Active to Active/Auto-refresh command period Active to Read or Write delay Average Periodic Refresh Interval Auto-refresh to Active/Auto-refresh command period Precharge command period Read preamble Read postamble Active bank A to Active bank B command Write preamble tLZ tMRD tQH tQHS tRAP tRAS tRC tRCD tREFI tRFC tRP tRPRE tRPST tRRD -0.7 2 tCK ns ns ns ns ns ns s ns ns 2)3)4)5) tHP - tQH -- tHP - tQHS -- 2)3)4)5) TSOPII 2)3)4)5) 2)3)4)5) 2)3)4)5) 2)3)4)5) tRCD 40 55 15 -- 65 15 0.9 0.40 10 0.25 0 0.40 15 2 75 tRCD 42 60 18 -- 72 18 0.9 0.40 12 0.25 0 0.40 15 1 75 2)3)4)5) 2)3)4)5)10) 2)3)4)5) 2)3)4)5) 2)3)4)5) 2)3)4)5) 2)3)4)5) tCK tCK ns tWPRE Write preamble setup time tWPRES Write postamble tWPST Write recovery time tWR Internal write to read command delay tWTR Exit self-refresh to non-read tXSNR command tCK ns 2)3)4)5) 2)3)4)5)11) 2)3)4)5)12) 2)3)4)5) 2)3)4)5) 2)3)4)5) tCK ns tCK ns 2) Input slew rate 1 V/ns for DDR400, DDR333 3) The CK/CK input reference level (for timing reference to CK/CK) is the point at which CK and CK cross: the input reference level for signals other than CK/CK, is VREF. CK/CK slew rate are 1.0 V/ns. 4) Inputs are not recognized as valid until VREF stabilizes. 5) The Output timing reference level, as measured at the timing reference point indicated in AC Characteristics (note 3) is VTT. 6) For each of the terms, if not already an integer, round to the next highest integer. tCK is equal to the actual system clock cycle time. 7) tHZ and tLZ transitions occur in the same access time windows as valid data transitions. These parameters are not referred to a specific voltage level, but specify when the device is no longer driving (HZ), or begins driving (LZ). 8) Fast slew rate 1.0 V/ns, slow slew rate 0.5 V/ns and < 1 V/ns for command/address and CK & CK slew rate > 1.0 V/ns, measured between VIH(ac) and VIL(ac). 9) These parameters guarantee device timing, but they are not necessarily tested on each device. 2)3)4)5) Exit self-refresh to read command tXSRD 200 -- 200 -- tCK 1) 0 C TA 70 C; VDDQ = 2.5 V 0.2 V, VDD = +2.5 V 0.2 V (DDR333); VDDQ = 2.6 V 0.1 V, VDD = +2.6 V 0.1 V (DDR400) Rev. 1.31, 2006-09 03292006-VN6D-DETI 18 Internet Data Sheet HYS64D[32/16]0x0[G/H]DL-[5/6]-C Small-Outline DDR SDRAM Modules 10) A maximum of eight Autorefresh commands can be posted to any given DDR SDRAM device. 11) The specific requirement is that DQS be valid (HIGH, LOW, or some point on a valid transition) on or before this CK edge. A valid transition is defined as monotonic and meeting the input slew rate specifications of the device. When no writes were previously in progress on the bus, DQS will be transitioning from Hi-Z to logic LOW. If a previous write was in progress, DQS could be HIGH, LOW, or transitioning from HIGH to LOW at this time, depending on tDQSS. 12) The maximum limit for this parameter is not a device limit. The device operates with a greater value for this parameter, but system performance (bus turnaround) degrades accordingly. Rev. 1.31, 2006-09 03292006-VN6D-DETI 19 Internet Data Sheet HYS64D[32/16]0x0[G/H]DL-[5/6]-C Small-Outline DDR SDRAM Modules 4 SPD Codes This chapter lists all hexadecimal byte values stored in the EEPROM of the products described in this data sheet. SPD stands for serial presence detect. All values with XX in the table are module specific bytes which are defined during production. List of SPD Code Tables * Table 12 "SPD Codes for HYSHYS64D32020[H/G]DL-5-C" on Page 20 * Table 13 "SPD Codes for HYS64D16000[H/G]DL-6-C" on Page 23 * Table 14 "SPD Codes for HYS64D32020[G/H]DL-6-C" on Page 26 TABLE 12 SPD Codes for HYSHYS64D32020[H/G]DL-5-C Product Type Organization HYS64D32020HDL-5-C 256MB x64 2 Ranks (x16) Label Code JEDEC SPD Revision Byte# 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 Description Programmed SPD Bytes in E2PROM Total number of Bytes in E2PROM Memory Type (DDR = 07h) Number of Row Addresses Number of Column Addresses Number of DIMM Ranks Data Width (LSB) Data Width (MSB) Interface Voltage Levels tCK @ CLmax (Byte 18) [ns] tAC SDRAM @ CLmax (Byte 18) [ns] Error Correction Support Refresh Rate Primary SDRAM Width Error Checking SDRAM Width tCCD [cycles] Burst Length Supported Number of Banks on SDRAM Device CAS Latency CS Latency PC3200S-30331 Rev. 1.0 HEX 80 08 07 0D 09 02 40 00 04 50 50 00 82 10 00 01 0E 04 1C 01 HYS64D32020GDL-5-C 256MB x64 2 Ranks (x16) PC3200S-30331 Rev. 1.0 HEX 80 08 07 0D 09 02 40 00 04 50 50 00 82 10 00 01 0E 04 1C 01 Rev. 1.31, 2006-09 03292006-VN6D-DETI 20 Internet Data Sheet HYS64D[32/16]0x0[G/H]DL-[5/6]-C Small-Outline DDR SDRAM Modules Product Type Organization HYS64D32020HDL-5-C 256MB x64 2 Ranks (x16) HYS64D32020GDL-5-C 256MB x64 2 Ranks (x16) PC3200S-30331 Rev. 1.0 HEX 02 20 C1 60 50 75 50 3C 28 3C 28 20 60 60 40 40 00 37 41 28 28 50 00 01 00 10 F6 7F 7F 7F 7F 7F 51 Label Code JEDEC SPD Revision Byte# 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 - 40 41 42 43 44 45 46 47 48 - 61 62 63 64 65 66 67 68 69 Description Write Latency DIMM Attributes Component Attributes tCK @ CLmax -0.5 (Byte 18) [ns] tAC SDRAM @ CLmax -0.5 [ns] tCK @ CLmax -1 (Byte 18) [ns] tAC SDRAM @ CLmax -1 [ns] tRPmin [ns] tRRDmin [ns] tRCDmin [ns] tRASmin [ns] Module Density per Rank tAS, tCS [ns] tAH, tCH [ns] tDS [ns] tDH [ns] Not used tRCmin [ns] tRFCmin [ns] tCKmax [ns] tDQSQmax [ns] tQHSmax [ns] not used DIMM PCB Height Not used SPD Revision Checksum of Byte 0-62 Manufacturer's JEDEC ID Code (1) Manufacturer's JEDEC ID Code (2) Manufacturer's JEDEC ID Code (3) Manufacturer's JEDEC ID Code (4) Manufacturer's JEDEC ID Code (5) Manufacturer's JEDEC ID Code (6) PC3200S-30331 Rev. 1.0 HEX 02 20 C1 60 50 75 50 3C 28 3C 28 20 60 60 40 40 00 37 41 28 28 50 00 01 00 10 F6 7F 7F 7F 7F 7F 51 Rev. 1.31, 2006-09 03292006-VN6D-DETI 21 Internet Data Sheet HYS64D[32/16]0x0[G/H]DL-[5/6]-C Small-Outline DDR SDRAM Modules Product Type Organization HYS64D32020HDL-5-C 256MB x64 2 Ranks (x16) HYS64D32020GDL-5-C 256MB x64 2 Ranks (x16) PC3200S-30331 Rev. 1.0 HEX 00 00 xx 36 34 44 33 32 30 32 30 47 44 4C 35 43 20 20 20 20 20 1x xx xx xx xx 00 Label Code JEDEC SPD Revision Byte# 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 - 98 Description Manufacturer's JEDEC ID Code (7) Manufacturer's JEDEC ID Code (8) Module Manufacturer Location Part Number, Char 1 Part Number, Char 2 Part Number, Char 3 Part Number, Char 4 Part Number, Char 5 Part Number, Char 6 Part Number, Char 7 Part Number, Char 8 Part Number, Char 9 Part Number, Char 10 Part Number, Char 11 Part Number, Char 12 Part Number, Char 13 Part Number, Char 14 Part Number, Char 15 Part Number, Char 16 Part Number, Char 17 Part Number, Char 18 Module Revision Code Test Program Revision Code Module Manufacturing Date Year Module Manufacturing Date Week Module Serial Number PC3200S-30331 Rev. 1.0 HEX 00 00 xx 36 34 44 33 32 30 32 30 48 44 4C 35 43 20 20 20 20 20 1x xx xx xx xx 00 99 - 127 Not used Rev. 1.31, 2006-09 03292006-VN6D-DETI 22 Internet Data Sheet HYS64D[32/16]0x0[G/H]DL-[5/6]-C Small-Outline DDR SDRAM Modules TABLE 13 SPD Codes for HYS64D16000[H/G]DL-6-C Product Type Organization HYS64D16000HDL-6-C 0.13 GByte x64 1 Rank (x16) Label Code JEDEC SPD Revision Byte# 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 Description Programmed SPD Bytes in E2PROM Total number of Bytes in E2PROM Memory Type (DDR = 07h) Number of Row Addresses Number of Column Addresses Number of DIMM Ranks Data Width (LSB) Data Width (MSB) Interface Voltage Levels tCK @ CLmax (Byte 18) [ns] tAC SDRAM @ CLmax (Byte 18) [ns] Error Correction Support Refresh Rate Primary SDRAM Width Error Checking SDRAM Width tCCD [cycles] Burst Length Supported Number of Banks on SDRAM Device CAS Latency CS Latency Write Latency DIMM Attributes Component Attributes tCK @ CLmax -0.5 (Byte 18) [ns] tAC SDRAM @ CLmax -0.5 [ns] tCK @ CLmax -1 (Byte 18) [ns] tAC SDRAM @ CLmax -1 [ns] tRPmin [ns] tRRDmin [ns] tRCDmin [ns] PC2700S-25330 Rev. 0.0 HEX 80 08 07 0D 09 01 40 00 04 60 70 00 82 10 00 01 0E 04 0C 01 02 20 C1 75 70 00 00 48 30 48 HYS64D16000GDL-6-C 0.13 GByte x64 1 Rank (x16) PC2700S-25330 Rev. 0.0 HEX 80 08 07 0D 09 01 40 00 04 60 70 00 82 10 00 01 0E 04 0C 01 02 20 C1 75 70 00 00 48 30 48 Rev. 1.31, 2006-09 03292006-VN6D-DETI 23 Internet Data Sheet HYS64D[32/16]0x0[G/H]DL-[5/6]-C Small-Outline DDR SDRAM Modules Product Type Organization HYS64D16000HDL-6-C 0.13 GByte x64 1 Rank (x16) HYS64D16000GDL-6-C 0.13 GByte x64 1 Rank (x16) PC2700S-25330 Rev. 0.0 HEX 2A 20 75 75 45 45 00 3C 48 30 2D 55 00 00 00 00 E8 7F 7F 7F 7F 7F 51 00 00 xx 36 34 44 31 36 30 30 Label Code JEDEC SPD Revision Byte# 30 31 32 33 34 35 36 - 40 41 42 43 44 45 46 47 48 - 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 Description tRASmin [ns] Module Density per Rank tAS, tCS [ns] tAH, tCH [ns] tDS [ns] tDH [ns] Not used tRCmin [ns] tRFCmin [ns] tCKmax [ns] tDQSQmax [ns] tQHSmax [ns] not used DIMM PCB Height Not used SPD Revision Checksum of Byte 0-62 Manufacturer's JEDEC ID Code (1) Manufacturer's JEDEC ID Code (2) Manufacturer's JEDEC ID Code (3) Manufacturer's JEDEC ID Code (4) Manufacturer's JEDEC ID Code (5) Manufacturer's JEDEC ID Code (6) Manufacturer's JEDEC ID Code (7) Manufacturer's JEDEC ID Code (8) Module Manufacturer Location Part Number, Char 1 Part Number, Char 2 Part Number, Char 3 Part Number, Char 4 Part Number, Char 5 Part Number, Char 6 Part Number, Char 7 PC2700S-25330 Rev. 0.0 HEX 2A 20 75 75 45 45 00 3C 48 30 2D 55 00 00 00 00 E8 7F 7F 7F 7F 7F 51 00 00 xx 36 34 44 31 36 30 30 Rev. 1.31, 2006-09 03292006-VN6D-DETI 24 Internet Data Sheet HYS64D[32/16]0x0[G/H]DL-[5/6]-C Small-Outline DDR SDRAM Modules Product Type Organization HYS64D16000HDL-6-C 0.13 GByte x64 1 Rank (x16) HYS64D16000GDL-6-C 0.13 GByte x64 1 Rank (x16) PC2700S-25330 Rev. 0.0 HEX 30 47 44 4C 36 43 20 20 20 20 20 1x xx xx xx xx 00 Label Code JEDEC SPD Revision Byte# 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 - 98 Description Part Number, Char 8 Part Number, Char 9 Part Number, Char 10 Part Number, Char 11 Part Number, Char 12 Part Number, Char 13 Part Number, Char 14 Part Number, Char 15 Part Number, Char 16 Part Number, Char 17 Part Number, Char 18 Module Revision Code Test Program Revision Code Module Manufacturing Date Year Module Manufacturing Date Week Module Serial Number PC2700S-25330 Rev. 0.0 HEX 30 48 44 4C 36 43 20 20 20 20 20 1x xx xx xx xx 00 99 - 127 Not used Rev. 1.31, 2006-09 03292006-VN6D-DETI 25 Internet Data Sheet HYS64D[32/16]0x0[G/H]DL-[5/6]-C Small-Outline DDR SDRAM Modules TABLE 14 SPD Codes for HYS64D32020[G/H]DL-6-C Product Type Organization HYS64D32020HDL-6-C 256MB x64 2 Ranks (x16) Label Code JEDEC SPD Revision Byte# 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 Description Programmed SPD Bytes in E2PROM Total number of Bytes in E2PROM Memory Type (DDR = 07h) Number of Row Addresses Number of Column Addresses Number of DIMM Ranks Data Width (LSB) Data Width (MSB) Interface Voltage Levels tCK @ CLmax (Byte 18) [ns] tAC SDRAM @ CLmax (Byte 18) [ns] Error Correction Support Refresh Rate Primary SDRAM Width Error Checking SDRAM Width tCCD [cycles] Burst Length Supported Number of Banks on SDRAM Device CAS Latency CS Latency Write Latency DIMM Attributes Component Attributes tCK @ CLmax -0.5 (Byte 18) [ns] tAC SDRAM @ CLmax -0.5 [ns] tCK @ CLmax -1 (Byte 18) [ns] tAC SDRAM @ CLmax -1 [ns] tRPmin [ns] tRRDmin [ns] tRCDmin [ns] PC2700S-25330 Rev. 0.0 HEX 80 08 07 0D 09 02 40 00 04 60 70 00 82 10 00 01 0E 04 0C 01 02 20 C1 75 70 00 00 48 30 48 HYS64D32020GDL-6-C 256MB x64 2 Ranks (x16) PC2700S-25330 Rev. 0.0 HEX 80 08 07 0D 09 02 40 00 04 60 70 00 82 10 00 01 0E 04 0C 01 02 20 C1 75 70 00 00 48 30 48 Rev. 1.31, 2006-09 03292006-VN6D-DETI 26 Internet Data Sheet HYS64D[32/16]0x0[G/H]DL-[5/6]-C Small-Outline DDR SDRAM Modules Product Type Organization HYS64D32020HDL-6-C 256MB x64 2 Ranks (x16) HYS64D32020GDL-6-C 256MB x64 2 Ranks (x16) PC2700S-25330 Rev. 0.0 HEX 2A 20 75 75 45 45 00 3C 48 30 2D 55 00 00 00 00 E9 7F 7F 7F 7F 7F 51 00 00 xx 36 34 44 33 32 30 32 Label Code JEDEC SPD Revision Byte# 30 31 32 33 34 35 36 - 40 41 42 43 44 45 46 47 48 - 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 Description tRASmin [ns] Module Density per Rank tAS, tCS [ns] tAH, tCH [ns] tDS [ns] tDH [ns] Not used tRCmin [ns] tRFCmin [ns] tCKmax [ns] tDQSQmax [ns] tQHSmax [ns] not used DIMM PCB Height Not used SPD Revision Checksum of Byte 0-62 Manufacturer's JEDEC ID Code (1) Manufacturer's JEDEC ID Code (2) Manufacturer's JEDEC ID Code (3) Manufacturer's JEDEC ID Code (4) Manufacturer's JEDEC ID Code (5) Manufacturer's JEDEC ID Code (6) Manufacturer's JEDEC ID Code (7) Manufacturer's JEDEC ID Code (8) Module Manufacturer Location Part Number, Char 1 Part Number, Char 2 Part Number, Char 3 Part Number, Char 4 Part Number, Char 5 Part Number, Char 6 Part Number, Char 7 PC2700S-25330 Rev. 0.0 HEX 2A 20 75 75 45 45 00 3C 48 30 2D 55 00 00 00 00 E9 7F 7F 7F 7F 7F 51 00 00 xx 36 34 44 33 32 30 32 Rev. 1.31, 2006-09 03292006-VN6D-DETI 27 Internet Data Sheet HYS64D[32/16]0x0[G/H]DL-[5/6]-C Small-Outline DDR SDRAM Modules Product Type Organization HYS64D32020HDL-6-C 256MB x64 2 Ranks (x16) HYS64D32020GDL-6-C 256MB x64 2 Ranks (x16) PC2700S-25330 Rev. 0.0 HEX 30 47 44 4C 36 43 20 20 20 20 20 1x xx xx xx xx 00 Label Code JEDEC SPD Revision Byte# 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 - 98 Description Part Number, Char 8 Part Number, Char 9 Part Number, Char 10 Part Number, Char 11 Part Number, Char 12 Part Number, Char 13 Part Number, Char 14 Part Number, Char 15 Part Number, Char 16 Part Number, Char 17 Part Number, Char 18 Module Revision Code Test Program Revision Code Module Manufacturing Date Year Module Manufacturing Date Week Module Serial Number PC2700S-25330 Rev. 0.0 HEX 30 48 44 4C 36 43 20 20 20 20 20 1x xx xx xx xx 00 99 - 127 Not used Rev. 1.31, 2006-09 03292006-VN6D-DETI 28 Internet Data Sheet HYS64D[32/16]0x0[G/H]DL-[5/6]-C Small-Outline DDR SDRAM Modules 5 Package Outlines FIGURE 2 Package Outline SO-DIMM Raw Card A (L-DIM-200-6) Rev. 1.31, 2006-09 03292006-VN6D-DETI 29 Internet Data Sheet HYS64D[32/16]0x0[G/H]DL-[5/6]-C Small-Outline DDR SDRAM Modules FIGURE 3 Package Outline SO-DIMM Raw Card C (L-DIM-200-11) Rev. 1.31, 2006-09 03292006-VN6D-DETI 30 Internet Data Sheet HYS64D[32/16]0x0[G/H]DL-[5/6]-C Small-Outline DDR SDRAM Modules List of Figures Figure 1 Figure 2 Figure 3 Pin Configuration Diagram 200-Pin SO-DIMM . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12 Package Outline SO-DIMM Raw Card A (L-DIM-200-6). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 29 Package Outline SO-DIMM Raw Card C (L-DIM-200-11) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30 Rev. 1.31, 2006-09 03292006-VN6D-DETI 31 Internet Data Sheet HYS64D[32/16]0x0[G/H]DL-[5/6]-C Small-Outline DDR SDRAM Modules List of Tables Table 1 Table 2 Table 3 Table 4 Table 5 Table 6 Table 7 Table 8 Table 9 Table 10 Table 11 Table 12 Table 13 Table 14 Performance . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 Ordering Information for Lead Containing Products . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4 Ordering Information for RoHS Compliant Products. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4 Pin Configuration of SO-DIMM . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5 Abbreviations for Pin Type . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11 Abbreviations for Buffer Type . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11 Absolute Maximum Ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13 Electrical Characteristics and DC Operating Conditions. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13 IDD Conditions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15 IDD Specification . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16 AC Timing - Absolute Specifications for PC3200 and PC2700. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17 SPD Codes for HYSHYS64D32020[H/G]DL-5-C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20 SPD Codes for HYS64D16000[H/G]DL-6-C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23 SPD Codes for HYS64D32020[G/H]DL-6-C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 26 Rev. 1.31, 2006-09 03292006-VN6D-DETI 32 Internet Data Sheet HYS64D[32/16]0x0[G/H]DL-[5/6]-C Small-Outline DDR SDRAM Modules Table of Contents 1 1.1 1.2 2 3 3.1 3.2 3.3 4 5 Overview . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 Description . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4 Pin Configuration . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5 Electrical Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Operating Conditions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Current Specification and Conditions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . AC Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13 13 15 17 SPD Codes . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20 Package Outlines . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 29 List of Figures . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 31 List of Tables . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 32 Table of Contents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 33 Rev. 1.31, 2006-09 03292006-VN6D-DETI 33 Internet Data Sheet Edition 2006-09 Published by Qimonda AG Gustav-Heinemann-Ring 212 D-81739 Munchen, Germany (c) Qimonda AG 2006. All Rights Reserved. Legal Disclaimer The information given in this Internet Data Sheet shall in no event be regarded as a guarantee of conditions or characteristics ("Beschaffenheitsgarantie"). With respect to any examples or hints given herein, any typical values stated herein and/or any information regarding the application of the device, Qimonda hereby disclaims any and all warranties and liabilities of any kind, including without limitation warranties of non-infringement of intellectual property rights of any third party. Information For further information on technology, delivery terms and conditions and prices please contact your nearest Qimonda Office. Warnings Due to technical requirements components may contain dangerous substances. For information on the types in question please contact your nearest Qimonda Office. Qimonda Components may only be used in life-support devices or systems with the express written approval of Qimonda, if a failure of such components can reasonably be expected to cause the failure of that life-support device or system, or to affect the safety or effectiveness of that device or system. Life support devices or systems are intended to be implanted in the human body, or to support and/or maintain and sustain and/or protect human life. If they fail, it is reasonable to assume that the health of the user or other persons may be endangered. www.qimonda.com |
Price & Availability of HYS64D16000GDL-6-C |