Part Number Hot Search : 
210L4 BZX58 80N10 G225E SRC1210 SBR13003 C3790 BTB04S
Product Description
Full Text Search
 

To Download HER608S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BL GALAXY ELECTRICAL
HIGH EFFICIENCY RECTIFIER
FEATURES
Low cost Low leakage Low forward voltage drop High current capability Easily cleaned with alcohol,Isopropanol and similar solvents The plastic material carries U/L recognition 94V-0
HER601S - - - HER608S
VOLTAGE RANGE: 50 --- 1000 V CURRENT: 6.0 A
R- 5
MECHANICAL DATA
Case:JEDEC R - 5,molded plastic Terminals: Axial lead ,solderable per MIL- STD-202,Method 208 Polarity: Color band denotes cathode Weight: 0.046 ounces,1.29grams Mounting position: Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 ambient temperature unless otherwise specified. Single phase,half wave,60 Hz,resistive or inductive load. For capacitive load,derate by 20%.
HER HER HER HER HER HER HER HER UNITS 601S 602S 603S 604S 605S 606S 607S 608S
Maximum recurrent peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forw ard rectified current 9.5mm lead length, @TA =75
VRRM VRMS VDC IF(AV)
50 35 50
100 70 100
200 140 200
300 210 300 6.0
400 280 400
600 420 600
800 560 800
1000 700 1000
V V V A
Peak forw ard surge current 8.3ms single half-sine-w ave superimposed on rated load @TJ =125
IFSM
200.0
A
Maximum instantaneous forw ard voltage @ 6.0A Maximum reverse current at rated DC blocking voltage Maximum reverse recovery time Typical junction capacitance Typical thermal resistance @TA=25 @TA =100 (Note1) (Note2) (Note3)
VF IR trr CJ RJA TJ TSTG
1.0
1.3 10.0 200.0 60 100 12 - 55 ---- + 150 - 55 ---- + 150
1.7
V A
70 65
ns pF /W
Operating junction temperature range Storage temperature range
NOTE: 1. Measured with I F =0.5A, I R=1A, I rr=0.25A.
www.galaxycn.com
2. Measured at 1.0MHz and applied rev erse v oltage of 4.0V DC. 3.Thermal resistance junction to ambient.
Document Number 0262057
BLGALAXY ELECTRICAL
1.
RATINGS AND CHARACTERISTIC CURVES
HER601S - - - HER608S
FIG.1 -- TEST CIRCUIT DIAGRAM AND REVERSE RECOVERY TIME CHARACTERISTIC
trr 50 N 1. 10 N 1.
+0.5A
D.U.T. (+) 50VDC (approx) (-) 1 NONINDUCTIVE PULSE GENERATOR (NOTE2) OSCILLOSCOPE (NOTE 1)
0 -0.25A
-1.0A
1cm
NOTES:1.RISE TIME = 7ns MAX.INPUT IMPEDANCE = 1M .22pF. JJJJJ2.RISE TIME =10ns MAX.SOURCE IMPEDANCE=50 .
SET TIME BASE FOR 10/20 ns/cm
FIG.2 -- TYPICAL FORWARD CHARACTERISTIC INSTANTANEOUS FORWARD CURRENT
FIG.3 -- FORWARD DERATING CURVE
z
AVERAGE FORWARD CURRENT
100
300\400V TJ=25 Pulse W idth=300 S
6.0 5.0 4.0
AMPERES
10
50\100\200V
AMPERES
3.0 2.0 1.0 0 0 25 50 75
Single Phase Half Wave 60HZ Resistive or Inductive Load 0.375"(9.5mm)Lead Length
1
600\800\1000V
0.1
0
0.2 0.4 0.6 0.8 1
1.2 1.4 1.6 1.8 2
100
125
150
175
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
AMBIENT TEMPERATURE,
FIG.4 -- TYPICAL JUNCTION CAPACITANCE PEAK FORWARD SURGE CURRENT
FIG.5 -- PEAK FORWARD SURGE CURRENT
JUNCTION CAPACITANCE,pF
175 150 125 100 75 50 25
HER606S-HER608S HER601S-HER605S
350 300 250 200 TJ=25ae 8.3ms Single Half Sine-Wave
AMPERES
TJ=25
150 100 50 0 1 5 10 50 100
0
0.1
0.5 1
2
4
10
20 4 0 100 200
1000
REVERSE VOLTAGE,VOLTS
NUMBER OF CYCLES AT 60Hz
www.galaxycn.com
Document Number 0262057
BLGALAXY ELECTRICAL
2.


▲Up To Search▲   

 
Price & Availability of HER608S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X