Part Number Hot Search : 
X80132 H8S2212 FE01003 74FCT15 1DR22 P3300 09012 600TTS
Product Description
Full Text Search
 

To Download GBJ20005 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 GBJ20005 thru GBJ2010
GLASS PASSIVATED BRIDGE RECTIFIERS FEATURES
Rating to 1000V PRV Ideal for printed circuit board Low forward voltage drop,high current capability Reliable low cost construction utilizing molded plastic
REVERSE VOLTAGE - 50 to 1000Volts FORWARD CURRENT - 20 Amperes GBJ
? .134(3.4) ? .122(3.1) 1.193(30.3) 1.169(29.7)
.189(4.8) .173(4.4) .150(3.8) .134(3.4)
.198 (5.1) .800(20.3) .776(19.7) ? .134(3.4) ? .122(3.1)
technique results in inexpensive product
The plastic material has UL flammability
.094(2.4) .078(2.0) .043(1.1) .035(0.9)
.165(4.2) .142(3.6) .708(18.0) .669(17.0)
.106(2.7) .096(2.3)
+
~~_
.441(11.2) .425(10.8)
classification 94V-0
.114(2.9) .098(2.5)
.402(10.2) .303(7.7).303(7.7) SPACING .386(9.8) .287(7.3).287(7.3)
.031(0.8) .023(0.6)
Dimensions in inches and (milimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25 ambient temperature unless otherwise specified. Single phase, half wave ,60Hz, resistive or inductive load. For capacitive load, derate current by 20%
CHARACTERISTICS
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current Peak Forward Surage Current 8.3ms Single Half Sine-Wave Super Imposed on Rated Load (JEDEC Method) Maximum Forward Voltage at 10.0A DC Maximum DC Reverse Current at Rated DC Blocking Voltage I2t Rating for Fusing (t<8.3ms) Typical Junction Capacitance Per Element (Note1) Typical Thermal Resistance (Note2) Operating Temperature Range Storage Temperature Range @ TJ=25 @ TJ=125 (with heatsink Note 2) @ TC=100 (without heatsink)
SYMBOL VRRM VRMS VDC I(AV)
GBJ 20005 50 30 50
GBJ 2001 100 70 100
GBJ 2002 200 140 200
GBJ 2004 400 280 400 20.0 3.6 260 1.1 10.0 500 240 60 0.8 -55 to +150 -55 to +150
GBJ 2006 600 420 600
GBJ 2008 800 560 800
GBJ 2010 1000 700 1000
UNIT V V V A
IFSM VF IR I2t CJ RJC TJ TSTG
A V uA A2s pF /W
NOTES: 1.Measured at 1.0MHz and applied reverse voltage of 4.0V DC. 2.Device mounted on 300mm*300mm*1.6mm cu plate heatsink.
~ 321 ~
RATING AND CHARACTERTIC CURVES GBJ20005 thru GBJ2010
FIG.1-FORWARD CURRENT DERATING CURVE PEAK FORWARD SURGE CURRENT , AMPERES AVERAGE FORWARD CURRENT AMPERES 25
WITH HEATSINK
FIG.2-MAXMUN NON-REPETITIVE SURGE CURRENT 300 250 200 150 100 50 0 1 2 10 20 50 100
TJ=150 SINGLE -SINE - WAVE (JEDEC METHOD)
20 15 10
WITHOUT HEATSINK SINGLE PHASE HALF WAVE 60Hz RESISTIVE OR INDUCTIVE LOAD
5 0 0 20 40 60 80 100 120 140 CASE TEMPERATURE, C
5
NUMBER OF CYCLES AT 60Hz
FIG.3-TYPICAL JUNCTION CAPACITANCE 100 INSTANTANEOUS FORWARD CURRENT, (A) 100
FIG.4-TYPICAL FORWARD CHARACTERISTICS
CAPACITANCE,(pF)
10
10
1.0
TJ = 25C PULSE WIDTH 300us
0.1
TJ=25,f=1MHZ
1.0 1.0 10.0 REVERSE VOLTAGE,(VOLTS) 100 0.01 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 INSTANTANEOUS FORWARD VOLTAGE, VOLTS
FIG.5-TYPICAL REVERSE CHARACTERISTICS 1000 INSTANTANEOUS REVERSE CURRENT ,(uA)
100
TJ=125
TJ=100
10
TJ=50
1.0
TJ=25
0.1 0 20 40 60 80 100 PERCENT OF RATED PEAK REVERSE VOLTAGE,(%)
~ 322 ~


▲Up To Search▲   

 
Price & Availability of GBJ20005

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X