Part Number Hot Search : 
PC03015 ECG1324 LM317P E121EI PXF4225E 1H681 MTP3N6 KB817AD
Product Description
Full Text Search
 

To Download FT2000AA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FT2000AA ... FT2000KG
FT2000AA ... FT2000KG
Superfast Silicon Rectifiers - Single Diode / Two Polarities Superschnelle Silizium-Gleichrichter - Einzeldiode / Zwei Polaritaten Version 2007-06-27
100.2 4 15.7 3.8
Type Typ
Nominal current Nennstrom
4
20 A 50...400 V TO-220AC 1.8 g
A
3
Repetitive peak reverse voltage Periodische Spitzensperrspannung Plastic case Kunststoffgehause Weight approx. Gewicht ca. Plastic material has UL classification 94V-0 Gehausematerial UL94V-0 klassifiziert Standard packaging in tubes Standard Lieferform in Stangen
3 3 3.4 1
1 13.2
4 1.5 0.9 5.08
Dimensions - Mae [mm]
K
3
1
Maximum ratings and Characteristics Type / Typ Polarity / Polaritat K (Standard) FT2000KA FT2000KB FT2000KD FT2000KG A (Reverse) FT2000AA FT2000AB FT2000AD FT2000AG 50 100 200 400 50 100 200 400 TC = 100C f > 15 Hz TA = 25C TA = 25C Repet. peak reverse voltage Surge peak reverse volt. Period. Spitzensperrspanng. Stospitzensperrspanng. VRRM [V] VRSM [V]
Grenz- und Kennwerte Forward voltage Durchlass-Spannung VF [V] 1) IF = 5 A < 0.84 < 0.84 < 0.84 < 0.84 IFAV IFRM IFSM i2t IF = 20 A < 0.96 < 0.96 < 0.96 < 0.96 20 A 80 A 2) 375/390 A 680 A2s
Max. average forward rectified current, R-load Dauergrenzstrom in Einwegschaltung mit R-Last Repetitive peak forward current Periodischer Spitzenstrom Peak forward surge current, 50/60 Hz half sine-wave Stostrom fur eine 50/60 Hz Sinus-Halbwelle Rating for fusing, t < 10 ms Grenzlastintegral, t < 10 ms Junction temperature - Sperrschichttemperatur at reduced reverse voltage bei reduzierter Sperrspannung Storage temperature - Lagerungstemperatur
VR 80% VRRM VR 20% VRRM
Tj Tj TS
-50...+150C -50...+200C -50...+175C
1 2
Tj = 25C Max. temperature of the case TC = 100C - Max. Temperatur des Gehauses TC = 100C http://www.diotec.com/
(c) Diotec Semiconductor AG
1
FT2000AA ... FT2000KG Characteristics Leakage current Sperrstrom Reverse recovery time Sperrverzug Thermal resistance junction to case Warmewiderstand Sperrschicht - Gehause Tj = 25C VR = VRRM IR Kennwerte < 25 A < 200 ns < 1.5 K/W
IF = 0.5 A through/uber trr IR = 1 A to IR = 0.25 A RthC
120 [%] 100
Vr < 20% Vrrm
103 [A] 102
Tj = 125C
80 10
Vr < 80% Vrrm Tj = 25C
60
40 1 20 IFAV 0 0 TC 50 100 150 [C] IF 10-1
Rated forward current vs. temp. of the case Zul. Richtstrom in Abh. v. d. Temp. des Gehauses
400a-(5a-0,8v)
0.4
VF
0.8
1.0
1.2
1.4
[V] 1.8
Forward characteristics (typical values) Durchlasskennlinien (typische Werte)
2
http://www.diotec.com/
(c) Diotec Semiconductor AG


▲Up To Search▲   

 
Price & Availability of FT2000AA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X