Part Number Hot Search : 
SIG55 FZT956 T495X P2512 TC647 P1010 TPS813 P1010
Product Description
Full Text Search
 

To Download FPS2-T2201R0 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FPR / FPS 2-T220 4-T220 2-T221 4-T221
* * * * * * * *
SPECIFICATIONS ELECTRICAL
Resistor Range Power Rating : :
Extremly Low-Ohm Small Dimensions High Stability Low Inductance Low Electrical Noise Low Temperature Coefficient TO220-Housing SMD available
0R002 ... 50R 1.5 W (70C) 15 W with heatsink 4.8 K/W
Thermal Resistance Rthj-c Tolerances from 0R002 from 0R010 from 0R100
: : : : :
2%, 5% / 4-pin version also 1.0% 1%, 2%, 5% 4-pin version also 0.1% and 0.25% 0.5%, 1%, 2%, 5% 4-pin version also 0.1% and 0.25% 0.1%, 0.2%, 0.5% (depends on the stress) 15 ppm/K (20...60)C / 50 ppm/K (-40...130)C FPR 2-T220/221 R<0R2 TCR-Shift depends on resistor value (see table next page) 50 A 300 VDC < 1 V/K
Stability Temperature Coefficient
: :
Max. Current Insolation Resistance Thermal EMF
: : :
ENVIRONMENTAL
Operating Temperature : -40C...130C
MECHANICAL
Resistor Material Substrate Housing Connector Material Max. torque backplate : : : : : Metalfoil CuNiMn (DIN 17471) Al2O3 or anodized aluminium Epoxidharz or PPS Cu tinned, 2-pin or 4-pin 1 Nm / T221: 0.8 Nm
Willow Technologies Ltd. Shawlands Court, Newchapel Road, Lingfield, Surrey, RH7 6BL, UK Tel. + 44 (0) 1342 835234, Fax. + 44 (0) 1342 834306, e-mail sales@willow.co.uk web www.willow.co.uk
FPR / FPS
2-T220 4-T220 2-T221 4-T221 TEMPERATURE COEFFICIENT
250
2000 1000 + 15 ppm/K
200
TCR - Shift (ppm/K)
0
dR/R (ppm )
-1000 -2000 -3000
Limit 2 (3)
150
- 15 ppm/K
100
-4000 -5000 -6000 -7000 -40
Limit 1 (3)
50
Nominal dR/R
0
2 5 10 20 50 100 200
-20
0
20
40
60
80
100
120
140
Temperature (C)
Resistance Value (mOhm)
DERATING CURVE
120 Power ( % from nominal power) 100 80 60 40 20 0 25 50 85 100 115 130 Tem perature of the backplate (C) 0,5% 0,2% % 0,1%
DIMENSIONS
FPR 2-T220
FPR 4-T220
Willow Technologies Ltd. Shawlands Court, Newchapel Road, Lingfield, Surrey, RH7 6BL, UK Tel. + 44 (0) 1342 835234, Fax. + 44 (0) 1342 834306, e-mail sales@willow.co.uk web www.willow.co.uk
FPR / FPS
2-T220 4-T220 2-T221 4-T221 DIMENSIONS
FPR 2-T221
FPR 4-T221
FPS 2-T220
FPS 4-T220
HOW TO ORDER FPR 2-T220 10R 0.25% FPR 2-T221 0R068 0.5% FPS 2-T220 1R0 1% FPR 4-T221 0R1 0.5%
Willow Technologies Ltd. Shawlands Court, Newchapel Road, Lingfield, Surrey, RH7 6BL, UK Tel. + 44 (0) 1342 835234, Fax. + 44 (0) 1342 834306, e-mail sales@willow.co.uk web www.willow.co.uk


▲Up To Search▲   

 
Price & Availability of FPS2-T2201R0

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X