Part Number Hot Search : 
C7410 74HC82 OM5222SW 6AT29 PC0802L BUZ72AL BEFVAA4 PLL1045A
Product Description
Full Text Search
 

To Download FP1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Blade Fuses FP1 MINI(R) Style PCB Fuse Rated 32V
Specifications
LWS UL 248 Special Purpose Fuses cULus Recognized: File No. E211637 Insulating body: Out of thermoplastic (UL 94-V0, heat-resistant) Cover: Out of thermoplastic (V0, transparent), Visible melting-element Shunt: Red, not transparent Connections: Soldering pins Copper alloy, gal. Sn Breaking capacity: 1,000 A, 32 VDC
Blade Fuses
The FP1 is a MINI style fuse for direct trough-hole pcb soldering. The FP1 has similar performance characteristics as the standard FK1 fuse. FP1 ist eine Sicherung in MINI-Bauform fur direkte Leiterplattenmontage (Durchkontaktierung) mit ahnlichen Leistungsmerkmalen wie die Standard-FK1-Sicherung.
Time-Current Characteristics / Schmelzzeit-Grenzwerte
% of Rating % des Nennstromes
110 135 200 350 600
Opening Time Min / Max (s) Schmelzcharakteristik Min / Max (s)
100 h / - 750 ms / 1,800 s 150 ms / 5 s 40 ms / 500 ms 20 ms / 100 ms
Part Number Artikel-Nr.
168.6585.410_ 168.6585.420_ 168.6585.430_ 168.6585.440_ 168.6585.450_ 168.6585.475_ 168.6585.510_ 168.6585.515_ 168.6585.520_ 168.6585.525_ 168.6585.530_ 160.6585.0002
Current Rating Nennstrom
1A 2A 3A 4A 5A 7.5 A 10 A 15 A 20 A 25 A 30 A Shunt
Housing Color Kennfarbe
Typ. Voltage Drop Typ. Spannungsfall
Standard DIN max. 225 mV 200 mV 175 mV 175 mV 175 mV 150 mV 125 mV 125 mV - - - - Littelfuse max. 135 mV 110 mV 110 mV 110 mV 105 mV 100 mV 110 mV 105 mV 100 mV 105 mV 105 mV 60 mV
Cold Resistance Kaltwiderstand
100 m 43.0 m 27.0 m 21.3 m 16.2 m 9.70 m 7.40 m 4.50 m 3.10 m 2.60 m 1.90 m 1.35 m
I t
0.83 As 3.31 As 7.45 As 16.7 As 19.8 As 44.5 As 79.2 As 178 As 331 As 653 As 1,264 As 1,800 As
Last figure of part number = packaging code, see Section "Packaging Index," pg. 157. Corresponding holder see Section "Fuse Holders."
(c) 2006 Littelfuse * Automotive Circuit Protection Products
www.littelfuse.com
Blade Fuses FP1 MINI(R) Style PCB Fuse Rated 32V
Dimensions in mm / Mae in mm Pre-arcing Time - limits / Schmelzzeit-Grenzwerte DIN
Blade Fuses
FI = 1.33 (max. operating current: 0.75 x Irat at 23C)
0
www.littelfuse.com
(c) 2006 Littelfuse * Automotive Circuit Protection Products


▲Up To Search▲   

 
Price & Availability of FP1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X