Part Number Hot Search : 
BT827A U60D60A 3RF40 XC9536 AAMDB 74V1T86S 90121 M358D
Product Description
Full Text Search
 

To Download FMX-635EG20C1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CALIBER
Electronics Inc. PART NUMBERING GUIDE
Package 6X3.5X1.0mm max. ht. / Seam Weld (Metal Lid Package Tolerance A=10ppm B=15ppm C=20ppm D=30ppm E=50ppm Stability A=5ppm / B=10ppm C=15ppm / D=20ppm E=30ppm / F=50ppm
Lead-Free RoHS Compliant
FMX-635 Series (Metal Lid, Seam Weld)
1.0mm Ceramic Surface Mount Crystal
Environmental/Mechanical Specifications on page F5
FMX - 635 E G 20 C 1 - 29.4912MHz
Mode of Operation 1=Fundamental 3=Third Overtone Operating Temperature Range Per Table 1
Load Capacitance S=Series, XX=XXpF (Pico Farads)
ELECTRICAL SPECIFICATIONS
Frequency Range Frequency Tolerance/Stability
Revision: 2002-C TABLE 1: PART NUMBERING CODES
Operating Temperature 5 ppm
Code
10.000MHz to 80.000MHz A, B, C, D, E, F See above for details. Other Combinations Available. Contact Factory for Custom Specifications. A, B, C, D, E, F, G, H (See Table 1) 2ppm / year Maximum -55C to 100C Series 10pF to 50pF 5pF Maximum 500 Megaohms Minimum at 100Vdc 100uW Maximum, 100uW correlation
Frequency Stability (ppm) * Denotes Availability of Options 10 ppm B 15 ppm C 20 ppm D 30 ppm E 50 ppm F
Range
-10 to 60C -20 to 70C 0 to 70C -10 to 70C -20 to 70C -30 to 60C -20 to 80C -40 to 85C A B C D E F G H
Operating Temperature Range Aging @ 25C Storage Temperature Range Load Capacitance "S" Option "XX" Option Shunt Capacitance Insulation Resistance Drive Level
A
*
* * * * *
* * * * *
* * * * * * * *
* * * * * * * *
* * * * * * * *
EQUIVALENT SERIES RESISTANCE (ESR)
Frequency Range (MHz) <13.000MHz 15.001-18.000MHz 24.0001-40.000MHz ESR (ohms) / Mode-Cut <50 /1-AT <35 / 1-AT <25 / 1-AT Frequency Range (MHz ) 13.001-15.000MHz 18.001-40.000MHz 40.0001-80.000MHz ESR (ohms) / Mode -Cut <45 / 1-AT <25 / 1-AT <70 / 3-AT
MECHANICAL DIMENSIONS
All Dimensions in mm. 3.5 0.20 2.4 0.13 4 1
Marking Guide
Line 1: Line 2: CEI = YM = Frequency CEI YM Caliber Electronics Date Code (year/month)
Kovar Lid
6.0 0.20
4 3
1.0 0.1 Ceramic Base all
1 2
3.0 0.13 3 0.9 (X4) 2
Pad Connection 1 Crystal In 2 Ground 3 Crystal Out 4 Ground
TEL 949-366-8700
FAX 949-366-8707
WEB http://www.caliberelectronics.com


▲Up To Search▲   

 
Price & Availability of FMX-635EG20C1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X