Part Number Hot Search : 
2SJ53 HF36S1 SWBK07 01J20S 01J20S IRFB4 MBR10 SNC583
Product Description
Full Text Search
 

To Download FMX-325EG20C1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CALIBER
Electronics Inc. PART NUMBERING GUIDE
Lead-Free RoHS Compliant
FMX-325 Series (Metal Lid, Seam Weld)
3.2X2.5X0.65mm Surface Mount Crystal
Environmental/Mechanical Specifications on page F5
FMX - 325 E G 20 C 1 - 29.4912MHz
Package 3.2X2.5X.75mm max. ht. / Seam Weld (Metal Lid Package) Tolerance A=10ppm B=15ppm C=20ppm D=30ppm E=50ppm Stability A=5ppm / B=10ppm C=15ppm / D=20ppm E=30ppm / F=50ppm Mode of Operation 1=Fundamental Operating Temperature Range Per Table 1
Load Capacitance S=Series, XX=XXpF (Pico Farads)
ELECTRICAL SPECIFICATIONS
Frequency Range Frequency Tolerance/Stability
Revision: 2004-A TABLE 1: PART NUMBERING CODES
Operating Temperature Frequency Stability (ppm) * Denotes Availability of Options 10 ppm
Code
13.000MHz to 54.000MHz B, C, D, E, F See above for details. Other Combinations Available. Contact Factory for Custom Specifications. A, B, C, D, E, F, G, H (See Table 1) 2ppm / year Maximum -55C to 100C Series 10pF to 50pF 5pF Maximum 500 Megaohms Minimum at 100Vdc 300uW Maximum, 100uW correlation
Range
-10 to 60C -20 to 70C 0 to 70C -10 to 70C -20 to 70C -30 to 60C -20 to 80C -40 to 85C A B C D E F G H
15 ppm C
20 ppm D
30 ppm E
50 ppm F
Operating Temperature Range Aging @ 25C Storage Temperature Range Load Capacitance "S" Option "XX" Option Shunt Capacitance Insulation Resistance Drive Level
B
* * * * *
* * * * *
* * * * * * * *
* * * * * * * *
* * * * * * * *
EQUIVALENT SERIES RESISTANCE (ESR)
Frequency Range (MHz) 13.000 to 19.999MHz 25.000 to 25.999 26.000MHz to 54.000MHz ESR (ohms) 80 70 50
Revision: B (1-14-08)
Mode / Cut Fundamental / AT Fundamental / AT Fundamental / AT
MECHANICAL DIMENSIONS
All Dimensions in mm. TOP VIEW 2.50 0.10 0.65 0.1 1 3.20 0.10 2 3 4 1.4 1.3 .90 0.8 1.2 0.4 1.2 1.4 0.8 Recommended Solder Pattern Pad Connection 1 Crystal In 2 Ground 3 Crystal Out 4 Ground
Marking Guide
16.000M CEIYM
16.000M= Frequency CEI = Caliber Electronis Inc. YM = Date Code (Yr./Mth)
TEL 949-366-8700
FAX 949-366-8707
WEB http://www.caliberelectronics.com


▲Up To Search▲   

 
Price & Availability of FMX-325EG20C1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X