Part Number Hot Search : 
LF8105 AG101 AOZ1110 CDC3272G A1893 X1000 SBP15 30011
Product Description
Full Text Search
 

To Download FLM4450-12F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FLM4450-12F
C-Band Internally Matched FET FEATURES
* * * * * * * High Output Power: P1dB = 41.5dBm (Typ.) High Gain: G1dB = 10.5dB (Typ.) High PAE: add = 39% (Typ.) Low IM3 = -46dBc@Po = 30.5dBm Broad Band: 4.4 ~ 5.0GHz Impedance Matched Zin/Zout = 50 Hermetically Sealed Package
DESCRIPTION
The FLM4450-12F is a power GaAs FET that is internally matched for standard communication bands to provide optimum power and gain in a 50 ohm system. Eudyna's stringent Quality Assurance Program assures the highest reliability and consistent performance. ABSOLUTE MAXIMUM RATING (Ambient Temperature Ta=25C)
Item Drain-Source Voltage Gate-Source Voltage Total Power Dissipation Storage Temperature Channel Temperature Symbol VDS VGS PT Tstg Tch Tc = 25C Condition Rating 15 -5 57.6 -65 to +175 175 Unit V V W C C
Fujitsu recommends the following conditions for the reliable operation of GaAs FETs: 1. The drain-source operating voltage (VDS) should not exceed 10 volts. 2. The forward and reverse gate currents should not exceed 32.0 and -5.6 mA respectively with gate resistance of 50.
ELECTRICAL CHARACTERISTICS (Ambient Temperature Ta=25C)
Item Saturated Drain Current Transconductance Pinch-off Voltage Gate Source Breakdown Voltage Output Power at 1dB G.C.P. Power Gain at 1dB G.C.P. Drain Current Power-added Efficiency Gain Flatness 3rd Order Intermodulation Distortion Thermal Resistance Channel Temperature Rise CASE STYLE: IK Symbol IDSS gm Vp VGSO P1dB G1dB Idsr add G IM3 Rth Tch f = 5.0 GHz, f = 10 MHz 2-Tone Test Pout = 30.5dBm S.C.L. Channel to Case 10V x Idsr x Rth VDS =10V, IDS = 0.55 IDSS (Typ.), f = 4.4 ~ 5.0 GHz, ZS=ZL= 50 ohm Test Conditions VDS = 5V, VGS = 0V VDS = 5V, IDS = 3400mA VDS = 5V, IDS = 300mA IGS = -300A Min. -1.0 -5.0 40.5 9.5 -44 Limit Typ. Max. 5800 8700 2900 -2.0 41.5 10.5 -3.5 Unit mA mS V V dBm dB mA % dB dBc C/W C
3250 3800 39 -46 2.3 0.6 2.6 80
G.C.P.: Gain Compression Point, S.C.L.: Single Carrier Level
Edition 1.3 August 2004
1
FLM4450-12F
C-Band Internally Matched FET
POWER DERATING CURVE
60
OUTPUT POWER & IM3 vs. INPUT POWER
Output Power (S.C.L.) (dBm) VDS=10V f1 = 5.0 GHz f2 = 5.01 GHz 2-tone test
Pout
Total Power Dissipation (W)
50 40 30 20 10
35 33 31 29 27 25
-20 -30
IM3
-40 -50
0
50
100
150
200 17 19 21 23 25
Case Temperature (C)
Input Power (S.C.L.) (dBm) S.C.L.: Single Carrier Level
OUTPUT POWER vs. FREQUENCY
VDS=10V P1dB Output Power (dBm)
44
OUTPUT POWER vs. INPUT POWER
VDS=10V f = 4.7 GHz
Pout
42 40 38 36 34
Output Power (dBm)
42
Pin=33dBm
45 30 15
IM3 (dBc) add (%)
40
29dBm
add
27dBm
38
25dBm
36 4.4 4.6 4.8 5.0
22
24
26
28
30
32
Input Power (dBm)
Frequency (GHz)
2
FLM4450-12F
C-Band Internally Matched FET
+j50 +j25 +j100 S11 S22 +90 SCALE FOR |S12|
0.2
S21 S12
0.1
+j10
4.6 4.8
4.8 5.0 5.2 50
5.0
+j250
4.2GHz
5.2 100 250
5.2
0
10
4.2GHz 2 4.4 4.8 4.6 5.0 4.8
4.4
4.6
4.4
180
8
6
4 5.0
0
4.6
SCALE FOR |S21|
4.2GHz 4.4 5.2 4.2GHz
-j10
-j250
-j25 -j50
-j100 -90
FREQUENCY (MHZ)
4200 4300 4400 4500 4600 4700 4800 4900 5000 5100 5200
S11 MAG
.443 .400 .384 .379 .370 .364 .341 .321 .279 .238 .168
ANG
-73.5 -104.2 -131.9 -157.6 -178.8 161.8 144.8 128.8 112.4 97.1 80.2
S-PARAMETERS VDS = 10V, IDS = 3400mA S21 S12 MAG ANG MAG ANG
4.043 4.099 4.068 4.016 3.925 3.842 3.786 3.736 3.711 3.711 3.698 55.9 35.4 15.3 -3.8 -22.3 -40.1 -57.7 -75.3 -93.1 -111.4 -130.5 .042 .046 .048 .052 .054 .059 .062 .066 .068 .072 .077 3.7 -20.2 -39.5 -61.9 -81.1 -100.3 -117.7 -136.6 -153.9 -171.1 169.6
S22 MAG
.342 .332 .335 .342 .342 .342 .349 .352 .346 .332 .325
ANG
-130.3 -155.8 -179.0 160.9 142.5 124.2 106.8 90.8 74.5 55.4 32.8
3
FLM4450-12F
C-Band Internally Matched FET
Case Style "IK" Metal-Ceramic Hermetic Package
2.0 Min. (0.079)
1
0.1 (0.004)
2
0.6 (0.024) 14.9 (0.587)
2.0 Min. (0.079)
4-R 1.30.15 (0.051)
3 2.40.15 (0.094) 5.5 Max. (0.217)
1.4 (0.055)
17.40.3 (0.685)
8.00.2 (0.315)
1. Gate 2. Source (Flange) 3. Drain
Unit: mm(inches)
20.40.3 (0.803) 240.5 (0.945)
For further information please contact:
CAUTION
Eudyna Devices Inc. products contain gallium arsenide (GaAs) which can be hazardous to the human body and the environment. For safety, observe the following procedures:
Eudyna Devices USA Inc.
2355 Zanker Rd. San Jose, CA 95131-1138, U.S.A. TEL: (408) 232-9500 FAX: (408) 428-9111
www.us.eudyna.com
* Do not put this product into the mouth. * Do not alter the form of this product into a gas, powder, or liquid through burning, crushing, or chemical processing as these by-products are dangerous to the human body if inhaled, ingested, or swallowed. * Observe government laws and company regulations when discarding this product. This product must be discarded in accordance with methods specified by applicable hazardous waste procedures.
Eudyna Devices Europe Ltd.
Network House Norreys Drive Maidenhead, Berkshire SL6 4FJ United Kingdom TEL: +44 (0) 1628 504800 FAX: +44 (0) 1628 504888
Eudyna Devices Asia Pte Ltd. Hong Kong Branch
Rm. 1101, Ocean Centre, 5 Canton Rd. Tsim Sha Tsui, Kowloon, Hong Kong TEL: +852-2377-0227 FAX: +852-2377-3921
Eudyna Devices Inc. reserves the right to change products and specifications without notice. The information does not convey any license under rights of Eudyna Devices Inc. or others.
(c) 2004 Eudyna Devices USA Inc. Printed in U.S.A.
Eudyna Devices Inc.
Sales Division 1, Kanai-cho, Sakae-ku Yokohama, 244-0845, Japan TEL: +81-45-853-8156 FAX: +81-45-853-8170
4


▲Up To Search▲   

 
Price & Availability of FLM4450-12F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X