Part Number Hot Search : 
D1857L IL2595Q ICX207AL HVU300A FM130 SPM2001A 05D12 HCTS245T
Product Description
Full Text Search
 

To Download ESD5Z25 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ESD5Z Series
Transient Voltage Suppressors for ESD Protection
P b Lead(Pb)-Free
TRANSIENT VOLTAGE SUPPRESSORS 200 WATTS 2.5-7.0 VOLTS
Description:
* The ESD5Z Series is designed to protect voltage sensitive components from ESD and transient voltage events. Excellent clamping capability, low leakage, and fast response time, make these parts ideal for ESD protection on designs where board space is at a premium. Because of its small size, it is suited for use in cellular phones, portable devices, digital cameras, power supplies and many other portable applications.
1 2
SOD-523/SC-79
Features:
* Stand-o Voltage: 2.5 V - 7.0 V * Peak Power up to 200 Watts @ 8 x 20 s Pulse * Low Leakage * Response Time is Typically < 1 ns * ESD Rating of Class 3 (> 16 kV) per Human Body Model * IEC61000-4-2 Level 4 ESD Protection * IEC61000-4-4 Level 4 EFT Protection
SOD-523 Outline Dimensions
-X- -Y- B 1 D 2 PL
0.08 (0.003) M
Unit:mm
A
MILLIMETERS DIM A B C D J K S MIN NOM MAX
2 TXY
C K S -T-
SEATING PLANE
1.10 0.70 0.50 0.25 0.07 0.15 1.50
1.20 0.80 0.60 0.30 0.14 0.20 1.60
1.30 0.90 0.70 0.35 0.20 0.25 1.70
J
http://www.weitron.com.tw
WEITRON
1/3
16-May-07
ESD5Z Series
Maximum Ratings(TA=25C Unless Otherwise Noted)
Characteristic Symbol Value Unit
ESD Voltage
Per Human Body Model Per Machine Model
16 400 30 30 40 PD TL TJ Tstg 100 260(10s) 150 -55 to +150
kV V kV A mW C C C
Electrostatic discharge IEC61000-4-2 Air discharge IEC61000-4-2 ContactAir discharge Electrostatic discharge IEC61000-4-4 Total Power Dissipation on FR-5 Board1, @ TA = 25C Lead Solder Temperature -Maximum Junction Temperature Range Storage Temperature Range
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied, damage may occur and reliability may be a ected. Note.1 FR-5 = 1.0 x 0.75 x 0.62 in.
Electrical Characteristics (TA = 25C unless otherwise noted, VF = 0.9 V Max. @ IF = 10 mA for all types)
Device ESD5Z2.5 ESD5Z3.3 ESD5Z5.0 ESD5Z6.0 ESD5Z7.0 Marking ZD ZE ZF ZG ZH
VRWM (V) Max IR ( A) @ VRWM Max VBR (V) @ IT (Note 2) Min IT mA VC (V)(Note 1) VC (V)(Note 1) IPP (A) @ IPP = 5.0 A @ Max IPP (Note 1) Typ Max Max P pk (W) C (pF) (Note 1) Max Typ
2.5 3.3 5.0 6.0 7.0
6.0 0.05 0.05 0.01 0.01
4.0 5.0 6.2 6.8 7.5
1.0 1.0 1.0 1.0 1.0
6.5 8.4 11.6 12.4 13.5
10.9 14.1 18.6 20.5 22.7
11.0 11.2 9.4 8.8 8.8
120 158 174 181 200
145 105 80 70 65
Note 1. Surge current waveform per Fig.1 2. VBR is measured with a pulse test current IT at an ambient temperature of 25C.
Eqivalent Circuit Diagram
1
2
SOD-523 / SC-79 (Top View)
http://www.weitron.com.tw
WEITRON
2/3
16-May-07
ESD5Z Series
Typical Characteristics (TA = 25C unless otherwise noted)
Symbol
IPP VC VRWM IR VBR IT IF VF Ppk C
Parameter
Maximum Reverse Peak Pulse Current Clamping Voltage @ IPP Working Peak Reverse Voltage Maximum Reverse Leakage Current @ VRWM Breakdown Voltage @ IT Test Current Forward Current Forward Voltage @ IF Peak Power Dissipation Max. Capacitance @VR = 0 and f = 1 MHz
VC VBR VRWM IF
I
IR VF IT
V
IPP
Uni-Directional TVS
100 % OF PEAK PULSE CURRENT 90 80 70 60 50 40 30 20 10 0 0
tr
PEAK VALUE IRSM @ 8s
PULSE WIDTH (tP) IS DEFINED AS THAT POINT WHERE THE PEAK CURRENT DECAY = 8s
HALF VALUE IRSM/2 @ 20s
tP
20
40 t, TIME (s)
60
80
Fig.1 8 x 20 s Pulse Waveform
WEITRON
http://www.weitron.com.tw
3/3
16-May-07


▲Up To Search▲   

 
Price & Availability of ESD5Z25

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X