Part Number Hot Search : 
9634X12 K2848 AD12400 MB3885 2SC5078 20004 MC3406 MBR874
Product Description
Full Text Search
 

To Download ECS21P2900 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Absolutely Basic Components Oriented
COMMON MODE NOISE FILTERS
ECS SERIES
COMMON MODE NOISE FILTERS
FEATURES
Effective for suppressing noise in high speed digital signal line. The very smallest wound-type common mode filter.
APPLICATION
Noise suppression, RF Module, PC interface, CD/DVD-ROM, etc
ORDERING CODE
1
Part name ECS
4
Inductance value[H] 75 90 130 180 200 270 360 550
ECS
1
21
2
P2
3 4
2 Product Identification Number 3
750 900 131
Dimensions(mm) 181 1.2(W) 201 271 Number of Lines 2Lines 361 551
21: 2.0(L)
ECS21P2 SERIES
SHAPES & DIMENSIONS RECOMMENDED PCB PATTERN
(Dimensions in mm)
2.0 0.2 1.2 0.2 1.2 0.2
ELECTRICAL CHARACTERISTICS
ABCO Electronics product name ECS21P2-750 ECS21P2-900 Impedance ()(min/typ.) at 100MHz 54/75 65/90 90/130 130/180 150/200 200/270 270/360 400/550 DC resistance Rcd() Max. 0.15 0.19 0.20 0.20 0.25 0.35 0.50 0.55 Rated Current Idc(mA)Max. 300 200 200 150 150 150 100 100 Rated voltage Vdc (V)Max. 20 20 20 20 20 20 20 20 Insulation Resistance (M)Min. 10 10 10 10 10 10 10 10
0.2MAX
ECS21P2-131 ECS21P2-181 ECS21P2-201
0.5 0.08
ECS21P2-271
0.45 0.08 0.55 0.3
ECS21P2-361 ECS21P2-551
0.75
1.1
TEST EQUIPMENTS
* Impedance: Agilent 4287A LCR Meter (100MHz) * Rdc: HIOKI 3540 m HiTESTER * Rated Current: Agilent 6692A SYSTEM DC Power Supply * Rated Voltage: Kikusui Withstanding Voltage Tester Tos-5051
OPERATING TEMPERATURE RANGE
-30 ~ +85C (Including self-generated heat)
66
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before your order and/or use.
FREQUENCY VS. IMPEDANCE CHARACTERISTICS
ECS21P2 - 750

ECS21P2 - 900
ECS21P2 - 131
Impedance()
Impedance()
Impedance()


Frequency(MHz)

Frequency(MHz)

Frequency(MHz)
ECS21P2 - 181

ECS21P2 - 201
ECS21P2 - 271
Impedance()
Impedance()


Frequency(MHz)

Frequency(MHz)

Frequency(MHz)
ECS21P2 - 361

ECS21P2 - 551
Impedance()
Impedance()


Frequency(MHz)

Frequency(MHz)
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before your order and/or use.
67
COMMON MODE NOISE FILTER
Impedance()
PACKING SPECIFICATION
TAPE & SPECIEICATIONS
) , 2 + 9 * J Unit: mm Reel dimensions Series A ECS21P2 180 B 60 C 13 D 12 E 9 W 8 P 4 P0 4 P1 2 H 1.45 t 0.22 2,000 Tape dimensions Per Reel(Q'ty)
2
2
0
OUTER BOX SPECIEICATIONS
H
LABEL
W L
Unit: mm Series L ECS21P2 270 W 200 OUTER BOX H 200 Per Box(Q'ty) 40,000
68
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before your order and/or use.


▲Up To Search▲   

 
Price & Availability of ECS21P2900

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X