Part Number Hot Search : 
2KBP06M 15012 MAX6775 ISL6520 SP9840 PPC405EP G1401 30CPF10
Product Description
Full Text Search
 

To Download DS1822 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DS1822 Econo 1-Wire Digital Thermometer
www.maxim-ic.com
FEATURES
Unique 1-Wire interface requires only one port pin for communication. Each device has a unique 64-bit serial code stored in an on-board ROM. Multidrop capability simplifies distributed temperature-sensing applications. Requires no external components. Can be powered from data line. Power supply range is 3.0V to 5.5V. Measures temperatures from -55C to +125C (-67F to +257F). 2.0C accuracy from -10C to +85C. Thermometer resolution is user-selectable from 9 to 12 bits. Converts temperature to 12-bit digital word in 750ms (max.) User-definable nonvolatile (NV) alarm settings. Alarm search command identifies and addresses devices whose temperature is outside of programmed limits (temperature alarm condition). Software compatible with the DS18B20. Applications include thermostatic controls, industrial systems, consumer products, thermometers, or any thermally sensitive system.
(R)
PIN ASSIGNMENT
DALLAS 1822 123 VDD DQ
3 4
NC NC
1
8
NC NC NC GND
DS1822
2
7 6 5
8-Pin 150mil SO (DS1822Z)
(BOTTOM VIEW)
TO-92 (DS1822)
PIN DESCRIPTION
GND DQ VDD NC - Ground - Data In/Out - Power Supply Voltage - No Connect
DESCRIPTION
The DS1822 digital thermometer provides 9- to 12-bit centigrade temperature measurements and has an alarm function with NV user-programmable upper and lower trigger points. The DS1822 communicates over a 1-Wire bus that by definition requires only one data line (and ground) for communication with a central microprocessor. It has an operating temperature range of -55C to +125C and is accurate to 2.0C over the range of -10C to +85C. In addition, the DS1822 can derive power directly from the data line ("parasite power"), eliminating the need for an external power supply. Each DS1822 has a unique 64-bit serial code, which allows multiple DS1822s to function on the 1-Wire bus; thus, it is simple to use one microprocessor to control many DS1822s distributed over a large area. Applications that can benefit from this feature include HVAC environmental controls, temperature monitoring systems inside buildings, equipment or machinery, and process monitoring and control systems.
1-Wire is a registered trademark of Dallas Semiconductor.
1 of 21
GND DQ VDD
12 3
101107
DS1822
ORDER INFORMATION
ORDERING NUMBER DS1822 DS1822/T&R DS1822+ DS1822+T&R DS1822 in 3-pin TO92 DS1822 in 3-pin TO92, 2000 Piece Tape-and-Reel DS1822 in Lead-Free 3-pin TO92 DS1822 in Lead-Free 3-pin TO92, 2000 Piece Tape-andReel DS1822Z DS1822 DS1822 in 150 mil 8-pin SO DS1822Z/T&R DS1822 DS1822 in 150 mil 8-pin SO, 2500 Piece Tape-and-Reel DS1822Z+ DS1822 (See Note) DS1822 in Lead-Free 150 mil 8-pin SO DS1822Z+T&R DS1822 (See Note) DS1822 in Lead-Free 150 mil 8-pin SO, 2500 Piece Tape-and-Reel Note: A "+" symbol will also be marked on the package. PACKAGE MARKING 1822 1822 1822 (See Note) 1822 (See Note) DESCRIPTION
DETAILED PIN DESCRIPTIONS Table 1
TO-92 SYMBOL DESCRIPTION 1 GND Ground. 2 DQ Data Input/Output pin. Open-drain 1-Wire interface pin. Also provides power to the device when used in parasite power mode (see "Parasite Power" section). 3 3 VDD Optional VDD pin. VDD must be grounded for operation in parasite power mode. *All pins not specified in this table are "No Connect" pins. 8-PIN SO* 5 4
OVERVIEW
Figure 1 shows a block diagram of the DS1822, and pin descriptions are given in Table 1. The 64-bit ROM stores the device's unique serial code. The scratchpad memory contains the 2-byte temperature register that stores the digital output from the temperature sensor. In addition, the scratchpad provides access to the 1-byte upper and lower alarm trigger registers (TH and TL), and the 1-byte configuration register. The configuration register allows the user to set the resolution of the temperature-to-digital conversion to 9, 10, 11, or 12 bits. The TH, TL and configuration registers are NV (EEPROM), so they will retain data when the device is powered down. The DS1822 uses Dallas' exclusive 1-Wire bus protocol that implements bus communication using one control signal. The control line requires a weak pullup resistor since all devices are linked to the bus via a 3-state or open-drain port (the DQ pin in the case of the DS1822). In this bus system, the microprocessor (the master device) identifies and addresses devices on the bus using each device's unique 64-bit code. Because each device has a unique code, the number of devices that can be addressed on one bus is virtually unlimited. The 1-Wire bus protocol, including detailed explanations of the commands and "time slots," is covered in the 1-WIRE BUS SYSTEM section of this data sheet. Another feature of the DS1822 is the ability to operate without an external power supply. Power is instead supplied through the 1-Wire pullup resistor via the DQ pin when the bus is high. The high bus signal also charges an internal capacitor (CPP), which then supplies power to the device when the bus is low. This method of deriving power from the 1-Wire bus is referred to as "parasite power." As an alternative, the DS1822 may also be powered by an external supply on VDD.
2 of 21
DS1822
DS1822 BLOCK DIAGRAM Figure 1
VPU
4.7K
PARASITE POWER CIRCUIT
MEMORY CONTROL LOGIC
DS1822
TEMPERATURE SENSOR
DQ
INTERNAL VDD 64-BIT ROM AND 1-wire PORT
GND
CPP
SCRATCHPAD
ALARM HIGH TRIGGER (TH) REGISTER (EEPROM) ALARM LOW TRIGGER (TL) REGISTER (EEPROM)
VDD
POWER SUPPLY SENSE
CONFIGURATION REGISTER (EEPROM) 8-BIT CRC GENERATOR
3 of 21
DS1822
OPERATION--MEASURING TEMPERATURE
The core functionality of the DS1822 is its direct-to-digital temperature sensor. The resolution of the temperature sensor is user-configurable to 9, 10, 11, or 12 bits, corresponding to increments of 0.5C, 0.25C, 0.125C, and 0.0625C, respectively. The default resolution at power-up is 12 bit. The DS1822 powers-up in a low-power idle state; to initiate a temperature measurement and A-to-D conversion, the master must issue a Convert T [44h] command. Following the conversion, the resulting thermal data is stored in the 2-byte temperature register in the scratchpad memory and the DS1822 returns to its idle state. If the DS1822 is powered by an external supply, the master can issue "read-time slots" (see the 1WIRE BUS SYSTEM section) after the Convert T command and the DS1822 will respond by transmitting 0 while the temperature conversion is in progress and 1 when the conversion is done. If the DS1822 is powered with parasite power, this notification technique cannot be used since the bus must be pulled high by a strong pullup during the entire temperature conversion. The bus requirements for parasite power are explained in detail in the POWERING THE DS1822 section of this data sheet. The DS1822 output temperature data is calibrated in degrees centigrade; for Fahrenheit applications, a lookup table or conversion routine must be used. The temperature data is stored as a 16-bit sign-extended two's complement number in the temperature register (see Figure 2). The sign bits (S) indicate if the temperature is positive or negative: for positive numbers S = 0 and for negative numbers S = 1. If the DS1822 is configured for 12-bit resolution, all bits in the temperature register will contain valid data. For 11-bit resolution, bit 0 is undefined. For 10-bit resolution, bits 1 and 0 are undefined, and for 9-bit resolution bits 2, 1 and 0 are undefined. Table 2 gives examples of digital output data and the corresponding temperature reading for 12-bit resolution conversions.
TEMPERATURE REGISTER FORMAT Figure 2
bit 7 bit 6 bit 5 bit 4 bit 3 bit 2 bit 1 bit 0
LS Byte MS Byte
2
3
2
2
2
1
2
0
2
-1
2
-2
2
-3
2-4
bit 8
bit 15
bit 14
bit 13
bit 12
bit 11
bit 10
bit 9
S
S
S
S
S
2
6
2
5
24
TEMPERATURE/DATA RELATIONSHIP Table 2
TEMPERATURE +125C +85C* +25.0625C +10.125C +0.5C 0C -0.5C -10.125C -25.0625C -55C DIGITAL OUTPUT DIGITAL OUTPUT (Binary) (Hex) 0000 0111 1101 0000 07D0h 0000 0101 0101 0000 0550h 0000 0001 1001 0001 0191h 0000 0000 1010 0010 00A2h 0000 0000 0000 1000 0008h 0000 0000 0000 0000 0000h 1111 1111 1111 1000 FFF8h 1111 1111 0101 1110 FF5Eh 1111 1110 0110 1111 FE6Fh 1111 1100 1001 0000 FC90h
*The power on reset value of the temperature register is +85C
4 of 21
DS1822
OPERATION--ALARM SIGNALING
After the DS1822 performs a temperature conversion, the temperature value is compared to the userdefined two's complement alarm trigger values stored in the 1-byte TH and TL registers (see Figure 3). The sign bit (S) indicates if the value is positive or negative: for positive numbers S = 0 and for negative numbers S = 1. The TH and TL registers are NV (EEPROM) so they will retain data when the device is powered down. TH and TL can be accessed through bytes 2 and 3 of the scratchpad as explained in the MEMORY section of this data sheet.
TH AND TL REGISTER FORMAT Figure 3
bit 7 bit 6 bit 5 bit 4 bit 3 bit 2 bit 1 bit 0
S
2
6
2
5
2
4
2
3
2
2
2
1
20
Only bits 11 through 4 of the temperature register are used in the TH and TL comparison since TH and TL are 8-bit registers. If the measured temperature is lower than or equal to TL or higher than or equal to TH, an alarm condition exists and an alarm flag is set inside the DS1822. This flag is updated after every temperature measurement; therefore, if the alarm condition goes away, the flag will be turned off after the next temperature conversion. The master device can check the alarm flag status of all DS1822s on the bus by issuing an Alarm Search [ECh] command. Any DS1822s with a set alarm flag will respond to the command, so the master can determine exactly which DS1822s have experienced an alarm condition. If an alarm condition exists and the TH or TL settings have changed, another temperature conversion should be done to validate the alarm condition.
POWERING THE DS1822
The DS1822 can be powered by an external supply on the VDD pin, or it can operate in "parasite power" mode, which allows the DS1822 to function without a local external supply. Parasite power is very useful for applications that require remote temperature sensing or that are very space constrained. Figure 1 shows the DS1822's parasite-power control circuitry, which "steals" power from the 1-Wire bus via the DQ pin when the bus is high. The stolen charge powers the DS1822 while the bus is high, and some of the charge is stored on the parasite power capacitor (CPP) to provide power when the bus is low. When the DS1822 is used in parasite power mode, the VDD pin must be connected to ground. In parasite power mode, the 1-Wire bus and CPP can provide sufficient current to the DS1822 for most operations as long as the specified timing and voltage requirements are met (refer to the DC ELECTRICAL CHARACTERISTICS and the AC ELECTRICAL CHARACTERISTICS sections of this data sheet). However, when the DS1822 is performing temperature conversions or copying data from the scratchpad memory to EEPROM, the operating current can be as high as 1.5mA. This current can cause an unacceptable voltage drop across the weak 1-Wire pullup resistor and is more current than can be supplied by CPP. To assure that the DS1822 has sufficient supply current, it is necessary to provide a strong pullup on the 1-Wire bus whenever temperature conversions are taking place or data is being copied from the scratchpad to EEPROM. This can be accomplished by using a MOSFET to pull the bus directly to the rail as shown in Figure 4. The 1-Wire bus must be switched to the strong pullup within 10s (max) after a Convert T [44h] or Copy Scratchpad [48h] command is issued, and the bus must be held high by the pullup for the duration of the conversion (tconv) or data transfer (twr = 10ms). No other activity can take place on the 1-Wire bus while the pullup is enabled. The DS1822 can also be powered by the conventional method of connecting an external power supply to the VDD pin, as shown in Figure 5. The advantage of this method is that the MOSFET pullup is not required, and the 1-Wire bus is free to carry other traffic during the temperature conversion time.
5 of 21
DS1822
The use of parasite power is not recommended for temperatures above 100C since the DS1822 may not be able to sustain communications due to the higher leakage currents that can exist at these temperatures. For applications in which such temperatures are likely, it is strongly recommended that the DS1822 be powered by an external power supply. In some situations the bus master may not know whether the DS1822s on the bus are parasite powered or powered by external supplies. The master needs this information to determine if the strong bus pullup should be used during temperature conversions. To get this information, the master can issue a Skip ROM [CCh] command followed by a Read Power Supply [B4h] command followed by a "read-time slot". During the read time slot, parasite powered DS1822s will pull the bus low, and externally powered DS1822s will let the bus remain high. If the bus is pulled low, the master knows that it must supply the strong pullup on the 1-Wire bus during temperature conversions.
SUPPLYING THE PARASITE-POWERED DS1822 DURING TEMPERATURE CONVERSIONS Figure 4
VPU
DS1822 Microprocessor
VPU 4.7k 1-Wire Bus GND DQ VDD
To Other 1-Wire Devices
POWERING THE DS1822 WITH AN EXTERNAL SUPPLY Figure 5
DS1822
GND DQ VDD 4.7k 1-Wire Bus To Other 1-Wire Devices VDD (External Supply)
Microprocessor
VPU
64-BIT LASERED ROM CODE
Each DS1822 contains a unique 64-bit code (see Figure 6) stored in ROM. The least significant 8 bits of the ROM code contain the DS1822's 1-Wire family code: 22h. The next 48 bits contain a unique serial number. The most significant 8 bits contain a cyclic redundancy check (CRC) byte that is calculated from the first 56 bits of the ROM code. A detailed explanation of the CRC bits is provided in the CRC GENERATION section. The 64-bit ROM code and associated ROM function control logic allow the DS1822 to operate as a 1-Wire device using the protocol detailed in the 1-WIRE BUS SYSTEM section of this data sheet.
64-BIT LASERED ROM CODE Figure 6
8-BIT CRC
MSB LSB
48-BIT SERIAL NUMBER
MSB 6 of 21 LSB
8-BIT FAMILY CODE (22h)
MSB LSB
DS1822
MEMORY
The DS1822's memory is organized as shown in Figure 7. The memory consists of an SRAM scratchpad with NV EEPROM storage for the high and low alarm trigger registers (TH and TL) and configuration register. Note that if the DS1822 alarm function is not used, the TH and TL registers can serve as generalpurpose memory. All memory commands are described in detail in the DS1822 FUNCTION COMMANDS section. Byte 0 and byte 1 of the scratchpad contain the LSB and the MSB of the temperature register, respectively. These bytes are read-only. Bytes 2 and 3 provide access to TH and TL registers. Byte 4 contains the configuration register data, which is explained in detail in the CONFIGURATION REGISTER section of this data sheet. Bytes 5, 6, and 7 are reserved for internal use by the device and cannot be overwritten. Byte 8 of the scratchpad is read-only and contains the cyclic redundancy check (CRC) code for bytes 0 through 7 of the scratchpad. The DS1822 generates this CRC using the method described in the CRC GENERATION section. Data is written to bytes 2, 3, and 4 of the scratchpad using the Write Scratchpad [4Eh] command; the data must be transmitted to the DS1822 starting with the least significant bit of byte 2. To verify data integrity, the scratchpad can be read (using the Read Scratchpad [BEh] command) after the data is written. When reading the scratchpad, data is transferred over the 1-Wire bus starting with the least significant bit of byte 0. To transfer the TH, TL and configuration data from the scratchpad to EEPROM, the master must issue the Copy Scratchpad [48h] command. Data in the EEPROM registers is retained when the device is powered down; at power-up the EEPROM data is reloaded into the corresponding scratchpad locations. Data can also be reloaded from EEPROM to 2 the scratchpad at any time using the Recall E [B8h] command. The master can issue read time slots following the Recall E2 command and the DS1822 will indicate the status of the recall by transmitting 0 while the recall is in progress and 1 when the recall is done.
DS1822 MEMORY MAP Figure 7
SCRATCHPAD (Power-up State) byte 0 Temperature LSB (50h) byte 1 Temperature MSB (05h) byte 2 TH Register or User Byte 1* byte 3 TL Register or User Byte 2* byte 4 Configuration Register* byte 5 Reserved (FFh) byte 6 Reserved byte 7 Reserved (10h) byte 8 CRC* *Power-up state depends on value(s) stored
in EEPROM
(85C)
EEPROM TH Register or User Byte 1 TL Register or User Byte 2 Configuration Register
7 of 21
DS1822
CONFIGURATION REGISTER
Byte 4 of the scratchpad memory contains the configuration register, which is organized as illustrated in Figure 8. The user can set the conversion resolution of the DS1822 using the R0 and R1 bits in this register as shown in Table 3. The power-up default of these bits is R0 = 1 and R1 = 1 (12-bit resolution). Note that there is a direct tradeoff between resolution and conversion time. Bit 7 and bits 0-4 in the configuration register are reserved for internal use by the device and cannot be overwritten.
CONFIGURATION REGISTER Figure 8
bit 7 bit 6 bit 5 bit 4 bit 3 bit 2 bit 1 bit 0
0
R1
R0
1
1
1
1
1
THERMOMETER RESOLUTION CONFIGURATION Table 3
R1 0 0 1 1 R0 0 1 0 1 Resolution 9-bit 10-bit 11-bit 12-bit Max Conversion Time 93.75ms (tCONV/8) 187.5ms (tCONV/4) 375ms (tCONV/2) 750ms (tCONV)
CRC GENERATION
CRC bytes are provided as part of the DS1822's 64-bit ROM code and in the 9th byte of the scratchpad memory. The ROM code CRC is calculated from the first 56 bits of the ROM code and is contained in the most significant byte of the ROM. The scratchpad CRC is calculated from the data stored in the scratchpad, and therefore it changes when the data in the scratchpad changes. The CRCs provide the bus master with a method of data validation when data is read from the DS1822. To verify that data has been read correctly, the bus master must recalculate the CRC from the received data and then compare this value to either the ROM code CRC (for ROM reads) or to the scratchpad CRC (for scratchpad reads). If the calculated CRC matches the read CRC, the data has been received error free. The comparison of CRC values and the decision to continue with an operation are determined entirely by the bus master. There is no circuitry inside the DS1822 that prevents a command sequence from proceeding if the DS1822 CRC (ROM or scratchpad) does not match the value generated by the bus master. The equivalent polynomial function of the CRC (ROM or scratchpad) is: CRC = X8 + X5 + X4 + 1 The bus master can recalculate the CRC and compare it to the CRC values from the DS1822 using the polynomial generator shown in Figure 9. This circuit consists of a shift register and XOR gates, and the shift register bits are initialized to 0. Starting with the least significant bit of the ROM code or the least significant bit of byte 0 in the scratchpad, one bit at a time should shifted into the shift register. After shifting in the 56th bit from the ROM or the most significant bit of byte 7 from the scratchpad, the polynomial generator will contain the recalculated CRC. Next, the 8-bit ROM code or scratchpad CRC from the DS1822 must be shifted into the circuit. At this point, if the recalculated CRC was correct, the shift register will contain all 0s. Additional information about the Dallas 1-Wire cyclic redundancy check
8 of 21
DS1822
is available in Application Note 27 entitled Understanding and Using Cyclic Redundancy Checks with Dallas Semiconductor Touch Memory Products.
CRC GENERATOR Figure 9
XOR (MSB) XOR (LSB)
INPUT
XOR
1-WIRE BUS SYSTEM
The 1-Wire bus system uses a single bus master to control one or more slave devices. The DS1822 is always a slave. When there is only one slave on the bus, the system is referred to as a "single-drop" system; the system is "multidrop" if there are multiple slaves on the bus. All data and commands are transmitted least significant bit first over the 1-Wire bus. The following discussion of the 1-Wire bus system is broken down into three topics: hardware configuration, transaction sequence, and 1-Wire signaling (signal types and timing).
HARDWARE CONFIGURATION
The 1-Wire bus has by definition only a single data line. Each device (master or slave) interfaces to the data line via an open drain or 3-state port. This allows each device to "release" the data line when the device is not transmitting data so the bus is available for use by another device. The 1-Wire port of the DS1822 (the DQ pin) is open drain with an internal circuit equivalent to that shown in Figure 10. The 1-Wire bus requires an external pullup resistor of approximately 5 k; thus, the idle state for the 1Wire bus is high. If for any reason a transaction needs to be suspended, the bus MUST be left in the idle state if the transaction is to resume. Infinite recovery time can occur between bits so long as the 1-Wire bus is in the inactive (high) state during the recovery period. If the bus is held low for more than 480s, all components on the bus will be reset.
HARDWARE CONFIGURATION Figure 10
VPU
DS1822 1-WIRE PORT
4.7k RX 1-wire Bus DQ Pin RX 5A Typ. TX RX = RECEIVE TX = TRANSMIT
TX 100 MOSFET
9 of 21
DS1822
TRANSACTION SEQUENCE
The transaction sequence for accessing the DS1822 is as follows: Step 1. Initialization Step 2. ROM Command (followed by any required data exchange) Step 3. DS1822 Function Command (followed by any required data exchange) It is very important to follow this sequence every time the DS1822 is accessed, as the DS1822 will not respond if any steps in the sequence are missing or out of order. Exceptions to this rule are the Search ROM [F0h] and Alarm Search [ECh] commands. After issuing either of these ROM commands, the master must return to Step 1 in the sequence.
INITIALIZATION
All transactions on the 1-Wire bus begin with an initialization sequence. The initialization sequence consists of a reset pulse transmitted by the bus master followed by presence pulse(s) transmitted by the slave(s). The presence pulse lets the bus master know that slave devices (such as the DS1822) are on the bus and are ready to operate. Timing for the reset and presence pulses is detailed in the 1-WIRE SIGNALING section.
ROM COMMANDS
After the bus master has detected a presence pulse, it can issue a ROM command. These commands operate on the unique 64-bit ROM codes of each slave device and allow the master to single out a specific device if many are present on the 1-Wire bus. These commands also allow the master to determine how many and what types of devices are present on the bus or if any device has experienced an alarm condition. There are five ROM commands, and each command is 8 bits long. The master device must issue an appropriate ROM command before issuing a DS1822 function command. A flowchart for operation of the ROM commands is shown in Figure 11. SEARCH ROM [F0h] When a system is initially powered up, the master must identify the ROM codes of all slave devices on the bus, which allows the master to determine the number of slaves and their device types. The master learns the ROM codes through a process of elimination that requires the master to perform a Search ROM cycle (i.e., Search ROM command followed by data exchange) as many times as necessary to identify all of the slave devices. If there is only one slave on the bus, the simpler Read ROM command (see below) can be used in place of the Search ROM process. For a detailed explanation of the Search ROM procedure, refer to the iButton Book of Standards at www.ibutton.com/ibuttons/standard.pdf. After every Search ROM cycle, the bus master must return to Step 1 (Initialization) in the transaction sequence. READ ROM [33h] This command can only be used when there is one slave on the bus. It allows the bus master to read the slave's 64-bit ROM code without using the Search ROM procedure. If this command is used when there is more than one slave present on the bus, a data collision will occur when all the slaves attempt to respond at the same time. MATCH ROM [55h] The match ROM command followed by a 64-bit ROM code sequence allows the bus master to address a specific slave device on a multidrop or single-drop bus. Only the slave that exactly matches the 64-bit ROM code sequence will respond to the function command issued by the master; all other slaves on the bus will wait for a reset pulse.
10 of 21
DS1822
SKIP ROM [CCh] The master can use this command to address all devices on the bus simultaneously without sending out any ROM code information. For example, the master can make all DS1822s on the bus perform simultaneous temperature conversions by issuing a Skip ROM command followed by a Convert T [44h] command. Note that the Read Scratchpad [BEh] command can follow the Skip ROM command only if there is a single slave device on the bus. In this case time is saved by allowing the master to read from the slave without sending the device's 64-bit ROM code. A Skip ROM command followed by a Read Scratchpad command will cause a data collision on the bus if there is more than one slave since multiple devices will attempt to transmit data simultaneously. ALARM SEARCH [ECh] The operation of this command is identical to the operation of the Search ROM command except that only slaves with a set alarm flag will respond. This command allows the master device to determine if any DS1822s experienced an alarm condition during the most recent temperature conversion. After every Alarm Search cycle (i.e., Alarm Search command followed by data exchange), the bus master must return to Step 1 (Initialization) in the transaction sequence. Refer to the OPERATION--ALARM SIGNALING section for an explanation of alarm flag operation.
DS1822 FUNCTION COMMANDS
After the bus master has used a ROM command to address the DS1822 with which it wishes to communicate, the master can issue one of the DS1822 function commands. These commands allow the master to write to and read from the DS1822's scratchpad memory, initiate temperature conversions and determine the power supply mode. The DS1822 function commands, which are described below, are summarized in Table 4 and illustrated by the flowchart in Figure 12. CONVERT T [44h] This command initiates a single temperature conversion. Following the conversion, the resulting thermal data is stored in the 2-byte temperature register in the scratchpad memory and the DS1822 returns to its low-power idle state. If the device is being used in parasite power mode, within 10s (max) after this command is issued the master must enable a strong pullup on the 1-Wire bus for the duration of the conversion (tconv) as described in the POWERING THE DS1822 section. If the DS1822 is powered by an external supply, the master can issue read time slots after the Convert T command and the DS1822 will respond by transmitting 0 while the temperature conversion is in progress and 1 when the conversion is done. In parasite power mode this notification technique cannot be used since the bus is pulled high by the strong pullup during the conversion. WRITE SCRATCHPAD [4Eh] This command allows the master to write three bytes of data to the DS1822's scratchpad. The first data byte is written into the TH register (byte 2 of the scratchpad), the second byte is written into the TL register (byte 3), and the third byte is written into the configuration register (byte 4). Data must be transmitted least significant bit first. All three bytes MUST be written before the master issues a reset, or the data may be corrupted. READ SCRATCHPAD [BEh] This command allows the master to read the contents of the scratchpad. The data transfer starts with the least significant bit of byte 0 and continues through the scratchpad until the 9th byte (byte 8-CRC) is read. The master may issue a reset to terminate reading at any time if only part of the scratchpad data is needed. COPY SCRATCHPAD [48h] This command copies the contents of the scratchpad TH, TL and configuration registers (bytes 2, 3, and 4) to EEPROM. If the device is being used in parasite power mode, within 10s (max) after this command is
11 of 21
DS1822
issued the master must enable a strong pullup on the 1-Wire bus for at least 10ms as described in the POWERING THE DS1822 section. RECALL E2 [B8h] This command recalls the alarm trigger values (TH and TL) and configuration data from EEPROM and places the data in bytes 2, 3, and 4, respectively, in the scratchpad memory. The master device can issue read time slots following the Recall E2 command and the DS1822 will indicate the status of the recall by transmitting 0 while the recall is in progress and 1 when the recall is done. The recall operation happens automatically at power-up, so valid data is available in the scratchpad as soon as power is applied to the device. READ POWER SUPPLY [B4h] The master device issues this command followed by a read time slot to determine if any DS1822s on the bus are using parasite power. During the read time slot, parasite powered DS1822s will pull the bus low, and externally powered DS1822s will let the bus remain high. Refer to the POWERING THE DS1822 section for usage information for this command.
DS1822 FUNCTION COMMAND SET Table 4
1-Wire Bus Activity Description Protocol After Command is Issued TEMPERATURE CONVERSION COMMANDS Convert T Initiates temperature 44h DS1822 transmits conversion conversion. status to master (not applicable for parasite-powered DS1822s). MEMORY COMMANDS Read Scratchpad Reads the entire scratchpad BEh DS1822 transmits up to 9 data including the CRC byte. bytes to master. Write Scratchpad Writes data into scratchpad 4Eh Master transmits 3 data bytes to bytes 2, 3, and 4 (TH, TL, DS1822. and configuration registers). Copy Scratchpad Copies TH, TL, and 48h None configuration register data from the scratchpad to EEPROM. 2 Recalls TH, TL, and B8h DS1822 transmits recall status to Recall E configuration register data master. from EEPROM to the scratchpad. Read Power Signals DS1822 power B4h DS1822 transmits supply status Supply supply mode to the master. to master. Command Notes 1
2 3
1
NOTES:
1. For parasite-powered DS1822s, the master must enable a strong pullup on the 1-Wire bus during temperature conversions and copies from the scratchpad to EEPROM. No other bus activity may take place during this time. 2. The master can interrupt the transmission of data at any time by issuing a reset. 3. All three bytes must be written before a reset is issued.
12 of 21
DS1822
ROM COMMANDS FLOW CHART Figure 11
Initialization Sequence
MASTER TX RESET PULSE
DS1822 TX PRESENCE PULSE
MASTER TX ROM COMMAND
33h READ ROM COMMAND
N
55h MATCH ROM COMMAND
N
F0h SEARCH ROM COMMAND
N
ECh ALARM SEARCH COMMAND
N
CCh SKIP ROM COMMAND
N
Y
Y
Y
Y
Y
MASTER TX BIT 0
DS1822 TX BIT 0 DS1822 TX BIT 0 MASTER TX BIT 0 DS1822 TX FAMILY CODE 1 BYTE N BIT 0 MATCH? DS1822 TX SERIAL NUMBER 6 BYTES N BIT 0 MATCH? Y
DS1822 TX BIT 0 DS1822 TX BIT 0 MASTER TX BIT 0
DEVICE(S) WITH ALARM FLAG SET? Y
N
Y
DS1822 TX BIT 1 DS1822 TX CRC BYTE MASTER TX BIT 1 DS1822 TX BIT 1 MASTER TX BIT 1
N BIT 1 MATCH?
N BIT 1 MATCH? Y
Y
DS1822 TX BIT 63 MASTER TX BIT 63 DS1822 TX BIT 63 MASTER TX BIT 63
N BIT 63 MATCH?
N BIT 63 MATCH? Y
Y
MASTER TX FUNCTION COMMAND (FIGURE 12)
13 of 21
DS1822
DS1822 FUNCTION COMMANDS FLOW CHART Figure 12
MASTER TX FUNCTION COMMAND 44h CONVERT TEMPERATURE ? Y N 48h COPY SCRATCHPAD ? Y N
N
PARASITE POWER ?
Y
N
PARASITE POWER ?
Y
DS1822 BEGINS CONVERSION
MASTER ENABLES STRONG PULLUP ON DQ
MASTER ENABLES STRONG PULL-UP ON DQ
DS1822 CONVERTS TEMPERATURE DEVICE CONVERTING TEMPERATURE ? Y N
DATA COPIED FROM SCRATCHPAD TO EEPROM COPY IN PROGRESS ? Y N
MASTER DISABLES STRONG PULLUP
MASTER DISABLES STRONG PULLUP
MASTER RX "0s"
MASTER RX "1s"
MASTER RX "0s"
MASTER RX "1s"
N
B4h READ POWER SUPPLY ? Y
N
B8h RECALL E2 ? Y
N
BEh READ SCRATCHPAD ? Y
N
4Eh WRITE SCRATCHPAD ? Y MASTER TX TH BYTE TO SCRATCHPAD
N
PARASITE POWERED ?
Y MASTER BEGINS DATA 2 RECALL FROM E PROM
MASTER RX DATA BYTE FROM SCRATCHPAD
MASTER TX TL BYTE TO SCRATCHPAD MASTER RX "1s" MASTER RX "0s" DEVICE BUSY RECALLING DATA ? Y N MASTER TX RESET ? N Y
MASTER TX CONFIG. BYTE TO SCRATCHPAD
N
HAVE 8 BYTES BEEN READ ? Y
MASTER RX "0s"
MASTER RX "1s"
MASTER RX SCRATCHPAD CRC BYTE
RETURN TO INITIALIZATION SEQUENCE (FIGURE 11) FOR NEXT TRANSACTION
14 of 21
DS1822
1-WIRE SIGNALING
The DS1822 uses a strict 1-Wire communication protocol to insure data integrity. Several signal types are defined by this protocol: reset pulse, presence pulse, write 0, write 1, read 0, and read 1. All of these signals, with the exception of the presence pulse, are initiated by the bus master.
INITIALIZATION PROCEDURE: RESET AND PRESENCE PULSES
All communication with the DS1822 begins with an initialization sequence that consists of a reset pulse from the master followed by a presence pulse from the DS1822. This is illustrated in Figure 13. When the DS1822 sends the presence pulse in response to the reset, it is indicating to the master that it is on the bus and ready to operate. During the initialization sequence the bus master transmits (TX) the reset pulse by pulling the 1-Wire bus low for a minimum of 480s. The bus master then releases the bus and goes into receive mode (RX). When the bus is released, the 5k pullup resistor pulls the 1-Wire bus high. When the DS1822 detects this rising edge, it waits 15s to 60s and then transmits a presence pulse by pulling the 1-Wire bus low for 60s to 240s.
INITIALIZATION TIMING Figure 13
MASTER TX RESET PULSE 480s minimum DS1822 waits 15-60s MASTER RX 480s minimum DS1822 TX presence pulse 60-240s
VPU 1-WIRE BUS GND
LINE TYPE LEGEND Bus master pulling low DS1822 pulling low Resistor pullup
READ/WRITE TIME SLOTS
The bus master writes data to the DS1822 during write time slots and reads data from the DS1822 during read time slots. One bit of data is transmitted over the 1-Wire bus per time slot.
WRITE TIME SLOTS
There are two types of write time slots: "Write 1" time slots and "Write 0" time slots. The bus master uses a Write 1 time slot to write a logic 1 to the DS1822 and a Write 0 time slot to write a logic 0 to the DS1822. All write time slots must be a minimum of 60s in duration with a minimum of a 1s recovery time between individual write slots. Both types of write time slots are initiated by the master pulling the 1-Wire bus low (see Figure 14). To generate a Write 1 time slot, after pulling the 1-Wire bus low, the bus master must release the 1-Wire bus within 15s. When the bus is released, the 5k pullup resistor will pull the bus high. To generate a Write 0 time slot, after pulling the 1-Wire bus low, the bus master must continue to hold the bus low for the duration of the time slot (at least 60s).
15 of 21
DS1822
The DS1822 samples the 1-Wire bus during a window that lasts from 15s to 60s after the master initiates the write time slot. If the bus is high during the sampling window, a 1 is written to the DS1822. If the line is low, a 0 is written to the DS1822.
READ/WRITE TIME SLOT TIMING DIAGRAM Figure 14
START OF SLOT START OF SLOT
MASTER WRITE "0" SLOT 60s < TX "0" < 120s VPU 1-WIRE BUS GND DS1822 Samples
MIN TYP MAX
1s < TREC < > 1s
MASTER WRITE "1" SLOT
DS1822 Samples
MIN TYP MAX
15s
15s
30s
15s
15s
30s
MASTER READ "0" SLOT VPU 1-WIRE BUS GND Master samples > 1s 15s 45s 15s > 1 s
MASTER READ "1" SLOT 1s < TREC <
Master samples
LINE TYPE LEGEND Bus master pulling low Resistor pullup DS1822 pulling low
READ TIME SLOTS
The DS1822 can only transmit data to the master when the master issues read time slots. Therefore, the master must generate read time slots immediately after issuing a Read Scratchpad [BEh] or Read Power Supply [B4h] command, so that the DS1822 can provide the requested data. In addition, the master can generate read time slots after issuing Convert T [44h] or Recall E2 [B8h] commands to find out the status of the operation as explained in the DS1822 FUNCTION COMMAND section. All read time slots must be a minimum of 60s in duration with a minimum of a 1s recovery time between slots. A read time slot is initiated by the master device pulling the 1-Wire bus low for a minimum of 1s and then releasing the bus (see Figure 14). After the master initiates the read time slot, the DS1822 will begin transmitting a 1 or 0 on bus. The DS1822 transmits a 1 by leaving the bus high and transmits a 0 by pulling the bus low. When transmitting a 0, the DS1822 will release the bus by the end of the time slot, and the bus will be pulled back to its high idle state by the pullup resister. Output
16 of 21
DS1822
data from the DS1822 is valid for 15s after the falling edge that initiated the read time slot. Therefore, the master must release the bus and then sample the bus state within 15s from the start of the slot. Figure 15 illustrates that the sum of TINIT, TRC, and TSAMPLE must be less than 15s for a read time slot. Figure 16 shows that system timing margin is maximized by keeping TINIT and TRC as short as possible and by locating the master sample time during read time slots towards the end of the 15s period.
DETAILED MASTER READ 1 TIMING Figure 15
VPU 1-WIRE BUS GND TINT > 1s TRC 15s Master samples VIH of Master
RECOMMENDED MASTER READ 1 TIMING Figure 16
VPU 1-WIRE BUS GND TINT = TRC = small small 15 s Master samples VIH of Master
LINE TYPE LEGEND Bus master pulling low Resistor pullup
RELATED APPLICATION NOTES
The following Application Notes can be applied to the DS1822. These notes can be obtained from the Dallas Semiconductor "Application Note Book," via the Dallas website at http://www.dalsemi.com/, or through our faxback service at (214) 450-0441. Application Note 27: Understanding and Using Cyclic Redundancy Checks with Dallas Semiconductor Touch Memory Product Application Note 55: Extending the Contact Range of Touch Memories Application Note 74: Reading and Writing Touch Memories via Serial Interfaces Application Note 104: Minimalist Temperature Control Demo Application Note 106: Complex MicroLANs Application Note 108: MicroLAN--In the Long Run Application Note 162: Interfacing the DS18X20/DS1822 1-Wire Temperature Sensor in a Microcontroller Environment Sample 1-Wire subroutines that can be used in conjunction with AN74 can be downloaded from the Dallas website or anonymous FTP Site.
17 of 21
DS1822
DS1822 OPERATION EXAMPLE 1
In this example there are multiple DS1822s on the bus and they are using parasite power. The bus master initiates a temperature conversion in a specific DS1822 and then reads its scratchpad and recalculates the CRC to verify the data.
MASTER MODE TX RX TX TX TX TX TX RX TX TX TX RX DATA (LSB FIRST) Reset Presence 55h 64-bit ROM code 44h DQ line held high by strong pullup Reset Presence 55h 64-bit ROM code BEh 9 data bytes COMMENTS Master issues reset pulse. DS1822s respond with presence pulse. Master issues Match ROM command. Master sends DS1822 ROM code. Master issues Convert T command. Master applies strong pullup to DQ for the duration of the conversion (tconv). Master issues reset pulse. DS1822s respond with presence pulse. Master issues Match ROM command. Master sends DS1822 ROM code. Master issues Read Scratchpad command. Master reads entire scratchpad including CRC. The master then recalculates the CRC of the first eight data bytes from the scratchpad and compares the calculated CRC with the read CRC (byte 9). If they match, the master continues; if not, the read operation is repeated.
DS1822 OPERATION EXAMPLE 2
In this example there is only one DS1822 on the bus and it is using parasite power. The master writes to the TH, TL, and configuration registers in the DS1822 scratchpad and then reads the scratchpad and recalculates the CRC to verify the data. The master then copies the scratchpad contents to EEPROM.
MASTER MODE TX RX TX TX TX TX RX TX TX RX DATA (LSB FIRST) Reset Presence CCh 4Eh 3 data bytes Reset Presence CCh BEh 9 data bytes COMMENTS Master issues reset pulse. DS1822 responds with presence pulse. Master issues Skip ROM command. Master issues Write Scratchpad command. Master sends three data bytes to scratchpad (TH, TL, and config). Master issues reset pulse. DS1822 responds with presence pulse. Master issues Skip ROM command. Master issues Read Scratchpad command. Master reads entire scratchpad including CRC. The master then recalculates the CRC of the first eight data bytes from the scratchpad and compares the calculated CRC with the read CRC (byte 9). If they match, the master continues; if not, the read operation is repeated. Master issues reset pulse. DS1822 responds with presence pulse. Master issues Skip ROM command. Master issues Copy Scratchpad command. Master applies strong pullup to DQ for at least 10ms while copy operation is in progress.
TX RX TX TX TX
Reset Presence CCh 48h DQ line held high by strong pullup
18 of 21
DS1822
ABSOLUTE MAXIMUM RATINGS*
Voltage on Any Pin Relative to Ground Operating Temperature Range Storage Temperature Range Solder Dip Temperature Reflow Oven Temperature -0.5V to +6.0V -55C to +125C -55C to +125C See IPC/JEDEC J-STD-020A Specification +220C
*These are stress ratings only and functional operation of the device at these or any other conditions above those indicated in the operation sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods of time may affect reliability.
DC ELECTRICAL CHARACTERISTICS
PARAMETER Supply Voltage Pullup Supply Voltage Thermometer Error SYMBOL VDD VPU tERR CONDITION Local Power Parasite Power Local Power -10C to +85C -55C to +125C Local Power Parasite Power Sink Current Standby Current Active Current DQ Input Current Drift IL IDDS IDD IDQ VI/O=0.4V VDD=5V
(-55C to +125C; VDD = 3.0V to 5.5V)
MIN +3.0 +3.0 +3.0 TYP MAX +5.5 +5.5 VDD 2 3 -0.3 +2.2 +3.0 4.0 750 1 5 0.2 1000 1.5 +0.8 The lower of 5.5 or VDD + 0.3 V V 1, 4, 5 1, 6 UNITS NOTES V 1 V 1, 2 C 3
Input Logic Low Input Logic High
VIL VIH
mA nA mA A C
1 7, 8 9 10 11
NOTES:
All voltages are referenced to ground. The Pullup Supply Voltage specification assumes that the pullup device is ideal, and therefore the high level of the pullup is equal to VPU. In order to meet the VIH spec of the DS1822, the actual supply rail for the strong pullup transistor must include margin for the voltage drop across the transistor when it is turned on; thus: VPU_ACTUAL = VPU_IDEAL + VTRANSISTOR. 3. See typical performance curve in Figure 17. 4. Logic low voltages are specified at a sink current of 4mA. 5. To guarantee a presence pulse under low voltage parasite power conditions, VILMAX may have to be reduced to as low as 0.5V. 6. Logic high voltages are specified at a source current of 1mA. 7. Standby current specified up to +70C. Standby current typically is 3A at +125C. 8. To minimize IDDS, DQ should be within the following ranges: GND DQ GND + 0.3V or VDD 0.3V DQ VDD. 9. Active current refers to supply current during active temperature conversions or EEPROM writes. 10. DQ line is high (high-Z state). 11. Drift data is based on a 1000 hour stress test at +125C with VDD = 5.5V.
19 of 21
1. 2.
DS1822
AC ELECTRICAL CHARACTERISTICS: NV MEMORY (-55C to +100C; VDD = 3.0V to 5.5V)
PARAMETER NV Write Cycle Time EEPROM Writes EEPROM Data Retention SYMBOL twr NEEWR tEEDR CONDITION -55C to +55C -55C to +55C MIN 50k 10 TYP 2 MAX 10 UNITS ms writes years
AC ELECTRICAL CHARACTERISTICS
PARAMETER Temperature Conversion Time SYMBOL tCONV
(-55C to +125C; VDD = 3.0V to 5.5V)
UNITS ms ms ms ms s s s s s s s s s s pF NOTES 1 1 1 1
Time to Strong Pullup On Time Slot Recovery Time Write 0 Low Time Write 1 Low Time Read Data Valid Reset Time High Reset Time Low Presence Detect High Presence Detect Low Capacitance
tSPON tSLOT tREC rLOW0 tLOW1 tRDV tRSTH tRSTL tPDHIGH tPDLOW CIN/OUT
CONDITION MIN TYP MAX 9-bit resolution 93.75 10-bit resolution 187.5 11-bit resolution 375 12-bit resolution 750 Start Convert T 10 Command Issued 60 120 1 60 120 1 15 15 480 480 15 60 60 240 25
1 1 1 1 1 1 1,2 1 1
NOTES:
1. 2. Refer to timing diagrams in Figure 18. Under parasite power, if tRSTL > 960s, a power on reset may occur.
TYPICAL PERFORMANCE CURVE Figure 17
DS1822 Typical Performance Curve
0.8 0.6 Thermometer Error (C) 0.4 0.2 0 -0.2 -0.4 -0.6 -0.8 -1 -1.2 -10 0 10 20 30 40 Temperature (C)
20 of 21 -3s Error Mean Error +3s Error
50
60
70
80
DS1822
TIMING DIAGRAMS Figure 18
21 of 21


▲Up To Search▲   

 
Price & Availability of DS1822

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X