Part Number Hot Search : 
A3860I C331M T04XO LT1457S8 40BR1KLF HE83120 ER502 MP3TG
Product Description
Full Text Search
 

To Download DAN202U Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Transys
Electronics
LIMITED
SOT-323 Plastic-Encapsulated Diode
DAN202U
FEATURES:
1. 25 A0. 05
1. 01 R EF
SWITCHING DIODE
SOT-323
Power dissipation PD: 200 mW (Tamb=25)
1. 30 A0. 03
2. 30 A0. 05
Collector current 100 mA IF: Collector-base voltage 80 V VR: Operating and storage junction temperature range TJ, Tstg: -55 to +150
Unit: mm
CIRCUIT:
1 3 2
MARKING: N
ELECTRICAL CHARACTERISTICS (Tamb=25
Parameter Reverse breakdown voltage Reverse voltage leakage current Forward voltage Diode capacitance Reverse recovery time Symbol V(BR) IR VF CD trr
unless otherwise specified)
Test conditions MIN 80 0.1 1.2 3.5 4 MAX UNIT V
IR= 100A VR=70V IF=100mA VR=6V, f=1MHz VR=6V, IF=5mA
0. 30
2. 00 A0. 05
A
V
pF ns


▲Up To Search▲   

 
Price & Availability of DAN202U

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X