Part Number Hot Search : 
TSOP28ON 1210M LNC707PS SAMTEC 12864 NT300 LNC707PS UF4003
Product Description
Full Text Search
 

To Download D3406-0000PR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 JNPS-0846 CONTENTS
/ PAGE ***************************************************************************************************************** 1 FUNCTION************************************************************************************************************ 6
1.
2.
********************************************************************************************************* 1 COMPATIBLE OBJECTS ************************************************************************************* 6
3.
***************************************************************************************************** 1 RELATED SPECIFICATION DRAWINGS ******************************************************** 6
4.
***************************************************************************************************** 1 RELATED TEST STANDARDS ************************************************************************* 6
5.
***************************************************************************************************************** 2 APPLICATION ****************************************************************************************************** 7
6.
******************************************************************************************************* 3 QUALITY PERFORMANCE********************************************************************************* 8
7.
************************************************************************** 4 PLATING SPEC INDICATION ON CONNECTOR********************************************** 9
8.
***************************************************************************************************** 4 PACKAGE & IDENTIFICATION ************************************************************************* 9
9.
***************************************************************************************************************** 5 STORAGE************************************************************************************************************ 10
10.
********************************************************************************************************* 5 ATTENTIONS ***************************************************************************************************** 10
i
JNPS-0846
1. FUNCTION
This connector is designed for IDC (Insulation Displacement Connector) connection with 1.27mm pitch flat cable. This connector has 2 rows of plural U-elements at topside and 2 rows of contact tails at bottom side. Then, this connector has the function of electrical connection between cable and PC board or cable and compatible IC socket (Plating Suffix : SC or S).
2.
COMPATIBLE OBJECTS
2-1 WIRE ACCOMODATION
28 AWG Stranded *corresponding with UL Style 2651
2-2 COMPATIBLE BOARD
Thickness: 1.6mm 0.2mm Through hole diameter: 1.0mm 0.1mm * Refer to the drawing 4U-0010-0940-6. * In the case that (X)3406-0000 XX (14 pos.) or (X)3416-0000 XX (16 pos.) is mounted on the PC board by soldering, more than 0.5mm thickness spacers (ex. plastic washer with high temperature resistance) should be used for spacing between the connector body and PC board.
2-3 COMPATIBLE IC SOCKET
IS socket should have the compatibility with the following specification of the terminals.
PRODUCT No. (X)3406-0000 XX (14Pos.) and (X)3416-0000 XX (16Pos.) (X)3460-0000 XX (24Pos.) LEAD LENGTH 4.4 0.3mm * These connectors don't have standoff bumps. 3.8 0.3mm * Lower side from the bottom of the standoff bumps (Height: 0.6mm). 3.9 0.3mm * Lower side from the bottom of the standoff bumps (Height: 0.5mm). 0.46 0.05mm x 0.36 0.05mm LEAD SECTION
(X)3508-0000 XX (40Pos.)
* IC socket should be used for (X)3XXX-0000 SC and (X)3XXX-0000 S. IC socket can not be used for (X)3XXX-0000 PR.
3.
RELATED SPECIFICATION DRAWINGS
See the drawings described in JNPD-0846.
4.
RELATED TEST STANDARDS
MIL-STD-202 JEIDA-38-1984 JIS C 0050 JNTM-0039, JNTM-0040 *JNTM: Test Method Standard of Sumitomo 3M for Electronic and Electrical Component Parts.
JNPS-0846
5. APPLICATION
PRODUCT NUMBER INFORMATION
(X)
3XXX - 0 X 0 0 XX
PLATING SUFFIX
PR : U-ELEMENT AREA & TAIL AREA / Gold Flash Plating SC : U-ELEMENT AREA / Nickel Plating TAIL AREA / Gold Plating 0.2m Min S : U-ELEMENT AREA / Nickel Plating TAIL AREA / Gold Plating 0.76m Min.
SHAPE OF TAIL SECTION
0 : Rectangular Pin (0.46mm x 0.36mm)
CONTACT DISPOSITION
0: 1: Standard (Body Color : Gray) Mirror Image Type (Body Color : Black)
CONTACT QUANTITY
3406: 14P (Distance of terminal row : 7.62mm) 3416: 16P (Distance of terminal row : 7.62mm) 3460: 24P (Distance of terminal row : 15.24mm) 3508: 40P (Distance of terminal row : 15.24mm)
BODY COLOR Blank : Gray D : Black
(Contact Disposition : Standard) (Contact Disposition : Mirror Image Type)
JNPS-0846
6. QUALITY PERFORMANCE
6-1 RATING
ITEM CURRENT VOLTAGE TEMPERATURE RATING 1.0A AC: 250V Max. Max. / DC: 300V Max.
-55C ~ 105C
6-2 PHYSICAL SPECIFICATIONS
TEST DESCRIPTION REQUIREMENT Electrical discontinuity: Less than 1s
* The value in (
TEST CONDITION Sweep Freq.: 1055Hz, Amplitude: 1.52mm(or 98 m/s2), Sweep Cycle: 1min., Sweep time: 2 hours Sweep in each direction: (X,Y,Z)
) is reference.
RELATED STANDARD MIL-STD202F 101A
VIBRATION
MECHANICAL SHOCK
Electrical discontinuity: Less than 1s Wetting: 95% Min. or Zero cross time: 3 seconds Max. Connector should not have any defect portions after test.
490 m/s2, 11ms, Half sine shock pulse. 3 times / X,Y,Z directions (Total 18 times) Solder: Sn-3Ag-0.5Cu - Wetting Measurement: 245C, 3 seconds - Wetting Balance Method: 245C Dip soldering: 260C, 10 seconds, 2 times or 263C, 5 seconds, 2 times * without Pre-heating Soldering Iron: Dependence on soldering conditions. * It need the evaluation under actual conditions.
MIL-STD202E 213B
SOLDERABILITY
JNTM-0039 JIS C 0050
SOLDERING HEAT RESISTANCE
JNTM-0040
JNPS-0846
6-3 ELECTRICAL SPECIFICATIONS
TEST DESCRIPTION DIELECTRIC WITHSTANDING VOLTAGE INSULATION RESIDENSE REQUIREMENT No appearance of arcing and break down. Leak current: 1mA Max. 1000M Min. - Initial / 25 m Max. - Change of contact resistance after environmental tests / 20 m Max. TEST CONDITION Impressed voltage is AC 1000V rms. between adjacent two contacts for one minute. Impressed voltage is DC 500V between adjacent two contacts for one minute. Contact resistance is measured at Short Circuit. Current: 1.5mA Open Circuit Voltage: 20mV by 4 terminal method. * Measurement values include the resistance of contact pins as conductive material. * Refer to Table 1 regarding the conditions of each environmental test. RELATED STANDARD
CONTACT RESISTANCE
See Table 1.
Table 1: ENVIROMENTAL TEST
ITEM MOISTURE SALT SPRAY THERMAL SHOCK HUMIDITY (STEADY STATE) THERMAL LIFE H2S GAS TEST CONDITION -10 65C, Relative Humidity 95% / 10 cycles NaCl 5% solution, 35C / 48 hours -55C25C85C25C / 5 cycles 40C, Relative Humidity 95% / 96 hours Steady Current: Current Rating x 110%, 85C / 1000 hours 3 1 ppm, 40C, Relative Humidity 70 80% / 96 hours RELATED STANDARD MIL-STD-202F106D MIL-STD-202F101D MIL-STD-202F107G MIL-STD-202F103B JEIDA-38-1984
7.
PLATING SPEC INDICATION ON CONNECTOR
The first letter, in stamped 3 letters on the connector body for lot numbering, identified the following plating specs. N XX or n XX : PR plating C XX or c XX : SC plating S XX or s XX : S plating * XX : two alphabet letters
8.
PACKAGE & IDENTIFICATION
These products are packed with plastic tray and carton box for transit. Carton box are identified by part number, quantity, maker name and lot number.
JNPS-0846
9. STORAGE
This products shall be stored in a room, ambient temperature 5 35C, and ambient humidity 40 70%.
10. ATTENTIONS
10-1 BOARD MOUNTING
In the case that (X)3406-0000 XX (14 pos.) or (X)3416-0000 XX (16 pos.) is mounted on the PC board by soldering, more than 0.4mm thickness spacers (ex. plastic washer with high temperature resistance) should be used for spacing between the connector body and PC board.
10-2
COMPATIBILITY WITH IC SOCKET
IC socket should be used for (X)3XXX-0000 SC and (X)3XXX-0000 S. IC socket can not be used for (X)3XXX-0000 PR.


▲Up To Search▲   

 
Price & Availability of D3406-0000PR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X