Part Number Hot Search : 
FR024 RT9273 RX300 2SK30 LX901 AP1635 V24B12C TFS153C
Product Description
Full Text Search
 

To Download CYWUSB6932-48LFXC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CYWUSB6932 CYWUSB6934
WirelessUSBTM LS 2.4-GHz DSSS Radio SoC
1.0 Features 2.0 Functional Description
* 2.4-GHz radio transceiver * Operates in the unlicensed Industrial, Scientific, and Medical (ISM) band (2.4 GHz-2.483 GHz) * -90-dBm receive sensitivity * Up to 0 dBm output power * Range of up to 10 meters or more * Data throughput of up to 62.5 kbits/sec * Highly integrated low cost, minimal number of external components required * Dual DSSS reconfigurable baseband correlators * SPI microcontroller interface (up to 2-MHz data rate) * 13-MHz 50-ppm input clock operation * Low standby current < 1 A * Integrated 30-bit Manufacturing ID * Operating voltage from 2.7V to 3.6V * Operating temperature from 0 to 70C * Offered in a small footprint 48 Quad Flat Pack No Leads (QFN) The CYWUSB6932/CYWUSB6934 Integrated Circuits (ICs) are highly integrated 2.4-GHz Direct Sequence Spread Spectrum (DSSS) Radio System-on-Chip (SoC) ICs. From the Serial Peripheral Interface (SPI) to the antenna, these ICs are single-chip 2.4-GHz DSSS Gaussian Frequency Shift Keying (GFSK) baseband modems that connect directly to a microcontroller via simple serial interface. The CYWUSB6932 transmit-only IC and the CYWUSB6934 transceiver IC are available in a small footprint 48-pin QFN package.
3.0
Applications
* PC Human Interface Devices (HIDs) -- Mice -- Keyboards -- Joysticks * Peripheral Gaming Devices -- Game Controllers -- Console Keyboards * General -- Presenter Tools -- Remote Controls -- Consumer Electronics -- Barcode Scanners -- POS Peripherals -- Toys
DIOVAL DIO SERDES A DSSS Baseband A GFSK Modulator RFOUT
IRQ SS SCK MISO MOSI
Digital
SERDES B
DSSS Baseband B
GFSK Demodulator
RFIN
RESET P D
Synthesizer
CY WUSB6934Only X13IN X13 X13OUT
Figure 3-1. CYWUSB6932/CYWUSB6934 Simplified Block Diagram
Cypress Semiconductor Corporation Document 38-16007 Rev. *I
*
3901 North First Street
*
San Jose, CA 95134 * 408-943-2600 Revised August 3, 2005
CYWUSB6932 CYWUSB6934
3.1 Applications Support
The CYWUSB6932/CYWUSB6934 ICs are supported by the CY3632 WirelessUSB Development Kit. The development kit provides all of the materials and documents needed to cut the cord on wired applications including two radio modules that connect directly to two prototyping platform boards, comprehensive WirelessUSB protocol code examples a WirelessUSB Listener tool and all of the associated schematics, gerber files and bill of materials. The CY4632 WirelessUSB LS Keyboard Mouse Reference Design provides a production-worthy example of a wireless mouse and keyboard system. The CY3633 WirelessUSB LS Gaming Development Kit provides support for designing a wireless gamepad for the major gaming consoles and is offered as an accessory to the CY3632 WirelessUSB. Both the receiver and transmitter integrated Voltage Controlled Oscillator (VCO) and synthesizer have the agility to cover the complete 2.4-GHz GFSK radio transmitter ISM band. The synthesizer provides the frequency-hopping local oscillator for the transmitter and receiver. The VCO loop filter is also integrated on-chip.
4.2
GFSK Modem
The transmitter uses a DSP-based vector modulator to convert the 1-MHz chips to an accurate GFSK carrier. The receiver uses a fully integrated Frequency Modulator (FM) detector with automatic data slicer to demodulate the GFSK signal.
4.3
Dual DSSS Baseband
4.0
Functional Overview
The CYWUSB6932/CYWUSB6934 ICs provide a complete WirelessUSB LS SPI to antenna radio modem. The SoC is designed to implement wireless devices operating in the worldwide 2.4-GHz Industrial, Scientific, and Medical (ISM) frequency band (2.400 GHz-2.4835 GHz). It is intended for systems compliant with world-wide regulations covered by ETSI EN 301 489-1 V1.4.1, ETSI EN 300 328-1 V1.3.1 (European Countries); FCC CFR 47 Part 15 (USA and Industry Canada) and ARIB STD-T66 (Japan). The CYWUSB6934 IC contains a 2.4-GHz radio transceiver, a GFSK modem and a dual DSSS reconfigurable baseband. The CYWUSB6932 IC contains a 2.4-GHz radio transmit-only, a GFSK modem and a DSSS baseband. The radio and baseband are both code- and frequency-agile. Forty-nine spreading codes selected for optimal performance (Gold codes) are supported across 78 1-MHz channels yielding a theoretical spectral capacity of 3822 channels. Both ICs support a range of up to 10 meters or more.
Data is converted to DSSS chips by a digital spreader. De-spreading is performed by an oversampled correlator. The DSSS baseband cancels spurious noise and assembles properly correlated data bytes. The DSSS baseband has three operating modes: 64 chips/bit Single Channel, 32 chips/bit Single Channel, and 32 chips/bit Single Channel Dual Data Rate (DDR). 4.3.1 64 Chips/Bit Single Channel
The baseband supports a single data stream operating at 15.625 kbits/sec. The advantage of selecting this mode is its ability to tolerate a noisy environment. This is because the 15.625 kbits/sec data stream utilizes the longest PN Code resulting in the highest probability for recovering packets over the air. This mode can also be selected for systems requiring data transmissions over longer ranges. 4.3.2 32 Chips/Bit Single Channel
The baseband supports a single data stream operating at 31.25 kbits/sec. 4.3.3 32 Chips/Bit Single Channel Dual Data Rate (DDR)
4.1
2.4-GHz Radio
The receiver and transmitter are a single-conversion low-Intermediate Frequency (low-IF) architecture with fully integrated IF channel matched filters to achieve high performance in the presence of interference. An integrated Power Amplifier (PA) provides an output power control range of 30 dB in seven steps. Table 4-1. Internal PA Output Power Step Table PA Setting 7 6 5 4 3 2 1 0 Typical Output Power (dBm) 0 -2.4 -5.6 -9.7 -16.4 -20.8 -24.8 -29.0
The baseband spreads bits in pairs and supports a single data stream operating at 62.5 kbits/sec.
4.4
Serializer/Deserializer (SERDES)
The CYWUSB6934 IC has a data Serializer/Deserializer (SERDES), which provides byte-level framing of transmit and receive data. Bytes for transmission are loaded into the SERDES and receive bytes are read from the SERDES via the SPI interface. The SERDES provides double buffering of transmit and receive data. While one byte is being transmitted by the radio the next byte can be written to the SERDES data register insuring there are no breaks in transmitted data. After a receive byte has been received it is loaded into the SERDES data register and can be read at any time until the next byte is received, at which time the old contents of the SERDES data register will be overwritten. The CYWUSB6932 IC only has a data Serializer.
Document 38-16007 Rev. *I
Page 2 of 30
CYWUSB6932 CYWUSB6934
4.5 Application Interfaces
Both ICs have a fully synchronous SPI slave interface for connectivity to the application MCU. Configuration and byte-oriented data transfer can be performed over this interface. An interrupt is provided to trigger real time events. An optional SERDES Bypass mode (DIO) is provided for applications that require a synchronous serial bit-oriented data path. This interface is for data only. (Reg 0x2F, bit 7=1) to initiate an ADC conversion. Then, wait greater than 50 s and read the RSSI register again. Next, clear the Carrier Detect Register (Reg 0x2F, bit 7=0) and turn the receiver OFF. Measuring the noise floor of a quiet channel is inherently a 'noisy' process so, for best results, this procedure should be repeated several times (~20) to compute an average noise floor level. A RSSI register value of 0-10 indicates a channel that is relatively quiet. A RSSI register value greater than 10 indicates the channel is probably being used. A RSSI register value greater than 28 indicates the presence of a strong signal.
4.6
Clocking and Power Management
A 13-MHz crystal (50 ppm or better) is directly connected to X13IN and X13 without the need for external capacitors. Both ICs have a programmable trim capability for adjusting the on-chip load capacitance supplied to the crystal. The Radio Frequency (RF) circuitry has on-chip decoupling capacitors. Both devices are powered from a 2.7V to 3.6V DC supply. Both devices can be shutdown to a fully static state using the PD pin. Below are the requirements for the crystal to be directly connected to X13IN and X13: * Nominal Frequency: 13 MHz * Operating Mode: Fundamental Mode * Resonance Mode: Parallel Resonant * Frequency Stability: 50 ppm * Series Resistance: 100 ohms * Load Capacitance: 10 pF * Drive Level: 10 uW-100 uW
5.0
5.1
Application Interfaces
SPI Interface
The CYWUSB6932/CYWUSB6934 ICs have a four-wire SPI communication interface between an application MCU and one or more slave devices. The SPI interface supports single-byte and multi-byte serial transfers. The four-wire SPI communications interface consists of Master Out-Slave In (MOSI), Master In-Slave Out (MISO), Serial Clock (SCK), and Slave Select (SS). The SPI receives SCK from an application MCU on the SCK pin. Data from the application MCU is shifted in on the MOSI pin. Data to the application MCU is shifted out on the MISO pin. The active-low Slave Select (SS) pin must be asserted to initiate a SPI transfer. The application MCU can initiate a SPI data transfer via a multi-byte transaction. The first byte is the Command/Address byte, and the following bytes are the data bytes as shown in Figure 5-1 through Figure 5-4. The SS signal should not be deasserted between bytes. The SPI communications is as follows: * Command Direction (bit 7) = "0" Enables SPI read transaction. A "1" enables SPI write transactions. * Command Increment (bit 6) = "1" Enables SPI auto address increment. When set, the address field automatically increments at the end of each data byte in a burst access, otherwise the same address is accessed. * Six bits of address. * Eight bits of data. The SPI communications interface has a burst mechanism, where the command byte can be followed by as many data bytes as desired. A burst transaction is terminated by deasserting the slave select (SS = 1). For burst read transactions, the application MCU must abide by the timing shown in Figure 12-2. The SPI communications interface single read and burst read sequences are shown in Figure 5-2 and Figure 5-3, respectively. The SPI communications interface single write and burst write sequences are shown in Figure 5-4 and Figure 5-5, respectively.
4.7
Receive Signal Strength Indicator (RSSI)
The RSSI register (Reg 0x22) (applies only to the CYWUSB6934 IC) returns the relative signal strength of the ON-channel signal power and can be used to: 1. Determine the connection quality 2. Determine the value of the noise floor 3. Check for a quiet channel before transmitting. The internal RSSI voltage is sampled through a 5-bit analog-to-digital converter (ADC). A state machine controls the conversion process. Under normal conditions, the RSSI state machine initiates a conversion when an ON-channel carrier is detected and remains above the noise floor for over 50 s. The conversion produces a 5-bit value in the RSSI register (Reg 0x22, bits 4:0) along with a valid bit, RSSI register (Reg 0x22, bit 5). The state machine then remains in HALT mode and does not reset for a new conversion until the receive mode is toggled off and on. Once a connection has been established, the RSSI register can be read to determine the relative connection quality of the channel. A RSSI register value lower than 10 indicates that the received signal strength is low, a value greater than 28 indicates a strong signal level. To check for a quiet channel before transmitting, first set up receive mode properly and read the RSSI register (Reg 0x22). If the valid bit is zero, then force the Carrier Detect register
Document 38-16007 Rev. *I
Page 3 of 30
CYWUSB6932 CYWUSB6934
Byte 1 Bit # Bit Name 7 DIR 6 INC [5:0] Address Byte 1+N [7:0] Data
Figure 5-1. SPI Transaction Format
SCK SS cm d MOSI M IS O
D IR
addr
A5 A4 A3 A2 A1 A0
0
IN C
0
d a ta t o m c u
D7 D6 D5 D4 D3 D2 D1 D0
Figure 5-2. SPI Single Read Sequence
SCK SS cm d MOSI M IS O
D IR
addr
A5 A4 A3 A2 A1 A0
0
IN C
1
d a ta to m c u
D7 D6 D5 D4 D3 D2
1
D1 D0 D7
d a ta to m c u
D6 D5 D4 D3 D2
1+N
D1 D0
Figure 5-3. SPI Burst Read Sequence
SCK SS cm d M O SI M ISO
Figure 5-4. SPI Single Write Sequence
DIR
addr
A5 A4 A3 A2 A1 A0 D7
data from m cu
D6 D5 D4 D3 D2 D1 D0
1
INC
0
SCK SS cm d MOSI M IS O
D IR
a dd r
A5 A4 A3 A2 A1 A0 D7
d ata fro m m cu
D6 D5 D4 D3 D2
1
D1 D0 D7
da ta from m cu
D6 D5 D4 D3 D2
1+N
D1 D0
1
IN C
1
Figure 5-5. SPI Burst Write Sequence
Document 38-16007 Rev. *I
Page 4 of 30
CYWUSB6932 CYWUSB6934
5.2 DIO Interface
5.3.1 Wake Interrupt
The DIO communications interface is an optional SERDES bypass data-only transfer interface. In receive mode, DIO and DIOVAL are valid after the falling edge of IRQ, which clocks the data as shown in Figure 5-6. In transmit mode, DIO and DIOVAL are sampled on the falling edge of the IRQ, which clocks the data as shown in Figure 5-7. The application MCU samples the DIO and DIOVAL on the rising edge of IRQ.
When the PD pin is low, the oscillator is stopped. After PD is deasserted, the oscillator takes time to start, and until it has done so, it is not safe to use the SPI interface. The wake interrupt indicates that the oscillator has started, and that the device is ready to receive SPI transfers. The wake interrupt is enabled by setting bit 0 of the Wake Enable register (Reg 0x1C, bit 0=1). Whether or not a wake interrupt is pending is indicated by the state of bit 0 of the Wake Status register (Reg 0x1D, bit 0). Reading the Wake Status register (Reg 0x1D) clears the interrupt.
5.3.2 Transmit Interrupts
5.3
Interrupts
The CYWUSB6932/CYWUSB6934 ICs feature three sets of interrupts: transmit, receive (CYWUSB6934 only), and a wake interrupt. These interrupts all share a single pin (IRQ), but can be independently enabled/disabled. In transmit mode, all receive interrupts are automatically disabled, and in receive mode all transmit interrupts are automatically disabled. However, the contents of the enable registers are preserved when switching between transmit and receive modes. Interrupts are enabled and the status read through 6 registers: Receive Interrupt Enable (Reg 0x07), Receive Interrupt Status (Reg 0x08), Transmit Interrupt Enable (Reg 0x0D), Transmit Interrupt Status (Reg 0x0E), Wake Enable (Reg 0x1C), Wake Status (Reg 0x1D). If more than 1 interrupt is enabled at any time, it is necessary to read the relevant interrupt status register to determine which event caused the IRQ pin to assert. Even when a given interrupt source is disabled, the status of the condition that would otherwise cause an interrupt can be determined by reading the appropriate interrupt status register. It is therefore possible to use the devices without making use of the IRQ pin at all. Firmware can poll the interrupt status register(s) to wait for an event, rather than using the IRQ pin. The polarity of all interrupts can be set by writing to the Configuration register (Reg 0x05), and it is possible to configure the IRQ pin to be open drain (if active low) or open source (if active high).
Four interrupts are provided to flag the occurrence of transmit events. The interrupts are enabled by writing to the Transmit Interrupt Enable register (Reg 0x0D), and their status may be determined by reading the Transmit Interrupt Status register (Reg 0x0E). If more than 1 interrupt is enabled, it is necessary to read the Transmit Interrupt Status register (Reg 0x0E) to determine which event caused the IRQ pin to assert. The function and operation of these interrupts are described in detail in Section 7.0.
5.3.3 Receive Interrupts
Eight interrupts are provided to flag the occurrence of receive events, four each for SERDES A and B. In 64 chips/bit and 32 chips/bit DDR modes, only the SERDES A interrupts are available, and the SERDES B interrupts will never trigger, even if enabled. The interrupts are enabled by writing to the Receive Interrupt Enable register (Reg 0x07), and their status may be determined by reading the Receive Interrupt Status register (Reg 0x08). If more than one interrupt is enabled, it is necessary to read the Receive Interrupt Status register (Reg 0x08) to determine which event caused the IRQ pin to assert. The function and operation of these interrupts are described in detail in Section 7.0.
IRQ DIOVAL DIO
v0 v1 v2 v3 v4 v5 v6 v7 v8 v9 v10 v11 v12 v13 v14 v...
data to mcu
d0 d1 d2 d3 d4 d5 d6 d7 d8 d9 d10 d11 d12 d13 d14 d...
Figure 5-6. DIO Receive Sequence
IRQ DIOVAL DIO
v0 v1 v2 v3 v4 v5 v6 v7 v8 v9 v10 v11 v12 v13 v14 v...
data from mcu
d0 d1 d2 d3 d4 d5 d6 d7 d8 d9 d10 d11 d12 d13 d14 d...
Figure 5-7. DIO Transmit Sequence
Document 38-16007 Rev. *I
Page 5 of 30
CYWUSB6932 CYWUSB6934
6.0 Application Examples
LDO/ DC2DC
+
3.3 V
0.1F
PCB Trace Inverted "F" Antenna (PIFA)
Battery -
Vcc Optical Mouse Sensor
RESET PD
Vcc RFOUT
10pF
Application MCU
Buttons
IRQ
WUSB LS
13MHz Crystal
SPI 4
Figure 6-1. CYWUSB6932 Transmit-Only Battery-Powered Device
PCB Trace Antenna
0.1F 2.0 pF 1.2 pF 3.3 nH RFIN RFOUT 27 pF 2.2 nH 2.0 pF
3.3V 1F
LDO
5V 0.1F 4.7F
RESET PD IRQ 2.2K SCK 2.2K MOSI MISO SS 13MHz Crystal
Vcc
USB I/F
1.3K
WirelessUSB LS
Cypress enCoRe USB MCU
D+/D2
Figure 6-2. CYWUSB6934 USB Bridge Transceiver
Document 38-16007 Rev. *I
Page 6 of 30
CYWUSB6932 CYWUSB6934
7.0 Register Descriptions
Table 7-1 displays the list of registers inside the CYWUSB6932/CYWUSB6934 ICs that are addressable through the SPI interface. All registers are read and writable, except where noted. Table 7-1. CYWUSB6932/CYWUSB6934 Register Map[2] Register Name Mnemonic Address Page Default Access
Revision ID Control Data Rate Configuration SERDES Control Receive SERDES Interrupt Status Receive SERDES Data A Receive SERDES Valid A Receive SERDES Data B Receive SERDES Valid B
REG_ID REG_CONTROL REG_DATA_RATE REG_CONFIG REG_SERDES_CTL REG_RX_INT_STAT REG_RX_DATA_A REG_RX_VALID_A REG_RX_DATA_B REG_RX_VALID_B
0x00 0x03 0x04 0x05 0x06 0x07[1] 0x08[1] 0x09[1] 0x0A[1] 0x0B[1] 0x0C[1] 0x0D 0x0E 0x0F 0x10 0x18-0x11 0x19[1] 0x1A[1] 0x1C 0x1D 0x20 0x21 0x22[1] 0x23 0x24 0x26 0x2E 0x2F 0x32 0x33 0x38 0x3C-0x3F
8 8 9 9 10 11 12 13 13 13 13 14 15 16 16 16 17 17 17 18 18 19 19 19 20 20 20 21 21 21 21 21
0x07 0x00 0x00 0x01 0x03 0x00 0x00 0x00 0x00 0x00 0x00 0x00 0x00 0x00 0x00
0x1E8B6A3DE0E9B222
RO RW RW RW RW RW RO RO RO RO RO RW RO RW RW RW RW RW RW RO RW RW RO RW RW RW RW RW RW RW RW RO
Receive SERDES Interrupt Enable REG_RX_INT_EN
Transmit SERDES Interrupt Enable REG_TX_INT_EN Transmit SERDES Interrupt Status REG_TX_INT_STAT Transmit SERDES Data Transmit SERDES Valid PN Code Threshold Low Threshold High Wake Enable Wake Status Analog Control Channel Receive Signal Strength Indicator PA Bias Crystal Adjust VCO Calibration Reg Power Control Carrier Detect Clock Manual Clock Enable Synthesizer Lock Count Manufacturing ID REG_TX_DATA REG_TX_VALID REG_PN_CODE REG_THRESHOLD_L REG_THRESHOLD_H REG_WAKE_EN REG_WAKE_STAT REG_ANALOG_CTL REG_CHANNEL REG_RSSI REG_PA REG_CRYSTAL_ADJ REG_VCO_CAL REG_PWR_CTL REG_CARRIER_DETECT REG_CLOCK_MANUAL REG_CLOCK_ENABLE REG_SYN_LOCK_CNT REG_MID
0x08 0x38 0x00 0x01 0x04 0x00 0x00 0x00 0x00 0x00 0x00 0x00 0x00 0x00 0x64 -
Notes: 1. Register not applicable to CYWUSB6932. 2. All registers are accessed Little Endian.
Document 38-16007 Rev. *I
Page 7 of 30
CYWUSB6932 CYWUSB6934
Figure 7-1. Revision ID Register Addr: 0x00
7 6 Silicon ID
Bit 7:4 3:0 Name Silicon ID Product ID Description
REG_ID
5 4 3 2 Product ID 1
Default: 0x07
0
These are the Silicon ID revision bits. 0000 = Rev A, 0001 = Rev B, etc. These bits are read-only. These are the Product ID revision bits. Fixed at value 0111. These bits are read-only.
Figure 7-2. Control Addr: 0x03
7 RX Enable 6 TX Enable 5 PN Code Select
REG_CONTROL
4 Bypass Internal Syn Lock Signal 3 Auto Internal PA Disable 2 Internal PA Enable 1
Default: 0x00
0 Reserved Reserved
Bit Name
7 RX Enable
Description
The Receive Enable bit is used to place the IC in receive mode. 1 = Receive Enabled 0 = Receive Disabled The Transmit Enable bit is used to place the IC in transmit mode. 1 = Transmit Enabled 0 = Transmit Disabled
6
TX Enable
5
PN Code Select The Pseudo-Noise Code Select bit selects between the upper or lower half of the 64 chips/bit PN code. 1 = 32 Most Significant Bits of PN code are used 0 = 32 Least Significant Bits of PN code are used This bit applies only when the Code Width bit is set to 32 chips/bit PN codes (Reg 0x04, bit 2=1). Bypass Internal This bit controls whether the state machine waits for the internal Syn Lock Signal before waiting for the amount of time Syn Lock Signal specified in the Syn Lock Count register (Reg 0x38), in units of 2 s. If the internal Syn Lock Signal is used then set Syn Lock Count to 25 to provide additional assurance that the synthesizer has settled. 1 = Bypass the Internal Syn Lock Signal and wait the amount of time in Syn Lock Count register (Reg 0x38) 0 = Wait for the Syn Lock Signal and then wait the amount of time specified in Syn Lock Count register (Reg 0x38) It is recommended that the application MCU sets this bit to 1 in order to guarantee a consistent settle time for the synthesizer. Auto Internal PA The Auto Internal PA Disable bit is used to determine the method of controlling the Internal Power Amplifier. The two Disable options are automatic control by the baseband or by firmware through register writes. For external PA usage, please see the description of the REG_ANALOG_CTL register (Reg 0x20). 1 = Register controlled Internal PA Enable 0 = Auto controlled Internal PA Enable When this bit is set to 1, the enabled state of the Internal PA is directly controlled by bit Internal PA Enable (Reg 0x03, bit 2). It is recommended that this bit is set to 0, leaving the PA control to the baseband. Internal PA Enable The Internal PA Enable bit is used to enable or disable the Internal Power Amplifier. 1 = Internal Power Amplifier Enabled 0 = Internal Power Amplifier Disabled This bit only applies when the Auto Internal PA Disable bit is selected (Reg 0x03, bit 3=1), otherwise this bit is don't care. This bit is reserved and should be written with a zero. This bit is reserved and should be written with a zero.
4
3
2
1 0
Reserved Reserved
Document 38-16007 Rev. *I
Page 8 of 30
CYWUSB6932 CYWUSB6934
Addr: 0x04
7 6 5 Reserved
REG_DATA_RATE
4 3 2 Code Width 1
Default: 0x00
0 Sample Rate Data Rate
Figure 7-3. Data Rate
Bit Name Description
7:3 2[3]
Reserved Code Width
These bits are reserved and should be written with zeroes. The Code Width bit is used to select between 32 chips/bit and 64 chips/bit PN codes. 1 = 32 chips/bit PN codes 0 = 64 chips/bit PN codes The number of chips/bit used impacts a number of factors such as data throughput, range and robustness to interference. By choosing a 32 chips/bit PN-code, the data throughput can be doubled or even quadrupled (when double data rate is set). A 64 chips/bit PN code offers improved range over its 32 chips/bit counterpart as well as more robustness to interference. By selecting to use a 32 chips/bit PN code a number of other register bits are impacted and need to be addressed. These are PN Code Select (Reg 0x03, bit 5), Data Rate (Reg 0x04, bit 1), and Sample Rate (Reg 0x04, bit 0). The Data Rate bit allows the user to select Double Data Rate mode of operation which delivers a raw data rate of 62.5 kbits/sec. 1 = Double Data Rate - 2 bits per PN code (No odd bit transmissions) 0 = Normal Data Rate - 1 bit per PN code This bit is applicable only when using 32 chips/bit PN codes which can be selected by setting the Code Width bit (Reg 0x04, bit 2=1). When using Double Data Rate, the raw data throughput is 62.5 kbits/sec because every 32 chips/bit PN code is interpreted as 2 bits of data. When using this mode a single 64 chips/bit PN code is placed in the PN code register. This 64 chips/bit PN code is then split into two and used by the baseband to offer the Double Data Rate capability. When using Normal Data Rate, the raw data throughput is 32kbits/sec. Additionally, Normal Data Rate enables the user to potentially correlate data using two differing 32 chips/bit PN codes. The Sample Rate bit allows the use of the 12x sampling when using 32 chips/bit PN codes and Normal Data Rate. 1 = 12x Oversampling 0 = 6x Oversampling Using 12x oversampling improves the correlators receive sensitivity. When using 64 chips/bit PN codes or Double Data Rate this bit is don't care. The only time when 12x oversampling can be selected is when a 32 chips/bit PN code is being used with Normal Data Rate.
1[3]
Data Rate
0[3]
Sample Rate
Figure 7-4. Configuration Addr: 0x05
7 6 5 Reserved
Bit Name Description
REG_CONFIG
4 3 2 1
Default: 0x01
0 IRQ Pin Select
7:2 1:0
Reserved IRQ Pin Select
These bits are reserved and should be written with zeroes. The Interrupt Request Pin Select bits are used to determine the drive method of the IRQ pin. 11 = Open Source (IRQ asserted = 1, IRQ deasserted = Hi-Z) 10 = Open Drain (IRQ asserted = 0, IRQ deasserted = Hi-Z) 01 = CMOS (IRQ asserted = 1, IRQ deasserted = 0) 00 = CMOS Inverted (IRQ asserted = 0, IRQ deasserted = 1)
Note: 3. The following Reg 0x04, bits 2:0 values are not valid: * 001 - Not Valid * 010 - Not Valid * 011 - Not Valid * 111 - Not Valid.
Document 38-16007 Rev. *I
Page 9 of 30
CYWUSB6932 CYWUSB6934
Addr: 0x06
7 6 Reserved 5
REG_SERDES_CTL
4 3 SERDES Enable 2 1
Default: 0x03
0 EOF Length
Figure 7-5. SERDES Control
Bit Name Description
7:4 3
Reserved SERDES Enable
These bits are reserved and should be written with zeroes. The SERDES Enable bit is used to switch between bit-serial mode and SERDES mode. 1 = SERDES enabled. 0 = SERDES disabled, bit-serial mode enabled. When the SERDES is enabled data can be written to and read from the IC one byte at a time, through the use of the SERDES Data registers. The bit-serial mode requires bits to be written one bit at a time through the use of the DIO/DIOVAL pins, refer to section 3.2. It is recommended that SERDES mode be used to avoid the need to manage the timing required by the bit-serial mode. The End of Frame Length bits are used to set the number of sequential bit times for an inter-frame gap without valid data before an EOF event will be generated. When in receive mode and a valid bit has been received the EOF event can then be identified by the number of bit times that expire without correlating any new data. The EOF event causes data to be moved to the proper SERDES Data Register and can also be used to generate interrupts. If 0 is the EOF length, an EOF condition will occur at the first invalid bit after a valid reception.
2:0
EOF Length
Document 38-16007 Rev. *I
Page 10 of 30
CYWUSB6932 CYWUSB6934
Addr: 0x07
7 Underflow B 6 Overflow B 5 EOF B
REG_RX_INT_EN
4 Full B 3 Underflow A 2 Overflow A 1
Default: 0x00
0 Full A EOF A
Figure 7-6. Receive SERDES Interrupt Enable
Bit Name Description
7
Underflow B
The Underflow B bit is used to enable the interrupt associated with an underflow condition with the Receive SERDES Data B register (Reg 0x0B) 1 = Underflow B interrupt enabled for Receive SERDES Data B 0 = Underflow B interrupt disabled for Receive SERDES Data B An underflow condition occurs when attempting to read the Receive SERDES Data B register (Reg 0x0B) when it is empty. The Overflow B bit is used to enable the interrupt associated with an overflow condition with the Receive SERDES Data B register (Reg 0x0B) 1 = Overflow B interrupt enabled for Receive SERDES Data B 0 = Overflow B interrupt disabled for Receive SERDES Data B An overflow condition occurs when new received data is written into the Receive SERDES Data B register (Reg 0x0B) before the prior data is read out. The End of Frame B bit is used to enable the interrupt associated with the Channel B Receiver EOF condition. 1 = EOF B interrupt enabled for Channel B Receiver. 0 = EOF B interrupt disabled for Channel B Receiver. The EOF IRQ asserts during an End of Frame condition. End of Frame conditions occur after at least one bit has been detected, and then the number of invalid bits in the frame exceeds the number in the EOF length field. If 0 is the EOF length, and EOF condition will occur at the first invalid bit after a valid reception. This IRQ is cleared by reading the receive status register The Full B bit is used to enable the interrupt associated with the Receive SERDES Data B register (Reg 0x0B) having data placed in it. 1 = Full B interrupt enabled for Receive SERDES Data B 0 = Full B interrupt disabled for Receive SERDES Data B A Full B condition occurs when data is transferred from the Channel B Receiver into the Receive SERDES Data B register (Reg 0x0B). This could occur when a complete byte is received or when an EOF event occurs whether or not a complete byte has been received. The Underflow A bit is used to enable the interrupt associated with an underflow condition with the Receive SERDES Data A register (Reg 0x09) 1 = Underflow A interrupt enabled for Receive SERDES Data A 0 = Underflow A interrupt disabled for Receive SERDES Data A An underflow condition occurs when attempting to read the Receive SERDES Data A register (Reg 0x09) when it is empty. The Overflow A bit is used to enable the interrupt associated with an overflow condition with the Receive SERDES Data A register (0x09) 1 = Overflow A interrupt enabled for Receive SERDES Data A 0 = Overflow A interrupt disabled for Receive SERDES Data A An overflow condition occurs when new receive data is written into the Receive SERDES Data A register (Reg 0x09) before the prior data is read out. The End of Frame A bit is used to enable the interrupt associated with an End of Frame condition with the Channel A Receiver. 1 = EOF A interrupt enabled for Channel A Receiver. 0 = EOF A interrupt disabled for Channel A Receiver. The EOF IRQ asserts during an End of Frame condition. End of Frame conditions occur after at least one bit has been detected, and then the number of invalid bits in a frame exceeds the number in the EOF length field. If 0 is the EOF length, an EOF condition will occur at the first invalid bit after a valid reception. This IRQ is cleared by reading the receive status register. The Full A bit is used to enable the interrupt associated with the Receive SERDES Data A register (0x09) having data written into it. 1 = Full A interrupt enabled for Receive SERDES Data A 0 = Full A interrupt disabled for Receive SERDES Data A A Full A condition occurs when data is transferred from the Channel A Receiver into the Receive SERDES Data A register (Reg 0x09). This could occur when a complete byte is received or when an EOF event occurs whether or not a complete byte has been received.
6
Overflow B
5
EOF B
4
Full B
3
Underflow A
2
Overflow A
1
EOF A
0
Full A
Document 38-16007 Rev. *I
Page 11 of 30
CYWUSB6932 CYWUSB6934
Addr: 0x08
7 Valid B 6 Flow Violation B 5 EOF B
REG_RX_INT_STAT
4 Full B 3 Valid A 2 Flow Violation A 1
Default: 0x00
0 Full A EOF A
Figure 7-7. Receive SERDES Interrupt Status[4]
Bit Name Description
7
Valid B
The Valid B bit is true when all the bits in the Receive SERDES Data B register (Reg 0x0B) are valid. 1 = All bits are valid for Receive SERDES Data B. 0 = Not all bits are valid for Receive SERDES Data B. When data is written into the Receive SERDES Data B register (Reg 0x0B) this bit is set if all of the bits within the byte that has been written are valid. This bit cannot generate an interrupt. The Flow Violation B bit is used to signal whether an overflow or underflow condition has occurred for the Receive SERDES Data B register (Reg 0x0B). 1 = Overflow/underflow interrupt pending for Receive SERDES Data B. 0 = No overflow/underflow interrupt pending for Receive SERDES Data B. Overflow conditions occur when the radio loads new data into the Receive SERDES Data B register (Reg 0x0B) before the prior data has been read. Underflow conditions occur when trying to read the Receive SERDES Data B register (Reg 0x0B) when the register is empty. This bit is cleared by reading the Receive Interrupt Status register (Reg 0x08) The End of Frame B bit is used to signal whether an EOF event has occurred on the Channel B receive. 1 = EOF interrupt pending for Channel B. 0 = No EOF interrupt pending for Channel B. An EOF condition occurs for the Channel B Receiver when receive has begun and then the number of bit times specified in the SERDES Control register (Reg 0x06) elapse without any valid bits being received. This bit is cleared by reading the Receive Interrupt Status register (Reg 0x08) The Full B bit is used to signal when the Receive SERDES Data B register (Reg 0x0B) is filled with data. 1 = Receive SERDES Data B full interrupt pending. 0 = No Receive SERDES Data B full interrupt pending. A Full B condition occurs when data is transferred from the Channel B Receiver into the Receive SERDES Data B register (Reg 0x0B). This could occur when a complete byte is received or when an EOF event occurs whether or not a complete byte has been received. The Valid A bit is true when all of the bits in the Receive SERDES Data A Register (Reg 0x09) are valid. 1 = All bits are valid for Receive SERDES Data A. 0 = Not all bits are valid for Receive SERDES Data A. When data is written into the Receive SERDES Data A register (Reg 0x09) this bit is set if all of the bits within the byte that has been written are valid. This bit cannot generate an interrupt. The Flow Violation A bit is used to signal whether an overflow or underflow condition has occurred for the Receive SERDES Data A register (Reg 0x09). 1 = Overflow/underflow interrupt pending for Receive SERDES Data A. 0 = No overflow/underflow interrupt pending for Receive SERDES Data A. Overflow conditions occur when the radio loads new data into the Receive SERDES Data A register (Reg 0x09) before the prior data has been read. Underflow conditions occur when trying to read the Receive SERDES Data A register (Reg 0x09) when the register is empty. This bit is cleared by reading the Receive Interrupt Status register (Reg 0x08) The End of Frame A bit is used to signal whether an EOF event has occurred on the Channel A receive. 1 = EOF interrupt pending for Channel A. 0 = No EOF interrupt pending for Channel A. An EOF condition occurs for the Channel A Receiver when receive has begun and then the number of bit times specified in the SERDES Control register (0x06) elapse without any valid bits being received. This bit is cleared by reading the Receive Interrupt Status register (Reg 0x08). The Full A bit is used to signal when the Receive SERDES Data A register (Reg 0x09) is filled with data. 1 = Receive SERDES Data A full interrupt pending. 0 = No Receive SERDES Data A full interrupt pending. A Full A condition occurs when data is transferred from the Channel A Receiver into the Receive SERDES Data A Register (Reg 0x09). This could occur when a complete byte is received or when an EOF event occurs whether or not a complete byte has been received.
6
Flow Violation B
5
EOF B
4
Full B
3
Valid A
2
Flow Violation A
1
EOF A
0
Full A
Note: 4. All status bits are set and readable in the registers regardless of IRQ enable status. This allows a polling scheme to be implemented without enabling IRQs. The status bits are affected by TX Enable and RX Enable (Reg 0x03, bits 7:6). For example, the receive status will read 0 if the IC is not in receive mode. These registers are read-only.
Document 38-16007 Rev. *I
Page 12 of 30
CYWUSB6932 CYWUSB6934
Addr: 0x09
7 6 5
REG_RX_DATA_A
4 Data 3 2 1
Default: 0x00
0
Figure 7-8. Receive SERDES Data A
Bit Name Description
7:0
Data
Received Data for Channel A. The over-the-air received order is bit 0 followed by bit 1, followed by bit 2, followed by bit 3, followed by bit 4, followed by bit 5, followed by bit 6, followed by bit 7. This register is read-only.
Addr: 0x0A
7 6 5
REG_RX_VALID_A
4 Valid 3 2 1
Default: 0x00
0
Figure 7-9. Receive SERDES Valid A
Bit Name Description
7:0
Valid
These bits indicate which of the bits in the Receive SERDES Data A register (Reg 0x09) are valid. A "1" indicates that the corresponding data bit is valid for Channel A. If the Valid Data bit is set in the Receive Interrupt Status register (Reg 0x08) all eight bits in the Receive SERDES Data A register (Reg 0x0A) are valid. Therefore, it is not necessary to read the Receive SERDES Valid A register (Reg 0x0C). This register is read-only.
Addr: 0x0B
7 6 5
REG_RX_DATA_B
4 Data 3 2 1
Default: 0x00
0
Figure 7-10. Receive SERDES Data B
Bit Name Description
7:0
Data
Received Data for Channel B. The over-the-air received order is bit 0 followed by bit 1, followed by bit 2, followed by bit 3, followed by bit 4, followed by bit 5, followed by bit 6, followed by bit 7. This register is read-only.
Figure 7-11. Receive SERDES Valid B Addr: 0x0C
7 6 5
REG_RX_VALID_B
4 Valid 3 2 1
Default: 0x00
0
Bit
Name
Description
7:0
Valid
These bits indicate which of the bits in the Receive SERDES Data B register (Reg 0x0B) are valid. A "1" indicates that the corresponding data bit is valid for Channel B. If the Valid Data bit is set in the Receive Interrupt Status register (0x08) all eight bits in the Receive SERDES Data B register (Reg 0x0B) are valid. Therefore, it is not necessary to read the Receive SERDES Valid B register (Reg 0x0C). This register is read-only.
Document 38-16007 Rev. *I
Page 13 of 30
CYWUSB6932 CYWUSB6934
Addr: 0x0D
7 6 Reserved 5
REG_TX_INT_EN
4 3 Underflow 2 Overflow 1
Default: 0x00
0 Empty Done
Figure 7-12. Transmit SERDES Interrupt Enable
Bit Name Description
7:4 3
Reserved Underflow
These bits are reserved and should be written with zeroes. The Underflow bit is used to enable the interrupt associated with an underflow condition associated with the Transmit SERDES Data register (Reg 0x0F) 1 = Underflow interrupt enabled. 0 = Underflow interrupt disabled. An underflow condition occurs when attempting to transmit while the Transmit SERDES Data register (Reg 0x0F) does not have any data. The Overflow bit is used to enabled the interrupt associated with an overflow condition with the Transmit SERDES Data register (0x0F). 1 = Overflow interrupt enabled. 0 = Overflow interrupt disabled. An overflow condition occurs when attempting to write new data to the Transmit SERDES Data register (Reg 0x0F) before the preceding data has been transferred to the transmit shift register. The Done bit is used to enable the interrupt that signals the end of the transmission of data. 1 = Done interrupt enabled. 0 = Done interrupt disabled. The Done condition occurs when the Transmit SERDES Data register (Reg 0x0F) has transmitted all of its data and there is no more data for it to transmit. The Empty bit is used to enable the interrupt that signals when the Transmit SERDES register (Reg 0x0F) is empty. 1 = Empty interrupt enabled. 0 = Empty interrupt disabled. The Empty condition occurs when the Transmit SERDES Data register (Reg 0x0F) is loaded into the transmit buffer and it's safe to load the next byte
2
Overflow
1
Done
0
Empty
Document 38-16007 Rev. *I
Page 14 of 30
CYWUSB6932 CYWUSB6934
Addr: 0x0E
7 6 Reserved 5
REG_TX_INT_STAT
4 3 Underflow 2 Overflow 1
Default: 0x00
0 Empty Done
Figure 7-13. Transmit SERDES Interrupt Status[5]
Bit Name Description
7:4 3
Reserved Underflow
These bits are reserved. This register is read-only. The Underflow bit is used to signal when an underflow condition associated with the Transmit SERDES Data register (Reg 0x0F) has occurred. 1 = Underflow Interrupt pending. 0 = No Underflow Interrupt pending. This IRQ will assert during an underflow condition to the Transmit SERDES Data register (Reg 0x0F). An underflow occurs when the transmitter is ready to sample transmit data, but there is no data ready in the Transmit SERDES Data register (Reg 0x0F). This will only assert after the transmitter has transmitted at least one bit. This bit is cleared by reading the Transmit Interrupt Status register (Reg 0x0E). The Overflow bit is used to signal when an overflow condition associated with the Transmit SERDES Data register (0x0F) has occurred. 1 = Overflow Interrupt pending. 0 = No Overflow Interrupt pending. This IRQ will assert during an overflow condition to the Transmit SERDES Data register (Reg 0x0F). An overflow occurs when the new data is loaded into the Transmit SERDES Data register (Reg 0x0F) before the previous data has been sent. This bit is cleared by reading the Transmit Interrupt Status register (Reg 0x0E). The Done bit is used to signal the end of a data transmission. 1 = Done Interrupt pending. 0 = No Done Interrupt pending. This IRQ will assert when the data is finished sending a byte of data and there is no more data to be sent. This will only assert after the transmitter has transmitted as least one bit. This bit is cleared by reading the Transmit Interrupt Status register (Reg 0x0E) The Empty bit is used to signal when the Transmit SERDES Data register (Reg 0x0F) has been emptied. 1 = Empty Interrupt pending. 0 = No Empty Interrupt pending. This IRQ will assert when the transmit serdes is empty. When this IRQ is asserted it is ok to write to the Transmit SERDES Data register (Reg 0x0F). Writing the Transmit SERDES Data register (Reg 0x0F) will clear this IRQ. It will be set when the data is loaded into the transmitter, and it is ok to write new data.
2
Overflow
1
Done
0
Empty
Note: 5. All status bits are set and readable in the registers regardless of IRQ enable status. This allows a polling scheme to be implemented without enabling IRQs. The status bits are affected by the TX Enable and RX Enable (Reg 0x03, bits 7:6). For example, the transmit status will read 0 if the IC is not in transmit mode. These registers are read-only.
Document 38-16007 Rev. *I
Page 15 of 30
CYWUSB6932 CYWUSB6934
Addr: 0x0F
7 6 5
REG_TX_DATA
4 Data 3 2 1
Default: 0x00
0
Figure 7-14. Transmit SERDES Data
Bit Name Description
7:0
Data
Transmit Data. The over-the-air transmitted order is bit 0 followed by bit 1, followed by bit 2, followed by bit 3, followed by bit 4, followed by bit 5, followed by bit 6, followed by bit 7.
Addr: 0x10
7 6 5
REG_TX_VALID
4 Valid 3 2 1
Default: 0x00
0
Figure 7-15. Transmit SERDES Valid
Bit Name Description
7:0
Valid[6]
The Valid bits are used to determine which of the bits in the Transmit SERDES Data register (reg 0x0F) are valid. 1 = Valid transmit bit. 0 = Invalid transmit bit.
Addr: 0x11-18
6 3 6 2 6 1 6 0 5 9 5 8 5 7 5 6 5 5 5 4 5 3 5 2 5 1 5 0
REG_PN_CODE
4 9 4 8 4 7 4 6 4 5 4 4 4 3 4 2 4 1 4 0 3 9
Default: 0x1E8B6A3DE0E9B222
3 8 3 7 3 6 3 5 3 4 3 3 3 2
Address 0x18
Address 0x17
Address 0x16
Address 0x15
Figure 7-16. PN Code
3 1
3 0
2 9
2 8
2 7
2 6
2 5
2 4
2 3
2 2
2 1
2 0
1 9
1 8
1 7
1 6
1 5
1 4
1 3
1 2
1 1
1 0
9
8
7
6
5
4
3
2
1
0
Address 0x14
Bit Name Description
Address 0x13
Address 0x12
Address 0x11
63:0
PN Codes
The value inside the 8 byte PN code register is used as the spreading code for DSSS communication. All 8 bytes can be used together for 64 chips/bit PN code communication, or the registers can be split into two sets of 32 chips/bit PN codes and these can be used alone or with each other to accomplish faster data rates. Not any 64 chips/bit value can be used as a PN code as there are certain characteristics that are needed to minimize the possibility of multiple PN codes interfering with each other or the possibility of invalid correlation. The over-the-air order is bit 0 followed by bit 1... followed by bit 62, followed by bit 63.
Note: 6. The Valid bit in the Transmit SERDES Valid register (Reg 0x10) is used to mark whether the radio will send data or preamble during that bit time of the data byte. Data is sent LSB first. The SERDES will continue to send data until there are no more VALID bits in the shifter. For example, writing 0x0F to the Transmit SERDES Valid register (Reg 0x10) will send half a byte.
Document 38-16007 Rev. *I
Page 16 of 30
CYWUSB6932 CYWUSB6934
Addr: 0x19
7 Reserved 6 5
REG_THRESHOLD_L
4 3 Threshold Low 2 1
Default: 0x08
0
Figure 7-17. Threshold Low
Bit Name Description
7 6:0
Reserved Threshold Low
This bit is reserved and should be written with zero. The Threshold Low value is used to determine the number of missed chips allowed when attempting to correlate a single data bit of value `0'. A perfect reception of a data bit of `0' with a 64 chips/bit PN code would result in zero correlation matches, meaning the exact inverse of the PN code has been received. By setting the Threshold Low value to 0x08 for example, up to eight chips can be erroneous while still identifying the value of the received data bit. This value along with the Threshold High value determine the correlator count values for logic `1' and logic `0'. The threshold values used determine the sensitivity of the receiver to interference and the dependability of the received data. By allowing a minimal number of erroneous chips the dependability of the received data increases while the robustness to interference decreases. On the other hand increasing the maximum number of missed chips means reduced data integrity but increased robustness to interference and increased range.
Addr: 0x1A
7 Reserved 6 5
REG_THRESHOLD_H
4 3 Threshold High 2 1
Default: 0x38
0
Figure 7-18. Threshold High
Bit Name Description
7 6:0
Reserved Threshold High
This bit is reserved and should be written with zero. The Threshold High value is used to determine the number of matched chips allowed when attempting to correlate a single data bit of value `1'. A perfect reception of a data bit of `1' with a 64 chips/bit or a 32 chips/bit PN code would result in 64 chips/bit or 32 chips/bit correlation matches, respectively, meaning every bit was received perfectly. By setting the Threshold High value to 0x38 (64-8) for example, up to eight chips can be erroneous while still identifying the value of the received data bit. This value along with the Threshold Low value determine the correlator count values for logic `1' and logic `0'. The threshold values used determine the sensitivity of the receiver to interference and the dependability of the received data. By allowing a minimal number of erroneous chips the dependability of the received data increases while the robustness to interference decreases. On the other hand increasing the maximum number of missed chips means reduced data integrity but increased robustness to interference and increased range.
Addr: 0x1C
7 6 5
REG_WAKE_EN
4 Reserved 3 2 1
Default: 0x00
0 Wakeup Enable
Figure 7-19. Wake Enable
Bit Name Description
7:1 0
Reserved Wakeup Enable
These bits are reserved and should be written with zeroes. Wakeup interrupt enable. 0 = disabled 1 = enabled A wakeup event is triggered when the PD pin is deasserted and once the IC is ready to receive SPI communications.
Document 38-16007 Rev. *I
Page 17 of 30
CYWUSB6932 CYWUSB6934
Addr: 0x1D
7 6 5
REG_WAKE_STAT
4 Reserved 3 2 1
Default: 0x01
0 Wakeup Status
Figure 7-20. Wake Status
Bit Name Description
7:1 0
Reserved Wakeup Status
These bits are reserved. This register is read-only. Wakeup status. 0 = Wake interrupt not pending 1 = Wake interrupt pending This IRQ will assert when a wakeup condition occurs. This bit is cleared by reading the Wake Status register (Reg 0x1D). This register is read-only.
Addr: 0x20
7 Reserved 6 Reg Write Control 5 MID Read Enable
REG_ANALOG_CTL
4 Reserved 3 Reserved 2 PA Output Enable 1
Default: 0x00
0 Reset PA Invert
Figure 7-21. Analog Control
Bit Name Description
7 6
Reserved Reg Write Control
This bit is reserved and should be written with zero. Enables write access to Reg 0x2E and Reg 0x2F. 1 = Enables write access to Reg 0x2E and Reg 0x2F 0 = Reg 0x2E and Reg 0x2F are read-only The MID Read Enable bit must be set to read the contents of the Manufacturing ID register (Reg 0x3C-0x3F). Enabling the Manufacturing ID register (Reg 0x3C-0x3F) consumes power. This bit should only be set when reading the contents of the Manufacturing ID register (Reg 0x3C-0x3F). 1 = Enables read of MID registers 0 = Disables read of MID registers These bits are reserved and should be written with zeroes. The Power Amplifier Output Enable bit is used to enable the PACTL pin for control of an external power amplifier. 1 = PA Control Output Enabled on PACTL pin 0 = PA Control Output Disabled on PACTL pin The Power Amplifier Invert bit is used to specify the polarity of the PACTL signal when the PA Output Enable bit is set high. PA Output Enable and PA Invert cannot be simultaneously changed. 1 = PACTL active low 0 = PACTL active high The Reset bit is used to generate a self-clearing device reset. 1 = Device Reset. All registers are restored to their default values. 0 = No Device Reset.
5
MID Read Enable
4:3 2
Reserved PA Output Enable
1
PA Invert
0
Reset
Document 38-16007 Rev. *I
Page 18 of 30
CYWUSB6932 CYWUSB6934
Addr: 0x21
7 Reserved 6 5
REG_CHANNEL
4 3 Channel 2 1
Default: 0x00
0
Figure 7-22. Channel
Bit Name Description
7 6:0
Reserved Channel
This bit is reserved and should be written with zero. The Channel register (Reg 0x21) is used to determine the Synthesizer frequency. A value of 2 corresponds to a communication frequency of 2.402 GHz, while a value of 79 corresponds to a frequency of 2.479GHz. The channels are separated from each other by 1 MHz intervals. Limit application usage to channels 2-79 to adhere to FCC regulations. FCC regulations require that channels 0 and 1 and any channel greater than 79 be avoided. Use of other channels may be restricted by other regulatory agencies. The application MCU must ensure that this register is modified before transmitting data over the air for the first time.
Addr: 0x22
7 Reserved 6 5 Valid 4
REG_RSSI
3 2 RSSI 1
Default: 0x00
0
Figure 7-23. Receive Signal Strength Indicator (RSSI)[7]
Bit Name Description
7:6 5
Reserved Valid
These bits are reserved. This register is read-only. The Valid bit indicates whether the RSSI value in bits [4:0] are valid. This register is Read Only. 1 = RSSI value is valid 0 = RSSI value is invalid The Receive Strength Signal Indicator (RSSI) value indicates the strength of the received signal. This is a read only value with the higher values indicating stronger received signals meaning more reliable transmissions.
4:0
RSSI
Addr: 0x23
7 6 5 Reserved 4
REG_PA
3 2 1
Default: 0x00
0 PA Bias
Figure 7-24. PA Bias
Bit Name Description
7:3 2:0
Reserved PA Bias
These bits are reserved and should be written with zeroes. The Power Amplifier Bias (PA Bias) bits are used to set the transmit power of the IC through increasing (values up to 7) or decreasing (values down to 0) the gain of the on-chip Power Amplifier. The higher the register value the higher the transmit power. By changing the PA Bias value signal strength management functions can be accomplished. For general purpose communication a value of 7 is recommended.
Note: 7. The RSSI will collect a single value each time the part is put into receive mode via Control register (Reg 0x03, bit 7=1). See Section 4.7 for more details.
Document 38-16007 Rev. *I
Page 19 of 30
CYWUSB6932 CYWUSB6934
Addr: 0x24
7 Reserved 6 Clock Output Disable 5
REG_CRYSTAL_ADJ
4 3 Crystal Adjust 2 1
Default: 0x00
0
Figure 7-25. Crystal Adjust
Bit Name Description
7 6
Reserved Clock Output Disable
This bit is reserved and should be written with zero. The Clock Output Disable bit disables the 13 MHz clock driven on the X13OUT pin. 1 = No 13-MHz clock driven externally. 0 = 13-MHz clock driven externally. If the 13-MHz clock is driven on the X13OUT pin then receive sensitivity will be reduced by -4 dBm on channels 5+13n. By default the 13-MHz clock output pin is enabled. This pin is useful for adjusting the 13-MHz clock, but it interfere with every 13th channel beginning with 2.405GHz channel. Therefore, it is recommended that the 13-MHz clock output pin be disabled when not in use.
5:0
Crystal Adjust
The Crystal Adjust value is used to calibrate the on-chip parallel load capacitance supplied to the crystal. Each increment of the Crystal Adjust value typically adds 0.135 pF of parallel load capacitance. The total range is 8.5 pF, starting at 8.65 pF. These numbers do not include PCB parasitics, which can add an additional 1-2 pF.
Addr: 0x26
7 6 5 VCO Slope Enable
REG_VCO_CAL
4 3 Reserved 2 1
Default: 0x00
0
Figure 7-26. VCO Calibration
Bit Name Description
7:6
VCO Slope Enable (Write-Only)
The Voltage Controlled Oscillator (VCO) Slope Enable bits are used to specify the amount of variance automatically added to the VCO. 11 = -5/+5 VCO adjust. The application MCU must configure this option during initialization. 10 = -2/+3 VCO adjust. 01 = Reserved. 00 = No VCO adjust. These bits are undefined for read operations. These bits are reserved and should be written with zeroes.
5:0
Reserved
Addr: 0x2E
7 Reg Power Control 6 5
REG_PWR_CTL
4 3 Reserved 2 1
Default: 0x00
0
Figure 7-27. Reg Power Control
Bit 7 6:0 Name Description
Reg Power Control Reserved
When set, this bit disables unused circuitry and saves radio power. The user must set Reg 0x20, bit 6=1 to enable writes to Reg 0x2E. The application MCU must set this bit during initialization. These bits are reserved and should be written with zeroes.
Document 38-16007 Rev. *I
Page 20 of 30
CYWUSB6932 CYWUSB6934
Addr: 0x2F
7 Carrier Detect Override 6 5
REG_CARRIER_DETECT
4 3 Reserved 2 1
Default: 0x00
0
Figure 7-28. Carrier Detect
Bit 7 6:0 Name Description
Carrier Detect Override Reserved
When set, this bit overrides carrier detect. The user must set Reg 0x20, bit 6=1 to enable writes to Reg 0x2F. These bits are reserved and should be written with zeroes.
Addr: 0x32
7 6 5
REG_CLOCK_MANUAL
4 3 2 1 Manual Clock Overrides
Default: 0x00
0
Figure 7-29. Clock Manual
Bit 7:0 Name Description
Manual Clock Overrides
This register must be written with 0x41 after reset for correct operation
Addr: 0x33
7 6 5
REG_CLOCK_ENABLE
4 3 2 1 Manual Clock Enables
Default: 0x00
0
Figure 7-30. Clock Enable
Bit 7:0 Name Description
Manual Clock Enables
This register must be written with 0x41 after reset for correct operation
Addr: 0x38
7 6 5
REG_SYN_LOCK_CNT
4 Count 3 2 1
Default: 0x64
0
Figure 7-31. Synthesizer Lock Count
Bit Name Description
7:0
Count
Determines the length of delay in 2s increments for the synthesizer to lock when auto synthesizer is enabled via Control register (0x03, bit 1=0) and not using the PLL lock signal. The default register setting is typically sufficient.
Addr: 0x3C-3F
3 1 3 0 2 9 2 8 2 7 2 6 2 5 2 4 2 3 2 2 2 1 2 0 1 9 1 8 1 7
REG_MID
1 6 1 5 1 4 1 3 1 2 1 1 1 0 9 8 7 6 5 4 3 2 1 0
Address 0x3F
Address 0x3E
Address 0x3D
Address 0x3C
Figure 7-32. Manufacturing ID
Bit Name Description
31:30 Address[31:30] These bits are read back as zeroes. 29:0 Address[29:0] These bits are the Manufacturing ID (MID) for each IC. The contents of these bits cannot be read unless the MID Read Enable bit (bit 5) is set in the Analog Control register (Reg 0x20). Enabling the Manufacturing ID register (Reg 0x3C-0x3F) consumes power. The MID Read Enable bit in the Analog Control register (Reg 0x20, bit 5) should only be set when reading the contents of the Manufacturing ID register (Reg 0x3C-0x3F). This register is read-only.
Document 38-16007 Rev. *I
Page 21 of 30
CYWUSB6932 CYWUSB6934
8.0 Pin Definitions
Name Type Default Description RF Input. Modulated RF signal received (CYWUSB6934 only). RF Output. Modulated RF signal to be transmitted. Crystal Input. (refer to Section 4.6). Crystal Input. (refer to Section 4.6). Power Down. Asserting this input (low), will put the CYWUSB6932/CYWUSB6934 in the Suspend Mode (X13OUT is 0 when PD is low). Active LOW Reset. Device reset. PACTL. External Power Amplifier control. Pull-down or make output. Data Input/Output. SERDES Bypass Mode Data Transmit/Receive. Data I/O Valid. SERDES Bypass Mode Data Transmit/Receive Valid. Master-Output-Slave-Input Data. SPI data input pin. Master-Input-Slave-Output Data. SPI data output pin. SPI Input Clock. SPI clock. Slave Select Enable. SPI enable.
Table 8-1. Pin Description Table for the CYWUSB6932/CYWUSB6934 Pin QFN
46 5 38 35 26 33
RFIN RFOUT X13 X13IN X13OUT PD
Input Output Input Input Output/Hi-Z Input
Input N/A N/A N/A N/A
Output System Clock. Buffered 13-MHz system clock.
14 34 20 19 21 23 24 25 22
RESET PACTL DIO DIOVAL IRQ MOSI MISO SCK SS
Input I/O I/O I/O Output /Hi-Z Input Output/Hi-Z Input Input VCC
N/A Input Input Input N/A Hi-Z N/A N/A H
Output IRQ. Interrupt and SERDES Bypass Mode DIOCLK.
6, 9, 16, 28, VCC 29, 32, 41, 42, 44, 45 13 GND 1, 2, 3, 4, 7, NC 8, 10, 11, 12, 15, 17, 18, 27, 30, 31, 36, 37, 39, 40, 43, 47, 48 Exposed Paddle GND
VCC = 2.7V to 3.6V.
GND N/A
L N/A
Ground = 0V.
Must be tied to Ground.
GND
L
Must be tied to Ground.
Document 38-16007 Rev. *I
Page 22 of 30
CYWUSB6932 CYWUSB6934
CYWUSB6934/CYWUSB6932 Top View*
**RFIN 46 VC C 45 VC C 44 VC C 42 VC C 41 X13 38 NC 48 NC 1 NC 2 NC 3 NC 4 RFOUT 5 VC C 6 NC 7 NC 8 VC C 9 NC 10 NC 11 NC 12 13 GND 14 RESET 15 NC 16 VC C 17 NC 18 NC 19 DIOVAL 20 DIO 21 IRQ 22 SS 23 MOSI 24 MISO NC 47 NC 43 NC 40 NC 39 NC 37 36 NC 35 X13IN 34 PACTL 33 PD 32 VC C 31 NC 30 NC 29 VC C 28 VC C 27 NC 26 X13OUT 25 SCK
CYWUSB6934/CYWUSB6932 48 QFN
* E-PAD BOTTOM SIDE ** CYWUSB6934 Only
Figure 8-1. CYWUSB6934/CYWUSB6932, 48 QFN - Top View
Document 38-16007 Rev. *I
Page 23 of 30
CYWUSB6932 CYWUSB6934
9.0 Absolute Maximum Ratings
Storage Temperature ............................................................................................................................................-65C to +150C Ambient Temperature with Power Applied ............................................................................................................-55C to +125C Supply Voltage on VCC relative to VSS....................................................................................................................-0.3V to +3.9V DC Voltage to Logic Inputs[8] ........................................................................................................................... -0.3V to VCC +0.3V DC Voltage applied to Outputs in High-Z State.................................................................................................................................... -0.3V to VCC +0.3V Static Discharge Voltage (Digital)[9] .................................................................................................................................... >2000V Static Discharge Voltage (RF)[9]............................................................................................................................................. 500V Latch-up Current ...............................................................................................................................................+200 mA, -200 mA
10.0
Operating Conditions
VCC (Supply Voltage) ................................................................................................................................................... 2.7V to 3.6V TA (Ambient Temperature Under Bias) .......................................................................................................................0C to +70C Ground Voltage ........................................................................................................................................................................... 0V FOSC (Oscillator or Crystal Frequency) ................................................................................................................ 13 MHz 50 ppm
11.0
DC Characteristics (Over the Operating Range)
Description Conditions Min. Typ.[11] Max. Unit
Table 11-1. DC Parameters Parameter
VCC VOH1 VOH2 VOL VIH VIL IIL CIN ISleep IDLE ICC STARTUP ICC TX AVG ICC1 TX AVG ICC2 RX ICC (PEAK) TX ICC (PEAK)
Supply Voltage Output High Voltage condition 1 Output High Voltage condition 2 Output Low Voltage Input High Voltage Input Low Voltage Input Leakage Current Pin Input Capacitance (except X13, X13IN, RFIN) Current consumption during power-down mode PD = LOW Current consumption without synthesizer ICC from PD high to oscillator stable. Average transmitter current consumption Average transmitter current Current consumption during receive Current consumption during transmit
[12]
2.7 At IOH = -100.0 A VCC - 0.1 At IOH = -2.0 mA At IOL = 2.0 mA 2.0 -0.3 0 < VIN < VCC -1 2.4
3.0 VCC 3.0 0.0
3.6
V V V
0.4 VCC[10] 0.8
V V V A pF A mA mA mA mA mA mA mA
0.26 3.5 0.24 3 1.8 5.9 8.1 57.7 69.1 28.7
+1 10 10[14]
PD = HIGH no handshake with handshaking
consumption[13]
SYNTH SETTLE ICC Current consumption with Synthesizer on, No Transmit or Receive
Notes: 8. It is permissible to connect voltages above Vcc to inputs through a series resistor limiting input current to 1 mA. This can't be done during power down mode. AC timing not guaranteed. 9. Human Body Model (HBM). 10. It is permissible to connect voltages above Vcc to inputs through a series resistor limiting input current to 1 mA. 11. Typ. values measured with VCC = 3.0V @ 25C 12. Average Icc when transmitting a 5-byte packet (3 data bytes + 2 bytes of protocol) every 10 ms using the WirelessUSB LS 1-way protocol. 13. Average Icc when transmitting a 5-byte packet (3 data bytes + 2 bytes of protocol) every 10 ms using the WirelessUSB LS 2-way protocol. 14. Max. value measured with VCC = 3.3V
Document 38-16007 Rev. *I
Page 24 of 30
CYWUSB6932 CYWUSB6934
12.0 AC Characteristics [15]
Parameter Description Min. Typ. Max. Unit Table 12-1. SPI Interface[17]
tSCK_CYC tSCK_HI tSCK_LO tDAT_SU tDAT_HLD tDAT_VAL tSS_SU tSS_HLD
SPI Clock Period SPI Clock High Time SPI Clock Low Time SPI Input Data Set-up Time SPI Input Data Hold Time SPI Output Data Valid Time SPI Slave Select Set-up Time before first positive edge of SCK[18] SPI Slave Select Hold Time after last negative edge of SCK
476 238 158 158 10 97[17] 77
[17]
ns ns ns ns ns ns 174
[17]
tSCK_HI (BURST READ)[16] SPI Clock High Time
ns ns ns
250 80
tSCK_CYC tSCK_HI
SCK SS MOSI M IS O
tSCK_LO
D R IV E
tSS_SU tDAT_SU
SA
M
PL
E
tDAT_HLD
d a ta fro m m c u
tSS_HLD
d a ta fro m m c u d a ta fro m m c u d a ta
tD AT_VAL
d a ta to m c u d a ta to m c u d a ta
Figure 12-1. SPI Timing Diagram
t SCK_CYC t SCK_HI
SCK SS M ISO
data to m cu every 8 th SC K_HI
D R IV E
t SCK_LO
t SC K_HI (BU RST READ)
every 9 th SC K_HI
D R IV
every 10 th SCK_HI
D E R
IV
E
data to m cu
data to m cu
data
t DAT_VAL
Figure 12-2. SPI Burst Read Every 9th SCK HI Stretch Timing Diagram
Notes: 15. AC values are not guaranteed if voltages on any pin exceed Vcc. 16. This stretch only applies to every 9th SCK HI pulse for SPI Burst Reads only. 17. For FOSC = 13 MHz 50 ppm, 3.3v @ 25C. 18. SCK must start low, otherwise the success of SPI transactions are not guaranteed.
Document 38-16007 Rev. *I
Page 25 of 30
CYWUSB6932 CYWUSB6934
Table 12-2. DIO Interface Parameter Transmit Description Min. Typ. Max. Unit
tTX_DIOVAL_SU tTX_DIO_SU tTX_DIOVAL_HLD tTX_DIO_HLD tTX_IRQ_HI
DIOVAL Set-up Time DIO Set-up Time DIOVAL Hold Time DIO Hold Time Minimum IRQ High Time - 32 chips/bit DDR Minimum IRQ High Time - 32 chips/bit Minimum IRQ High Time - 64 chips/bit
2.1 2.1 0 0 8 16 32 8 16 32
Min. Typ. Max.
s s s s s s s s s s
Unit
tTX_IRQ_LO
Minimum IRQ Low Time - 32 chips/bit DDR Minimum IRQ Low Time - 32 chips/bit Minimum IRQ Low Time - 64 chips/bit
Receive
tRX_DIOVAL_VLD
DIOVAL Valid Time - 32 chips/bit DDR DIOVAL Valid Time - 32 chips/bit DIOVAL Valid Time - 64 chips/bit
-0.01 -0.01 -0.01 -0.01 -0.01 -0.01 1 1 1 8 16 32
6.1 8.2 16.1 6.1 8.2 16.1
s s s s s s s s s s s s
tRX_DIO_VLD
DIO Valid Time - 32 chips/bit DDR DIO Valid Time - 32 chips/bit DIO Valid Time - 64 chips/bit
tRX_IRQ_HI
Minimum IRQ High Time - 32 chips/bit DDR Minimum IRQ High Time - 32 chips/bit Minimum IRQ High Time - 64 chips/bit
tRX_IRQ_LO
Minimum IRQ Low Time - 32 chips/bit DDR Minimum IRQ Low Time - 32 chips/bit Minimum IRQ Low Time - 64 chips/bit
t R X _ IR Q _ H I
IR Q D IO / D IO V A L
SA M PL E
t R X _ IR Q _ L O
SA M PL E
d a ta
d a ta
d a ta
t D IO t R XR_X _IO V A_LV_LVDL D D
Figure 12-3. DIO Receive Timing Diagram
t TX _IR Q _H I
IR Q D IO / D IO V A L
SA M PL E
t T X _IR Q _LO
SA M PL E
data
data
t TX _D IO V A L_S U
t T X _D IO _S U
t T X _D IO V A L_H LD
t T X _D IO _H LD
Figure 12-4. DIO Transmit Timing Diagram
Document 38-16007 Rev. *I
Page 26 of 30
CYWUSB6932 CYWUSB6934
12.1 Radio Parameters
Unit GHz Table 12-3. Radio Parameters Parameter Description Conditions Min. Typ. Max. [19] RF Frequency Range 2.400 2.483 Radio Receiver (T = 25C, VCC = 3.3V, fosc = 13.000 MHz, X13OUT off, 64 chips/bit, Threshold Low = 8, Threshold High = 56, BER < 10-3) Sensitivity -90 Maximum Received Signal -20 -10 RSSI value for PWRin > -40 dBm 28-31 0-10 RSSI value for PWRin < -95 dBm
dBm dBm
Receive Ready[20]
Interference Performance Co-channel Interference rejection C = -60 dBm Carrier-to-Interference (C/I) Adjacent (1 MHz) channel selectivity C/I 1 MHz C = -60 dBm Adjacent (2 MHz) channel selectivity C/I 2 MHz C = -60 dBm Adjacent (> 3 MHz) channel selectivity C/I > 3 MHz C = -67 dBm Image[21] Frequency Interference, C/I Image C = -67 dBm Adjacent (1 MHz) interference to in-band image C = -67 dBm frequency, C/I image 1 MHz Out-of-Band Blocking Interference Signal Frequency 30 MHz - 2399 MHz, except (FO/N & FO/N1 MHz)[22] C = -67 dBm 2498 MHz - 12.75 GHz, except (FO*N & FO*N1 MHz) [22] C = -67 dBm Intermodulation C = -64 dBm, f = 5,10 MHz Spurious Emission 30 MHz-1 GHz 1 GHz-12.75 GHz except (4.8 GHz - 5.0 GHz) 4.8 GHz-5.0 GHz Radio Transmitter (T = 25C, VCC = 3.3V, fosc = 13.000 MHz) Maximum RF Transmit Power PA = 7 RF Power Control Range RF Power Range Control Step Size seven steps, monotonic Frequency Deviation PN Code Pattern 10101010 Frequency Deviation PN Code Pattern 11110000 Zero Crossing Error Occupied Bandwidth 100-kHz resolution bandwidth, -6 dBc Initial Frequency Offset In-band Spurious Second Channel Power (2 MHz) > Third Channel Power (>3 MHz) Non-Harmonically Related Spurs 30 MHz-12.75 GHz Harmonic Spurs Second Harmonic Third Harmonic Fourth and Greater Harmonics
35 11 3 -30 -40 -20 -25
s dB dB dB dB dB dB
-30 -20 -39
dBm dBm dBm -57 dBm -54 dBm -40[23] dBm
0 30 4.3 270 320
125
500 75 -30 -40 -54 -28 -25 -42
dBm dB dB kHz kHz ns kHz kHz dBm dBm dBm dBm dBm dBm
Notes: 19. Subject to regulation. 20. Max. time after receive enable and the synthesizer has settled before receiver is ready. 21. Image frequency is +4 MHz from desired channel (2 MHz low IF, high side injection). 22. FO = Tuned Frequency, N = Integer. 23. Antenna matching network and antenna will attenuate the output signal at these frequencies to meet regulatory requirements.
Document 38-16007 Rev. *I
Page 27 of 30
CYWUSB6932 CYWUSB6934
12.2 Power Management Timing
Description Conditions Min. Typ Max. Unit Table 12-4. Power Management Timing (The values below are dependent upon oscillator network component selection)[28] Parameter
tPDN_X13 tSPI_RDY tPWR_RST tRST tPWR_PD tWAKE tPD tSLEEP tWAKE_INT tSTABLE tSTABLE2
Time from PD deassert to X13OUT Time from oscillator stable to start of SPI transactions Power On to RESET deasserted Minimum RESET asserted pulse width Power On to PD deasserted[24] PD deassert to clocks running PD assert to low power mode PD deassert to IRQ[26] assert (wake interrupt)[27] to within 10 ppm to within 10 ppm PD deassert to clock stable IRQ assert (wake interrupt) to clock stable
[25]
2000 1 VCC @ 2.7V 1300 1 1300 2000 10 50 2000 2100 2100
s s s s s s s ns s s s
Minimum PD asserted pulse width
X13O U T VCC RESET PD
tPDN_X13
S A T R T P U
t S P I_ R D Y
tPW R _R ST tPW R_PD
tRST
Figure 12-5. Power On Reset/Reset Timing
X13OUT
E SL
tWAKE
A W
PD
t PD
tSLEEP
IRQ
Notes: 24. The PD pin must be asserted at power up to ensure proper crystal startup. 25. When X13OUT is enabled. 26. Both the polarity and the drive method of the IRQ pin are programmable. See page 9 for more details. Figure 12-6 illustrates default values for the Configuration register (Reg 0x05, bits 1:0). 27. A wakeup event is triggered when the PD pin is deasserted. Figure 12-6 illustrates a wakeup event configured to trigger an IRQ pin event via the Wake Enable register (Reg 0x1C, bit 0=1). 28. Measured with CTS ATXN6077A crystal.
EP
tWAKE_INT
Figure 12-6. Sleep / Wake Timing
KE
tSTABLE tSTABLE2
IR Q
Document 38-16007 Rev. *I
Page 28 of 30
CYWUSB6932 CYWUSB6934
12.3 AC Test Loads and Waveforms for Digital Pins
DC Test Load
OUTPUT 30 pF INCLUDING JIG AND SCOPE 5 pF VCC OUTPUT R2 R1
AC Test Loads
OUTPUT
Max
INCLUDING JIG AND Typical SCOPE ALL INPUT PULSES
Parameter R1 R2 RTH VTH VCC
1071 937 500 1.4 3.00
Unit V V
VCC GND Rise time: 1 V/ns Equivalent to:
90% 10%
90% 10% Fall time: 1 V/ns
THEVENIN EQUIVALENT RTH VTH OUTPUT
Figure 12-7. AC Test Loads and Waveforms for Digital Pins
13.0
Ordering Information
Package Name Package Type 48 QFN 48 Quad Flat Package No Leads Lead-Free 48 QFN 48 Quad Flat Package No Leads Lead-Free Operating Range Commercial Commercial
Table 13-1. Ordering Information Part Number Radio CYWUSB6932-48LFXC Transmitter CYWUSB6934-48LFXC Transceiver
14.0
Package Description
6.90 7.10 6.70 6.80 N 1 2 0.80 DIA. 6.90 7.10 0.08 1.00 MAX. 0.05 MAX. 0.80 MAX. 0.20 REF. 0.230.05 N PIN1 ID 0.20 R. 1 2 0.45 C
X
6.70 6.80
E-PAD
Y
5.45 5.55
0.30-0.45 0-12 C 5.45 5.55 0.50 SEATING PLANE 0.420.18 (4X)
TOP VIEW
SIDE VIEW
E-PAD SIZE PADDLE SIZE
(X, Y MAX.)
BOTTOM VIEW
51-85152-*B
DIMENSIONS IN mm MIN. MAX.
REFERENCE JEDEC MO-220 PKG. WEIGHT 0.13 gms
5.1 X 5.1 3.8 X 3.8
5.3 X 5.3 4.0 X 4.0
Figure 14-1. 48-pin Lead-Free QFN 7 x 7 mm LY48
The recommended dimension of the PCB pad size for the E-PAD underneath the QFN is 209 mils x 209 mils (width x length). This document is subject to change, and may be found to contain errors of omission or changes in parameters. For feedback or technical support regarding Cypress WirelessUSB products please contact Cypress at www.cypress.com. WirelessUSB, PSoC, and enCoRe are trademarks of Cypress Semiconductor. All product and company names mentioned in this document are the trademarks of their respective holders. Document 38-16007 Rev. *I Page 29 of 30
(c) Cypress Semiconductor Corporation, 2005. The information contained herein is subject to change without notice. Cypress Semiconductor Corporation assumes no responsibility for the use of any circuitry other than circuitry embodied in a Cypress product. Nor does it convey or imply any license under patent or other rights. Cypress products are not warranted nor intended to be used for medical, life support, life saving, critical control or safety applications, unless pursuant to an express written agreement with Cypress. Furthermore, Cypress does not authorize its products for use as critical components in life-support systems where a malfunction or failure may reasonably be expected to result in significant injury to the user. The inclusion of Cypress products in life-support systems application implies that the manufacturer assumes all risk of such use and in doing so indemnifies Cypress against all charges.
CYWUSB6932 CYWUSB6934
Document History Page
Document Title: CYWUSB6932/CYWUSB6934 WirelessUSBTM LS 2.4-GHz DSSS Radio SoC Document Number: 38-16007 REV. ECN NO. Issue Date Orig. of Change Description of Change
** *A *B
123907 125470 127076
01/20/03 04/28/03 07/30/03
LXA XGR KKU
New data sheet Preliminary release Updated pinouts, timing diagrams, AC Test loads, DC Characteristics, Radio Characteristics Removed die Minor change: removed table of contents and fixed layout of section 10. Updated AC and DC characteristics from char. results Updated register entries Changed package type from 56-pin QFN to 48-pin QFN Updated all pinouts and timing diagrams Updated block diagram and functional description Updated application interfaces Added Interrupt descriptions Changed Static Discharge Voltage (Digital) Specification of Section 9.0 Removed Static Discharge Voltage (Digital) Specification of Section 9.0 footnote Updated REG_DATA_RATE (0x04), 111--Not Valid Swapped bit field descriptions of REG_CONFIG Corrected Figure 3-1 and Figure 6-2 Minor edits throughout Removed SOIC package option Updated ordering information section Added Table 4-1 Internal PA Output Power Step Table Added tSTABLE2 Parameter to Table 12-4 and Figure 12-6 Corrected Figure 14-1 caption Corrected Figure 6-2 to show QFN matching network Removed Addr 0x01 and 0x02 - unused Updated Figure 8-1 Updated Spurious Emissions parameters Corrected Figure 6-2 - swap RFIN / RFOUT Corrected REG_CONTROL - bit 1 description Added Table 11-1 footnote 14 - Max. value measured with Vcc = 3.3V Added receive ready parameter to Table 12-3
*C *D
128886 129180
08/04/03 12/04/03
KKV TGE
*E *F
131851 241471
12/15/03 See ECN
TGE ZTK
*G
284810
See ECN
ZTK
*H
335758
See ECN
TGE
*I
391306
See ECN
TGE
Document 38-16007 Rev. *I
Page 30 of 30


▲Up To Search▲   

 
Price & Availability of CYWUSB6932-48LFXC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X