Part Number Hot Search : 
30010 SK8050 12N65 MMSZ52 2SC3466 2120A1 ASI1020 VR4102
Product Description
Full Text Search
 

To Download CYII4SM014KAA-GEC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CYII4SC014KAA-GTC CYII4SM014KAA-GEC
IBIS4-14000 14Megapixel CMOS Image Sensor
Features
The IBIS4-14000 is a CMOS active pixel image sensor that is comprised of 14 MegaPixels with 3048 x 4560 active pixels on an 8m pitch. The sensor has a focal plane array of 36 x 24mm2 and operates in rolling shutter mode. At 15 MHz, 3 fps are achieved at full resolution. On-chip FPN correction is available The pixel design is based on the high-fill-factor active pixel sensor technology of Cypress Semiconductor Corporation (US patent No. 6,225,670 and others). The sensor is available in a monochrome version and a Bayer (RGB) patterned color filter array. This data sheet allows the user to develop a camera system based on the described timing and interfacing.
Applications
Table 1. Key Performance Parameters Parameter Active Pixels Pixel Size Optical format Shutter Type Master Clock Frame rate Sensitivity (@ 650 nm) Full Well Charge kTC Noise Dark current Dynamic Range Supply Voltage Power Consumption Color Filter Array Packaging Typical Value 3048 (H) x 4560 (V) 8 m x 8 m 35 mm Rolling Shutter 15 MHz 3 fps at full resolution 1256 V.m2/W.s 65.000 e35 e223 e-/s 65.4 dB 3.3V < 176 mW Mono and RGB 49-pins PGA * Digital photography * Document scanning * Biometrics
Cypress Semiconductor Corporation Document #: 38-05709 Rev. *B
*
198 Champion Court
*
San Jose, CA 95134-1709 * 408-943-2600 Revised January 8, 2007
[+] Feedback
CYII4SC014KAA-GTC CYII4SM014KAA-GEC
Architecture and Operation
Floor Plan The basic architecture of the sensor is shown in Figure 1. Figure 1. Block Diagram of the IBIS4-14000 Image Sensor
y shift register
RESET SYR
SYL
4560 Row drivers
pixel array 4560 x 3048 active pixels
CLK_YL SYNC_YL
Pixel (0,0)
4560 Row drivers
y shift register
CLK_YR SYNC_YR
SHS SHR CLK_X SYNC_X
3048 column amplifiers 4 parallel analog outputs
x-shift register
The Y shift registers point at a row of the imager array. This row is selected and/or reset by the row drivers. There are 2 Y shift registers: one points at the row that is read out and the second one points at the row to be reset. The second pointer may lead the first pointer by a specific number of rows. In that case, the time difference between both pointers is the integration time. Alternatively, both shift registers can point at the same row for reset and readout for a faster reset sequence. When the row is read out, it is also reset in order to do double sampling for fixed pattern noise reduction.
The pixel array of the IBIS4-14000 consists of 4536 x 3024 active pixels and 24 additional columns and rows, which can also be addressed (see Figure 2 on page 3). The column amplifiers read out the pixel information and perform the double sampling operation. They also multiplex the signals on the readout buses, which are buffered by the output amplifiers. The shift registers can be configured for various subsampling modes. The output amplifiers can be individually powered down. And some other extra functions are foreseen. These options are configurable via a serial input port.
Document #: 38-05709 Rev. *B
Page 2 of 27
[+] Feedback
CYII4SC014KAA-GTC CYII4SM014KAA-GEC
Figure 2. Location of the 24 Additional Columns and Rows, Scan Direction of the Array
24 x 4536 dummy pixels Top of camera
3024 x 24 dummy pixels
3024 x 4536 active pixels
3048 x 4560 total pixels
------------- SKY --------------
pixel 0,0 4 analog outputs
Pixel Specifications Architecture Figure 3. Pixel and Column Structure Schematic
VDD_ARRAY Column PC
RESET
M1 SELECT M2 M3
SHS
SHR
Document #: 38-05709 Rev. *B
Page 3 of 27
[+] Feedback
CYII4SC014KAA-GTC CYII4SM014KAA-GEC
The pixel is a classic 3-transistor active pixel. The photodiode is a high-fill-factor n-well/p-substrate diode. Separate power supplies are foreseen: general power supply for the analog image core (VDD), power supply for the reset line drivers (VDDR) and a separate power supply for the pixel itself (VDDARRAY). FPN and PRNU Fixed Pattern Noise correction is done on chip with the so-called Double Sampling technique. The pixel is readout and this voltage value is sampled on capacitor SHS. After read out the pixel is reset again and this value is sampled by SHR. Both sample and reset values of each pixel are subtracted in the column amplifiers to subtract FPN. Raw images taken by the sensor typically feature a residual (local) FPN of 0.11% RMS of the saturation voltage. The Photo Response Non Uniformity (PRNU), caused by mismatch of photodiode node capacitances, is not corrected on-chip. Measurements indicate that the typical PRNU is <1% RMS of the signal level. Color Filter Array (CFA) Figure 4. Color Filter Arrangement on the Pixels The IBIS4-14000 can also be processed with a Bayer RGB color pattern. Pixel (0,0) has a green filter and is situated on a green-red row. Figure 5 shows the response of the color filter array as function of the wavelength. Note that this response curve includes the optical cross talk and the NIR filter of the color glass lid as well (see "Cover Glass" on page 24 for response of the color glass lid). Output Stage Unity gain buffers are implemented as output amplifiers. These amplifiers can be directly DC-coupled to the analog-digital converter or coupled to an external programmable gain amplifier. The (dark reference) offset of the output signal is adjustable between 1.7V and 3V. The amplifier output signal is negative going with increasing light levels, with a max. amplitude of 1.2V (at 4V reset voltage, in hard reset mode). The output signal range of the output amplifiers is between 0.5V and 3V. Notes on analog video signal and output amplifier specifications: * Video polarity: the video signal is negative going with increasing light level. * Signal offset: the analog offset of the video signal is settable by an external DC bias (pin 12 DARKREF). The settable range is between 1.7V and 3V, with 2.65V being the nominal expected set point. The output range (including 1.2V video signal) is thus between 3V and 0.5V. * Power control: the output amplifiers can be switched between an "operating" mode and a "standby" mode via the serial port of the imager (see "SPI Register " on page 13 for the configuration).
Figure 5. Color Filter Response Curve
Document #: 38-05709 Rev. *B
Page 4 of 27
[+] Feedback
CYII4SC014KAA-GTC CYII4SM014KAA-GEC
* Coupling: the IBIS4-14000 can be DC- or AC-coupled to the AD converter. Output Amplifier Crossbar Switch (multiplexer) A crossbar switch is available that routes the green pixels always to the same output (this is useful for a color device to avoid gain and offset differences between green pixels). The switch can be controlled automatically (with a toggle on every CLK_Y rising edge) or manually (through the SPI register). Figure 6 shows how it works. A pulse on SYNC_Y resets the crossbar switch. The initial state after reset of the switchboard is read from the SPI control register. When the automatic toggling of the switchboard is enabled, it toggles on every rising edge of the CLK_Y clock. Separate pins are used for the SYNC_Y and CLK_Y signals on the crossbar logic these pins can be connected to the SYNC_YL and CLK_YL pins of the shift register that is used for readout.
.
Figure 6. Output Amplifier Crossbar Switch
CLK_YR
SYNC_YR
Manual
Q
Power
Power
Power
Power
Document #: 38-05709 Rev. *B
Page 5 of 27
[+] Feedback
CYII4SC014KAA-GTC CYII4SM014KAA-GEC
Readout and Subsampling Modes The subsampling modes available on the IBIS4-14000 are summarized in Table 2. Table 2. Subsampling Modes Subsampling Modes Programmed into SPI Register X shift register subsampling settings Bitcode Mode 1:1 000 Full resolution (all columns) 001 010 011 24:1 Select 4 columns/ skip 20 100 8:1 Select 4 columns / skip 4s 101 12:1 Select 4 columns / skip 8 Y shift register subsampling settings Bitcode Mode 000 4:1 010 Select 2 rows / skip 2 100 001 1:1 Full resolution (all rows) 011 6:1 Select 2 rows / skip 4 101 12:1 Select 2 rows / skip 10 Each mode is selected independently for the X and Y shift registers. The subsampling mode is configured via the serial input port of the chip. The Y and X shift registers have some different subsampling modes, due to constraints in the design of the chip. The baseline full resolution operation mode uses 4 outputs to read out the entire image. 4 consecutive pixels of a row are put in parallel on the 4 parallel outputs. Subsampling is implemented by a shift register with hard-coded subsample modes. Depending on the selected mode, the shift register skips the required number of pixels when shifting the row or column pointer. The X shift register always selects 4 consecutive columns in parallel. Subsampling in X can be done by activating one of the modes wherein a multiple of 4 consecutive columns is skipped on a CLK_X pulse. The Y shift register selects a single row. It will consecutively select 2 adjacent rows and then skip an amount of rows set by the subsample mode. This imple-
Use Full resolution (4 outputs) 4:1 subsampling 24:1 subsampling ( 2 outputs) 8:1 subsampling (2 outputs) 12:1 subsampling (2 outputs)
Use 4:1 subsampling
Full resolution 6:1 subsampling 12:1 subsampling mentation is chosen for easy subsampling of color images through a 2-channel readout. In this way color data from 2x2 pixels is made available in all subsample modes. On monochrome sensors this is not required--only one output can be used and the each second row selected by the Y shift register can be skipped. This doubles the frame rate. Note that for 2 or 1 channel readout, the not-used output amplifiers can be powered down through the SPI shift register. Rows can also be skipped by extra CLK_Y pulses. It is not required to apply additional control pulses to rows that are skipped. This is a way to implement extra subsampling schemes. For example, to support the 24:1 X shift register mode also vertically, the Y shift register can be set to the 12:1 mode and an additional CLK_Y pulse needs to be given at the start of each row. Table 3 lists the frame rates of the IBIS4-14000 in various subsample modes with only one output. The row blanking time (dead time between readout of successive rows) has been set to 17.5 s.
Table 3. Frame Rates and Resolution for Various Subsample Modes Ratio 1:1 4:1 8:1 12:1 # Outputs 4 1 1 1 Image Resolution 3024 x 4536 756 x 1134 378 x 567 252 x 378 Frame rate [frames/s] 3.25 12.99 41.30 77.13 Frame readout time [s] 0.308 0.077 0.024 0.013
Note that the 24 additional columns and rows do not subsample (see Figure 2 on page 3). Document #: 38-05709 Rev. *B Page 6 of 27
[+] Feedback
CYII4SC014KAA-GTC CYII4SM014KAA-GEC
Figure 7. B and C Subsample Mode
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 mode B - 1:1
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 mode C - 1:4
Document #: 38-05709 Rev. *B
Page 7 of 27
[+] Feedback
CYII4SC014KAA-GTC CYII4SM014KAA-GEC
Figure 8. D and E Subsample Mode
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 m D - 1:6 ode 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 m E - 1:8 ode
Document #: 38-05709 Rev. *B
Page 8 of 27
[+] Feedback
CYII4SC014KAA-GTC CYII4SM014KAA-GEC
Figure 9. F Subsample Mode
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 m F - 1:12 ode
Sensor Readout Timing Diagrams Row Sequencer The row sequencer controls pulses to be given at the start of each new line. Figure 10 on page 10 shows the timing diagram for this sequence. The signals to be controlled at each row are: * CLK_YL and CLK_YR: These are the clocks of the YL and YR shift register. They can be driven by the same signals and at a continuous frequency. At every rising edge, a new row is being selected. * SELECT: This signal connects the pixels of the currently sampled line with the columns. It is important that PC and SELECT are never active together. * PC: An initialization pulse that needs to be given to precharge the column. * SHS (Sample & Hold pixel Signal): This signal controls the track & hold circuits in the column amplifiers. It is used to sample the pixel signal in the columns. (0 = track ; 1 = hold) * RESET: This pulse resets the pixels of the row that is currently being selected. In rolling shutter mode, the RESET signal is pulsed a second time to reset the row selected by the YR shift register. For "reset black" dark reference signals, the reset pulse can be pulsed also during the first PC pulse. Normally, the rising edge of RESET and the falling *
* *
*
*
edge of PC occur at the same position. The falling edge of RESET lags behind the rising PC edge. SHR (Sample & Hold pixel Reset level): this signal controls another track & hold circuit in the column amplifiers. It is used to sample the pixel reset level in the columns (for double sampling). (0 = track ; 1 = hold) SYL (Select YL register): Selects the YL shift register to drive the reset line of the pixel array SYR (Select YR register): Selects the YR shift register to drive the reset line of the pixel array. For rolling shutter applications, SYL and SYR are complementary. In full frame readout, both registers may be selected together, only if it is guaranteed that both shift registers point to the same row. This can reduce the row blanking time. SYNC_YR and SYNC_YL: Synchronization pulse for the YR and YL shift registers. The SYNC_YR/SYNC_YL signal is clocked in during a rising edge on CLK_YR/CLK_YL and resets the YR/YL shift register to the first row. Both pulses are pulsed only once each frame. The exact pulsing scheme depends on the mode of use (full frame/ rolling shutter). A 200 ns set-up time applies. See Table 4 on page 10. SYNC_X: Resets the column pointer to the first row. This has to be done before the end of the first PC pulse, in case when the previous line has not been read out completely.
Figure 10 shows the basic timing diagram of the IBIS4-14000 image sensor and Table 4 shows the timing specifications of the clocking scheme Page 9 of 27
Document #: 38-05709 Rev. *B
[+] Feedback
CYII4SC014KAA-GTC CYII4SM014KAA-GEC
Figure 10. Line Readout Timing
CLOCK_YL SYNC_YR SYNC_YL PC
k
a
Once each frame
l b b
SHS
c
f
SELECT
d
e
d
e
RESET
h Optional reset pulse for reset black
g
h
m
j
h
j
For each new row
SHR
c
f
SYL
i
SYR
Only when the electronic shutter is used
Table 4. Timing Constraints for the Row Sequencer Symbol a Min. 200 ns Typ. 600 ns Description Min. SYNC set-up times. SYNC_Y is clocked in on rising edge on CLK_Y. SYNC_Y pulse must overlap CLK_Y by one clock period. Set-up times of 200 ns apply after SYNC edges. Within this set-up time no rising CLK edge may occur Duration of PC pulse Delay between falling edge on PC and rising edge on SHS/SHR. Duration of SHS/SHR pulse Delay between rising edge on PC and rising edge on SELECT Delay between rising edge on SELECT and rising edge on SHS/SHR. Delay between rising edge on SHS and falling edge on SELECT. Delay between falling edge of SELECT and rising edge of RESET Duration of RESET pulse Delay between rising edge on SHR and rising edge on SYR SYL and SYR pulses must overlap second RESET pulse at both sides by one clock cycle Duration of CLOCK_Y pulse Delay between falling edge of CLK_Y and Falling edge of PC and SHS Delay between falling edge of RESET and falling edge of PC and SHR CLK_YL. The SYNC_YR pulse leads the SYNC_YL pulse by a given number of rows. Relative to the row timing, both SYNC pulses are given at the same time position. SYNC_YR and SYNC_YL are only pulsed once each frame, SYNC_YL is pulsed when the first row will be read out and Page 10 of 27
b c d e f g h i j k l m Notes:
2.7 s 10 s 1.3 s 6.5 s 100 ns 1.4 s 5 s 1.28 s 500 ns 240 ns 3s 500ns
h+2*CLK
CLK = one clock period of the master clock, shortest system time period available. In the above timing diagram, the YR shift register is used for the electronic shutter. The CLK_YR is driven identically as Document #: 38-05709 Rev. *B
[+] Feedback
CYII4SC014KAA-GTC CYII4SM014KAA-GEC
SYNC_YR is pulsed for the electronic shutter at the appropriate moment. This timing assumes that the registers that control the subsampling modes have been loaded in advance (through the SPI interface), before the pulse on SYNC_YL or SYNC_YR. The second reset pulse and the pulses on SYL and SYR (all pulses drawn in red) are only applied when the rolling electronic shutter is used. For full frame integration, these pulses are skipped. The SYNC_Y pulse is also used to initialize the switchboard (output multiplexer). This is also done by a synchronous reset on the rising edge of CLK_Y. Normally the switchboard is controlled by the shift register used for readout (this is the YL shift register). This means that pin SYNC_Y can be connected to SYNC_YL, and pin CLK_Y can be connected to CLK_YL. The additional RESET BLACK pulse (indicated in dashed lines in Figure 10 on page 10) can be given to make one or more lines black. This can be useful to generate a dark reference signal. Timing Pulse Pattern for Readout of a Pixel Figure 11 shows the timing diagram to preset (sync) the X shift register, read out the image row, and analog-digital conversion. There are 3 tasks: * Preset the X shift register: apply a low level to SYNC_X during a rising edge on CLK_X at the start of a new row * Readout of the image row: pulse CLK_X * Analog-digital conversion: clock the ADC The SYNC pulses perform a synchronous reset of the shift registers to the first row/column on a rising edge on CLK. This is identical for all shift registers (YR, YL and X). Figure 11. Row Readout Timing Sequence Note The SYNC_X signal has a set-up time Ts of 150 ns. For the YR and YS shift registers, the set-up time is 200 ns. CLK_X must be stable at least during this set-up time. In the case where a partial row readout has been performed, 2 CLK_X pulses (with SYNC_X = LOW) are required to fully deselect the column where the X pointer has been stopped. A single CLK_X will leave the column partially selected, which will then have a different response when read out in the next row. When full row readout has been performed, the last column will be fully deselected by a single CLK_X pulse (with SYNC_X = LOW). The X-register is reset by a single CLK_X pulse (with SYNC_X = LOW). In case of partial row readout, the SYNC_X pulse has to be given before the sample pulses (SHR and SHS) of the row sampling process, in order to avoid a different response of the last column of the previous window. For the X shift register, the analog signal is delayed by 2 clock periods before it becomes available at the output (due to internal processing of the signal in the columns and output amplifier). The figure gives an example of an ADC clock for an ADC that samples on the rising edge. Fast Frame Reset Timing Diagram Figure 12 on page 12 shows the reset timing for a fast frame reset. SYL and SYR can be kept both high to make the reset mechanism faster and reduce propagation delays. PC, SHS, SHR can be kept high since they don't interact with the pixel reset mechanism. Table 5 on page 12 lists timing specifications for RESET, CLK_Y and SELECT.
Ts
Ts
SYNC _X CLK_X A n a lo g O u tp ut p ixe l 1 p ixe l 2 p ixe l 3
CLK_ADC (e xa m p le )
X
Document #: 38-05709 Rev. *B
Page 11 of 27
[+] Feedback
CYII4SC014KAA-GTC CYII4SM014KAA-GEC
Table 5. Fast Reset Timing Constraints Symbol a b c d e Typical 0 s 4 s 0 1.6 s 1 s Description Delay between rising CLK_Y edge and Reset. Reset pulse width. Reset hold time. Select pulse width. Setup hold time. CONSTRAINT: a + e > 1 us due to propagation delay on pixel select line. Figure 12. Fast Reset Sequence Timing
CLK_YR CLK_YL
SELECT
a
c
d
e
PC
SHS b
RESET
SHR
SYL
SYR b
SYNC_YR SYNC_YL
Document #: 38-05709 Rev. *B
Page 12 of 27
[+] Feedback
CYII4SC014KAA-GTC CYII4SM014KAA-GEC
SPI Register SPI Interface Architecture The elementary unit cell of the serial to parallel interface consists of two D-flip-flops. The architecture is shown in Figure 13. 16 of these cells are connected in parallel, having a common /CS and SCLK form the entire uploadable parameter block, where Din is connected to Dout of the next cell. The uploaded settings are applied to the sensor on the rising edge of signal /CS. Figure 13. SPI Interface
To sensor core 16 outputs to sensor core
D CS C
Din Q SCLK
Dout
CS Din SCLK D C Q Dout SCLK
Entire uploadable parameter block
Tsclk
Th D15
Unity Cell
Din CS Data valid
D0
D1
D2
Ts
Table 6. Timing Requirements Serial-Parallel Interface Parameter Tsclk Ts Th SPI Register Definition Sensor parameters can be serially uploaded inside the sensor at the start of a frame. The parameters are: * Subsampling modes for X and Y shift registers (3-bit code for 6 subsampling modes) * Power control of the output amplifiers, column amps and pixel array. Each amplifier can be individually powered up/down Value 100 ns 50 ns 50 ns
* Output crossbar switch control bits. The crossbar switch is used to route the green pixels to the same output amplifiers at all time. A first bit controls the crossbar. When a second bit is set, the first bit will toggle on every CLK_Y edge in order to automatically route the green pixels of the bayer filter pattern. The code is uploaded serially as a 16-bit word (LSB uploaded first). Table 7 on page 14 lists the register definition. The default code for a full resolution readout is 33342 (decimal) or 1000 0010 0011 1110.
Document #: 38-05709 Rev. *B
Page 13 of 27
[+] Feedback
CYII4SC014KAA-GTC CYII4SM014KAA-GEC
Table 7. Serial Sensor Parameters Register Bit Definitions BIT 0 (LSB) 1 2 3 4 5 6 7 8 9 10 11 12 Description' set to zero (0) 1 = power on sensor array ; 0 = power-down 1 = power up output amplifier 4; 0 = power-down 1 = power up output amplifier 3; 0 = power-down 1 = power up output amplifier 2; 0 = power-down 1 = power up output amplifier 1; 0 = power-down 3-bit code for subsampling mode of X shift register: 000 = full resolution 011 = select 4, skip 20 001 = full resolution 100 = select 4, skip 4 010 = full resolution 101 = select 4, skip 8 3-bit code for subsampling mode of Y shift registers: 000 = select 2, skip 2 011 = select 2, skip 4 001 = full resolution 100 = select 2, skip 2 010 = select 2, skip 2 101 = select 2, skip 2 Crossbar switch (output multiplexer) control bit initial value. This initial value is clocked into the crossbar switch at a SYNC_YR rising edge pulse (when the array pointers jump back to row 1). The crossbar switch control bit selects the correspondence between multiplexer busses and output amplifiers. Bus-to-output correspondence is according to the following table: Bus when bit set to 0 1 output 1 2 output 2 3 (4 outputs) output 3 4 (4 outputs) output 4 13 when bit set to 1 output 2 output 1 output 4 output 3
1 = Toggle crossbar switch control bit on every odd/even line. In order to let green pixels always use the same output amplifier automatically, this bit must be set to 1. On every CLK_Y rising edge (when a new row is selected), the crossbar switch control bit will toggle. Initial value (after SYNC_Y) is set by bit 12. Not used. 1 = Power-up sensor array; 0 = Power-down * CS: chip select, a rising edge on CS loads the parallelized data into the on-chip register. The initial state of the register is undefined. However, no state exists that destroys the device.
14 15 (MSB)
Three pins are used for the serial data interface. This interface converts the serial data into an (internal) parallel data bus (Serial-Parallel Interface or SPI). The control lines are: * DATA: the data input. LSB is clocked in first. * CLK: clock, on each rising edge, the value of DATA is clocked in
Document #: 38-05709 Rev. *B
Page 14 of 27
[+] Feedback
CYII4SC014KAA-GTC CYII4SM014KAA-GEC
Pin Configuration
Table 7 on page 14 lists the pin configuration of the IBIS4-14000. Figure 17 on page 21 shows the assignment of pin numbers on the package. Table 8. Pin List Pin # 1 2 3 4 5 6 7 8 9 10 11 12 13 Name OBIAS GND OUT3 GND OUT4 VDD GND OUT2 GND OUT1 GND DARKREF TEMP1 Function Bias current output amplifiers. Ground for output 3. Output 3. Ground for output 4. Output 4. Power supply. Ground. Output 2. Ground for output 2. Output 1. Ground for output 1. Offset level of output signal. Temperature sensor. Located near the output amplifiers (pixel 4536, 0) near the stitch line). Typ. 2.6V. min. 1.7V max. 3V Any voltage above GND forward biases the diode. Connect to GND if not used. Nominal 3.3V 0V Comment Connect with 10k to VDD and decouple with 100 nF to GND.
14
PHDIODE
Photodiode output. Reverse biased by any voltage above GND Yields the equivalent photocurrent of 250 x Connect to GND if not used. 50 pixels. Diode is located right under the pad. Y clock for switchboard. Y SYNC pulse for switchboard. Temperature sensor. Located near pixel (24,0). Anti-blooming reference level (= pin 33). Ground. Power supply. Power supply for reset line drivers Clock of YR shift register. Clocks on rising edge Connect to CLK_YL (or drive identically) Low active: synchronous sync on rising edge of CLK_Y Connect to SYNC_YL (or drive identically) Any voltage above GND forward biases the diode. Connect to GND if not used. Typ. 0V. Set to 1.5V for improved anti-blooming. 0V Nominal 3.3V Nominal 4V Connected on-chip to pin 30 Shifts on rising edge.
15 16 17 18 19 20 21 22 23
CLK_Y SYNC_Y TEMP2 GNDAB GND VDD VDDR CLK_YR SYR
Activate YR shift register for driving of reset High active. Exact pulsing pattern see timing diagram. and select line of pixel array. Both SYR = 1 and SYL = 1 is not allowed, except when the same row is selected! Sets the YR shift register to row 1. Low active. Synchronous sync on rising edge of CLK_YR 200 ns set-up time 3V 3V Low active. Synchronous sync on rising edge of CLK_YL 200 ns set-up time.
24 25 26 27 28
SYNC_YR
VDDARRAY Pixel array power supply (= pin 26). VDDARRAY Pixel array power supply (= pin 25). SYNC_YL SYL Sets the YL shift register to row 1.
Activate YL shift register for driving of reset High active. Exact pulsing pattern see timing diagram. and select line of pixel array. Both SYR = 1 and SYL = 1 is not allowed, except when the same row is selected. Page 15 of 27
Document #: 38-05709 Rev. *B
[+] Feedback
CYII4SC014KAA-GTC CYII4SM014KAA-GEC
Table 8. Pin List (continued) Pin # 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 Name CLK_YL VDDR VDD GND GNDAB SELECT RESET CBIAS PCBIAS DIN SCLK CS PC SYNC_X GND VDD CLK_X SHR SHS XBIAS ABIAS Function Clock of YL shift register. Power supply for reset line drivers. Power supply. Ground. Anti-blooming reference level (= pin 33). Control select line of pixel array. Reset of the selected row of pixels. Bias current column amplifiers. Bias current. Serial data input. SPI interface clock. Chip select. Row initialization pulse. Sets the X shift register to row 1. Ground. Power supply. Clock of YR shift register. Row track & hold reset level (1 = hold; 0 = track). Row track & hold signal level (1 = hold; 0 = track). Bias current X multiplexer. Bias current pixel array. Shifts on rising edge. Nominal 4V. Connected on-chip to pin 21. Nominal 3.3V 0V Typ. 0V. Set to 1V for improved anti-blooming. High active. See timing diagrams. High active. See timing diagrams. Connect with 22 k to VDD and decouple with 100 nF to GND. Connect with 22 k to VDD and decouple with 100 nF to GND. 16-bit word. LSB first. Shifts on rising edge. Data copied to registers on rising edge. See timing diagrams. Low active. Synchronous sync on rising edge of CLK_X 150 ns set-up time. 0V Nominal 3.3V Shifts on rising edge. See timing diagram. See timing diagram. Connect with 10 k to VDD and decouple with 100 nF to GND. Connect with 10 M to VDD and decouple with 100 nF to GND. Comment
Document #: 38-05709 Rev. *B
Page 16 of 27
[+] Feedback
CYII4SC014KAA-GTC CYII4SM014KAA-GEC
Specifications
General Specifications Table 9. IBIS4-14000 General Specifications Parameter Pixel architecture Technology Pixel size Resolution Power supply Shutter type Pixel rate Frame rate Power dissipation 3T pixel CMOS 8 x 8 m2 3048 x 4560 3.3V Electronic rolling shutter 15 MHz nominal 3.25 frames/s 176 mW 53 mA 20 MHz with extra power dissipation. Full resolution with 4 parallel analog outputs @ 15 MHz/channel 13.9 megapixels Value Remarks
Electro-optical Specifications Overview All parameters are measured using the default settings (see recommended operating conditions) unless otherwise specified. Table 10.IBIS4-14000 Electro-optical Specifications Parameter Effective conversion gain Spectral response * fill factor Peak Q.E. * fill factor Full Well charge Linear range Temporal noise (kTC noise limited) Dynamic range Linear dynamic range Average dark current Dark current signal MTF at Nyquist Fixed pattern noise (local) Fixed pattern noise (global) PRNU Anti-blooming 18.5 V/e25 V/e0.22 A/W (peak) 45% 65000 electrons 90% of full well charge 35 electrons 1857:1 (65.4 dB) 1671:1 (64.5 dB) 55 pA/cm2 223 electrons/s 4.13 mV/s 0.55 in X 0.57 in Y 0.11% Vsat RMS 0.15% Vsat RMS <1% RMS of signal 105 Charge spill-over to neighboring pixels (= CCD blooming mechanism) Between 500 and 700 nm. See note 1. Linearity definition: < 3% deviation from straight line through zero point. kTC noise, being the dominant noise source in the dark at short integration times. See note 1. See note 1; 3% deviation. Average value @ 24C lab temperature. Average value @ 24C lab temperature. Measured at 600 nm. Average value of RMS variation on local 32 x 32 pixel windows. Value Full range. See note 1. Linear range. See note 1. Remarks
Note 1. Settings: VDD = 3.3V, VDDR = 4V and VDD_ARRAY = 3V.
Document #: 38-05709 Rev. *B
Page 17 of 27
[+] Feedback
CYII4SC014KAA-GTC CYII4SM014KAA-GEC
Spectral Response Curve Figure 14. IBIS4-14000 Spectral Response Curve
Electro-voltaic Response Curve Figure 15. IBIS4-14000 Electro-voltaic Response Curve
Document #: 38-05709 Rev. *B
Page 18 of 27
[+] Feedback
CYII4SC014KAA-GTC CYII4SM014KAA-GEC
Electrical Specifications Absolute Maximum Ratings Table 11.IBIS4-14000 Absolute Maximum Ratings Parameter VDC VIN VOUT I TSTG Altitude Recommended Operating Specifications Table 12.IBIS4-14000 Recommended Operating Specifications Parameter VDD VDDRL VDDRR VDD_ARRAY DARKREF GNDAB VOUT VIH VIL TA TA Description Nominal power supply Reset power supply level Pixel supply level Dark reference offset level Anti-blooming ground level Analog output level Logic input high level Logic input low level Commercial operating temperature Commercial operating temperature 1.7 0 0.5 2.5 0 0 0 Min. Typ. 3.3 4 3 2.65 0 3 1 3 3.3 1 50 38 Max. 3.6 Unit V V V V V V V V C (@ 15% RH) C (@ 86% RH) DC supply voltage DC input voltage DC output voltage DC current per pin; any single input or output Storage temperature range Description Value -0.5 to +4.5 -0.5 to VDC + 0.5 -0.5 to VDC + 0.5 50 -10 to 66 (@ 15% RH) -10 to +38 (@ 86% RH) (RH = relative humidity) 8000 Unit V V V mA C
feet
Bias Currents and References Table 13.IBIS4-14000 Bias Currents[2] Pin Number 1 36 37 48 49 Pin Name OBIAS CBIAS PCBIAS XBIAS ABIAS Connection 10k to VDD 22k to VDD 22k to VDD 10k to VDD or 10M to VDD Input Current 179 A 91 A 91 A 181 A Pin Voltage 1.51V 1.29V 1.29V 1.49V 0.8V
Note 2. Tolerance on bias reference voltages: 150 mV due to process variances.
Document #: 38-05709 Rev. *B
Page 19 of 27
[+] Feedback
CYII4SC014KAA-GTC CYII4SM014KAA-GEC
Geometry and Mechanical
Die Geometry Figure 16. Die Geometry and Location of Pixel (0,0)
Pin 1
pixel 0,0 4 output channels
500 m
Ground pad, also connected to package ground plane Analog output pad Ground for output pad (not connected to package ground plane) Locations of temperature sensing diodes Location of photodiode array
Document #: 38-05709 Rev. *B
Page 20 of 27
[+] Feedback
CYII4SC014KAA-GTC CYII4SM014KAA-GEC
Pin Number Assignment Figure 17. Pin Number Assignment
32 33 34 35 36 37
38 39 40 41 42 43
31 30 29 28 27 26
Package Back side
49 48 47 46 45 44
20 21 22 23 24 25
1 234 5 6
19 18 17 16 15 14
13 12 11 10 9 8 7
Note: "Solid" drawn pins are connected to die attach area for a proper ground plane
Document #: 38-05709 Rev. *B
Page 21 of 27
[+] Feedback
CYII4SC014KAA-GTC CYII4SM014KAA-GEC
Package Drawings Figure 18. Package Dimensions
all dimensions in mm
Document #: 38-05709 Rev. *B
Page 22 of 27
[+] Feedback
CYII4SC014KAA-GTC CYII4SM014KAA-GEC
Die Placement Dimensions and Accuracy Figure 19. Die Placement
200 2
all dimensions in mm
Figure 20. Tolerances
Document #: 38-05709 Rev. *B
Page 23 of 27
[+] Feedback
CYII4SC014KAA-GTC CYII4SM014KAA-GEC
Cover Glass CYII4SM014KAA-GEC(monochrome) Schott D-263 plain glass is the cover glass of the IBIS4-14000 monochrome. Figure 21. D-263 Transmittance Curve
100 90 80
Transmission [%]
70 60 50 40 30 20 10 0 400 500 600 700 800 900
Wavelength [nm]
CYII4SC014KAA-GTC (color) S8612 glass is the cover glass of the IBIS4-14000 color. Figure 22. S8612 Transmittance Curve (w/o AR coating)
100 90 Transmittance [%] 80 70 60 50 40 30 20 10 0 400 500 600 700 800 900 1000
Wavelength [nm]
Specification * AR coating: 400-690 nm R < 1.5% * Dig, haze, scratch 20 m after coating Document #: 38-05709 Rev. *B * Substrate: Schott S8612 glass * Thickness: 0.7 mm 0.050 mm * Size: 31.9 x 44.9 mm2 0.2 mm Page 24 of 27
[+] Feedback
CYII4SC014KAA-GTC CYII4SM014KAA-GEC
Defects (digs, scratches) are detected at final test using F/11 light source. Glass defects that do not generate non-correctable pixels are accepted. of 1 MOhm between the human body and the ground to be on the safe side. * When directly handling the device with the fingers, hold the part without the leads and do not touch any lead. * To avoid generating static electricity: -- Do not scrub the glass surface with cloth or plastic Unit C C Conditions @ 15% RH @ 86% RH -- Do not attach any tape or labels -- Do not clean the glass surface with dust-cleaning tape * When storing or transporting the device, put it in a container of conductive material Dust and Contamination Dust or contamination of the glass surface could deteriorate the output characteristics or cause a scar. In order to minimize dust or contamination on the glass surface, take the following precautions: * Handle the device in a clean environment such as a cleaned booth (the cleanliness should be, if possible, class 100). * Do not touch the glass surface with the fingers. * Use gloves to manipulate the device Soldering Soldering should be manually performed with 5 seconds at 350C maximum at the tip of the soldering iron. Precautions and Cleaning Avoid spilling solder flux on the cover glass; bare glass and particularly glass with antireflection filters may be adversely affected by the flux. Avoid mechanical or particulate damage to the cover glass. Avoid mechanical stress when mounting the device. RoHS (lead-free) Compliance This paragraph reports the use of Hazardous chemical substances as required by the RoHS Directive (excluding packing material).
Storage and Handling
Storage Conditions Description Minimum Maximum Temperature Temperature -10 -10 66 38
Note: RH = Relative Humidity Handling Precautions Special care should be taken when soldering image sensors with color filter arrays (RGB color filters), onto a circuit board, since color filters are sensitive to high temperatures. Prolonged heating at elevated temperatures may result in deterioration of the performance of the sensor. The following recommendations are made to ensure that sensor performance is not compromised during end-users' assembly processes. ESD Though not as sensitive as CCD sensors, the IBIS4-14000 is vulnerable to ESD like other standard CMOS devices. Device placement onto boards should be done in accordance with strict ESD controls for Class 0, JESD22 Human Body Model, and Class A, JESD22 Machine Model devices. Take into account standard ESD procedures when manipulating the device: * Assembly operators should always wear all designated and approved grounding equipment; grounded wrist straps at ESD protected workstations are recommended including the use of ionized blowers. All tools should be ESD protected. To ground the human body, provide a resistance
Table 14.Chemical Substances and Information about Any Intentional Content Chemical Substance Lead Cadmium Mercury Hexavalent chromium PBB (Polybrominated biphenyls) PBDE (Polybrominated diphenyl ethers) Any intentional content? NO NO NO NO NO NO If there is any intentional content, in which portion is it contained? -
Document #: 38-05709 Rev. *B
Page 25 of 27
[+] Feedback
CYII4SC014KAA-GTC CYII4SM014KAA-GEC
Information on lead free soldering CYII4SM014KAA-GEC: the product was tested successfully for lead-free soldering processes, using a reflow temperature profile with maximum 260C, minimum 40s at 255C and minimum 90s at 217C. CYII4SC014KAA-GTC: the product will not withstand a lead-free soldering process. Maximum allowed reflow or wave soldering temperature is 220C. Hand soldering is recommended for this part type. Note: "Intentional content" is defined as any material demanding special attention is contained into the inquired product by following cases: 1. A case that the above material is added as a chemical composition into the inquired product intentionally in order to produce and maintain the required performance and function of the intended product . 2. A case that the above material, which is used intentionally in the manufacturing process, is contained in or adhered to the inquired product The following case is not treated as "intentional content": 1. A case that the above material is contained as an impurity into raw materials or parts of the intended product. The impurity is defined as a substance that cannot be removed industrially, or it is produced at a process such as chemical composing or reaction and it cannot be removed technically.
Ordering Information
Part Numbers Table 15.Ordering Information Part number CYII4SM014KAA-GEC CYII4SC014KAA-GTC Evaluation Kit For evaluating purposes an IBIS4-14000 evaluation kit is available. The IBIS4-14000 evaluation kit consists of a multifunctional digital board (memory, sequencer and IEEE 1394 Fire Wire interface) and an analog image sensor board. Visual Basic software (under Win 2000 or XP) allows the grabbing Package 49-pin PGA package 49-pin PGA package Monochrome/Color Monochrome RGB Color Glass lid Monochrome Color
and display of images from the sensor. All acquired images can be stored in different file formats (8 or 16-bit). All settings can be adjusted on the fly to evaluate the sensors' specs. Default register values can be loaded to start the software in a desired state. Please contact us for more information.
All products and company names mentioned in this document may be the trademarks of their respective holders.
Document #: 38-05709 Rev. *B
Page 26 of 27
(c) Cypress Semiconductor Corporation, 2006. The information contained herein is subject to change without notice. Cypress Semiconductor Corporation assumes no responsibility for the use of any circuitry other than circuitry embodied in a Cypress product. Nor does it convey or imply any license under patent or other rights. Cypress products are not warranted nor intended to be used for medical, life support, life saving, critical control or safety applications, unless pursuant to an express written agreement with Cypress. Furthermore, Cypress does not authorize its products for use as critical components in life-support systems where a malfunction or failure may reasonably be expected to result in significant injury to the user. The inclusion of Cypress products in life-support systems application implies that the manufacturer assumes all risk of such use and in doing so indemnifies Cypress against all charges.
[+] Feedback
CYII4SC014KAA-GTC CYII4SM014KAA-GEC
Document History Page
Document Title: IBIS4-14000 14Megapixel CMOS Image Sensor Document Number: 38-05709 REV. ** *A ECN NO. 310213 428177 Issue Date See ECN See ECN Orig. of Change SIL FVK Description of Change Initial Cypress release Layout converted Figure 10 on page 10 updated Storage and handling section added IBIS4-14000-C added Ordering information update+package spec label. Moved figure captions to the top of the figures and moved notes to the bottom of the page per new template. Verified all cross-referencing. Moved the specifications towards the back. Corrected all variables on the Master pages.
*B
642656
See ECN
FPW
Document #: 38-05709 Rev. *B
Page 27 of 27
[+] Feedback


▲Up To Search▲   

 
Price & Availability of CYII4SM014KAA-GEC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X