Part Number Hot Search : 
BU408 00390 HV857DB1 BC858A NCSU034 HC0438 BC857 DS2480
Product Description
Full Text Search
 

To Download CY7C1019B-12VC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CY7C1019B
128K x 8 Static RAM
Features
* High speed -- tAA = 12 ns * CMOS for optimum speed/power * Center power/ground pinout * Automatic power-down when deselected * Easy memory expansion with CE and OE options * Functionally equivalent to CY7C1019 * Available in Pb-free and non Pb-free 32-pin TSOP II, non Pb-free 400-mil-wide SOJ packages. expansion is provided by an active LOW Chip Enable (CE), an active LOW Output Enable (OE), and tri-state drivers. This device has an automatic power-down feature that significantly reduces power consumption when deselected. Writing to the device is accomplished by taking Chip Enable (CE) and Write Enable (WE) inputs LOW. Data on the eight I/O pins (I/O0 through I/O7) is then written into the location specified on the address pins (A0 through A16). Reading from the device is accomplished by taking Chip Enable (CE) and Output Enable (OE) LOW while forcing Write Enable (WE) HIGH. Under these conditions, the contents of the memory location specified by the address pins will appear on the I/O pins. The eight input/output pins (I/O0 through I/O7) are placed in a high-impedance state when the device is deselected (CE HIGH), the outputs are disabled (OE HIGH), or during a write operation (CE LOW, and WE LOW).
Functional Description
The CY7C1019B is a high-performance CMOS static RAM organized as 131,072 words by 8 bits. Easy memory
Logic Block Diagram
Pin Configurations
SOJ /TSOPII Top View
A0 A1 A2 A3 CE I/O0 I/O1 VCC V SS I/O2 I/O3 WE A4 A5 A6 A7 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 32 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 A16 A15 A14 A13 OE I/O7 I/O6 VSS VCC I/O5 I/O4 A12 A11 A10 A9 A8
I/O0
INPUT BUFFER
A0 A1 A2 A3 A4 A5 A6 A7 A8
I/O1
ROW DECODER
I/O2
SENSE AMPS 128K x 8 ARRAY
I/O3 I/O4 I/O5
CE WE OE
COLUMN DECODER
POWER DOWN
I/O6 I/O7
Selection Guide
-12 Maximum Access Time Maximum Operating Current Maximum Standby Current 12 140 10 -15 15 130 10 Unit ns mA mA
Cypress Semiconductor Corporation Document #: 38-05026 Rev. *C
A9 A 10 A 11 A 12 A 13 A 14 A 15 A 16
*
198 Champion Court
*
San Jose, CA 95134-1709 * 408-943-2600 Revised August 3, 2006
[+] Feedback
CY7C1019B
Maximum Ratings
(Above which the useful life may be impaired. For user guidelines, not tested.) Storage Temperature ................................. -65C to +150C Ambient Temperature with Power Applied............................................. -55C to +125C Supply Voltage on VCC to Relative GND[1] .... -0.5V to +7.0V DC Voltage Applied to Outputs in High Z State[1] ....................................-0.5V to VCC + 0.5V DC Input Voltage[1] .................................-0.5V to VCC + 0.5V Current into Outputs (LOW)......................................... 20 mA Static Discharge Voltage............................................ >2001V (per MIL-STD-883, Method 3015) Latch-Up Current ..................................................... >200 mA
Operating Range
Range Commercial Ambient Temperature[2] 0C to +70C VCC 5V 10%
Electrical Characteristics Over the Operating Range
-12 Parameter VOH VOL VIH VIL IIX IOZ ICC ISB1 Description Output HIGH Voltage Output LOW Voltage Input HIGH Voltage Input LOW Voltage[1] GND < VI < VCC Input Leakage Current Test Conditions VCC = Min., IOH = - 4.0 mA VCC = Min., IOL = 8.0 mA 2.2 -0.3 -1 -5 Min. 2.4 0.4 VCC + 0.3 0.8 +1 +5 140 40 2.2 -0.3 -1 -5 Max. Min. 2.4 0.4 VCC + 0.3 0.8 +1 +5 130 40 -15 Max. Unit V V V V A A mA mA
Output Leakage Current GND < VI < VCC, Output Disabled VCC Operating Supply Current Automatic CE Power- Down Current --TTL Inputs Automatic CE Power-Down Current --CMOS Inputs VCC = Max., IOUT = 0 mA, f = fMAX = 1/tRC Max. VCC, CE > VIH VIN > VIH or VIN < VIL, f = fMAX Max. VCC, CE > VCC - 0.3V, VIN > VCC - 0.3V, or VIN < 0.3V, f = 0
ISB2
10
10
mA
Capacitance[3]
Parameter CIN COUT Description Input Capacitance Output Capacitance Test Conditions TA = 25C, f = 1 MHz, VCC = 5.0V Max. 6 8 Unit pF pF
AC Test Loads and Waveforms
5V OUTPUT 30 pF INCLUDING JIG AND SCOPE (a) R2 255 R1 480 R1 480 5V OUTPUT 5 pF INCLUDING JIG AND SCOPE (b) R2 255 GND 3 ns 3.0V 90% 10% 90% 10% 3 ns ALL INPUT PULSES
Equivalent to: THEVENIN EQUIVALENT 167 1.73V OUTPUT
Notes: 1. VIL (min.) = -2.0V for pulse durations of less than 20 ns. 2. TA is the "Instant On" case temperature. 3. Tested initially and after any design or process changes that may affect these parameters.
Document #: 38-05026 Rev. *C
Page 2 of 8
[+] Feedback
CY7C1019B
Switching Characteristics[4] Over the Operating Range
-12 Parameter Read Cycle tRC tAA tOHA tACE tDOE tLZOE tHZOE tLZCE tHZCE tPU tPD Write Cycle tWC tSCE tAW tHA tSA tPWE tSD tHD tLZWE tHZWE
[7, 8]
-15 Max. Min. 15 12 15 3 12 6 15 7 0 6 7 3 6 7 0 12 15 15 10 10 0 0 10 8 0 3 6 7 Max. Unit ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns
Description Read Cycle Time Address to Data Valid Data Hold from Address Change CE LOW to Data Valid OE LOW to Data Valid OE LOW to Low Z OE HIGH to High Z CE LOW to Low Z
[5, 6] [6]
Min. 12 3
0 3 0
CE HIGH to High Z[5, 6] CE LOW to Power-Up CE HIGH to Power-Down Write Cycle Time CE LOW to Write End Address Set-Up to Write End Address Hold from Write End Address Set-Up to Write Start WE Pulse Width Data Set-Up to Write End Data Hold from Write End WE HIGH to Low Z[6] WE LOW to High Z[5, 6] 12 9 8 0 0 8 6 0 3
Notes: 4. Test conditions assume signal transition time of 3 ns or less, timing reference levels of 1.5V, input pulse levels of 0 to 3.0V, and output loading of the specified IOL/IOH and 30-pF load capacitance. 5. tHZOE, tHZCE, and tHZWE are specified with a load capacitance of 5 pF as in part (b) of AC Test Loads. Transition is measured 500 mV from steady-state voltage. 6. At any given temperature and voltage condition, tHZCE is less than tLZCE, tHZOE is less than tLZOE, and tHZWE is less than tLZWE for any given device. 7. The internal write time of the memory is defined by the overlap of CE LOW and WE LOW. CE and WE must be LOW to initiate a write, and the transition of any of these signals can terminate the write. The input data set-up and hold timing should be referenced to the leading edge of the signal that terminates the write. 8. The minimum write cycle time for Write Cycle no. 3 (WE controlled, OE LOW) is the sum of tHZWE and tSD.
Document #: 38-05026 Rev. *C
Page 3 of 8
[+] Feedback
CY7C1019B
Data Retention Waveform
DATA RETENTION MODE VCC 3.0V tCDR CE VDR > 2V 3.0V tR
Switching Waveforms
Read Cycle No. 1[9, 10]
tRC ADDRESS tAA tOHA DATA OUT PREVIOUS DATA VALID DATA VALID
Read Cycle No. 2 (OE Controlled)[10, 11]
ADDRESS tRC CE tACE OE tDOE DATA OUT VCC SUPPLY CURRENT tLZOE HIGH IMPEDANCE tLZCE tPU 50% tHZOE tHZCE DATA VALID tPD 50% ISB ICC HIGH IMPEDANCE
Notes: 9. Device is continuously selected. OE, CE = VIL. 10. WE is HIGH for read cycle. 11. Address valid prior to or coincident with CE transition LOW.
Document #: 38-05026 Rev. *C
Page 4 of 8
[+] Feedback
CY7C1019B
Switching Waveforms (continued)
Write Cycle No. 1 (CE Controlled)[12, 13]
tWC ADDRESS tSCE CE tSA tSCE tAW tPWE WE tSD DATA I/O DATA VALID tHD tHA
Write Cycle No. 2 (WE Controlled, OE HIGH During Write)[12, 13]
tWC ADDRESS tSCE CE
tAW tSA WE tPWE
tHA
OE tSD DATA I/O NOTE 14 tHZOE
Notes: 12. Data I/O is high impedance if OE = VIH. 13. If CE goes HIGH simultaneously with WE going HIGH, the output remains in a high-impedance state. 14. During this period the I/Os are in the output state and input signals should not be applied.
tHD
DATAIN VALID
Document #: 38-05026 Rev. *C
Page 5 of 8
[+] Feedback
CY7C1019B
Switching Waveforms (continued)
Write Cycle No. 3 (WE Controlled, OE LOW)[13]
tWC ADDRESS tSCE CE tAW tSA WE tSD DATA I/O NOTE 14 tHZWE DATA VALID tLZWE tHD tPWE tHA
Truth Table
CE H L L L OE X L X H WE X H L H I/O0-I/O7 High Z Data Out Data In High Z Power-Down Read Write Selected, Outputs Disabled Mode Power Standby (ISB) Active (ICC) Active (ICC) Active (ICC)
Ordering Information
Speed (ns) 12 Ordering Code CY7C1019B-12VC CY7C1019B-12ZC CY7C1019B-12ZXC CY7C1019B-15VC CY7C1019B-15ZXC Package Name 51-85033 51-85095 Package Type 400-Mil Molded SOJ TSOP Type II TSOP Type II (Pb -Free) 400-Mil Molded SOJ TSOP Type II (Pb -Free) Operating Range Commercial
15
32-pin 32-pin 32-pin 51-85033 32-pin 51-85095 32-pin
Commercial
Please contact local sales representative regarding availability of these parts
Document #: 38-05026 Rev. *C
Page 6 of 8
[+] Feedback
CY7C1019B
Package Diagrams
32-pin (400-mil) Molded SOJ (51-85033)
51-85033-*B
32-pin TSOP II (51-85095)
51-85095-**
All product or company names mentioned in this document may be the trademarks of their respective holders.
Document #: 38-05026 Rev. *C
Page 7 of 8
(c) Cypress Semiconductor Corporation, 2006. The information contained herein is subject to change without notice. Cypress Semiconductor Corporation assumes no responsibility for the use of any circuitry other than circuitry embodied in a Cypress product. Nor does it convey or imply any license under patent or other rights. Cypress products are not warranted nor intended to be used for medical, life support, life saving, critical control or safety applications, unless pursuant to an express written agreement with Cypress. Furthermore, Cypress does not authorize its products for use as critical components in life-support systems where a malfunction or failure may reasonably be expected to result in significant injury to the user. The inclusion of Cypress products in life-support systems application implies that the manufacturer assumes all risk of such use and in doing so indemnifies Cypress against all charges.
[+] Feedback
CY7C1019B
Document History Page
Document Title: CY7C1019B 128K x 8 Static RAM Document Number: 38-05026 REV. ** *A ECN NO. 109949 116170 Issue Date 09/25/01 08/14/02 Orig. of Change SZV HGK Description of Change Change from Spec number: 38-01115 to 38-05026 1. SOJ (400-mil) package outline replacing incorrect SOJ package 2. Pin for pin compatible with CY7C1019 3. Industrial packages added to Ordering Information Changed address of Cypress Semiconductor Corporation on Page# 1 from "3901 North First Street" to "198 Champion Court" Updated the Ordering Information Table on page # 6 Removed CY7C10191B from product offering Removed Industrial Operating Range Changed the description of IIX from Input Load Current to Input Leakage Current in DC Electrical Characteristics table Removed IOS parameter from DC Electrical Characteristics table Updated Ordering Information table
*B
397875
See ECN
NXR
*C
493543
See ECN
NXR
Document #: 38-05026 Rev. *C
Page 8 of 8
[+] Feedback


▲Up To Search▲   

 
Price & Availability of CY7C1019B-12VC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X