Part Number Hot Search : 
N4121 H0022 SM110 ENA1771 78S15 DA9022 153PPA RS252
Product Description
Full Text Search
 

To Download CVTC515A10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CVTC Series (5X3.2X1.7mm)
4 Pad Clipped Sinewave VC - TCXO Oscillator
PART NUMBERING GUIDE
Lead-Free RoHS Compliant
CALIBER
Electronics Inc.
Environmental/Mechanical Specifications on page F5
CVTC 3 25 B 5 - 12.800M
Supply Voltage 3=3.3Vdc / 5=5.0Vdc Frequency Stability Table 1 Operating Temp. Range Table 1 Frequency M=MHz
Frequency Deviation Blank=No Connection (TCXO) 5=5ppm Min. / 10=10ppm Min.
ELECTRICAL SPECIFICATIONS
Frequency Range Frequency Stability Operating Temperature Range Storage Temperature Range Supply Voltage Load Drive / (Change Capability) Output Voltage Frequency Control Range (Change) Frequency Deviation Aging (@ 25C) Input Current
Revision: 2004-B
12.800MHz, 13.000MHz, 14.400MHz, 16.800MHz, 19.440MHz All values inclusive of temperature, aging, and load See Table 1 Below. See Table 1 Below. -40C to 85C +3.3Vdc 5% or +5.0Vdc 5% 10kOhms 10% // 10pF 10% (0.2ppm) 0.8Vp-p Minimum +1.5Vdc 1V Positive Transfer Characteristics (9 to 15) 5ppm Minimum Over Control Voltage 1ppm / year Maximum 1.5mA Maximum
MECHANICAL DIMENSIONS
Marking Guide on page F3-F4
All Dimensions in mm.
3.20
0.20
Metal .08 0.10
(X4 plcs.)
.07 0.10
(X4 plcs.)
4
1 3.28 0.10
Operating Temperature 1.5ppm Range Code -20 to 75C A B C 15 *
Frequency Stability (ppm) * Denotes Availability of Options 2.0ppm 20 * 2.5ppm 25 * * * 3.0ppm 30 * * * 3.5ppm 35 * * * 5.0ppm 50 * * *
5.0
0.20
3 1.67 0.10
2
Ceramic
1.7 Max
2.20 0.15
-30 to 75C -30 to 80C
Pin 1 / V Control Pin 3 / OUTPUT
PIN Connections Pin 2 / GND Pin 4 / Vcc
TEL 949-366-8700
FAX 949-366-8707
WEB http://www.caliberelectronics.com


▲Up To Search▲   

 
Price & Availability of CVTC515A10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X