Part Number Hot Search : 
Z15D681 S6B0724A BUK75 POINT MUR1620 001TB 1N4751 2SD1496
Product Description
Full Text Search
 

To Download CMD8RNP-330MB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 General Power Transformer
Type: CMD-8R
Product Description
8.7x8.5mm Max.(LxW), 6.7mm Max. Height. Inductance range: 22H1.0mH Rated current range: 0.20A1.40A 8 Terminal pins' type gives a flexible design as inductors or transformers. Custom design is available.
Feature
Magnetically shielded construction. Max. Operating frequency 500kHz, Max Operating Power1.9W (500kHz). Ideally used in DSC/DVC,PDA, Power supply module etc as DC-DC Converter transformers, can also be used as power chokes. RoHS Compliance
Dimensions(mm)
2.0 2.0 2.0 0.2
Land Pattern (mm)
2 .0
0.60.2
9.20.5
1.5
2.0 2.0 2.0
8.00.5
10
8.20.5
6.7 MAX.
10.80.5
Specification (for transformers)
Sample No. 6308-T074 Inductance (8-5) 1kHz/1V 8.5mH15% Within Hi-pot (1,3,4)-(5,8) DC 600V/2 Sec.
Schematics (Bottom)
" S" is winding start.
S4 S3 2 1
5 6 7 8S
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/2
General Power Transformer
Type: CMD-8R
Specification (for inductors)
Part Name Stamp Inductance Within 1 D.C.R.() [Max.] (at 20) Rate Current (A)2 S.R.F. (MHz) Min.
CMD8RNP-220M CMD8RNP-270M CMD8RNP-330M CMD8RNP-390M CMD8RNP-470M CMD8RNP-560M CMD8RNP-680M CMD8RNP-820M CMD8RNP-1O1M CMD8RNP-121M CMD8RNP-151M CMD8RNP-181M CMD8RNP-221M CMD8RNP-271M CMD8RNP-331M CMD8RNP-391M CMD8RNP-471M CMD8RNP-561M CMD8RNP-681M CMD8RNP-821M CMD8RNP-102M
220M 270M 330M 390M 470M 560M 680M 820M 101M 121M 151M 181M 221M 271M 331M 391M 471M 561M 681M 821M 102M
22H20% 27H20% 33H20% 39H20% 47H20% 56H20% 68H20% 82H20% 100H20% 120H20% 150H20% 180H20% 220H20% 270H20% 330H20% 390H20% 470H20% 560H20% 680H20% 820H20% 1.0mH20%
0.11 0.12 0.13 0.16 0.17 0.23 0.25 0.27 0.33 0.45 0.62 0.68 0.78 1.00 1.14 1.23 1.81 1.99 2.2 3.24 3.65
1.4 1.3 1.2 1.1 1.0 0.93 0.85 0.78 0.69 0.63 0.55 0.50 0.45 0.41 0.37 0.35 0.31 0.28 0.25 0.23 0.20
17 14 13 12 11 8.9 7.8 7.4 6.2 5.8 5.4 4.7 4.6 3.6 3.4 3.2 2.9 2.8 2.6 2.1 1.9
Description of part name
CMD8RNP-220M
B Box C Carrier Tape 1: Measuring Frequency 22H 82H 100H 1.0mH at 2.52MHz at 1kHz
Schematics (Bottom)
" S" is winding start.
S4 3 2 1 5 6 7 8
2. Rated current: The D.C. current at which the inductance decreases to 90% of it's initial value or when t=40, whichever is lower(Ta=20). Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/2


▲Up To Search▲   

 
Price & Availability of CMD8RNP-330MB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X