Part Number Hot Search : 
TOR009 XFTPR UM7010 BCM207 MBRF50 B270010 BP11KE LC6543F
Product Description
Full Text Search
 

To Download CMD5D11NP-6R8MB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Power Transformers
Type: CMD5D11
Product Description
7.4x5.8mm Max.(LxW), 1.2mm Max. Height. Inductance Range: 3.3100H Rated current range: 200940mA. 4 Terminal pins' type gives a flexible design as inductors or transformers(SEPIC,ZETA circuit). In addition to the standards versions used as power inductors shown here, custom designs as transformers(SEPIC,ZETA circuit) and inductors are also available.
Feature
Magnetically unshielded construction. Ideally used in portable devices such as Mobilephone,DSC/DVC,MP3,PDA, etc as DC-DC Converter inductors, specially suitable for White LED drive. RoHS Compliance
Dimensions (mm)
7.00.4 6.00.2 5.50.3 1.2 Max.
1.0
4.50.3 0.60.2
4.2

Land Pattern (mm)
(1.1) (3.4)
5.2
Schematics(Bottom)

5.5
(3.6)


(1.4)
(3.3H15H) (22H100H) "S" is winding start. Terminal Pins(1#) and (4#),(2#) and (3#) are short connected when used as an inductor.
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/2
Power Transformers
Type: CMD5D11
Specification
Part No. CMD5D11NP-3R3M CMD5D11NP-4R7M CMD5D11NP-6R8M CMD5D11NP-100M CMD5D11NP-150M CMD5D11NP-220M CMD5D11NP-330M CMD5D11NP-470M CMD5D11NP-680M CMD5D11NP-101M Stamp Inductance H Within 100kHz/1V 3.320 4.720 6.820 1020 1520 2220 3320 4720 6820 10020 D.C.R.(m) Max.(Typ.) (at 20) 109(87) 156(125) 216(173) 275(220) 438(350) 663(530) 975(780) 1380(1150) 1700(1410) 2800(2330) Saturation Temperature CurrentmA Rise current (at 20)1 (mA) 2 940 800 650 540 400 360 320 260 230 200 1160 1060 900 830 580 540 430 300 270 200
3R3 4R7 6R8 100 150 220 330 470 680 101
Terminal Pins(1#) and (4#),(2#) and (3#) are short connected when measuring.
Description of Part Name
CMD5D11NP-3R3M
B Box C Carrier Tape
1.Saturation current: The DC current at which the inductance decreases to 90% of it's initial value. 2.Temperature rise current: The DC current at which the temperature rise is t40.(Ta20)
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/2


▲Up To Search▲   

 
Price & Availability of CMD5D11NP-6R8MB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X