Part Number Hot Search : 
M5278L08 P83C654 ATTIN AT2601 AQW214 S10K420 C10H1 CA14461
Product Description
Full Text Search
 

To Download CDRH125B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 POWER INDUCTORS
Type: CDRH125B
Product Description
12.3x12.3mm Max.(LxW), 6.2mm Max. Height. Reference Inductance:22H; Reference Rated current:2.3A. In addition to the standard versions of inductors shown here, custom inductors are available to meet your exact requirements.
Feature
Magnetically shielded construction. 4 Terminal pins' type gives a flexible design as inductors or transformers(SEPIC,ZETA circuit,etc). Ideally used in power supplies' module and portable devices such as Notebook PC,DSC/DVC,PDA, etc as DC-DC Converter inductors. RoHS Compliance.
0.2
12.00.3
5.0
12.00.2 7.60.2
Dimensions (mm)
1 2 .0 0. 3
6.2 Max. Electrode
0. 9 0 . 2
Land Pattern (mm)
Schematics (Bottom)
S 2 3 4
S1
""is winding start.
Specification
Measuring conditions Inductance Inductance D.C.R. Rated current Rated current (2-4) (1-3) (1-3) (2-4) (1-3) 22H30% Within 22H Ref. 107m Max. (79m Typ.) 2.3A 2.3A 1kHz 1kHz at 20
This indicates the DC current at which the inductance decreases to 75% of its nominal value or D.C. current
at which t40, whichever is lower(Ta=20).
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/1


▲Up To Search▲   

 
Price & Availability of CDRH125B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X