Part Number Hot Search : 
EE08806 65A56 5KE440A LI3264 A5800261 UDN3626M AC08F TP6A60
Product Description
Full Text Search
 

To Download BZX84B10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BZX84B4V3 SERIES
SURFACE MOUNT SILICON ZENER DIODES
VOLTAGE
4.3 to 51 Volts
POWER
410 mWatts
SOT- 23
Unit: inch (mm)
FEATURES
* Planar Die construction * 410mW Power Dissipation
.056(1.40)
.119(3.00) .110(2.80)
* Zener Voltages from 4.3~51V * Ideally Suited for Automated Assembly Processes * Pb free product : 99% Sn above can meet RoHS environment substance directive request
.047(1.20)
.007(.20)MIN
.103(2.60)
.083(2.10) .066(1.70) .006(.15) .002(.05)
MECHANICAL DATA
* Case: SOT-23, Molded Plastic * Terminals: Solderable per MIL-STD-750, Method 2026
.044(1.10)
.006(.15)MAX
* Polarity: See Diagram Below * Approx. Weight: 0.008 grams * Mounting Position: Any
.020(.50) .013(.35)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Parameter Maximum Power Dissipation (Notes A) at 25O C Operating Junction and StorageTemperature Range
Symbol
Value 410 -50 to +150
.035(0.90)
Units mW
O
PD TJ
C
NOTES: A. Mounted on 5.0mm2(.013mm thick) land areas.
STAD-JAN.13.2006
.086(2.20)
PAGE . 1
BZX84B4V3 SERIES
Nominal Zener Voltage Part Number
Nom. V VZ @ IZT Min. V Max. V
Max. Zener Impedance
ZZT @ IZT mA ZZK @ IZK mA
Max Reverse Leakage Current
IR @ VR A V
Marking C ode W7 W8 W9 WA WB WC WD WE WF WG WH WI WK WJ WL WM 17C WN WO WP WR WS 28C WT WU WW WX WY WZ XA
P ackag e
BZX84B4V3 BZX84B4V7 BZX84B5V1 BZX84B5V6 BZX84B6V2 BZX84B6V8 BZX84B7V5 BZX84B8V2 BZX84B9V1 BZX84B10 BZX84B11 BZX84B12 BZX84B13 BZX84B14 BZX84B15 BZX84B16 BZX84B17 BZX84B18 BZX84B20 BZX84B22 BZX84B24 BZX84B27 BZX84B28 BZX84B30 BZX84B33 BZX84B36 BZX84B39 BZX84B43 BZX84B47 BZX84B51
4.3 4.7 5.1 5.6 6.2 6.8 7.5 8.2 9.1 10 11 12 13 14 15 16 17 18 20 22 24 27 28 30 33 36 39 43 47 51
4.21 4.61 5.00 5.49 6.08 6.66 7.35 8.04 8.92 9.80 10.78 11.76 12.74 13.72 14.70 15.68 16.66 17.64 19.60 21.56 23.52 26.46 27.44 29.40 32.34 35.28 38.22 42.14 46.06 49.98
4.39 4.79 5.20 5.71 6.32 6.94 7.65 8.36 9.28 10.20 11.22 12.24 13.26 14.28 15.30 16.32 17.34 18.36 20.40 22.44 24.48 27.54 28.56 30.60 33.66 36.72 39.78 43.86 47.94 52.02
90 80 60 40 10 15 15 15 15 20 20 25 30 30 30 40 40 45 55 55 70 80 80 80 80 90 130 150 170 100
5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0
600 500 480 400 150 80 80 80 100 150 150 150 170 170 200 200 200 225 225 250 250 300 300 300 325 350 350 375 375 750
1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00
3.0 3.0 2.0 1.0 3.0 2.0 1.0 0.7 0.5 0.2 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1
1.0 2.0 2.0 2.0 4.0 4.0 5.0 5.0 6.0 7.0 8.0 8.0 8.0 10.0 10.5 11.2 12.2 12.6 14.0 15.4 16.8 18.90 20.50 21.00 23.10 25.20 27.30 30.10 32.90 38.00
SOT-23 SOT-23 SOT-23 SOT-23 SOT-23 SOT-23 SOT-23 SOT-23 SOT-23 SOT-23 SOT-23 SOT-23 SOT-23 SOT-23 SOT-23 SOT-23 SOT-23 SOT-23 SOT-23 SOT-23 SOT-23 SOT-23 SOT-23 SOT-23 SOT-23 SOT-23 SOT-23 SOT-23 SOT-23 SOT-23
STAD-JAN.13.2006
PAGE . 2
BZX84B4V3 SERIES
TEMPERATURE COEFFICIENT,(mA/ OC)
100
0.6
POWER DISSIPATION, Watts
0.5 0.4 0.3
T A =25 OC
10
0.2 0.1 0
0
25
50
75
O
100
125
150
1 10
100
TEMPERATURE ( C)
NOMINAL ZENER VOLTAGE,VOLTS
Fig.1 STEADY STATE POWER DERATING
Fig.2 TEMPERATURE COEFFICENTS
1000
1000
LEAKAGE CURRENT,uA
10 1 0.1 0.01 0.001 0.0001 0.00001 0 10 20 30 40 50 60 70
FORWARD CURRENT,mA
100
100
+150 C
O
+25 C -55 C
80 90
O
O
10
150 C
O
O
75 C
25 C
O
5OC
1 0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
NORMAL ZENER VOLTAGE, VOLTS
FORWARD VOLTAGE, VOLTS
F i g . 3 TYPICAL LEAKAGE CURRENT
Fig.4 TYPICAL FORWARD VOLTAGE
STAD-JAN.13.2006
PAGE . 3
BZX84B4V3 SERIES
MOUNTING PAD LAYOUT
ORDER INFORMATION
* Packing information T/R - 12K per 13" plastic Reel T/R - 3K per 7" plastic Reel
LEGAL STATEMENT
Copyright PanJit International, Inc 2006
The information presented in this document is believed to be accurate and reliable. The specifications and information herein are subject to change without notice. Pan Jit makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose. Pan Jit products are not authorized for use in life support devices or systems. Pan Jit does not convey any license under its patent rights or rights of others.
STAD-JAN.13.2006
PAGE . 4


▲Up To Search▲   

 
Price & Availability of BZX84B10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X