Part Number Hot Search : 
MRF284 LBT09031 0S223K 0R12K NTE5554 SEL5755C BZ5239 ATF16
Product Description
Full Text Search
 

To Download BYV26E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BYV26
Vishay Semiconductors
Ultra Fast Avalanche Sinterglass Diode
Features
* * * * * * * Glass passivated junction Hermetically sealed package e2 Very low switching losses Low reverse current High reverse voltage Lead (Pb)-free component Component in accordance to RoHS 2002/95/EC and WEEE 2002/96/EC
949539
Applications
Switched mode power supplies High-frequency inverter circuits
Mechanical Data
Case: SOD-57 Sintered glass case
Terminals: Plated axial leads, solderable per MIL-STD-750, Method 2026 Polarity: Color band denotes cathode end Mounting Position: Any Weight: approx. 369 mg
Parts Table
Part BYV26A BYV26B BYV26C BYV26D BYV26E Type differentiation VR = 200 V; IFAV = 1 A VR = 400 V; IFAV = 1 A VR = 600 V; IFAV = 1 A VR = 800 V; IFAV = 1 A VR = 1000 V; IFAV = 1 A SOD-57 SOD-57 SOD-57 SOD-57 SOD-57 Package
Absolute Maximum Ratings
Tamb = 25 C, unless otherwise specified Parameter Reverse voltage = Repetitive peak reverse voltage Test condition see electrical characteristics Part BYV26A BYV26B BYV26C BYV26D BYV26E Peak forward surge current Average forward current Non repetitive reverse avalanche energy Junction and storage temperature range I(BR)R = 1 A, inductive load tp = 10 ms, half sinewave Symbol VR = VRRM VR = VRRM VR = VRRM VR = VRRM VR = VRRM IFSM IFAV ER Tj = Tstg Value 200 400 600 800 1000 30 1 10 - 55 to + 175 Unit V V V V V A A mJ C
Document Number 86040 Rev. 1.6, 14-Apr-05
www.vishay.com 1
BYV26
Vishay Semiconductors Maximum Thermal Resistance
Tamb = 25 C, unless otherwise specified Parameter Junction ambient Test condition l = 10 mm, TL = constant Symbol RthJA Value 45 Unit K/W
Electrical Characteristics
Tamb = 25 C, unless otherwise specified Parameter Forward voltage Reverse current Reverse breakdown voltage IF = 1 A IF = 1 A, Tj = 175 C VR = VRRM VR = VRRM, Tj = 150 C IR = 100 A BYV26A BYV26B BYV26C BYV26D BYV26E Reverse recovery time IF = 0.5 A, IR = 1 A, iR = 0.25 A BYV26ABYV26C BYV26DBYV26E Test condition Part Symbol VF VF IR IR V(BR)R V(BR)R V(BR)R V(BR)R V(BR)R trr trr 300 500 700 900 1100 30 75 Min Typ. Max 2.5 1.3 5 100 Unit V V A A V V V V V ns ns
Typical Characteristics (Tamb = 25 C unless otherwise specified)
P - Maximum Reverse Power Dissipation (mW R
600 V R = VRRM 500 400 R thJA = 100 K/W 300 600V 200 100 1000V 0 0 40 80 120 160 200 Tj - Junction Temperature ( C ) 800V
I R - Reverse Current ( A )
1000 V R = VRRM R thJA = 45 K/W 200V 400V
100
10
1 0
95 9729
40
80
120
160
200
95 9728
Tj - Junction Temperature ( C )
Figure 1. Max. Reverse Power Dissipation vs. Junction Temperature
Figure 2. Max. Reverse Current vs. Junction Temperature
www.vishay.com 2
Document Number 86040 Rev. 1.6, 14-Apr-05
BYV26
Vishay Semiconductors
1.2
I FAV - Average Forward Current ( A )
40
CD - Diode Capacitance ( pF )
1.0 0.8 0.6 0.4 R thJA = 100 K/W 0.2 0 0 40 80 120 160 Tamb - Ambient Temperature ( C ) 200 R thJA = 45 K/W
35 30 25 20 15 10 5 0 0.1 1 10
f = 1 MHz
BYV26C
100
95 9730
16380
VR - Reverse Voltage ( V )
Figure 3. Max. Average Forward Current vs. Ambient Temperature
Figure 5. Diode Capacitance vs. Reverse Voltage
10
I F - Forward Current ( A )
Tj =175C
CD - Diode Capacitance ( pF )
40 35 30 25 20 15 10 5 0 0.1
16381
f = 1 MHz
1 Tj = 25C
BYV26E
0.1
0.01
0.001 0
95 9731
1
2
3
5
6
6
7
1
10
100
V F - Forward Voltage ( V )
VR - Reverse Voltage ( V )
Figure 4. Max. Forward Current vs. Forward Voltage
Figure 6. Diode Capacitance vs. Reverse Voltage
Package Dimensions in mm (Inches)
Sintered Glass Case SOD-57 3.6 (0.140)max. Cathode Identification
ISO Method E 94 9538
0.82 (0.032) max.
26(1.014) min.
4.0 (0.156) max.
26(1.014) min.
Document Number 86040 Rev. 1.6, 14-Apr-05
www.vishay.com 3
BYV26
Vishay Semiconductors Ozone Depleting Substances Policy Statement
It is the policy of Vishay Semiconductor GmbH to 1. Meet all present and future national and international statutory requirements. 2. Regularly and continuously improve the performance of our products, processes, distribution and operating systems with respect to their impact on the health and safety of our employees and the public, as well as their impact on the environment. It is particular concern to control or eliminate releases of those substances into the atmosphere which are known as ozone depleting substances (ODSs). The Montreal Protocol (1987) and its London Amendments (1990) intend to severely restrict the use of ODSs and forbid their use within the next ten years. Various national and international initiatives are pressing for an earlier ban on these substances. Vishay Semiconductor GmbH has been able to use its policy of continuous improvements to eliminate the use of ODSs listed in the following documents. 1. Annex A, B and list of transitional substances of the Montreal Protocol and the London Amendments respectively 2. Class I and II ozone depleting substances in the Clean Air Act Amendments of 1990 by the Environmental Protection Agency (EPA) in the USA 3. Council Decision 88/540/EEC and 91/690/EEC Annex A, B and C (transitional substances) respectively. Vishay Semiconductor GmbH can certify that our semiconductors are not manufactured with ozone depleting substances and do not contain such substances.
We reserve the right to make changes to improve technical design and may do so without further notice. Parameters can vary in different applications. All operating parameters must be validated for each customer application by the customer. Should the buyer use Vishay Semiconductors products for any unintended or unauthorized application, the buyer shall indemnify Vishay Semiconductors against all claims, costs, damages, and expenses, arising out of, directly or indirectly, any claim of personal damage, injury or death associated with such unintended or unauthorized use. Vishay Semiconductor GmbH, P.O.B. 3535, D-74025 Heilbronn, Germany
www.vishay.com 4
Document Number 86040 Rev. 1.6, 14-Apr-05
Legal Disclaimer Notice
Vishay
Notice
Specifications of the products displayed herein are subject to change without notice. Vishay Intertechnology, Inc., or anyone on its behalf, assumes no responsibility or liability for any errors or inaccuracies. Information contained herein is intended to provide a product description only. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document. Except as provided in Vishay's terms and conditions of sale for such products, Vishay assumes no liability whatsoever, and disclaims any express or implied warranty, relating to sale and/or use of Vishay products including liability or warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent, copyright, or other intellectual property right. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications. Customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Vishay for any damages resulting from such improper use or sale.
Document Number: 91000 Revision: 08-Apr-05
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of BYV26E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X