Part Number Hot Search : 
VTC5764C K2368 BR808 A9108 GV2SN35 8A218 MB89636 K2368
Product Description
Full Text Search
 

To Download BUJ100B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Philips Semiconductors
Product specification
Silicon Diffused Power Transistor
BUJ100B
GENERAL DESCRIPTION
High-voltage, high-speed planar-passivated npn power switching transistor in the SOT54 (TO92) envelope intended for use in high frequency electronic lighting ballast applications, converters and inverters, etc.
QUICK REFERENCE DATA
SYMBOL VCESM VCBO VCEO IC ICM Ptot VCEsat hFE tfi PARAMETER Collector-emitter voltage peak value Collector-Base voltage (open emitter) Collector-emitter voltage (open base) Collector current (DC) Collector current peak value Total power dissipation Collector-emitter saturation voltage Fall time (Inductive) CONDITIONS VBE = 0 V TYP. 0.27 12 56 MAX. 700 700 350 1.0 2.0 2.0 1.0 19 76 UNIT V V V A A W V ns
Tlead 25 C IC = 1.0 A;IB = 0.2 A IC = 1.0 A; VCE = 5 V IC = 1.0 A; IB1= 0.2 A
PINNING - SOT54 (TO92)
PIN 1 2 3 Base Collector Emitter DESCRIPTION
PIN CONFIGURATION
SYMBOL
c b e
321
LIMITING VALUES
Limiting values in accordance with the Absolute Maximum Rating System (IEC 134) SYMBOL VCESM VCEO VCBO IC ICM IB IBM Ptot Tstg Tj PARAMETER Collector to emitter voltage Collector to emitter voltage (open base) Collector to base voltage (open emitter) Collector current (DC) Collector current peak value Base current (DC) Base current peak value Total power dissipation Storage temperature Junction temperature CONDITIONS VBE = 0 V MIN. -65 MAX. 700 350 700 1.0 2.0 0.5 1.0 2.0 150 150 UNIT V V V A A A A W C C
Tmb 25 C
THERMAL RESISTANCES
SYMBOL Rth j-lead Rth j-a PARAMETER Thermal resistance junction to lead Thermal resistance junction to ambient pcb mounted; lead length = 4 mm CONDITIONS TYP. 150 MAX. 60 UNIT K/W K/W
May 2001
1
Rev 1.000
Philips Semiconductors
Product specification
Silicon Diffused Power Transistor
BUJ100B
STATIC CHARACTERISTICS
Tmb = 25 C unless otherwise specified SYMBOL ICES,ICBO ICES ICEO IEBO VCEOsust VCEsat VBEsat hFE hFE hFE PARAMETER Collector cut-off current
1
CONDITIONS VBE = 0 V; VCE = VCESMmax VBE = 0 V; VCE = VCESMmax; Tj = 125 C VCEO = VCEOMmax (350V) VEB = 9 V; IC = 0 A IB = 0 A; IC = 10 mA; L = 25 mH IC = 1 A; IB = 0.2 A IC = 1 A; IB = 0.2 A IC = 1mA; VCE = 5 V IC = 100mA; VCE = 5 V IC = 1.0 A; VCE = 5 V
MIN. 350 17 19 9
TYP. 0.8 2.0 0.05 0.27 1.03 23 30 12
MAX. 100 500 100 100 1.0 1.3 46 19
UNIT A A A A V V V
Collector cut-off current 1 Emitter cut-off current Collector-emitter sustaining voltage Collector-emitter saturation voltage Base-emitter saturation voltage DC current gain
DYNAMIC CHARACTERISTICS
Tmb = 25 C unless otherwise specified SYMBOL PARAMETER Switching times (resistive load) ton ts tf Turn-on time Turn-off storage time Turn-off fall time Switching times (inductive load) tsi tfi Turn-off storage time Turn-off fall time Switching times (inductive load) tsi tfi Turn-off storage time Turn-off fall time CONDITIONS ICon = 1.0 A; IBon = -IBoff = 0.2 A; RL = 75 ohms; VBB2 = 4V; TYP. MAX. UNIT s s s s ns s ns
1.0 1.95 0.22
1.28 2.61 0.30
ICon = 1.0 A; IBon = 0.2 A; LB = 1 H; -VBB = 5 V ICon = 1.0 A; IBon = 0.2 A; LB = 1 H; -VBB = 5 V; Tj = 100 C
0.55 56
0.74 76
-
1.5 140
1 Measured with half sine-wave voltage (curve tracer).
May 2001
2
Rev 1.000
Philips Semiconductors
Product specification
Silicon Diffused Power Transistor
BUJ100B
+ 50v 100-200R
!
100
Zth / (K/W)
0.5 10 0.2 0.1 0.05 0.02 P D 0.1 D=0 0.01 1u 10u 100u 1m 10m 100m t/s 1 10 100
tp tp
Horizontal Oscilloscope Vertical 300R 30-60 Hz 6V 1R
1
D=
T t
T
Fig.1. Test circuit for VCEOsust.
Fig.4. Transient thermal impedance. Zth j-lead = f(t); parameter D = tp/T
HFE 50
IC / mA
25 C
125 C
30
20
-40 C
15
250
10
VCE = 1V
100
5
10 0 VCE / V
min VCEOsust
2
Fig.2. Oscilloscope display for VCEOsust.
0.01
0.05
0.1 IC/A
0.5
1
2
3
Fig.5. Typical DC current gain. hFE = f(IC) parameter VCE
PD% Normalised Power Derating
HFE 50
120 110 100 90 80 70 60 50
125 C
25 C
30
20
-40 C
15
10
VCE = 5V
5
40 30 20 10 0 0 20 40 60 80 100 Tmb / C 120 140
0.01 0.05 0.1 IC/A 0.5 1 2 3 2
Fig.3. Normalised power dissipation. PD% = 100PD/PD 25C = f (Tmb)
Fig.6. Typical DC current gain. hFE = f(IC) parameter VCE
May 2001
3
Rev 1.000
Philips Semiconductors
Product specification
Silicon Diffused Power Transistor
BUJ100B
VCEsat/V
VBEsat/V 1.3
1.2
1.2
1
1.1
0.8
1
0.6
0.9
0.4
0.8
0.2
0.7
0 0.01
0.02
0.05
0.1 IC/A
0.2
0.5
1
2
0.6 0.01
0.02
0.05
0.1 IC/A
0.2
0.5
1
2
Fig.7. Collector-Emitter saturation voltage. Solid Lines = typ values, IC/IB = 3
Fig.8. Base-Emitter saturation voltage. Solid Lines = typ values, IC/IB = 3
INDUCTIVE SWITCHING
VCC
ICon 90 %
IC
LC
10 %
IBon
ts
tf
t
LB T.U.T.
IB
toff IBon
-VBB
t -IBoff
Fig.9. Test circuit inductive load. VCC = 300 V; -VBE = 5 V, LC = 200 H; LB = 1 H
tfi /ns 200
Fig.10. Switching times waveforms with inductive load.
tfi /ns 250
IC = 1.5A
150
200
IC/IB = 10
150
100
IC = 1A
100
IC/IB = 5
50
50
IC = 0.5A
0 2 3 4 5 6 7 HFE GAIN (IC/IB) 8 9 10 11
0 0.2
0.4
0.6
0.8
1
1.2 IC/A
1.4
1.6
1.8
2
2.2
Fig.11. Inductive switching. tfi = f(hFE)
Fig.12. Inductive switching. tfi = f(IC)
May 2001
4
Rev 1.000
Philips Semiconductors
Product specification
Silicon Diffused Power Transistor
BUJ100B
tsi /us 1
tsi /us 1
IC/IB = 3
0.8
IC = 1.5A
0.8
IC/IB = 5
0.6
0.6
IC = 1A
0.4
0.4
IC/IB = 10
IC = 0.5A
0.2
0.2
0 2 3 4 5 6 7 HFE GAIN (IC/IB) 8 9 10 11
0 0.2
0.4
0.6
0.8
1
1.2 IC/A
1.4
1.6
1.8
2
2.2
Fig.13. Inductive switching. tsi = f(hFE)
Fig.14. Inductive switching. tsi = f(IC)
RESISTIVE SWITCHING
VCC
90 % ICon 90 %
IC
RL VIM 0 tp T
ts
10 % ton tf IBon 10 % tr 30ns -IBoff
RB T.U.T.
IB
toff
Fig.15. Test circuit resistive load. VIM = -6 to +8 V VCC = 250 V; tp = 20 s; = tp / T = 0.01. RB and RL calculated from ICon and IBon requirements.
ton /us
Fig.16. Switching times waveforms with resistive load.
ts us 2.5
2
IC/IB = 10
IC/IB = 3
2
1.5
IC/IB = 5
1.5 IC/IB = 5
1
1
0.5
IC/IB = 3
0.5 IC/IB = 10
0 0.2
0.4
0.6
0.8
1
1.2 IC/A
1.4
1.6
1.8
2
2.2
0 0.2
0.4
0.6
0.8
1
1.2 IC/A
1.4
1.6
1.8
2
2.2
Fig.17. Resistive switching. ton = f(IC)
Fig.18. Resistive switching. ts = f(IC)
May 2001
5
Rev 1.000
Philips Semiconductors
Product specification
Silicon Diffused Power Transistor
BUJ100B
tf /ns 5,000
2,000
IC/IB = 3
1,000
IC/IB = 5
500
200
IC/IB = 10
100
50 0.2
0.4
0.6
0.8
1
1.2 IC /A
1.4
1.6
1.8
2
2.2
Fig.19. Resistive switching. tf = f(IC)
VCC
IC/A
2.5
2.25
2
1.75
LC VCL(RBSOAR) IBon PROBE POINT LB T.U.T.
1.5
1.25
1
0.75
0.5
-9V -5V -3V -1V
-VBB
0.25
0 0 100 200 300 400 500 600 700 800
VCEclamp/V
Fig.20. Test Circuit for the RBSOA test. Vcl 700V; Vcc = 150V; LB = 1H; Lc = 200H
Fig.21. Reverse bias safe operating area Tj Tjmax for -VBE = 9V, 5V,3V & 1V
May 2001
6
Rev 1.000
Philips Semiconductors
Product specification
Silicon Diffused Power Transistor
BUJ100B
MECHANICAL DATA
Plastic single-ended leaded (through hole) package; 3 leads SOT54
c
E d A L b
1
D
2
e1 e
3
b1
L1
0
2.5 scale
5 mm
DIMENSIONS (mm are the original dimensions) UNIT mm A 5.2 5.0 b 0.48 0.40 b1 0.66 0.56 c 0.45 0.40 D 4.8 4.4 d 1.7 1.4 E 4.2 3.6 e 2.54 e1 1.27 L 14.5 12.7 L1(1) 2.5
Note 1. Terminal dimensions within this zone are uncontrolled to allow for flow of plastic and terminal irregularities. OUTLINE VERSION SOT54 REFERENCES IEC JEDEC TO-92 EIAJ SC-43 EUROPEAN PROJECTION ISSUE DATE 97-02-28
Fig.22. TO92 ; plastic envelope; Net Mass: 0.2 g Notes 1. Epoxy meets UL94 V0 at 1/8".
May 2001
7
Rev 1.000
Philips Semiconductors
Product specification
Silicon Diffused Power Transistor
BUJ100B
DEFINITIONS
DATA SHEET STATUS DATA SHEET STATUS2 Objective data PRODUCT STATUS3 Development DEFINITIONS This data sheet contains data from the objective specification for product development. Philips Semiconductors reserves the right to change the specification in any manner without notice This data sheet contains data from the preliminary specification. Supplementary data will be published at a later date. Philips Semiconductors reserves the right to change the specification without notice, in ordere to improve the design and supply the best possible product This data sheet contains data from the product specification. Philips Semiconductors reserves the right to make changes at any time in order to improve the design, manufacturing and supply. Changes will be communicated according to the Customer Product/Process Change Notification (CPCN) procedure SNW-SQ-650A
Preliminary data
Qualification
Product data
Production
Limiting values Limiting values are given in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of this specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information Where application information is given, it is advisory and does not form part of the specification. Philips Electronics N.V. 2001 All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, it is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent or other industrial or intellectual property rights.
LIFE SUPPORT APPLICATIONS
These products are not designed for use in life support appliances, devices or systems where malfunction of these products can be reasonably expected to result in personal injury. Philips customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips for any damages resulting from such improper use or sale.
2 Please consult the most recently issued datasheet before initiating or completing a design. 3 The product status of the device(s) described in this datasheet may have changed since this datasheet was published. The latest information is available on the Internet at URL http://www.semiconductors.philips.com.
May 2001
8
Rev 1.000


▲Up To Search▲   

 
Price & Availability of BUJ100B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X