Part Number Hot Search : 
1N5346B 1010S AHC3G KBPC801 USFB13A 30106 MIHW1018 30106
Product Description
Full Text Search
 

To Download BRM-1040 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BRIGHT LED ELECTRONICS CORP.
SINCE 1981
BRM-1040
INFRARED RECEIVER MODULE
Description
1. The BRM-1040 is miniaturized infrared receivers for remote control and other applications requiring improved ambient light rejection. 2. The separate PIN diode and preamplifier IC are assembled on a single leadframe. 3. The epoxy package contains a special IR filter. 4. This module has excellent performance even in disturbed ambient light applications and provides protection against uncontrolled output pulses.
Package Dimensions:
Features
1. 2. 3. 4. 5. 6. 7. Photo detector and preamplifier in one package . Internal filter for PCM frequency. High immunity against ambient light. Improved shielding against electric field disturbance. 5.0V supply voltage; low power consumption. TTL and CMOS compatibility. Suitable transmission code:NEC code,RC5 code. NOTES:
1.All dimensions are in millimeters (inches). 2.Tolerance is 0.10mm (0.004'') unless otherwise specified. 3.Specifications are subject to change without notice.
Applications:
1. It can be used for TVsVTRsaudio equipment air conditioners car stereo radiotoys home computers and all other equipment requiring remote control.
BLOCK DIAGRAM
Vcc Vout Limiter B.P.F PD ABLC
Demodulator
Preamp
Amp
Integrator
Comparator GND
Rev: 2.0 Page: 1of 4
BRIGHT LED ELECTRONICS CORP.
SINCE 1981
BRM-1040
Absolute Maximum Ratings(Ta=25)
Parameter
Supply Voltage
Symbol
Vcc
Ratings 4.5 ~ 5.5
-30~+65
Unit
V
Notice
--
Operating Temperature
Topr
--
Storage Temperature
Tstg
-40~+85
-- 4mm from mold body less than 5 sec
Soldering Temperature
Tsol
260
Electrical And Optical Characteristics(Ta=25)
Parameter
Supply Voltage Supply Current
Symbol
Vcc Icc
Condition
DC voltage No signal input At the ray axis
Min. 4.5
-- 12 6 -- -- --
Ratings Typ. Max. 5.0
-- -- -- 38 940 45
Unit
V mA
5.5
1.5 --
Reception Distance
L In the range of 45cone -- -- -- --
m
B.P.F Center Frequency Peak Wavelength Half Angle
fo p
-- -- -- Specified by the output TH period within a range from 10cm to the arrival distance (average value of 50 pulses) Specified by the output TL period within a range from 10cm to the arrival distance (average value of 50 pulses) 10cm over the ray axis 10cm over the ray axis
KHz nm deg
High Level Pulse Width
TH
400
--
800
S
Low Level Pulse Width
TL
400
--
800
(S
High Level Output Voltage Low Level Output Voltage
VH VL
4.5 --
-- --
-- 0.5
V V
Rev:2.0 Page: 2of 4
BRIGHT LED ELECTRONICS CORP.
SINCE 1981
BRM-1040
Application Circuit
47 Infrared Emitting Diode IRM Vcc Out GND
GND +5V
47uF
>10k uC
Fig.1 Transmitter Wave Form Transmitter Output D.U.T Output Pulse VH TL TH VL
600us 600us
Fig.2 Measuring Method Measuring Method
20cm >10k 5.0 0.1V
Fig.3 Measuring System
+ 10uF
Standard Transmitter Standard Transmitter

Vcc
D.U.T
GND
Vout
100k
Vout
Vout Oscilloscope Oscilloscope
Rev:2.0 Page: 3 of 4
BRIGHT LED ELECTRONICS CORP.
SINCE 1981
BRM-1040
Electrical And Optical Curves(Ta=25)
Fig.4 Relative Spectral Sensitivity vs.
(%) 1.2
Fig.5 Relative Transmission Distance vs. Direction
0 10 20 30
Wavelength
1.0
Relative Responsitibity
0.8
1.0
40
0.6
0.9 0.8
50 60 70
0.4
0.2
0.7
80 90
0 750
850
950
1050
1150 (nm)
0.5
0.3
0.1
0.2
0.4
0.6
Wavelength
Relative Transmission Distance
(mS) 1.0
Fig.6 Output Pulse Diagram
(mA) 2.0 1.8
Fig.7 Supply Current vs. Ambient Temperature
0.8
on
1.6 1.4
Ton ,Toff -Output Pulse Length
0.6
off
Supply Current
10000 (mW/cm )
2
1.2 1.0 0.8 0.6 0.4
0.4
0.2
=950nm,Optical Test Signal,Fig.8
0.2 0.0 0.1 0.0 -30 0 30 60 90 ( C) 1 10 100 1000
Irradiance
Ambient Temperature
Fig.8 Frequency Dependence of Responsivity
(m) 1.0 20
Fig.9 Arrival Distance Vs. Ambient Temperature
0.8
16
Transmission Distance
0
0.6
12
Rel. Responsitivity
0.4
8
0.2
0
4
0.0 0.7
0 0.8 0.9 1.0 1.1 1.2 1.3 -40 -20 0 20 40 60 80 100 ( C)
Relative Frequency
Ambient Temperature
Rev: 2.0 Page: 4 of 4
BRIGHT LED ELECTRONICS CORP.
SINCE 1981
BRM-1040
Packaging Box Dimensions
Packaging Bag Dimensions
Notes:
1250pcs per bag, 3Kpcs per box. 2All dimensions are in millimeters(inches). 3Specifications are subject to change without notice.


▲Up To Search▲   

 
Price & Availability of BRM-1040

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X