Part Number Hot Search : 
STUK5D0 M0265R QPF8N60 IRFU210B A015A 00N06 HC4066 SP200
Product Description
Full Text Search
 

To Download BR3510L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BR-L 10A/15A/25A/35A SERIES
SILICON BRIDGE RECTIFIERS REVERSE VOLTAGE FORWARD CURRENT BR-L
METAL HEAT SINK
50 to 1000 Volts 10-35 Amperes
FEATURES
Plastic case with heatsink for heat dissipation Surge overload -240~400 Amperes peak The plastic package has UL
.140(3.6) .120(3.05)
flammability classification 94V-0
.442(11.23) .424(10.77)
MECHANICAL DATA
Case:Molded plastic with heatsink integrally
mounted in the bridge encapsulation
Weight:1 ounce,30 grams. Mounting position: Any Terminals:Wire Lead 50 mils.
.220(5.6) .180(4.6)
.052(1.3)DIA. .048(1.2)TYP. 1.130(28.7) 1.114(28.3) .550 MIN. (13.9)
.750 MIN. (19.0)
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25 ambient temperature unless otherwise specified. Single phase, half wave ,60Hz, resistive or inductive load. For capacitive load, derate current by 20%
BR 1005L BR 101L 151L 251L 351L 100 70 100 10 BR 15L BR 102L 152L 252L 352L 200 140 200 15 300 BR 104L 154L 254L 354L 400 280 400 BR 25L BR 106L 156L 256L 356L 600 420 600 25 400 BR 108L 158L 258L 358L 800 560 800 BR 35L BR 1010L 1510L 2510L 3510L 1000 700 1000 35 V V V A UNIT
CHARACTERISTICS
SYMBOL
1505L 2505L 3505L
Maximum Recurrent Peak Reverse Voltage Maximum RMS Bridge Input Voltage Maximum DC Blocking Voltage Maximum Average Forward Current for Resistive Load @TC=55 Peak Forward Surage Current 8.3ms Single Half Sine-Wave Super Imposed on Rated Load Maximum Forward Voltage Per Bridge Element at 5.0/7.5/12.5/17.5A Peak Maximum Reverse Current at Rate DC Blocking Voltage I2t Rating for Fusing (t<8.3ms) Typical Thermal Resistance (FIG.3) Operating Temperature Range Storage Temperature Range @TA=25 @TA=100
VRRM VRMS VDC I(AV)
50 35 50 BR 10L
IFSM
240
400
A
VF IR I2t RJC TJ TSTG
1.1 10 1000 374/664 2.0 -55 to +125 -55 to +125
V uA A2S /W
~ 367 ~
RATING AND CHARACTERISTIC CURVES BR-L10/15/25/35A SERIES
FIG.1-MAXIMUM FORWARD SURGE CURRENT 400 PEAK FORWARD SURGE CURRENT AMPERES
BR25/35L
AVERAGE FORWARD OUTPUT CURRENT AMPERES
350
BR15L
FIG.2-DERATING CURVE OUTPUT RECTIFIED CURRENT 40
BR35L
300 240
30
BR25L
20
BR15L
10
BR10L
BR10L
0 1 10 NUMBER OF CYCLES AT 60HZ 100
0 50 100 150
CASE TEMPERATURE,
FIG.3-TYPICAL FORWARD CHARACTERISTICS
BR35L
100
BR15L BR25L BR10L
FIG.4-TYPICAL REVERSE CHARACTERISTICS 10
INSTANTANEOUS FORWARD CURRENT , AMPERES
10
INSTANTANEOUS REVERSE CURRENT, MICROAMPERES
1.0
1.0
TJ=25
0.1
0.1
0.01 0.01 0.4 0.6 0.8 1.0 1.2 1.4 1.6 PERCENT OF RATED PEAK REVERSE VOLTAGE 0 20 40 60 80 100 120 140
INSTANTANEOUS FORWARD VOLTAGE,VOLTS
~ 368 ~


▲Up To Search▲   

 
Price & Availability of BR3510L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X