Part Number Hot Search : 
167BZXC 7427057 MM3Z33V MOB36C C1454 EX162002 7PF30L BSA40
Product Description
Full Text Search
 

To Download BR3510 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BL
FEATURES
GALAXY ELECTRICAL
BR35005(W)- - -BR3510(W)
VOLTAGE RANGE: 50 --- 1000 V CURRENT: 35.0 A
SILICON BRIDGE RECTIFIERS
Rating to 1000V PRV Surge overload rating to 400 Amperes peak Ideal for printed circuit board Reliable low cost construction utilizing molded plastic technique results in inexpensive product Lead solderable per MIL-STD-202 method 208 Mounting: thru hole for # 8 screw mounting
BR - W
METAL HEAT SINK
.452 (11.5)
MAX
.042(1.1) .090(2.0)
PLASTIC
.480(12.2) .425(10.8)
1.181(30.0) 1.102(28.0)
HOLE FOR NO.8 SCREW
AC .732(18.6) .692(17.6) -
+ .468(11.9) .429(10.9) AC
1.181(30.0) 1.102(28.0)
.732(18.6) .692(17.6) .033x 250 (0.8x 6.4)
inch (mm)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 ambient temperature unless otherwise specified. Single phase,half wave,60 Hz,resistive or inductive load. For capacitive load,derate by 20%.
BR 35005 (W)
Maximum recurrent peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forw ard output current @TA=50
BR 3501 (W)
100 70 100
BR 3502 (W)
200 140 200
BR 3504 (W)
400 280 400 35.0
BR 3506 (W)
600 420 600
BR 3508 (W)
800 560 800
BR 3510 (W)
1000 700 1000
UNITS
V V V A
VRRM VRMS VDC IF(AV)
50 35 50
Peak forw ard surge current 8.3ms single half-sine-w ave superimposed on rated load Maximum instantaneous forw ard voltage @ 17.5 A Maximum reverse current at rated DC blocking voltage @TA =25 @TA=100
IFSM
400.0
A
VF IR TJ TSTG
1.1 10.0 1.0 - 55 ---- + 125 - 55 ---- + 150
V A mA
Operating junction temperature range Storage temperature range
www.galaxycn.com
Document Number 0287052
BLGALAXY ELECTRICAL
1.
RATINGS AND CHARACTERISTIC CURVES
FIG.1 -- PEAK FORWARD SURGE CURRENT AVERAGE FORWARD OUTPUT CURRENT, AMPERES
BR35005(W) - - - BR3510(W)
FIG.2 -- FORWARD DERATING CURVE
PEAK FORWARD SURGE CURRENT,
500
50 40 30 20 10 0 0
400
AMPERES
8.3ms Single Half Sine Wave TJ=125
300
200
100
0 1
50
100
150
175
10
100
NUMBER OF CYCLES AT 60HZ
AMBIENT TEMPERATURE,
FIG.3 -- TYPICAL FORWARD CHARACTERISTIC
FIG.4 -- TYPICAL REVERSE CHARACTERISTIC
INSTANTANEOUS FORWARD CURRENT,
INSTANTANEOUS REVERSE CURRENT, MICRO AMPERES
100
10
10
1.0
AMPERES
1.0
0.1 TJ=25
0.1
TJ=25
.01
.01 .6
0
20
40
60
80
100
120
140
.7
.8
.9
1.0
1.1
1.2
1.3
PERCENT OF RATED PEAK REVERSE VOLTAGE INSTANTANEOUS FORWARD VOLTAGE, VOLTS
www.galaxycn.com
Document Number 0287052
BLGALAXY ELECTRICAL
2.


▲Up To Search▲   

 
Price & Availability of BR3510

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X