Part Number Hot Search : 
1216402 CPC5604 4840S N101C MPC8247 CYM1471 CPB1621 5GAT15
Product Description
Full Text Search
 

To Download BLV1N60A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BLV1N60A
N-channel Enhancement Mode Power MOSFET
* * *
Avalanche Energy Specified Fast Switching Simple Drive Requirements
BVDSS RDS(ON) ID
600V 15 0.5A
Description
This advanced high voltage MOSFET is produced using Belling's proprietary DMOS technology. Designed for high efficiency switch mode power supply.
Absolute Maximum Ratings ( TC=25oC unless otherwise noted )
Symbol VDS VGS ID IDM PD EAS IAR EAR Tj TSDG Parameter Drain-Source Voltage Gate-Source Voltage Continuous Drain Current Continuous Drain Current ( TC=100 oC) Drain Current (pulsed) Power Dissipation Linear Derating Factor Single Pulsed Avalanche Energy (Note 2) Avalanche Current Repetitive Avalanche Energy (Note 1) (Note 1) (Note 1) Value 600 + 20 0.5 0.32 2 3 0.025 3.5 0.5 0.3 -55 to +150 -55 to +150 Units V V A A A W W/ mJ A mJ
o o
Operating Junction Temperature Range Storage Temperature Range
C C
Thermal Characteristics
Symbol Rth j-c Rth j-a Parameter Thermal Resistance, Junction to case Thermal Resistance, Junction to Ambient Max. Max. Value 120 Units / W / W
-1Total 6 Pages
BLV1N60A
N-channel Enhancement Mode Power MOSFET
Electrical Characteristics ( TC=25C unless otherwise noted )
Symbol BVDSS BVDSS /TJ RDS(ON) VGS(th) g fs IDSS Parameter Drain-Source Breakdown Voltage Breakdown Voltage Temperature Coefficient Gate Threshold Voltage Drain-Source Leakage Current Drain-Source Leakage Current Tc=125 Gate-Source Leakage Current Total Gate Charge Gate-Source Charge Gate-Drain Charge Turn-on Delay Time Turn-on Rise Time Turn-off Delay Time Turn-off Fall Time Input Capacitance Output Capacitance Reverse Transfer Capacitance Test Conditions VGS=0V, ID=250uA Reference to 25, ID=1mA VDS=VGS, ID=250uA VDS=600V, VGS=0V VDS=480V, VGS=0V VGS= 20V VDD=480V ID=0.5A VGS=10V (note3) VDD=300V ID=0.5A RG=25 note3 (note3) VDS=25V VGS=0V f = 1MHz Min. 600 2 Typ. 0.6 0.8 3 1 1.2 105 19 2 Max. 15 4 1 100 100 30 60 45 75 Units V V/ V S uA uA nA nC nC nC ns ns ns ns pF pF pF
Static Drain-Source On-Resistance VGS=10V, ID=0.25A Forward Transconductance (note3) VDS=15V, ID=0.25A
IGSS Qg Qgs Qgd t (on) tr t (off) tf Ciss Coss Crss
Source-Drain Diode Characteristics
Symbol IS ISM VSD trr Qr r Parameter Test Conditions Min. Typ. 136 0.3 Max. 0.5 2 1.8 Units A A V ns uC
Continuous Source Diode Forward Current Pulsed Source Diode Forward Current Forward On Voltage Reverse Recovery Time(note3) Reverse Recovery Charge VGS=0V, ID=0.5A VGS=0V, IS=0.5A dIF/dt =100A/us
Note
(1) Repetitive Rating: Pulse width limited by maximum junction temperature
(2) L=25mH, Ias=0.5AVdd=50VRg=25staring Tj=25C
(3) Pulse width 300 us; duty cycle 2%
-2Total 6 Pages
BLV1N60A
N-channel Enhancement Mode Power MOSFET
Typical Characteristics
Fig 1. Typical Output Characteristics
Fig 2. Typical Transfer Characteristics
Fig 3. Normalized BVdss vs. Junction Temperature
Fig 4. Normalized On-Resistance vs. Junction Temperature
-3Total 6 Pages
BLV1N60A
N-channel Enhancement Mode Power MOSFET
Typical Characteristics continued
Fig 5. On-Resistance Variation vs. Drain Current and Gate Voltage
Fig 6. Body Diode Forward Voltage Variation vs. Source Current and Temperature
Fig 7. Gate Charge Characteristics
Fig 8. Capacitance Characteristics
-4Total 6 Pages
BLV1N60A
N-channel Enhancement Mode Power MOSFET
Typical Characteristics continued
Fig 9. Maximum Safe Operating Area
Fig 10. Transient Thermal Response Curve
-5Total 6 Pages
BLV1N60A
N-channel Enhancement Mode Power MOSFET
Test Circuit and Waveform
Fig 11. Gate Charge Circuit
Fig 12. Gate Charge Waveform
Fig 13. Switching Time Circuit
Fig 14. Switching Time Waveform
Fig 15. Unclamped Inductive Switching Test Circuit
-6Total 6 Pages
Fig 16. Unclamped Inductive Switching Waveforms


▲Up To Search▲   

 
Price & Availability of BLV1N60A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X