![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Axial Lead and Cartridge Fuses Midget Laminated Body Fast-Acting Type BLF Series ELECTRICAL CHARACTERISTICS: % of Ampere Rating 135% 200% Certified by CSA. Opening Time 1 hour, Maximum 2 minutes, Maximum UL (R) (R) ORDERING INFORMATION: Cartridge Catalog Number BLF .500 BLF 001. BLF 1.5 BLF 002. BLF 2.5 BLF 003. BLF 004. BLF 005. BLF 006. BLF 6.25 BLF 007. BLF 008. BLF 009. BLF 010. BLF 012. BLF 015. BLF 020. BLF 025. BLF 030. Ampere Rating .500 1 1.5 2 2.5 3 4 5 6 6.25 7 8 9 10 12 15 20 25 30 AC Voltage Rating 250 250 250 250 250 250 250 250 260 250 250 250 250 250 250 250 125 125 125 Nominal Resistance Cold Ohms 1.57 .395 .2191 .125 .0946 .0696 .0432 .0413 .02842 .02741 .02282 .01664 .01364 .01097 .00920 .00684 .00528 .00378 .00289 AGENCY APPROVALS: Listed by Underwriters Laboratories and INTERRUPTING RATING: 10,000 amperes at rated VAC. NOTE: Not recommended for applications in humid areas. 38.1 (1.50") 10.31 (.406") RoHS Pb Fibre Body Fast-Acting Type BLN Series ORDERING INFORMATION: Cartridge Catalog Ampere AC Voltage Number Rating Rating 1 250 BLN 1 BLN 1 1/2 1.5 250 BLN 2* 2 250 BLN 3 3 250 BLN 4 4 250 BLN 5 5 250 BLN 6 6 250 BLN 8 8 250 BLN 10 10 250 BLN 12 12 250 BLN 15 15 250 BLN 20 20 250 BLN 25 25 250 BLN 30 30 250 * 2 A device not lead-free or RoHS compliant Opening Time 1 hour, Maximum 2 minutes, Maximum UL (R) (R) QPL 11 AXIAL LEAD AND CARTRIDGE FUSES ELECTRICAL CHARACTERISTICS: % of Ampere Rating 135% 200% Certified by CSA. AGENCY APPROVALS: Listed by Underwriters Laboratories and INTERRUPTING RATING: 10,000 amperes at 250 VAC. FUSES TO MIL SPEC: See F09A type in Military Section. Nominal Resistance Cold Ohms .395 .222 .125 .071 .0432 .0413 .0284 .0166 .011 .00920 .00684 .0036 .00270 .00230 11 AXIAL LEAD AND CARTRIDGE FUSES 38.1 (1.50") 10.31 (.406") w w w. l i t t e l f u s e . c o m 467 |
Price & Availability of BLF25
![]() |