Part Number Hot Search : 
MA1000RU MMDL6050 M358A 1N5993B 8HC71 BR3050 SR60L10R 1602G
Product Description
Full Text Search
 

To Download BCW66G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BCW66F ... BCW66H
BCW66F ... BCW66H NPN
Surface Mount General Purpose Si-Epi-Planar Transistors Si-Epi-Planar Universaltransistoren fur die Oberflachenmontage Power dissipation - Verlustleistung
2.9 0.1 0.4 3 1.30.1 1.1
NPN
250 mW SOT-23 (TO-236) 0.01 g
Version 2006-07-31 Plastic case Kunststoffgehause Weight approx. - Gewicht ca. Plastic material has UL classification 94V-0 Gehausematerial UL94V-0 klassifiziert Standard packaging taped and reeled Standard Lieferform gegurtet auf Rolle
Type Code
1 1.9 2
Dimensions - Mae [mm] 1=B 2=E 3=C
Maximum ratings (TA = 25C) Collector-Emitter-volt. - Kollektor-Emitter-Spannung Collector-Base-voltage - Kollektor-Basis-Spannung Collector-Base-voltage - Kollektor-Basis-Spannung Power dissipation - Verlustleistung Collector current - Kollektorstrom (dc) Peak Collector current - Kollektor-Spitzenstrom Peak Base current - Basis-Spitzenstrom Junction temperature - Sperrschichttemperatur Storage temperature - Lagerungstemperatur B open E open C open VCEO VCBO VEB0 Ptot IC ICM IBM Tj TS
2.5 max
Grenzwerte (TA = 25C) BCW66F ... BCW66H 45 V 75 V 5V 250 mW 1) 800 mA 1000 mA 200 mA -55...+150C -55...+150C
Characteristics (Tj = 25C) Min. DC current gain - Kollektor-Basis-Stromverhaltnis VCE = 10 V, IC = 100 A
2)
Kennwerte (Tj = 25C) Typ. - - - - - - 160 250 350 35 60 100 Max. - - - - - - 250 400 630 - - -
BCW66F BCW66G BCW66H BCW66F BCW66G BCW66H BCW66F BCW66G BCW66H BCW66F BCW66G BCW66H
hFE hFE hFE hFE hFE hFE hFE hFE hFE hFE hFE hFE
35 50 80 75 100 180 100 160 250 - - -
VCE = 1 V, IC = 10 mA
VCE = 1 V, IC = 100 mA
VCE = 2 V, IC = 500 mA
1 2
Mounted on P.C. board with 3 mm2 copper pad at each terminal Montage auf Leiterplatte mit 3 mm2 Kupferbelag (Lotpad) an jedem Anschluss Tested with pulses tp = 300 s, duty cycle 2% - Gemessen mit Impulsen tp = 300 s, Schaltverhaltnis 2% http://www.diotec.com/
(c) Diotec Semiconductor AG
1
BCW66F ... BCW66H Characteristics (Tj = 25C) Min. Collector-Emitter saturation voltage - Kollektor-Sattigungsspannung 2) IC = 100 mA, IB = 10 mA IC = 500 mA, IB = 50 mA Base-Emitter saturation voltage - Basis-Sattigungsspannung 2) IC = 100 mA, IB = 10 mA IC = 500 mA, IB = 50 mA Collector-Base cutoff current - Kollektor-Basis-Reststrom VCB = 45 V, (E open) VCE = 45 V, Tj = 125C, (E open) Emitter-Base cutoff current VEB = 4 V, (C open) Gain-Bandwidth Product - Transitfrequenz VCE = 5 V, IC = 50 mA, f = 100 MHz Collector-Base Capacitance - Kollektor-Basis-Kapazitat VCB = 10 V, IE = ie = 0, f = 1 MHz Emitter-Base Capacitance - Emitter-Basis-Kapazitat VEB = 0.5 V, IC = ic = 0, f = 1 MHz Thermal resistance junction to ambient air Warmewiderstand Sperrschicht - umgebende Luft Recommended complementary PNP transistors Empfohlene komplementare PNP-Transistoren Marking - Stempelung CEBO RthA - 60 pF < 420 K/W 1) BCW68F ... BCW68H BCW66F = EF BCW66G = EG BCW66H = EH - CCBO - 6 pF - fT - 170 MHz - IEB0 - - 20 nA ICB0 ICB0 - - - - 20 nA 20 A VBEsat VBEsat - - - - 1.25 V 2.0 V VCEsat VCEsat - - - - 300 mV 700 mV Kennwerte (Tj = 25C) Typ. Max.
2 1
Tested with pulses tp = 300 s, duty cycle 2% - Gemessen mit Impulsen tp = 300 s, Schaltverhaltnis 2% Mounted on P.C. board with 3 mm2 copper pad at each terminal Montage auf Leiterplatte mit 3 mm2 Kupferbelag (Lotpad) an jedem Anschluss http://www.diotec.com/ (c) Diotec Semiconductor AG
2


▲Up To Search▲   

 
Price & Availability of BCW66G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X