Part Number Hot Search : 
B30NF10 LTC3416 RGP40 LC66354V CS3511 29F320FB BC160 TC319
Product Description
Full Text Search
 

To Download BC847A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BL Galaxy Electrical
NPN general purpose Transistor FEATURES
High current gain. Excellent hFE linearity . Low noise between 30Hz and 15kHz. For AF input stages and driver applications.
Production specification
BC846/847/848
Pb
Lead-free
APPLICATIONS
General purpose switching and amplification. SOT-23
ORDERING INFORMATION
Type No. BC846A/B BC847A/B/C BC848A/B/C Marking 1A/1B 1E/1F/1G 1J/1K/1L Package Code SOT-23 SOT-23 SOT-23
MAXIMUM RATING @ Ta=25 unless otherwise specified
Symbol VCBO Collector-Emitter Voltage VCEO Emitter-Base Voltage VEBO IC PC Tj,Tstg Collector Current -Continuous Collector Dissipation Junction and Storage Temperature Parameter Collector-Base Voltage BC846 BC847 BC848 BC846 BC847 BC848 BC846 BC847 BC848 Value 80 50 30 65 45 30 6 6 5 0.1 200 -65~150 Units V
V
V A mW
Document number: BL/SSSTC043 Rev.A
www.galaxycn.com 1
BL Galaxy Electrical
NPN general purpose Transistor ELECTRICAL CHARACTERISTICS @ Ta=25
Parameter Collector-base breakdown voltage BC846 BC847 BC848 BC846 BC847 BC848 BC846 BC847 BC848 BC846 BC847 BC848 BC846 BC847 BC848
Production specification
BC846/847/848
unless otherwise specified MIN 80 50 30 65 45 30 6 6 5 0.1 TYP MAX UNIT
Symbol Test conditions
V(BR)CBO IC=10A,IE=0
V
Collector-emitter breakdown voltage
V(BR)CEO IC=10mA,IB=0
B
V
Emitter-base breakdown voltage
V(BR)EBO IE=10A,IC=0 VCB=70V,IE=0 VCB=50V,IE=0 VCB=30V,IE=0 VCE=60V,IB=0 VCE=45V,IB=0 VCE=30V,IB=0
B B B
V
Collector cut-off current
ICBO
A
Collector cut-off current
ICEO
0.1
A
Emitter cut-off current DC current gain BC846A,847A,848A BC846B,847B,848B BC846C,847C,848C
IEBO
VEB=5V,IC=0 110 200 420
0.1 220 450 800 0.5 1.1
A
hFE
VCE=5V,IC=2mA
Collector-emitter saturation voltage Base-emitter saturation voltage
VCE(sat) VBE(sat)
IC=100mA, IB=5mA
B
V V
IC=100mA, IB=5mA
B
Transition frequency
fT
VCE=5V, IC= 10mA 100 f=100MHz
MHz
Document number: BL/SSSTC043 Rev.A
www.galaxycn.com 2
BL Galaxy Electrical
NPN general purpose Transistor
Production specification
BC846/847/848
TYPICAL CHARACTERISTICS @ Ta=25 unless otherwise specified
Document number: BL/SSSTC043 Rev.A
www.galaxycn.com 3
BL Galaxy Electrical
NPN general purpose Transistor PACKAGE OUTLINE
Plastic surface mounted package
A E
Production specification
BC846/847/848
SOT-23
SOT-23
Dim A B C D Min 2.85 1.25 0.37 0.35 1.85 0.02 2.35 Max 2.95 1.35 0.43 0.48 1.95 0.1 2.45
K
B
1.0Typical
D G
J
E G H
H C
J K
0.1Typical
All Dimensions in mm
SOLDERING FOOTPRINT
Unit : mm
PACKAGE
Device BC846/847/848
INFORMATION
Package SOT-23 Shipping 3000/Tape&Reel
Document number: BL/SSSTC043 Rev.A
www.galaxycn.com 4


▲Up To Search▲   

 
Price & Availability of BC847A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X