Part Number Hot Search : 
RTC4573 P1300 0RPEL 1E331 HMC28308 E47N50 ESD3V3D7 MC33063
Product Description
Full Text Search
 

To Download B39389-J3353-K100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SAW Components
Data Sheet J 3353 K
SAW Components IF Filter for Quasi/Split Sound Applications Data Sheet
Standard
sI s D/K
J 3353 K 38,90 MHz
Plastic package DIP10K
Features
s TV IF filter for quasi/split sound applications
(separate picture and sound channel)
s Picture channel with Nyquist slope and sound
suppression
s Customized group delay predistortion s Sound channel with passband for sound carriers
at 32,90 MHz and 32,35 MHz (NICAM)
s Suitable for CENELEC EN 55020
Terminals
s Tinned CuFe alloy
Dimensions in mm, approx. weight 1,8 g
Pin configuration 1 2 3; 8 4; 5 6; 7 9 10 Input Input - ground Chip carrier - ground Output - sound Output - picture Free Not connected
Type J 3353 K
Ordering code B39389-J3353-K100
Marking and package according to C61157-A2-A3
Packing according to F61074-V8068-Z000
Maximum ratings Operable temperature range TA Storage temperature range Tstg DC voltage VDC AC voltage -25/+65 -25/+85 5 10 C C V V
between any terminals between any terminals
Vpp
2
Mar 31, 2006
SAW Components IF Filter for Quasi/Split Sound Applications Data Sheet
Characteristics of picture channel Reference temperature: Terminating source impedance: Terminating load impedance:
J 3353 K 38,90 MHz
TA = 25 C ZS = 50 ZL = 2 k || 3 pF
min. typ. 14,4 max. 15,9 dB
Insertion attenuation Reference level for the following data Relative attenuation Picture carrier Color carrier Sound carrier Adjacent picture carrier
37,40 MHz 12,9
rel 38,90 34,47 32,90 32,35 30,90 30,40 31,40 40,90 40,35 25,00 ... 30,90 40,90 ... 45,00 MHz MHz MHz MHz MHz MHz MHz MHz MHz MHz MHz 5,0 -0,6 40,0 44,0 50,0 48,0 48,0 45,0 43,0 46,0 39,0 6,0 0,4 52,0 56,0 62,0 60,0 60,0 55,0 53,0 54,0 45,0 7,0 1,4 -- -- -- -- -- -- -- -- -- dB dB dB dB dB dB dB dB dB dB dB
Adjacent sound carrier Lower sidelobe Upper sidelobe
Reflected wave signal suppression 1,2 s ... 6,0 s after main pulse (test pulse 250 ns, carrier frequency 37,40 MHz) Feedthrough signal suppression 1,2 s ... 1,1 s before main pulse (test pulse 250 ns, carrier frequency 37,40 MHz) Group delay predistortion (reference frequency 38,90 MHz) 38,90 MHz 34,47 MHz Impedance at 37,40 MHz Input: ZIN = RIN || CIN Output: ZOUT = ROUT || COUT Temperature coefficient of frequency
42,0
55,0
--
dB
50,0
56,0
--
dB
-- --
0 -50
-- --
ns ns
-- --
1,2 || 24,0 2,5 || 3,6 -72
-- -- --
k || pF k || pF ppm/K
TCf
--
3
Mar 31, 2006
SAW Components IF Filter for Quasi/Split Sound Applications Data Sheet
Characteristics of sound channel Reference temperature: Terminating source impedance: Terminating load impedance:
J 3353 K 38,90 MHz
TA = 25 C ZS = 50 ZL = 2 k || 3 pF
min. typ. 11,9 max. 13,4 dB
Insertion attenuation Reference level for the following data Relative attenuation Sound carrier Picture carrier Color carrier Adjacent picture carrier Adjacent sound carrier Lower sidelobe Upper sidelobe
32,35 MHz 10,4
rel 32,90 31,95 38,90 34,47 30,90 40,90 40,35 25,00 ... 30,90 38,90 ... 45,00 MHz MHz MHz MHz MHz MHz MHz MHz MHz -0,5 -- 46,0 33,0 40,0 48,0 46,0 39,0 44,0 0,5 2,5 58,0 47,0 51,0 59,0 55,0 45,0 50,0 1,5 -- -- -- -- -- -- -- -- dB dB dB dB dB dB dB dB dB
Impedance at 32,35 MHz Output: ZOUT = ROUT || COUT Temperature coefficient of frequency
--
2,5 || 3,6 -72
-- --
k || pF ppm/K
TCf
--
4
Mar 31, 2006
SAW Components IF Filter for Quasi/Split Sound Applications Data Sheet
Frequency response of picture channel
J 3353 K 38,90 MHz
5
Mar 31, 2006
SAW Components IF Filter for Quasi/Split Sound Applications Data Sheet
Frequency response of picture channel
J 3353 K 38,90 MHz
Time domain response of picture channel
6
Mar 31, 2006
SAW Components IF Filter for Quasi/Split Sound Applications Data Sheet
Frequency response of sound channel
J 3353 K 38,90 MHz
7
Mar 31, 2006
SAW Components IF Filter for Quasi/Split Sound Applications Data Sheet
J 3353 K 38,90 MHz
Published by EPCOS AG Surface Acoustic Wave Components Division, SAW CE MM PD P.O. Box 80 17 09, D-81617 Munchen (c) EPCOS AG 2001. All Rights Reserved. As far as patents or other rights of third parties are concerned, liability is only assumed for components per se, not for applications, processes and circuits implemented within components or assemblies. The information describes the type of component and shall not be considered as assured characteristics. Terms of delivery and rights to change design reserved. For questions on technology, prices and delivery please contact the sales offices of EPCOS AG or the international representatives. Due to technical requirements components may contain dangerous substances. For information on the type in question please also contact one of our sales offices.
8
Mar 31, 2006


▲Up To Search▲   

 
Price & Availability of B39389-J3353-K100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X