Part Number Hot Search : 
78L05A UPC1043 051A1 R12KE AQY213 2983A MAX3130 UPC1043
Product Description
Full Text Search
 

To Download AXLGS52F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Specification Type :
Parameter
Issue: 02 Date: 2005-07-15 AXLGS52F Langasite (LGS) - Crystal Resonator Unit
min. typ. max. Unit
5 29 MHz MHz Rotated Y 1 See ordering code -10 +10
Condition
Frequency range Actual frequency Crystal cut Overtone Load capacitance CL Adjustment tolerance Frequency offset Frequency stability vs. temperature in operating frequency range (steady state) long term (aging) Resonance resistance Rr Motional capacitance C1 Shunt capacitance C0 Drive level Drive level dependence (DLD) Unwanted responses Insulation resistance Operable temperature range Storage temperature range Enclosure (see drawing) Can height SMD configuration marking
-20 0
40 100 2*Rr 500 -40 -55
20 +50 2 15 150 7
pF ppm ppm ppm ppm C ppm fF pF W
30 pF if not specified @ 25C Overall (Note 1) See chart page 2 per year @ +55C Increasing with frequency
IEC 60444-6 M +85 C +125 C mm Side 1 100 V DC
(Note 2) IEC 60286-3 Packing Notes: 1. Overall frequency stability = initial tolerance + temp. stability + aging (1st year) 2. Date Code format wwAXyy 3. Terminology and test conditions are according to IEC standard IEC60122-1, unless otherwise stated 4. Measurement technique according to IEC 60444-5 or equivalent 5. UM-1 or UM-5 package available on request
HC-52/U 8.8 max. on request Frequency (MHz) Spec Date Code bulk
IEC 60122-3 (Note 5)
Ordering Code:
Model (Specification) AXLGS52F Load capacitance* Frequency [pF] [MHz] 20 10.000 *Series resonance: "S"
GmbH & Co. KG Wasemweg 5 D-74821 Mosbach Germany
AXLGS52F page 1(2)
www.axtal.com fon: +49 (6261) 939834 fax: +49 (6261) 9 E-mail: info@axtal.com
Enclosure drawing (in mm)
Environmental conditions
Test Visual inspection, dimensions Sealing tests Solderability Resistance to soldering heat Shock Bump Free fall Vibration, sinusoidal Rapid change of temperature Dry heat IEC 60068 Part ... IEC 61178-1 clause ... 4.5 4.6 4.8.2 4.8.3 Test conditions Enclosure styles as in IEC 60122-3, if applicable Gross leak: Test Qc, Fine leak: Test Qk Test Ta (235 5)C Method 1 Test Tb Method 1A, 5s Test Ea, 3 x per axes 100g, 6 ms half-sine pulse Test Eb, 4000 bumps per Axes, 40g, 6 ms Test Ed procedure 1, 2 drops from 1m height Test Fc, 30 min per axes, 10 Hz - 55 Hz 0,75mm; 55 Hz - 2 kHz, 10g Test Na, 10 cycles at extremes of operating temperature range Test Ba, 16 h at upper temperature indicated by climatic category Test Db variant 1 severity b), 55C/95% r.H., 6 cycles Test Aa, 2 h at lower temperature indicated by climatic category Sequence of 4.8.11, 4.8.12 st (1 cycle), 4.8.13, 4.8.12 (5 cycles) Test Ca, 56 days
2-17 2-20
2-27 2-29 2-32 2-6
4.8.8 4.8.6 4.8.9 4.8.7
2-14
4.8.5
2-2
4.8.11
Damp heat, cyclic Cold
2-30 2-1
4.8.12 4.8.13
Climatic sequence
1-7
4.8.14
Damp heat, steady state Endurance tests - ageing - extended aging
2-3
4.8.15
4.9.1 4.9.2
30 days @ 85C 1000h, 2000h, 8000h @85C
GmbH & Co. KG Wasemweg 5 D-74821 Mosbach Germany
AXLGS52F page 2(2)
www.axtal.com fon: +49 (6261) 939834 fax: +49 (6261) 9 E-mail: info@axtal.com


▲Up To Search▲   

 
Price & Availability of AXLGS52F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X