Part Number Hot Search : 
S05K230 N7820A 4ALVC 99000 MC3303 IRG4BC LX1554MY N87C196K
Product Description
Full Text Search
 

To Download ATC600B121BT250XT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Freescale Semiconductor Technical Data
Document Number: MRF5S4125N Rev. 0, 1/2007
RF Power Field Effect Transistors
N - Channel Enhancement - Mode Lateral MOSFETs
Designed for broadband commercial and industrial applications with frequencies up to 500 MHz. The high gain and broadband performance of these devices make them ideal for large - signal, common - source amplifier applications in 28 volt base station equipment. * Typical Single - Carrier N - CDMA Performance @ 465 MHz: VDD = 28 Volts, IDQ = 1100 mA, Pout = 25 Watts Avg., IS - 95 CDMA (Pilot, Sync, Paging, Traffic Codes 8 Through 13). Channel Bandwidth = 1.2288 MHz. PAR = 9.8 dB @ 0.01% Probability on CCDF. Power Gain -- 23 dB Drain Efficiency -- 30.2% ACPR @ 750 kHz Offset -- - 47.6 dBc in 30 kHz Bandwidth * Capable of Handling 10:1 VSWR, @ 28 Vdc, 465 MHz, 125 Watts CW Output Power Features * Characterized with Series Equivalent Large - Signal Impedance Parameters * Internally Matched for Ease of Use * Qualified Up to a Maximum of 32 VDD Operation * Integrated ESD Protection * 200C Capable Plastic Package * RoHS Compliant * In Tape and Reel. R1 Suffix = 500 Units per 44 mm, 13 inch Reel.
MRF5S4125NR1 MRF5S4125NBR1
450 - 480 MHz, 25 W AVG., 28 V SINGLE N - CDMA LATERAL N - CHANNEL RF POWER MOSFETs
CASE 1486 - 03, STYLE 1 TO - 270 WB - 4 MRF5S4125NR1
CASE 1484 - 04, STYLE 1 TO - 272 WB - 4 MRF5S4125NBR1
Table 1. Maximum Ratings
Rating Drain - Source Voltage Gate - Source Voltage Storage Temperature Range Operating Junction Temperature
(1,2)
Symbol VDSS VGS Tstg TJ
Value - 0.5, +65 - 0.5, +15 - 65 to +150 200
Unit Vdc Vdc C C
Table 2. Thermal Characteristics
Characteristic Thermal Resistance, Junction to Case Case Temperature 90C, 125 W CW Case Temperature 90C, 25 W CW Symbol RJC Value (2,3) 0.33 0.43 Unit C/W
1. Continuous use at maximum temperature will affect MTTF. 2. MTTF calculator available at http://www.freescale.com/rf. Select Tools/Software/Application Software/Calculators to access the MTTF calculators by product. 3. Refer to AN1955, Thermal Measurement Methodology of RF Power Amplifiers. Go to http://www.freescale.com/rf. Select Documentation/Application Notes - AN1955.
(c) Freescale Semiconductor, Inc., 2007. All rights reserved.
MRF5S4125NR1 MRF5S4125NBR1 1
RF Device Data Freescale Semiconductor
Table 3. ESD Protection Characteristics
Test Methodology Human Body Model (per JESD22 - A114) Machine Model (per EIA/JESD22 - A115) Charge Device Model (per JESD22 - C101) Class 1B (Minimum) A (Minimum) IV (Minimum)
Table 4. Moisture Sensitivity Level
Test Methodology Per JESD 22 - A113, IPC/JEDEC J - STD - 020 Rating 3 Package Peak Temperature 260 Unit C
Table 5. Electrical Characteristics (TC = 25C unless otherwise noted)
Characteristic Off Characteristics Zero Gate Voltage Drain Leakage Current (VDS = 65 Vdc, VGS = 0 Vdc) Zero Gate Voltage Drain Leakage Current (VDS = 28 Vdc, VGS = 0 Vdc) Gate - Source Leakage Current (VGS = 5 Vdc, VDS = 0 Vdc) On Characteristics Gate Threshold Voltage (VDS = 10 Vdc, ID = 400 Adc) Gate Quiescent Voltage (VDS = 28 Vdc, ID = 1100 mAdc, Measured in Functional Test) Drain - Source On - Voltage (VGS = 10 Vdc, ID = 1.5 Adc) Dynamic Characteristics (1) Reverse Transfer Capacitance (VDS = 28 Vdc 30 mV(rms)ac @ 1 MHz, VGS = 0 Vdc) Output Capacitance (VDS = 28 Vdc 30 mV(rms)ac @ 1 MHz, VGS = 0 Vdc) Crss Coss -- -- 2.41 74.61 -- -- pF pF VGS(th) VGS(Q) VDS(on) 2 3.5 0.05 3 4.25 0.175 4 5 0.3 Vdc Vdc Vdc IDSS IDSS IGSS -- -- -- -- -- -- 10 1 10 Adc Adc Adc Symbol Min Typ Max Unit
Functional Tests (In Freescale Test Fixture, 50 ohm system) VDD = 28 Vdc, IDQ = 1100 mA, Pout = 25 W Avg. N - CDMA, f = 465 MHz, Single - Carrier N - CDMA, 1.2288 MHz Channel Bandwidth Carrier. ACPR measured in 30 kHz Channel Bandwidth @ 750 kHz Offset. PAR = 9.8 dB @ 0.01% Probability on CCDF. Power Gain Drain Efficiency Adjacent Channel Power Ratio Input Return Loss 1. Part internally input matched. Gps D ACPR IRL 22 28 -- -- 23 30.2 - 47.6 - 15 25 -- - 45 -9 dB % dBc dB
MRF5S4125NR1 MRF5S4125NBR1 2 RF Device Data Freescale Semiconductor
VBIAS C5
R1
B1 VSUPPLY + R2 C6 B2 L3 C13 C14 C15 C16 Z19
RF INPUT
R3 Z1 C1 C2 Z3 Z4 Z5 C3 C4 Z2 L1 Z6 Z7 L2 Z8 Z9
Z10
Z11
Z12
Z13 Z14
Z18 C11 C9 C10 Z16 Z17
Z20 RF OUTPUT
DUT
C7
C8
Z21 C12
Z22
Z15
Z1 Z2 Z3 Z4 Z5 Z6, Z7 Z8 Z9 Z10 Z11 Z12
0.186 0.206 1.171 0.275 0.985 0.130 0.131 0.675 0.397 0.071 0.008
x 0.084 x 0.084 x 0.084 x 0.084 x 0.084 x 0.084 x 0.084 x 0.504 x 0.656 x 0.084 x 0.084
Microstrip Microstrip Microstrip Microstrip Microstrip Microstrip Microstrip Microstrip Microstrip Microstrip Microstrip
Z13 Z14 Z15 Z16 Z17 Z18 Z19 Z20 Z21 Z22 PCB
0.063 x 0.084 Microstrip 0.315 x 0.084 Microstrip 0.473 x 0.084 Microstrip 0.522 x 0.084 Microstrip 0.448 x 0.084 Microstrip 0.628 x 0.084 Microstrip 0.291 x 0.084 Microstrip 0.318 x 0.084 Microstrip 0.202 x 0.084 Microstrip 0.190 x 0.084 Microstrip Arlon AD250, 0.030, r = 2.5
Figure 1. MRF5S4125NR1(NBR1) Test Circuit Schematic
Table 6. MRF5S4125NR1(NBR1) Test Circuit Component Designations and Values
Part B1, B2 C1, C6, C12, C13 C2, C10 C3, C9 C4 C5, C14, C15 C7 C8 C11 C16 L1, L2 L3 R1 R2 R3 Description Ferrite Beads, Short 120 pF Chip Capacitors 0.8 - 8.0 pF, Variable Capacitors, Gigatrim 20 pF Chip Capacitors 8.2 pF Chip Capacitor 10 F, 50 V Chip Capacitors 27 pF Chip Capacitor 47 pF Chip Capacitor 3.3 pF Chip Capacitor 22 F, 35 V Tantalum Capacitor 1.6 nH Inductors 27 nH Inductor 1000 , 1/4 W Chip Resistor 10 k, 1/4 W Chip Resistor 100 , 1/4 W Chip Resistor Part Number 2743019447 ATC600B121BT250XT 27291SL ATC600B200BT250XT ATC600B8R2BT250XT GRM55DR61H106KA88L ATC600B270BT250XT ATC600B470BT250XT ATC600B3R3BT250XT T491X226K035A5 0906 - 2 1812SMS - 27N_L CRCW12061001FKTA CRCW12061002FKTA CRCW1206100RFKTA Manufacturer Fair - Rite ATC Johanson ATC ATC Murata ATC ATC ATC Kemet Coilcraft Coilcraft Vishay Vishay Vishay
MRF5S4125NR1 MRF5S4125NBR1 RF Device Data Freescale Semiconductor 3
C6 B1
C14
R1
C15 B2 R2 C13
C16
C5 CUT OUT AREA L3
R3 C1 C2 L1 L2 C3 C4
C8 C7 C9 C11 C10
C12
MRF5S4125N Rev. 1
Figure 2. MRF5S4125NR1(NBR1) Test Circuit Component Layout
MRF5S4125NR1 MRF5S4125NBR1 4 RF Device Data Freescale Semiconductor
TYPICAL CHARACTERISTICS
D, DRAIN EFFICIENCY (%) ACPR (dBc), ALT1 (dBc) 0 -5 -10 -15 -20 D, DRAIN EFFICIENCY (%) ACPR (dBc), ALT1 (dBc) 0 -5 -10 -15 -20 IDQ = 550 mA 562.5 mA 825 mA -40 1375 mA 1100 mA -50 1 10 Pout, OUTPUT POWER (WATTS) PEP 100 200 300 1 10 100 200 300 Pout, OUTPUT POWER (WATTS) PEP 25 24 Gps, POWER GAIN (dB) 23 22 21 ACPR 20 19 IRL 18 -60 ALT1 430 440 450 460 470 480 490 -65 500 17 420 1.2288 MHz Channel Bandwidth PAR = 9.8 dB @ 0.01% Probability (CCDF) D Gps VDD = 28 Vdc, Pout = 25 W (Avg.) IDQ = 1100 mA, Single-Carrier N-CDMA 36 32 28 24 -45 -50 -55
f, FREQUENCY (MHz)
Figure 3. Single - Carrier N - CDMA Broadband Performance @ Pout = 25 Watts Avg.
25 24 Gps, POWER GAIN (dB) 23 22 21 20 19 18 17 420 ACPR IRL ALT1 430 440 450 460 470 480 490 Gps VDD = 28 Vdc, Pout = 58 W (Avg.) IDQ = 1100 mA, Single-Carrier N-CDMA 1.2288 MHz, Channel Bandwidth PAR = 9.8 dB @ 0.01% Probability (CCDF) D
52 48 44 40 -20 -30 -40 -50 -60 500
f, FREQUENCY (MHz)
Figure 4. Single - Carrier N - CDMA Broadband Performance @ Pout = 58 Watts Avg.
25 24 Gps, POWER GAIN (dB) 23 22 21 20 19 18 VDD = 28 Vdc f1 = 465 MHz, f2 = 467.5 MHz Two -Tone Measurements, 2.5 MHz Tone Spacing 1375 mA 1100 mA 825 mA IMD, THIRD ORDER INTERMODULATION DISTORTION (dBc) IDQ = 1650 mA
-10 VDD = 28 Vdc f1 = 465 MHz, f2 = 467.5 MHz Two -Tone Measurements, 2.5 MHz Tone Spacing
-20
-30
550 mA
Figure 5. Two - Tone Power Gain versus Output Power
Figure 6. Third Order Intermodulation Distortion versus Output Power
MRF5S4125NR1 MRF5S4125NBR1 RF Device Data Freescale Semiconductor 5
IRL, INPUT RETURN LOSS (dB)
IRL, INPUT RETURN LOSS (dB)
TYPICAL CHARACTERISTICS
IMD, INTERMODULATION DISTORTION (dBc)
IMD, INTERMODULATION DISTORTION (dBc)
-10 -20 -30 3rd Order -40 -50 -60 -70 1 10 Pout, OUTPUT POWER (WATTS) PEP 100 200 300 5th Order 7th Order VDD = 28 Vdc f1 = 465 MHz, f2 = 467.5 MHz Two -Tone Measurements, 2.5 MHz Tone Spacing
-10
VDD = 28 Vdc, Pout = 120 W (PEP) IDQ = 1100 mA, Two -Tone Measurements -20 (f1 + f2)/2 = Center Frequency of 465 MHz IM3 -U -30 IM5 -L IM7 -U -50 IM7 -L IM3 -L IM5 -U
-40
-60 1 10 TWO -TONE SPACING (MHz) 100
Figure 7. Intermodulation Distortion Products versus Output Power
59 58 Pout, OUTPUT POWER (dBm) 57 56 55 54 P1dB = 51.16 dBm (130.62 W) 53 52 51 50 49 24 25 26 27 28 29 30 31
Figure 8. Intermodulation Distortion Products versus Tone Spacing
Ideal P6dB = 52.98 dBm (198.6 W) P3dB = 52.26 dBm (168.27 W)
Actual VDD = 28 Vdc, IDQ = 1100 mA CW f = 465 MHz 32 33 34 35 36
Pin, INPUT POWER (dBm)
Figure 9. Pulsed CW Output Power versus Input Power
D, DRAIN EFFICIENCY (%), Gps, POWER GAIN (dB) 50 45 40 35 30 25 20 15 10 5 0 1 85_C 25_C 10 Pout, OUTPUT POWER (WATTS) AVG. -30_C 60 25_C -30_C VDD = 28 Vdc, IDQ = 1100 mA, f = 465 MHz Single -Carrier N-CDMA 1.2288 MHz Channel Bandwidth, PAR = 9.8 dB @ 0.01% Probability (CCDF) 85_C 25_C Gps ACPR TC = -30_C 85_C D ALT1 -25 -30 -35 -40 -45 -50 -55 -60 -65 -70 -75 ACPR (dBc), ALT1 (dBc)
Figure 10. Single - Carrier N - CDMA ACPR, ALT1, Power Gain and Drain Efficiency versus Output Power
MRF5S4125NR1 MRF5S4125NBR1 6 RF Device Data Freescale Semiconductor
TYPICAL CHARACTERISTICS
26 25 Gps, POWER GAIN (dB) 24 23 22 21 20 19 18 17 1 10 Pout, OUTPUT POWER (WATTS) CW 100 D VDD = 28 Vdc IDQ = 1100 mA f = 465 MHz 25_C 85_C Gps TC = -30_C 25_C -30_C
90 80 D, DRAIN EFFICIENCY (%) 70 85_C 60 50 40 30 20 10 0 300 Gps, POWER GAIN (dB)
24 IDQ = 1100 mA f = 465 MHz 23
22
21
20 0 50
VDD = 24 V 100 150
28 V 200
32 V 250
Pout, OUTPUT POWER (WATTS) CW
Figure 11. Power Gain and Drain Efficiency versus CW Output Power
Figure 12. Power Gain versus Output Power
109
108 MTTF (HOURS)
107
106
105 90 110 130 150 170 190 210 230 250 TJ, JUNCTION TEMPERATURE (C) This above graph displays calculated MTTF in hours when the device is operated at VDD = 28 Vdc, Pout = 25 W Avg., and D = 30.2%. MTTF calculator available at http:/www.freescale.com/rf. Select Tools/Software/Application Software/Calculators to access the MTTF calculators by product.
Figure 13. MTTF versus Junction Temperature
MRF5S4125NR1 MRF5S4125NBR1 RF Device Data Freescale Semiconductor 7
N - CDMA TEST SIGNAL
100 10
-10 -20 -30
1.2288 MHz Channel BW
PROBABILITY (%)
1 0.1 0.01 0.001 0.0001 0 2 4 6 8 10 PEAK -TO-AVERAGE (dB) IS-95 CDMA (Pilot, Sync, Paging, Traffic Codes 8 Through 13) 1.2288 MHz Channel Bandwidth Carrier. ACPR Measured in 30 kHz Bandwidth @ 750 kHz Offset. PAR = 9.8 dB @ 0.01% Probability on CCDF. (dB)
-40 -50 -60 -70 -80 -90 -100 -110 -3.6 -2.9 -2.2 -1.5 -0.7 0 0.7 1.5 2.2 2.9 3.6 -ACPR in 30 kHz Integrated BW -ACPR in 30 kHz Integrated BW
Figure 14. Single - Carrier CCDF N - CDMA
f, FREQUENCY (MHz)
Figure 15. Single - Carrier N - CDMA Spectrum
MRF5S4125NR1 MRF5S4125NBR1 8 RF Device Data Freescale Semiconductor
f = 545 MHz
Zload
f = 545 MHz
Zsource f = 385 MHz Zo = 25
f = 385 MHz
VDD = 28 Vdc, IDQ = 1100 mA, Pout = 25 W Avg. f MHz 385 405 425 445 465 485 505 525 545 Zsource W 4.735 + j2.917 4.073 + j4.202 3.987 + j5.466 3.909 + j6.743 4.094 + j7.661 4.128 + j9.483 4.446 + j11.620 4.921 + j13.710 5.437 + j15.838 Zload W 2.229 + j5.627 1.809 + j6.123 1.842 + j6.684 1.767 + j7.187 1.822 + j7.338 1.566 + j8.397 1.525 + j9.787 1.769 + j11.120 2.023 + j12.467
Zsource = Test circuit impedance as measured from gate to ground. Zload = Test circuit impedance as measured from drain to ground.
Input Matching Network
Device Under Test
Output Matching Network
Z
source
Z
load
Figure 16. Series Equivalent Source and Load Impedance MRF5S4125NR1 MRF5S4125NBR1 RF Device Data Freescale Semiconductor 9
PACKAGE DIMENSIONS
B E1 E3
2X
A
GATE LEAD
DRAIN LEAD
D1
4X
D e
b1 aaa M C A
4X
D2 c1 H
DATUM PLANE ZONE J
2X
2X
E
F
A1 A2 E2 E5 E4
2X
A
NOTE 7
C
SEATING PLANE
PIN 5
NOTE 8
NOTES: 1. CONTROLLING DIMENSION: INCH. 2. INTERPRET DIMENSIONS AND TOLERANCES PER ASME Y14.5M-1994. 3. DATUM PLANE -H- IS LOCATED AT THE TOP OF LEAD AND IS COINCIDENT WITH THE LEAD WHERE THE LEAD EXITS THE PLASTIC BODY AT THE TOP OF THE PARTING LINE. 4. DIMENSIONS "D" AND "E1" DO NOT INCLUDE MOLD PROTRUSION. ALLOWABLE PROTRUSION IS .006 PER SIDE. DIMENSIONS "D" AND "E1" DO INCLUDE MOLD MISMATCH AND ARE DETER- MINED AT DATUM PLANE -H-. 5. DIMENSION "b1" DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE .005 TOTAL IN EXCESS OF THE "b1" DIMENSION AT MAXIMUM MATERIAL CONDITION. 6. DATUMS -A- AND -B- TO BE DETERMINED AT DATUM PLANE -H-. 7. DIMENSION A2 APPLIES WITHIN ZONE "J" ONLY. 8. HATCHING REPRESENTS THE EXPOSED AREA OF THE HEAT SLUG. INCHES MIN MAX .100 .104 .039 .043 .040 .042 .712 .720 .688 .692 .011 .019 .600 --- .551 .559 .353 .357 .132 .140 .124 .132 .270 --- .346 .350 .025 BSC .164 .170 .007 .011 .106 BSC .004 DRAIN DRAIN GATE GATE SOURCE MILLIMETERS MIN MAX 2.54 2.64 0.99 1.09 1.02 1.07 18.08 18.29 17.48 17.58 0.28 0.48 15.24 --- 14 14.2 8.97 9.07 3.35 3.56 3.15 3.35 6.86 --- 8.79 8.89 0.64 BSC 4.17 4.32 0.18 0.28 2.69 BSC 0.10
4
D3
3
MRF5S4125NR1 MRF5S4125NBR1 10 RF Device Data Freescale Semiconductor
CCCCCC CCCCCC CCCCCC CCCCCC CCCCCC CCCCCC CCCCCC CCCCCC CCCCCC CCCCCC CCCCCC CCCCCC CCCCCC
E5 BOTTOM VIEW
1
2
DIM A A1 A2 D D1 D2 D3 E E1 E2 E3 E4 E5 F b1 c1 e aaa
CASE 1486 - 03 ISSUE C TO - 270 WB - 4 PLASTIC MRF5S4125NR1
STYLE 1: PIN 1. 2. 3. 4. 5.
MRF5S4125NR1 MRF5S4125NBR1 RF Device Data Freescale Semiconductor 11
MRF5S4125NR1 MRF5S4125NBR1 12 RF Device Data Freescale Semiconductor
MRF5S4125NR1 MRF5S4125NBR1 RF Device Data Freescale Semiconductor 13
PRODUCT DOCUMENTATION
Refer to the following documents to aid your design process. Application Notes * AN1907: Solder Reflow Attach Method for High Power RF Devices in Plastic Packages * AN1955: Thermal Measurement Methodology of RF Power Amplifiers * AN3263: Bolt Down Mounting Method for High Power RF Transistors and RFICs in Over - Molded Plastic Packages Engineering Bulletins * EB212: Using Data Sheet Impedances for RF LDMOS Devices
REVISION HISTORY
The following table summarizes revisions to this document.
Revision 0 Date Jan. 2007 * Initial Release of Data Sheet Description
MRF5S4125NR1 MRF5S4125NBR1 14 RF Device Data Freescale Semiconductor
How to Reach Us:
Home Page: www.freescale.com Web Support: http://www.freescale.com/support USA/Europe or Locations Not Listed: Freescale Semiconductor, Inc. Technical Information Center, EL516 2100 East Elliot Road Tempe, Arizona 85284 +1 - 800 - 521 - 6274 or +1 - 480 - 768 - 2130 www.freescale.com/support Europe, Middle East, and Africa: Freescale Halbleiter Deutschland GmbH Technical Information Center Schatzbogen 7 81829 Muenchen, Germany +44 1296 380 456 (English) +46 8 52200080 (English) +49 89 92103 559 (German) +33 1 69 35 48 48 (French) www.freescale.com/support Japan: Freescale Semiconductor Japan Ltd. Headquarters ARCO Tower 15F 1 - 8 - 1, Shimo - Meguro, Meguro - ku, Tokyo 153 - 0064 Japan 0120 191014 or +81 3 5437 9125 support.japan@freescale.com Asia/Pacific: Freescale Semiconductor Hong Kong Ltd. Technical Information Center 2 Dai King Street Tai Po Industrial Estate Tai Po, N.T., Hong Kong +800 2666 8080 support.asia@freescale.com For Literature Requests Only: Freescale Semiconductor Literature Distribution Center P.O. Box 5405 Denver, Colorado 80217 1 - 800 - 441 - 2447 or 303 - 675 - 2140 Fax: 303 - 675 - 2150 LDCForFreescaleSemiconductor@hibbertgroup.com
Information in this document is provided solely to enable system and software implementers to use Freescale Semiconductor products. There are no express or implied copyright licenses granted hereunder to design or fabricate any integrated circuits or integrated circuits based on the information in this document. Freescale Semiconductor reserves the right to make changes without further notice to any products herein. Freescale Semiconductor makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Freescale Semiconductor assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters that may be provided in Freescale Semiconductor data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals", must be validated for each customer application by customer's technical experts. Freescale Semiconductor does not convey any license under its patent rights nor the rights of others. Freescale Semiconductor products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Freescale Semiconductor product could create a situation where personal injury or death may occur. Should Buyer purchase or use Freescale Semiconductor products for any such unintended or unauthorized application, Buyer shall indemnify and hold Freescale Semiconductor and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Freescale Semiconductor was negligent regarding the design or manufacture of the part. Freescalet and the Freescale logo are trademarks of Freescale Semiconductor, Inc. All other product or service names are the property of their respective owners. (c) Freescale Semiconductor, Inc. 2007. All rights reserved.
MRF5S4125NR1 MRF5S4125NBR1
Document Number: RF Device Data MRF5S4125N Rev. 0, 1/2007 Freescale Semiconductor
15


▲Up To Search▲   

 
Price & Availability of ATC600B121BT250XT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X