Part Number Hot Search : 
2D161C 12N60 CTUP3B BR2020 BCW65 D2P6M 2SD907 CMD11505
Product Description
Full Text Search
 

To Download APKA2810PBC-A-F01 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2.8X1.0mm RIGHT ANGLE SMD CHIP LED LAMP PRELIMINARY SPEC
ATTENTION
OBSERVE PRECAUTIONS FOR HANDLING ELECTROSTATIC DISCHARGE SENSITIVE DEVICES
Part Number: APKA2810PBC/A-F01
BLUE
Features
2.8mmX1.0mm RIGHT ANGLE SMT LED, 1.2mm THICKNESS. LOW POWER CONSUMPTION. IDEAL FOR BACKLIGHT AND INDICATOR. VARIOUS COLORS AND LENS TYPES AVAILABLE. PACKAGE : 2000PCS / REEL. MOISTURE SENSITIVITY LEVEL : LEVEL 4. RoHS COMPLIANT.
Description
The Blue source color devices are made with InGaN on SiC Light Emitting Diode. Static electricity and surge damage the LEDS. It is recommended to use a wrist band or anti-electrostatic glove when handling the LEDs. All devices, equipment and machinery must be electrically grounded.
Package Dimensions
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.25(0.01") unless otherwise noted. 3.Specifications are subject to change without notice. 4.The device has a single mounting surface. The device must be mounted according to the specifications.
SPEC NO: DSAG0882 APPROVED: WYNEC
REV NO: V.4 CHECKED: Allen Liu
DATE: MAY/04/2007 DRAWN: D.M.LIU
PAGE: 1 OF 5 ERP: 1204000614
Selection Guide
Part No. Dice Lens Type Iv (mcd) [2] @ 20mA Min. APKA2810PBC/A-F01 BLUE (InGaN) WATER CLEAR 36 Typ. 70 Viewing Angle [1] 21/2 90
Notes: 1. 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value. 2.Luminous Intensity / Luminous Flux: +/-15%.
Electrical / Optical Characteristics at TA=25C
Symbol peak D [1] 1/2 C VF [2] IR Parameter Peak Wavelength Dominant Wavelength Spectral Line Half-width Capacitance Forward Voltage Reverse Current Blue Blue Blue Blue Blue Blue Device Typ. 468 470 21 100 3.2 4.0 10 Max. Units nm nm nm pF V uA Test Conditions IF=20mA IF=20mA IF=20mA VF=0V;f=1MHz IF=20mA VR = 5V
Notes: 1.Wavelength: +/-1nm. 2. Forward Voltage: +/-0.1V.
Absolute Maximum Ratings at TA=25C
Parameter Power dissipation DC Forward Current Peak Forward Current [1] Reverse Voltage Operating / Storage Temperature
Note: 1. 1/10 Duty Cycle, 0.1ms Pulse Width.
Blue 120 30 100 5 -40C To +85C
Units mW mA mA V
SPEC NO: DSAG0882 APPROVED: WYNEC
REV NO: V.4 CHECKED: Allen Liu
DATE: MAY/04/2007 DRAWN: D.M.LIU
PAGE: 2 OF 5 ERP: 1204000614
Blue
APKA2810PBC/A-F01
SPEC NO: DSAG0882 APPROVED: WYNEC
REV NO: V.4 CHECKED: Allen Liu
DATE: MAY/04/2007 DRAWN: D.M.LIU
PAGE: 3 OF 5 ERP: 1204000614
APKA2810PBC/A-F01
Recommended Soldering Pattern (Units : mm; Tolerance: 0.1)
Tape Specifications (Units : mm)
SPEC NO: DSAG0882 APPROVED: WYNEC
REV NO: V.4 CHECKED: Allen Liu
DATE: MAY/04/2007 DRAWN: D.M.LIU
PAGE: 4 OF 5 ERP: 1204000614
PACKING & LABEL SPECIFICATIONS
APKA2810PBC/A-F01
SPEC NO: DSAG0882 APPROVED: WYNEC
REV NO: V.4 CHECKED: Allen Liu
DATE: MAY/04/2007 DRAWN: D.M.LIU
PAGE: 5 OF 5 ERP: 1204000614


▲Up To Search▲   

 
Price & Availability of APKA2810PBC-A-F01

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X