Part Number Hot Search : 
AGB3311 5802E M810M LX3232D 1N5822 EA09969 12319 H1300
Product Description
Full Text Search
 

To Download AP3310GH Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AP3310GH/J
RoHS-compliant Product
Advanced Power Electronics Corp.
Simple Drive Requirement 2.5V Gate Drive Capability Fast Switching Characteristic G S D
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
BVDSS RDS(ON) ID
-20V 150m -10A
Description
Advanced Power MOSFETs from APEC provide the designer with the best combination of fast switching, low on-resistance and cost-effectiveness. This device is suited for low voltage and lower power applications.
G D S G D S
TO-252(H)
TO-251(J)
Absolute Maximum Ratings
Symbol VDS VGS ID@TC=25 ID@TC=100 IDM PD@TC=25 TSTG TJ Parameter Drain-Source Voltage Gate-Source Voltage Continuous Drain Current, VGS @ 10V Continuous Drain Current, VGS @ 10V Pulsed Drain Current
1
Rating - 20 12 -10 -6.2 -24 15.6 -55 to 150 -55 to 150
Units V V A A A W
Total Power Dissipation Storage Temperature Range Operating Junction Temperature Range
Thermal Data
Symbol Rthj-c Rthj-a Parameter Maximum Thermal Resistance, Junction-case Maximum Thermal Resistance, Junction-ambient Value 8.0 110 Units /W /W
Data and specifications subject to change without notice
201029074-1/4
AP3310GH/J
Electrical Characteristics@Tj=25oC(unless otherwise specified)
Symbol BVDSS RDS(ON) Parameter Drain-Source Breakdown Voltage Static Drain-Source On-Resistance
2
Test Conditions VGS=0V, ID=-250uA VGS=-4.5V, ID=-2.8A VGS=-2.5V, ID=-2.0A
Min. Typ. Max. Units -20 -0.5 2.8 4.2 1.2 0.4 7 8 13 5 320 75 55 V
150 m 250 m -1 -25 V S uA uA nC nC nC ns ns ns ns pF pF pF
VGS(th) gfs IDSS IGSS Qg Qgs Qgd td(on) tr td(off) tf Ciss Coss Crss
Gate Threshold Voltage Forward Transconductance
Drain-Source Leakage Current (Tj=25 C) Drain-Source Leakage Current (Tj=150 C)
o o
VDS=VGS, ID=-250uA VDS=-5V, ID=-2.8A VDS=-20V, VGS=0V VDS=-16V, VGS=0V VGS=12V ID=-2.8A VDS=-6V VGS=-5V VDS=-6V ID=-1A RG=6,VGS=-5V RD=6 VGS=0V VDS=-6V f=1.0MHz
Gate-Source Leakage Total Gate Charge
2
100 nA
Gate-Source Charge Gate-Drain ("Miller") Charge Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Input Capacitance Output Capacitance Reverse Transfer Capacitance
2
Source-Drain Diode
Symbol VSD trr Qrr Parameter Forward On Voltage
2 2
Test Conditions Tj=25, IS=-10A, VGS=0V IS=-2.8A, VGS=0V, dI/dt=100A/s
Min. Typ. Max. Units 17 9 -1.2 V ns nC
Reverse Recovery Time
Reverse Recovery Charge
Notes:
1.Pulse width limited by Maximum junction temperature. 2.Pulse test
THIS PRODUCT IS AN ELECTROSTATIC SENSITIVE, PLEASE HANDLE WITH CAUTION.
THIS PRODUCT HAS BEEN QUALIFIED FOR CONSUMER MARKET. APPLICATIONS OR USES AS CRITERIAL COMPONENT IN LIFE SUPPORT
DEVICE OR SYSTEM ARE NOT AUTHORIZED. 2/4
AP3310GH/J
20
20
T C =25 o C
16
-5.0V -4.5V
16
T C =150 o C
-ID , Drain Current (A)
-3.5V
12
-ID , Drain Current (A)
-5.0V -4.5V
12
65m
-3.5V
8
-2.5V
8
-2.5V
4
4
V G = -2.0V
V G = -2.0V
0 0 1 2 3 4 5 6 7 8
0 0 1 2 3 4 5 6 7 8
-V DS , Drain-to-Source Voltage (V)
-V DS , Drain-to-Source Voltage (V)
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
280
1.6
I D =-2A T C =25 o C
240
I D = -2.8A V GS = -4.5V
1.4
Normalized RDS(ON)
RDS(ON) ( )
200
1.2
160
1
120
0.8
80 0 2 4 6 8 10
0.6 -50 0 50 100 150
-V GS , Gate-to-Source Voltage (V)
T j , Junction Temperature ( o C)
Fig 3. On-Resistance v.s. Gate Voltage
Fig 4. Normalized On-Resistance v.s. Junction Temperature
1.4
5
4
1.2
Normalized -VGS(th) (V)
3
-IS(A)
T j =150 o C
T j =25 o C
1
2
0.8
1
0.6
2.01E+08
0 0 0.2 0.4 0.6 0.8 1 1.2 0.4 -50 0 50 100 150
-V SD , Source-to-Drain Voltage (V)
T j , Junction Temperature ( o C)
Fig 5. Forward Characteristic of
Reverse Diode
Fig 6. Gate Threshold Voltage v.s. Junction Temperature
3/4
AP3310GH/J
f=1.0MHz
12 1000
10
I D = -2.8A V DS = -6V Ciss
-VGS , Gate to Source Voltage (V)
8
65m
C (pF)
100
6
4
Coss Crss
2
0 0 1 2 3 4 5 6 7 8 9 10
10 1 5 9 13 17 21 25
Q G , Total Gate Charge (nC)
-V DS , Drain-to-Source Voltage (V)
Fig 7. Gate Charge Characteristics
Fig 8. Typical Capacitance Characteristics
100
1
Normalized Thermal Response (Rthjc)
DUTY=0.5
10
100us
0.2
-ID (A)
0.1
0.1
0.05
PDM t T
0.02
1
1ms 10ms 100ms DC T C =25 o C Single Pulse
0.01
Duty factor = t/T Peak Tj = PDM x Rthjc +
Single Pulse
0.1 0.1 1 10 100
0.01 0.00001 0.0001 0.001 0.01 0.1 1
-V DS , Drain-to-Source Voltage (V)
t , Pulse Width (s)
Fig 9. Maximum Safe Operating Area
Fig 10. Effective Transient Thermal Impedance
VDS 90%
VG QG -5V QGS QGD
10% VGS td(on) tr
Charge
td(off) tf
Q
Fig 11. Switching Time Waveform
Fig 12. Gate Charge Waveform
4/4
ADVANCED POWER ELECTRONICS CORP.
Package Outline : TO-252
D D1
SYMBOLS
Millimeters
MIN NOM MAX
A2 A3 B1 D D1 E3
1.80 0.40 0.40 6.00 4.80 3.50 2.20 0.5 5.10 0.50 -0.35
2.30 0.50 0.70 6.50 5.35 4.00 2.63 0.85 5.70 1.10 2.30 0.50
2.80 0.60 1.00 7.00 5.90 4.50 3.05 1.20 6.30 1.80 -0.65
E2
E3 E1
F F1 E1 E2 e C
B1
F1
F
1.All Dimensions Are in Millimeters. 2.Dimension Does Not Include Mold Protrusions.
e
e
A2
R : 0.127~0.381
A3
(0.1mm
C
Part Marking Information & Packing : TO-252
Part Number Package Code
meet Rohs requirement 3310GH
LOGO
YWWSSS
Date Code (YWWSSS) YLast Digit Of The Year WWWeek SSSSequence
ADVANCED POWER ELECTRONICS CORP.
D
A
Millimeters c1
SYMBOLS MIN NOM MAX Original
D1 A E2 A1 B1 E1 E B2
Original Original
2.10 0.60 0.40 0.60 0.40 0.40 6.00 4.80 5.00 1.20 ---7.00
2.30 1.20 0.60 0.95 0.50 0.55 6.50 5.40 5.50 1.70 2.30 ---
2.50 1.80 0.80 1.25 0.65 0.70 7.00 5.90 6.00 2.20 ---16.70
c c1
D
A1
B2 B1 F
D1 E1 E2
e
F
1.All Dimensions Are in Millimeters.
c
2.Dimension Does Not Include Mold Protrusions.
e
e
Part Marking Information & Packing : TO-251
Part Number
meet Rohs requirement
3310GJ
Package Code LOGO Date Code (YWWSSS) Y Last Digit Of The Year WW Week SSS Sequence
YWWSSS


▲Up To Search▲   

 
Price & Availability of AP3310GH

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X